Part Number Hot Search : 
MCZ33 LM535 MAX7453 2SC2898 DM74LS 2SB646A MAX170 SG2626T
Product Description
Full Text Search
 

To Download FDMS86350 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  april 2013 ?2013 fairchild semiconductor corporation FDMS86350 rev. c www.fairchildsemi.com 1 FDMS86350 n-channel powertrench ? mosfet FDMS86350 n-channel powertrench ? mosfet 80 v, 80 a, 2.4 m features ? max r ds(on) = 2.4 m at v gs = 10 v, i d = 25 a ? max r ds(on) = 3.2 m at v gs = 8 v, i d = 22 a ? advanced package and silicon combination for low r ds(on) and high efficiency ? msl1 robust package design ? 100% uil tested ? rohs compliant general description this n-channel mosfet is produced using fairchild semiconductor?s advanced power trench ? process that has been especially tailored to minimi ze the on-state resistance and yet maintain superior switching performance. applications ? primary mosfet ? synchronous rectifier ? load switch ? motor control switch mosfet maximum ratings t a = 25 c unless otherwise noted thermal characteristics package marking and ordering information symbol parameter ratings units v ds drain to source voltage 80 v v gs gate to source voltage 20 v i d drain current -continuous t c = 25 c 80 a -continuous t a = 25 c (note 1a) 25 -pulsed (note 4) 300 e as single pulse avalanche energy (note 3) 864 mj p d power dissipation t c = 25 c 156 w power dissipation t a = 25 c (note 1a) 2.7 t j , t stg operating and storage junction temperature range -55 to +150 c r jc thermal resistance, junction to case 0.8 c/w r ja thermal resistance, junction to ambient (note 1a) 45 device marking device package reel size tape width quantity FDMS86350 FDMS86350 power 56 13 ?? 12 mm 3000 units bottom power 56 top pin 1 g s s s d d d d d d d d s s s g pin 1
FDMS86350 n-channel powertrench ? mosfet www.fairchildsemi.com 2 ?2013 fairchild semiconductor corporation FDMS86350 rev. c electrical characteristics t j = 25 c unless otherwise noted off characteristics on characteristics dynamic characteristics switching characteristics drain-source diod e characteristics symbol parameter test conditions min typ max units bv dss drain to source breakdown voltage i d = 250 a, v gs = 0 v 80 v bv dss t j breakdown voltage temperature coefficient i d = 250 a, referenced to 25 c 45 mv/c i dss zero gate voltage drain current v ds = 64 v, v gs = 0 v 1 a i gss gate to source leakage current v gs = 20 v, v ds = 0 v 100 na v gs(th) gate to source threshold voltage v gs = v ds , i d = 250 a 2.5 3.8 4.5 v v gs(th) t j gate to source threshold voltage temperature coefficient i d = 250 a, referenced to 25 c -12 mv/c r ds(on) static drain to source on resistance v gs = 10 v, i d = 25 a 2.0 2.4 m v gs = 8 v, i d = 22 a 2.5 3.2 v gs = 10 v, i d = 25 a, t j = 125 c 3.1 3.8 g fs forward transconductance v ds = 5 v, i d = 25 a 70 s c iss input capacitance v ds = 40 v, v gs = 0 v, f = 1 mhz 8030 10680 pf c oss output capacitance 1370 1825 pf c rss reverse transfer capacitance 31 50 pf r g gate resistance 0.1 1.1 3 t d(on) turn-on delay time v dd = 40 v, i d = 25 a, v gs = 10 v, r gen = 6 50 80 ns t r rise time 34 55 ns t d(off) turn-off delay time 40 65 ns t f fall time 11 20 ns q g total gate charge v gs = 0 v to 10 v v dd = 40 v, i d = 25 a 110 155 nc q g total gate charge v gs = 0 v to 8 v 90 127 nc q gs gate to source charge 46 nc q gd gate to drain ?miller? charge 23 nc v sd source to drain diode forward voltage v gs = 0 v, i s = 2.1 a (note 2) 0.71 1.2 v v gs = 0 v, i s = 25 a (note 2) 0.79 1.3 t rr reverse recovery time i f = 25 a, di/dt = 100 a/ s 63 101 ns q rr reverse recovery charge 62 100 nc notes : 1. r ja is determined with the device mounted on a 1 in 2 pad 2 oz copper pad on a 1.5 x 1.5 in. board of fr-4 material. r jc is guaranteed by design while r ca is determined by the user's board design. 2. pulse test: pulse width < 300 s, duty cycle < 2.0%. 3. e as of 864 mj is based on starting t j = 25 c, l = 3 mh, i as = 24 a, v dd = 80 v, v gs = 10 v, 100% test at l = 0.1 mh, i as = 74 a. 4. pulse id limited by junction temperature, td <= 100 s, please refer to soa curve for more details. a. 45 c/w when mounted on a 1 in 2 pad of 2 oz copper. b. 115 c/w when mounted on a minimum pad of 2 oz copper. g df ds sf ss g df ds sf ss
FDMS86350 n-channel powertrench ? mosfet www.fairchildsemi.com 3 ?2013 fairchild semiconductor corporation FDMS86350 rev. c typical characteristics t j = 25 c unless otherwise noted figure 1. 012345 0 50 100 150 200 250 300 v gs = 7 v v gs = 6.5 v v gs = 8 v pulse duration = 80 p s duty cycle = 0.5% max v gs = 6 v v gs = 10 v i d , drain current (a) v ds , drain to source voltage (v) on-region characteristics figure 2. 0 50 100 150 200 250 300 0 1 2 3 4 5 v gs = 6.5 v pulse duration = 80 p s duty cycle = 0.5% max normalized drain to source on-resistance i d , drain current (a) v gs = 7 v v gs = 8 v v gs = 6 v v gs = 10 v n o r m a l i z e d o n - r e s i s t a n c e vs drain current and gate voltage f i g u r e 3 . n o r m a l i z e d o n - r e s i s t a n c e -75 -50 -25 0 25 50 75 100 125 150 0.6 0.8 1.0 1.2 1.4 1.6 1.8 i d = 25 a v gs = 10 v normalized drain to source on-resistance t j , junction temperature ( o c ) vs junction temperature figure 4. 5678910 0 2 4 6 8 10 t j = 125 o c i d = 25 a t j = 25 o c v gs , gate to source voltage (v) r ds(on) , drain to source on-resistance ( m : ) pulse duration = 80 p s duty cycle = 0.5% max o n - r e s i s t a n c e v s g a t e t o source voltage figure 5. transfer characteristics 345678 0 50 100 150 200 250 300 t j = 150 o c v ds = 5 v pulse duration = 80 p s duty cycle = 0.5% max t j = -55 o c t j = 25 o c i d , drain current (a) v gs , gate to source voltage (v) figure 6. 0.0 0.2 0.4 0.6 0.8 1.0 1.2 0.001 0.01 0.1 1 10 100 500 t j = -55 o c t j = 25 o c t j = 150 o c v gs = 0 v i s , reverse drain current (a) v sd , body diode forward voltage (v) s o u r c e t o d r a i n d i o d e forward voltage vs source current
FDMS86350 n-channel powertrench ? mosfet www.fairchildsemi.com 4 ?2013 fairchild semiconductor corporation FDMS86350 rev. c figure 7. 0 20406080100120 0 2 4 6 8 10 i d = 25 a v dd = 50 v v dd = 40 v v gs , gate to source voltage (v) q g , gate charge (nc) v dd = 30 v gate charge characteristics figure 8. 0.1 1 10 80 10 100 1000 10000 f = 1 mhz v gs = 0 v capacitance (pf) v ds , drain to source voltage (v) c rss c oss c iss c a p a c i t a n c e v s d r a i n to source voltage figure 9. 0.01 0.1 1 10 100 1000 1 10 100 t j = 100 o c t j = 25 o c t j = 125 o c t av , time in avalanche (ms) i as , avalanche current (a) u n c l a m p e d i n d u c t i v e switching capability figure 10. 25 50 75 100 125 150 0 40 80 120 160 200 v gs = 8 v limited by package r t jc = 0.8 o c/w v gs = 10 v i d , drain current (a) t c , case temperature ( o c ) m a x i m u m c o n t i n u o u s d r a i n current vs case temperature figure 11. 0.01 0.1 1 10 100 400 0.01 0.1 1 10 100 500 10 s 100 p s 10 ms dc 1 s 100 ms 1 ms i d , drain current (a) v ds , drain to source voltage (v) single pulse t j = max rated r t ja = 115 o c/w t a = 25 o c curve bent to measured data this area is limited by r ds(on) fo rw ard bi as safe operating area f i g u r e 1 2 . s i n g l e p u l s e m a x i m u m po wer dissipation 10 -4 10 -3 10 -2 10 -1 110 100 1000 0.5 1 10 100 1000 10000 single pulse r t ja = 115 o c/w t a = 25 o c p ( pk ) , peak transient power (w) t, pulse width (sec) typical characteristics t j = 25 c unless otherwise noted
FDMS86350 n-channel powertrench ? mosfet www.fairchildsemi.com 5 ?2013 fairchild semiconductor corporation FDMS86350 rev. c figure 13. junction-to-ambient transient thermal response curve 10 -4 10 -3 10 -2 10 -1 11 0 100 1000 0.0001 0.001 0.01 0.1 1 2 single pulse r t ja = 115 o c/w duty cycle-descending order normalized thermal impedance, z t ja t, rectangular pulse duration (sec) d = 0.5 0.2 0.1 0.05 0.02 0.01 p dm t 1 t 2 notes: duty factor: d = t 1 /t 2 peak t j = p dm x z t ja x r t ja + t a typical characteristics t j = 25 c unless otherwise noted
FDMS86350 n-channel powertrench ? mosfet www.fairchildsemi.com 6 ?2013 fairchild semiconductor corporation FDMS86350 rev. c dimensional outlin e and pad layout
7 www.fairchildsemi.com FDMS86350 n-channel powertrench ? mosfet ?2013 fairchild semiconductor corporation FDMS86350 rev. c trademarks the following includes registered and unregistered trademarks and service marks, owned by fairchild semiconductor and/or its gl obal subsidiaries, and is not intended to be an exhaustive list of all such trademarks. *trademarks of system general corporation, used under license by fairchild semiconductor. disclaimer fairchild semiconductor reserves the right to make changes with out further notice to any products herein to improve reliability, function, or design. fairchild does not assume an y liability arising out of th e application or use of any product or circuit described herein; neither does it convey an y license under its patent rights, nor the rights of others. these specifications do not expand the terms of fairchild?s wo rldwide terms and conditions , specifically the warranty therein, which covers these products. life support policy fairchild?s products are not authorized fo r use as critical components in life support devices or systems without the express written approval of fa irchild semiconductor corporation. as used here in: 1. life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body or (b) support or sustain life, and (c) whose failure to perform w hen properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury of the user. 2. a critical component in any component of a life support, device, or system whose failure to perform can be reasonably ex pected to cause the failure of the life support device or system, or to affect its safety or effectiveness. product status definitions definition of terms 2cool? accupower? ax-cap ? * bitsic? build it now? coreplus? corepower? crossvolt ? ctl? current transfer logic? deuxpeed ? dual cool? ecospark ? efficentmax? esbc? fairchild ? fairchild semiconductor ? fact quiet series? fact ? fast ? fastvcore? fetbench? fps? f-pfs? frfet ? global power resource sm green bridge? green fps? green fps? e-series? g max ? gto? intellimax? isoplanar? marking small speakers sound louder and better? megabuck? microcoupler? microfet? micropak? micropak2? millerdrive? motionmax? mwsaver? optohit? optologic ? optoplanar ? powertrench ? powerxs? programmable active droop? qfet ? qs? quiet series? rapidconfigure? saving our world, 1mw/w/kw at a time? signalwise? smartmax? smart start? solutions for your success? spm ? stealth? superfet ? supersot?-3 supersot?-6 supersot?-8 supremos ? syncfet? sync-lock? ?* tinyboost? tinybuck? tinycalc? tinylogic ? tinyopto? tinypower? tinypwm? tinywire? transic ? trifault detect? truecurrent ? * serdes? uhc ? ultra frfet? unifet? vcx? visualmax? voltageplus? xs? tm ? ? datasheet identification product status definition advance information formative / in design datasheet contains the design specifications for product development. specifications may change in any manner without notice. preliminary first production datasheet contains preliminary data; supplementary data will be published at a later date. fairchild semiconductor reserves the ri ght to make changes at any time without notice to improve design. no identification needed full production datasheet contains final specifications. fair child semiconductor reserves the right to make changes at any time without notice to improve the design. obsolete not in production datasheet contains specifications on a product t hat is discontinued by fairchild semiconductor. the datasheet is for reference information only. anti-counterfeiting policy fairchild semiconductor corporation?s anti-counterfeiting policy. fairchild?s anti-counterfeiting policy is also stated on our external website, www.fairchildsemi.com, under sales support . counterfeiting of semiconductor parts is a growing problem in th e industry. all manufactures of semiconductor products are expe riencing counterfeiting of their parts. customers who inadvertently purchase counterfeit parts ex perience many problems such as loss of brand reputation, substa ndard performance, failed application, and increased cost of production and manufacturing dela ys. fairchild is taking strong measures to protect ourselve s and our customers from the proliferation of counterfeit parts. fairchild strongly encourages customers to purchase fairchild parts either directly from fa irchild or from authorized fairchild distributors who are listed by country on our web page cited above . products customers buy either from fairchild directly or fr om authorized fairchild distributors are genuine parts, have full traceability, meet fairchild?s quality standards for handing and storage and provide access to fairchild?s full range of up-to-date technical and product information. fairchild and our authorized distributors will stand behind all warranties and wi ll appropriately address and warranty issues that may arise. fairchild will not provide any warranty coverage or other assistance for parts bought from unau thorized sources. fairchild is committed to combat this global problem and encourage our customer s to do their part in stopping th is practice by buying direct or from authorized distributors. rev. i64 tm ?


▲Up To Search▲   

 
Price & Availability of FDMS86350

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X