Part Number Hot Search : 
P6KE2 0M5KB 298100 BYT230P SMAL7 S05A80PT TDA749 M4001
Product Description
Full Text Search
 

To Download ESE20C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  push switches/ESE20C/20d design and speci? cations are each subject to change without notice. ask factory for the current technical speci? cations before purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. ese 20 product code type c: for automotive use d: for consumer products design no. 123456789 speci? cations rating 0.01 a 5 vdc to 0.1 a 14 vdc (resistive load) full travel 2.5 mm mounting height 8.9 mm poles and throws 1-pole 1-throw operating mode non-lock operating force 2.0 n 1.0 n, 4. 0 n1.5 n minimum quantity/packing unit 60 pcs. polyethylene bag (bulk) quantity/carton 1200 pcs. ESE20C/20d momentary push switches type: es e20c/ese20d (h=8.9 mm) explanation of part numbers features user-friendly tactile feedback when operated long over-travel recommended applications operation switches for automobiles (switches for heater controls, overdrive, steering, etc.) full travel operat ing force lever height ter minal shape straight formed 2.5 mm 2.0 n 1.0 n 12.5 mm ese20 ? 323 ese20 ? 321 17.5 mm ese20 ? 423 ese20 ? 421 4.0 n 1.5 n 12.5 mm ese20 ? 343 ese20 ? 341 17.5 mm ese20 ? 443 ese20 ? 441 standard products ? c : for automotive use d : for consumer products oct. 2012 00
push switches/ESE20C/20d design and speci? cations are each subject to change without notice. ask factory for the current technical speci? cations before purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. d c a b d c a b circuit diagram pwb mounting hole for reference tolerance : 0.05 (t=1.6 mm) view from terminal side operating force (n) type 4 n type 2 n travel (mm) f-s characteristics straight terminal full travel on travel 7.8 7.9 6.0 8.0 push 5.7 ? 3.3 0.1 ? 2.5 1.5 16.0 0.5 15.0 0.5 8.9 0.35 3.5 (8.0) 9.1 0.5 17.5 5.5 2.5 0.1 1.0 0.15 (8.0) r0.5 (6.0) 0.7 1.0 2.0 3.0 1.0 2.0 3.0 4.0 3.6 r1.6 5.7 +0.05 ?0 4? 1 d c a b circuit dia g ram d c a b 7.8 7.9 5.7  3.3 11.0 0.5 10.0 0.5 8.9 r1.6 (8.0) 9.1 0.5 12.5 r0 .5 (6.0) 0.7 0.35 5.7 3.5 full travel on travel pwb mounting hole for reference tolerance : 0.05 (t=1.6 mm) view from terminal side 6.0 8.0 push +0.05 ? 0 4? 1 dimensions in mm (not to scale) no. 1 no. 2 ese20 ? 4  ? c : for automo tive use d : for consumer products 1-pole 1-throw ese20 ? 3  ? c : for automo tive use d : for consumer products 1-pole 1-throw application notes: operating force should be applied at the center of the le ver. oct. 2012 00


▲Up To Search▲   

 
Price & Availability of ESE20C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X