Part Number Hot Search : 
1N522 APTGT1 25616 OPB618 331M1 070906FS M6004 TC74A
Product Description
Full Text Search
 

To Download EM02-10012 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  only one name means protektion? www.protekdevices.com 05267.r4 9/12 page 1 05267 em02-100 tvs/emi f i l ter a rra y d es c ripti on the em02-100 is a sot-563, 2 line low pass flter array with integrated tvs diodes. the em02-100 is designed to suppress unwanted emi/rfi signals and provide esd protecton for high-speed data interfaces such as lcd displays, smart phones and other portable electronics with a desired cutof frequency of 110mhz, the em02-100 provides good emi/rfi atenuaton beter than 25db in the 800mhz - 3ghz bandwidth. this blocks rf noises from gsm, dcs or bluetooth which can afect the baseband chipset and other blocks. coupled with the integrated tvs diodes, this device is able to meet iec 61000-4-2 (esd) and 61000- 4-4 (eft) immunity requirements. f eat u res ? compatble with iec 61000-4-2 (esd): air 15kv, contact 8kv ? compatble with iec 61000-4-4 (eft): 40a, 5/50ns ? esd protecton > 25 kilovolts ? emi filtering/tvs low pass filters ? > 25db atenuaton from 800mhz to 3ghz ? protects up 2 data lines ? rohs compliant ? reach compliant me ch a n i c a l ch ara c teristi c s ? molded jedec sot-563 package ? approximate weight: 3 milligrams ? lead-free pure-tin platng (annealed) ? solder refow temperature: pure-tin - sn, 100: 260-270c ? flammability ratng ul 94v-0 ? 8mm tape and reel per eia standard 481 app l i c ati on s ? smart phones ? lcd display panel ? portable electronics ? smart cards c ir cu it dia g ram s o t -563 pa ck a g e 100 ohm 15pf 15pf pin 1 100 ohm 15pf 15pf pin 2, 5 pin 3 pin 4 pin 6
only one name means protektion? www.protekdevices.com 05267.r4 9/12 page 2 05267 em02-100 t y pi c a l devi c e ch ara c teristi c s maxim u m rati ng s @ 25c unless o therwise specifed parameter s y mb ol va lu e un its operatng temperature t a -40 to 85 c storage temperature t stg -55 to 150 c dc power per resistor p 400 mw typical resistance for 10 seconds r 100 ohms soldering temperature for 10 seconds t l 265 c e l e c tri c a l ch ara c teristi c s per l i n e @ 25c unless o therwise specifed part nu mber devi c e mar k i ng rated sta n d- o ff v ol ta g e v wm v ol ts mi n im u m brea k d o w n v ol ta g e @ 1 m a v (br) v ol ts maxim u m reverse l ea k a g e cu rre n t @ 3v i d a t y pi c a l f o rward v ol ta g e @ 10 m a v f v ol ts mi n im u m atte nu ati on @ 800-3000 mhz db cu t -o ff fre qu e ncy (50 oh ms i /o) z er o bias fc mhz t y pi c a l c apa c ita nc e ( n ote 1) @2.5v, 1m h z c p f em02-100 m02 5.0 6.0 0.1 0.8 25 110 30 n o te s 1. 50pf @ 0v, 1mhz, 20% tolerance.
only one name means protektion? www.protekdevices.com 05267.r4 9/12 page 3 05267 em02-100 t y pi c a l devi c e ch ara c teristi c s fi gu re 1 t y pi c a l fi l ter perf o rma nc e (t a = 25c , dc bias = 0v, 50 o hm environment) 1 10 100 1000 10000 frequency - m hz -40 -30 -20 -10 0 inserton loss - db fi gu re 2 resista nc e vs temperat u re (n ormalized to resistance at 25c) -40 -20 0 20 40 60 80 100 temperature - c 0.90 n ormalized resistance 0.94 0.98 1.02 1.06 1.10
only one name means protektion? www.protekdevices.com 05267.r4 9/12 page 4 05267 em02-100 t y pi c a l devi c e ch ara c teristi c s fi gu re 4 o vers hoo t & cl ampi ng v ol ta g e (through the filter) esd test pulse - 15 kilovolt, 1/30ns (waveshape) 5 volts per division -5 5 15 25 35 fi gu re 3 c apa c ita nc e vs reverse v ol ta g e (n ormalized to c apacitance at 2.5v dc @ 25c) v r - reverse voltage - volts 0 2 4 6 0 0.4 0.8 cj - capactance(n ormalized) - pf 1.2 1.6
only one name means protektion? www.protekdevices.com 05267.r4 9/12 page 5 05267 em02-100 s o t -563 pa ck a g e i n f o rmati on ou t l i n e dime n si on s dim mi ll imeters i nch es mi n max mi n max a 1.50 1.70 0.059 0.067 b 1.10 1.30 0.043 0.051 c 0.50 0.60 0.020 0.024 d 0.17 0.27 0.007 0.011 g 0.50 bsc 0.020 bsc j 0.08 0.18 0.003 0.007 k 0.10 0.30 0.004 0.012 s 1.50 1.70 0.059 0.067 no tes 1. controlling dimension: inches. 2. dimensioning and tolerances per ansi y14.5m, 1985. 3. dimensions are exclusive of mold fash and metal burrs. pad l a you t dime n si on s dim mi ll imeters i nch es no mi n a l no mi n a l a 1.40 0.055 b 1.02 0.040 c 0.30 0.012 d 0.51 0.020 e 0.51 0.020 no tes 1. controlling dimension: inches. a b d g j c k s 1 a b d c e
only one name means protektion? www.protekdevices.com 05267.r4 9/12 page 6 05267 em02-100 tape a n d ree l o rderi ng i n f o rmati on base part nu mber l eadfree s u ffix tape s u ffix q t y /ree l ree l si z e t u be q t y em02-100 -lf -t7 3,000 7 n/a this device is only available in a lead-free confguraton. spe c ifi c ati on s r ee l d ia . t ape w idt h a0 b0 k 0 d e f w p0 p2 p tmax 178mm (7) 8mm 1.78 0.05 1.78 0.05 0.69 0.05 1.50 0.10 1.75 0.10 3.50 0.05 8.00 0.30 4.00 0.10 2.00 0.05 4.00 0.10 0.25 n o tes 1. dimensions are in millimeters. 2. surface mount product is taped and reeled in accordance with eia-481. 3. sufx - t7 = 7 reel - 3,000 pieces per 8mm tape. 4. marking on part - marking code (see page 2) and pin one defned by dot on package. package outline, pad layout and tape specifcatons per document number 06051.r3 3/11. t op cover tape k0 d p0 p2 10 pitches cumulatve t olerance on t ape. 0.2 a0 b0 p e f w user directon of feed pin 1 t
only one name means protektion? www.protekdevices.com 05267.r4 9/12 page 7 05267 em02-100 co mpa ny i n f o rmati on copyright ? protek devices 2008 - this literature is subject to all applicable copyright laws and is not for resale in any manner. specifications: protek reserves the right to change the electrical and or mechanical characteristcs described herein without notce. design changes: protek reserves the right to discontnue product lines without notce and that the fnal judgement concerning selecton and specifcatons is the buyers and that in furnishing engineering and technical assistance. protek assumes no responsibility with respect to the selecton or specifcatons of such products. protek makes no warranty, representaton or guarantee regarding the suitability of its products for any partcular purpose, nor does protek assume any liability arising out of the applicaton or use of any product or circuit and specifcally disclaims any and all liability without limitaton special, consequental or incidental damages. life support policy: protek devices products are not authorized for use in life support systems without writen consent from the factory. co mpa ny pr ofile in business more than 20 years, protek devices? is a privately-held company located in tempe, arizona, that ofers a product line of tran - sient voltage suppressors (tvs); avalanche breakdown diodes; steering diode tvs arrays and other surge suppressor component products. these tvs devices protect electronic systems from the efects of lightning, electrostatc discharge (esd), nuclear electromagnetc pulses (nemp), inductve switching and emi / rfi. protek devices also ofers high performance interface and linear products that include analog switches; multplexers; led drivers; audio control ics; rf and related high frequency products. the analog devices work in a host of con - sumer; industrial; automotve and other applicatons. con ta c t us c orporate h eadquarters 2929 south fair lane tempe, arizona 85282 usa by telephone general: 602-431-8101 sales: & marketng: 602-414-5109 customer service: 602-414-5114 product technical support: 602-414-5107 by fax general: 602-431-2288 by e-mail: sales: sales@protekdevices.com customer service: service@protekdevices.com technical support: support@protekdevices.com protek devices (asia pacifc) pte. l td. 8 ubi road 2, #06-19 zervex singapore - 408538 tel: +65-67488312 fax: +65-67488313 web www.protekdevices.com


▲Up To Search▲   

 
Price & Availability of EM02-10012

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X