Part Number Hot Search : 
K1122 FM4933 2SK3426G 73M05 KD40F40 BLF88 C1642 D3055
Product Description
Full Text Search
 

To Download DSS14 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dss12 thru dss120 surface mount schottky barrier rectifier reverse voltage - 20 to 200 volts forward current - 1.0 ampere case : jedec sod-123fl molded plastic body terminals : s olderable per mil-std-750, method 2026 polarity : color band denotes cathode end mounting position : any weight :0.0007 ounce, 0.02 grams features mechanical data maximum ratings and electrical characteristics ratings at 25 c ambient temperature unless otherwise specified. single phase half-wave 60hz,resistive or inductive load,for capacitive load current derate by 20%. the plastic package carries underwriters laboratory flammability classification 94v-0 metal silicon junction,majority carrier conduction low power loss,high efficiency high forward surge current capability high temperature soldering guaranteed: 250 c/10 seconds,0.375 ? (9.5mm) lead length, 5 lbs. (2.3kg) tension dss12 d12 symbols units dss110 d110 note: 1.measured at 1mhz and applied reverse voltage of 4.0v d.c. 20 14 20 v rrm v rms v dc i (av) i fsm v f 1.0 25.0 0.70 operating junction temperature range maximum repetitive peak reverse voltage maximum rms voltage maximum dc blocking voltage maximum average forward rectified current peak forward surge current 8.3ms single half sine-wave superimposed on rated load (jedec method) maximum instantaneous forward voltage at 1.0a maximum dc reverse current t a =25 c at rated dc blocking voltage t a =100 c typical junction capacitance (note 1) i r 0.5 c j t j t stg 80 storage temperature range dss13 d13 dss15 d15 DSS14 d14 dss16 d16 dss18 d18 dss17 d17 dss19 d19 30 21 30 40 28 40 50 35 50 60 42 60 80 56 80 100 70 100 70 49 70 90 63 90 volts volts volts amp amps volts pf c ma c -65 to +150 -65 to +125 -65 to +150 10.0 5.0 0.55 0.95 110 sod-123fl 1.0  0.2 2.8  0.1 1. 8 0.1 cathode band top view 3.7  0.2 0.6  0.25 1. 3 0.15 0.10-0.30 dimensions in millimeters dss115 d115 150 105 150 dss120 d120 200 140 200 0.85 0.2 2.0 mdd electronic mdd catalog number
1 0.8 0.6 0.4 0.2 0 0 25 50 75 100 125 150 175 fig. 3-typical instantaneous forward characteristics number of cycles at 60 hz fig. 2-maximum non-repetitive peak forward surge current fig. 1- forward current derating curve average forward rectified current, amperes instantaneous forward current,amperes peak forward surge current, amperes instantaneous forward voltage, volts single phase half wave 60hz resistive or inductive load 0 20 40 60 80 100 100 10 1 0.1 0.01 0.001 tj=25 c tj=100 c percent of peak reverse voltage,% fig. 4-typical reverse characteristics instantaneous reverse current, milliamperes ambient temperature, c dss17-dss120 dss12-dss16 tj=75 c 0.1 1.0 10 100 reverse voltage,volts fig. 5-typical junction capacitance junction capacitance, pf t j =25 c 10 100 1000 2000 dss12-DSS14 dss15-dss120 30 25 20 15 10 5.0 0 1 10 100 8.3ms single half sine-wave (jedec method) 0.2 0.4 0.6 0.8 1.0 1.1 0.01 0.1 1 20 10 t j =25 c pulse width=300 m s 1%duty cycle dss15-dss16 dss12-DSS14 dss17-dss115 dss120 mdd electronic ratings and characteristic curves dss12 thru dss120


▲Up To Search▲   

 
Price & Availability of DSS14

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X