Part Number Hot Search : 
10N60 2931C C67078 BSX33 TC0140E 27C512 R1045 MURA360G
Product Description
Full Text Search
 

To Download DF40C-30DS-04V51 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 df40 series 0.4 mm contact pitch board-to-board /board-to-fpc connectors 2012.3e features 1. higher density of the board-mounted components extremely small board mounting pattern and low above- the-board profile makes the connectors ideally suited for small device applications. 2. stacking height variation : 1.5mm to 4.0mm 3. high contact reliability despite connectors small size and low profile the contacts provide strong contact forces and long contact wipe (0.45 mm), guaranteeing reliable electrical and mechanical performance. 4. large self-alignment distance the connectors will self-align within 0.33 mm. 5. confirmation of the fully mated condition positive click sensation confirms correct insertion and connection of all contacts. 6. built-in shock absorbing feature the protrusions and indents in the insulator bodies protect the connectors from failures when exposed to sudden impact. 7. solder wicking prevention nickel-plated barriers provide protection against solder wicking into the contact areas. 8. contact area protection external walls protect the exposed contact areas from intrusion of flux or foreign particles. other hrs connector df40 3.38mm 5.0mm smaller width decrease in the board-occupied area high contact reliability C effective connection wipe of 0.45 mm 1.5mm 0.45mm interlock indentations (for 10 to 50 positions) shock-absorbing rib stacking height variation stacking height 1.5mm 2.0mm 2.5mm 3.0mm 3.5mm 4.0mm pos. 10 k ---- ---- ---- ---- ---- 12 ? k ---- ---- ---- ---- 20 k k k ---- ---- ---- 24 k k ---- ---- ---- ---- 30 k k ? k k ---- 34 k ---- ---- ---- ---- ---- 40 k k k ---- ---- ? 44 ---- ? ---- k ---- ---- 50 k k k k k k 60 k k k k k k 70 k k ---- k ---- ---- 80 k k ---- k k k 90 k ---- ---- k ---- k 100 k ---- ---- k ---- ---- ?: reserved for product expansion
df40 series 0.4 mm contact pitch board-to-board /board-to-fpc connectors 2 materials product specifications ordering information df40 # - * dp - 0.4 v ( ** ) header q w e y u r t df40 # ( ** ) - * ds - 0.4 v ( ** ) q e w r u i t y receptacle ratings current rating 0.3a voltage rating 30v ac, dc operation temperature range -35? to +85? (note 1) operation humidity range rh 20% to 80% storage temperature range -10? to +60? (note 2) storage humidity range rh 40% to 70% (note 2) product part material finish remarks receptacles headers insulator lcp color : black ul94v-0 contacts phosphor bronze gold plated ------------- item specification conditions 1. insulation resistance 50 m? min. 100v dc 2. withstanding voltage no flashover or insulation breakdown. 100v ac / one minute 3. contact resistance 90 m? max. 1ma, 20mv ac, 1 khz 4. vibration no electrical discontinuity of 1 s or more. frequency: 10 to 55 hz, single amplitude of 0.75mm, 2 hours, 3 axis 5. humidity contact resistance: 90 m? max. iinsulation resistance: 25 m? min. 96 hours at +402? and humidity of 90% to 95%. 6. temperature cycle contact resistance: 90 m ? max. insulation resistance: 50 m? min. temperature: -55? +5? to 35?? +85?? +5? to +35? time: 30? 10? 30? 10 (minutes) 5 cycles 7. durability (insertion/withdrawal) contact resistance: 90 m? max. 30 cycles 8. resistance to soldering heat no deformation of components affecting performance. reflow: at the recommended temperature profile manual soldering: 350? for 3 seconds note 1: includes temperature rise caused by current flow. note 2: the term storage refers to products stored for long period of time prior to mounting and use. operating temperature range and humidity range covers non-conducting condition of installed connectors in storage, shipment or during transportation. q series name : df40 w configuration c: without metal fittings hc: without metal fittings (stacking height : 2.5mm to 4.0mm) q series name : df40 w configuration c: without metal fittings e stacking height r number of contacts e number of contacts r connector type dp : double-row pin header t connector type ds : double-row receptacle y contact pitch : 0.4mm u terminal type v: smt vertical mount i packaging (51) : embossed tape packaging t contact pitch : 0.4mm y terminal type v: smt vertical mount u packaging (51) : embossed tape packaging stacking height blank 1.5mm 2.0 2.0mm 2.5 2.5mm 3.0 3.0mm 3.5 3.5mm 4.0 4.0mm
df40 series 0.4 mm contact pitch board-to-board /board-to-fpc connectors 3 2.880.2 3.380.2 pick-and-place area : c0.2 b0.08 hrs logo p=0.40.05 a0.2 0.120.02 cavity identification d0.15 note 2 receptacles (stacking height : 1.5mm) [specification number] (51): embossed tape packaging (5,000 pieces per reel) ill.1 ill.2 b0.02 note 3 yes no p=0.40.02 0.20.02 3.78 +0.05 0 2.38 0 -0.05 1.5max conductive traces conductive traces recommended pcb mounting pattern unit: mm stacking height : 1.5mm part number cl no. number of contacts a b c d df40c- 10ds-0.4v(51) 684-4036-2-51 10 4.6 1.6 1.0 1.45 df40c- 12ds-0.4v(51) reserved for product expansion 12 5.0 2.0 1.0 1.45 df40c- 20ds-0.4v(51) 684-4005-9-51 20 6.6 3.6 1.0 1.45 df40c- 24ds-0.4v(51) 684-4006-1-51 24 7.4 4.4 1.2 1.45 df40c- 30ds-0.4v(51) 684-4007-4-51 30 8.6 5.6 1.5 1.45 df40c- 34ds-0.4v(51) 684-4023-0-51 34 9.4 6.4 2.3 1.45 df40c- 40ds-0.4v(51) 684-4008-7-51 40 10.6 7.6 3.2 1.45 df40c- 50ds-0.4v(51) 684-4009-0-51 50 12.6 9.6 3.2 1.45 df40c- 60ds-0.4v(51) 684-4004-6-51 60 14.6 11.6 3.2 1.45 df40c- 70ds-0.4v(51) 684-4016-5-51 70 16.6 13.6 3.2 1.45 df40c- 80ds-0.4v(51) 684-4002-0-51 80 18.6 15.6 3.2 1.45 df40c- 90ds-0.4v(51) 684-4124-8-51 90 20.6 17.6 3.2 1.45 df40c-100ds-0.4v(51) 684-4033-4-51 100 22.6 19.6 3.2 1.45 note 1: order by number of reels. note 2: connectors with 60 or 100 contacts may have several recessed areas in this location. pick-and-place operation will not be affected. note 3: no conductive traces through the areas indicated by . refer to ill.1 and ill.2. for specific restrictions and exception to the above requirement. note 4: this connector is not polarized.
df40 series 0.4 mm contact pitch board-to-board /board-to-fpc connectors 4 [specification number] (51): embossed tape packaging (4,000 pieces per reel) unit: mm stacking height : 2.0mm d0.15 2.940.2 3.380.2 0.120.02 p=0.40.05 pick-and-place area : c0.2 b0.08 a0.2 receptacles (stacking height : 2.0mm) ill.1 ill.2 yes no 0.20.02 p=0.40.05 3.78 2.38 1.5max b0.02 0 -0.05 +0.05 0 conductive traces conductive traces recommended pcb mounting pattern part number cl no. number of contacts a b c d df40c(2.0)- 12ds-0.4v(51) 684-4148-6-51 12 5.0 2.0 1.0 1.95 df40c(2.0)- 20ds-0.4v(51) 684-4040-0-51 20 6.6 3.6 1.0 1.95 df40c(2.0)- 24ds-0.4v(51) 684-4021-2-51 24 7.4 4.4 1.2 1.95 df40c(2.0)- 30ds-0.4v(51) 684-4058-5-51 30 8.6 5.6 1.5 1.95 df40c(2.0)- 40ds-0.4v(51) 684-4042-5-51 40 10.6 7.6 3.2 1.95 df40c(2.0)- 44ds-0.4v(51) reserved for product expansion 44 11.4 8.4 3.2 1.95 df40c(2.0)- 50ds-0.4v(51) 684-4091-0-51 50 12.6 9.6 3.2 1.95 df40c(2.0)- 60ds-0.4v(51) 684-4034-7-51 60 14.6 11.6 3.2 1.95 df40c(2.0)- 70ds-0.4v(51) 684-4147-3-51 70 16.6 13.6 3.2 1.95 df40c(2.0)- 80ds-0.4v(51) 684-4132-6-51 80 18.6 15.6 3.2 1.95 note 1: order by number of reels. note 2: connectors with 60 or 100 contacts may have several recessed areas in this location. pick-and-place operation will not be affected. note 3: no conductive traces through the areas indicated by . refer to ill.1 and ill.2. for specific restrictions and exception to the above requirement. note 4: this connector is not polarized.
df40 series 0.4 mm contact pitch board-to-board /board-to-fpc connectors 5 a0.2 b0.08 2.940.2 3.380.2 d0.15 pick-and-place area : c0.2 0.120.02 p=0.40.05 receptacles (stacking height : 2.5mm to 4.0mm) 3.78 +0.05 0 2.38 0 -0.05 b0.02 p=0.40.02 0.20.02 ill.1 ill.2 yes no 0.92max conductive traces conductive traces recommended pcb mounting pattern [specification number] (51): embossed tape packaging (3,000 pieces per reel) unit: mm stacking height : 2.5mm [specification number] (51): embossed tape packaging (3,000 pieces per reel) unit: mm stacking height : 3.0mm part number cl no. number of contacts a b c d df40hc(3.0)- 30ds-0.4v(51) 684-4098-0-51 30 8.6 5.6 1.5 2.9 df40hc(3.0)- 44ds-0.4v(51) 684-4076-7-51 44 11.4 8.4 3.2 2.9 df40hc(3.0)- 50ds-0.4v(51) 684-4099-2-51 50 12.6 9.6 3.2 2.9 df40hc(3.0)- 60ds-0.4v(51) 684-4100-0-51 60 14.6 11.6 3.2 2.9 df40hc(3.0)- 70ds-0.4v(51) 684-4138-2-51 70 16.6 13.6 3.2 2.9 df40hc(3.0)- 80ds-0.4v(51) 684-4180-9-51 80 18.6 15.6 3.2 2.9 df40hc(3.0)- 90ds-0.4v(51) 684-4161-4-51 90 20.6 17.6 3.2 2.9 df40hc(3.0)- 100ds-0.4v(51) 684-4151-0-51 100 22.6 19.6 3.2 2.9 note 1: order by number of reels. note 2: connectors with 60 or 100 contacts may have several recessed areas in this location. pick-and-place operation will not be affected. note 3: no conductive traces through the areas indicated by . refer to ill.1 and ill.2. for specific restrictions and exception to the above requirement. note 4: this connector is not polarized. part number cl no. number of contacts a b c d df40hc(2.5)- 20ds-0.4v(51) 684-4126-3-51 20 6.6 3.6 1.0 2.4 df40hc(2.5)- 30ds-0.4v(51) reserved for product expansion 30 8.6 5.6 1.5 2.4 df40hc(2.5)- 40ds-0.4v(51) 684-4112-9-51 40 10.6 7.6 3.2 2.4 df40hc(2.5)- 50ds-0.4v(51) 684-4101-2-51 50 12.6 9.6 3.2 2.4 df40hc(2.5)- 60ds-0.4v(51) 684-4085-8-51 60 14.6 11.6 3.2 2.4
df40 series 0.4 mm contact pitch board-to-board /board-to-fpc connectors 6 [specification number] (51): embossed tape packaging (2,000 pieces per reel) unit: mm stacking height : 3.5mm [specification number] (51): embossed tape packaging (2,000 pieces per reel) unit: mm stacking height : 4.0mm part number cl no. number of contacts a b c d df40hc(4.0)- 40ds-0.4v(51) reserved for product expansion 40 10.6 7.6 3.2 3.9 df40hc(4.0)- 50ds-0.4v(51) 684-4104-0-51 50 12.6 9.6 3.2 3.9 df40hc(4.0)- 60ds-0.4v(51) 684-4133-9-51 60 14.6 11.6 3.2 3.9 df40hc(4.0)- 80ds-0.4v(51) 684-4140-4-51 80 18.6 15.6 3.2 3.9 df40hc(4.0)- 90ds-0.4v(51) 684-4165-5-51 90 20.6 17.6 3.2 3.9 note 1: order by number of reels. note 2: connectors with 60 or 100 contacts may have several recessed areas in this location. pick-and-place operation will not be affected. note 3: no conductive traces through the areas indicated by . refer to ill.1 and ill.2. for specific restrictions and exception to the above requirement. note 4: this connector is not polarized. part number cl no. number of contacts a b c d df40hc(3.5)- 30ds-0.4v(51) 684-4136-7-51 30 8.6 5.6 1.5 3.4 df40hc(3.5)- 50ds-0.4v(51) 684-4109-4-51 50 12.6 9.6 3.2 3.4 df40hc(3.5)- 60ds-0.4v(51) 684-4102-5-51 60 14.6 11.6 3.2 3.4 df40hc(3.5)- 80ds-0.4v(51) 684-4162-7-51 80 18.6 15.6 3.2 3.4
df40 series 0.4 mm contact pitch board-to-board /board-to-fpc connectors 7 b0.08 pick-and-place area : c0.2 1.850.2 p=0.40.05 a0.2 2.970.2 0.150.02 1.140.15 header b0.02 p=0.40.02 0.30.02 0.650.02 3.37 +0.05 0 2.05 0 -0.05 0.230.02 0.350.02 recommended pcb mounting pattern unit: mm [specification number] (51): embossed tape packaging (5,000 pieces per reel) part number cl no. number of contacts a b c df40c- 10dp-0.4v(51) 684-4035-0-51 10 3.52 1.6 1.0 df40c- 12dp-0.4v(51) 684-4149-9-51 12 3.92 2.0 1.0 df40c- 20dp-0.4v(51) 684-4010-9-51 20 5.52 3.6 1.0 df40c- 24dp-0.4v(51) 684-4011-1-51 24 6.32 4.4 1.2 df40c- 30dp-0.4v(51) 684-4012-4-51 30 7.52 5.6 1.5 df40c- 34dp-0.4v(51) 684-4024-3-51 34 8.32 6.4 2.3 df40c- 40dp-0.4v(51) 684-4013-7-51 40 9.52 7.6 3.2 df40c- 44dp-0.4v(51) 684-4077-0-51 44 10.32 8.4 3.2 df40c- 50dp-0.4v(51) 684-4014-0-51 50 11.52 9.6 3.2 df40c- 60dp-0.4v(51) 684-4003-3-51 60 13.52 11.6 3.2 df40c- 70dp-0.4v(51) 684-4015-2-51 70 15.52 13.6 3.2 df40c- 80dp-0.4v(51) 684-4001-8-51 80 17.52 15.6 3.2 df40c- 90dp-0.4v(51) 684-4125-0-51 90 19.52 17.6 3.2 df40c-100dp-0.4v(51) 684-4032-1-51 100 21.52 19.6 3.2 note 1: order by number of reels. note 2: 60 or 100 positions connectors will not have small interlock indentations in the contact areas. note 3: the contacts in each of the 4 corners serve as metal solder brackets only and should not be used for current carrying. note 4: location of the hrs logo and cavity identification mark may differ from what is shown. note 5: this connector is not polarized.
df40 series 0.4 mm contact pitch board-to-board /board-to-fpc connectors 8 a a unreeling direction g g 20.5 120? 80.1 h ?1.5 20.1 40.1 f 1.750.1 c0.1 b0.1 a0.3 f-f 0.30.1 1.650.15 r0.75 r0.75 h 0.20.05 ?210.8 part number label ?130.2 ?3802 ?801 e0.5 d1 120? f g-g +0.1 0 +0.1 0 +0.1 0 packaging specification embossed carrier tape dimensions - receptacle (stacking height : 1.5mm) stacking height : 1.5mm unit: mm reel dimensions part number a b c d e df40c- 10ds-0.4v(51) 16.0 ---- 7.5 21.5 17.5 df40c- 12ds-0.4v(51) 16.0 ---- 7.5 21.5 17.5 df40c- 20ds-0.4v(51) 16.0 ---- 7.5 21.5 17.5 df40c- 24ds-0.4v(51) 16.0 ---- 7.5 21.5 17.5 df40c- 30ds-0.4v(51) 24.0 ---- 11.5 29.5 25.5 df40c- 34ds-0.4v(51) 24.0 ---- 11.5 29.5 25.5 df40c- 40ds-0.4v(51) 24.0 ---- 11.5 29.5 25.5 df40c- 50ds-0.4v(51) 24.0 ---- 11.5 29.5 25.5 df40c- 60ds-0.4v(51) 24.0 ---- 11.5 29.5 25.5 df40c- 70ds-0.4v(51) 32.0 28.4 14.2 37.5 33.5 df40c- 80ds-0.4v(51) 32.0 28.4 14.2 37.5 33.5 df40c- 90ds-0.4v(51) 44.0 40.4 20.2 49.5 45.5 df40c-100ds-0.4v(51) 44.0 40.4 20.2 49.5 45.5 note : bottom side deed holes are added to embossed tape when a = 32.0 or greater
df40 series 0.4 mm contact pitch board-to-board /board-to-fpc connectors 9 20.5 5 j g g h unreeling direction part number label 0.20.05 r0.75 f0.15 j 80.1 ?1.5 20.1 40.1 h 1.750.1 h-h ?130.2 ?210.8 120? 120? ?3802 ?801 e0.5 d1 g-g +0.1 0 r0.75 +0.1 0 0.30.1 a0.3 b0.1 c0.1 +0.1 0 embossed carrier tape dimensions - receptacle (stacking height : 2.0mm to 3.0mm) stacking height : 2.0mm unit: mm stacking height : 2.5mm unit: mm stacking height : 3.0mm unit: mm reel dimensions part number a b c d e f df40c(2.0)-12ds-0.4v(51) 16.0 ---- 7.5 21.5 17.5 2.2 df40c(2.0)-20ds-0.4v(51) 16.0 ---- 7.5 21.5 17.5 2.2 df40c(2.0)-24ds-0.4v(51) 16.0 ---- 7.5 21.5 17.5 2.2 df40c(2.0)-30ds-0.4v(51) 24.0 ---- 11.5 29.5 25.5 2.2 df40c(2.0)-40ds-0.4v(51) 24.0 ---- 11.5 29.5 25.5 2.2 df40c(2.0)-44ds-0.4v(51) 24.0 ---- 11.5 29.5 25.5 2.2 df40c(2.0)-50ds-0.4v(51) 24.0 ---- 11.5 29.5 25.5 2.2 df40c(2.0)-60ds-0.4v(51) 24.0 ---- 11.5 29.5 25.5 2.2 df40c(2.0)-70ds-0.4v(51) 32.0 28.4 14.2 37.5 33.5 2.2 df40c(2.0)-80ds-0.4v(51) 32.0 28.4 14.2 37.5 33.5 2.2 part number a b c d e f df40hc(2.5)-20ds-0.4v(51) 16.0 ---- 7.5 21.5 17.5 2.72 df40hc(2.5)-30ds-0.4v(51) 24.0 ---- 11.5 29.5 25.5 2.72 df40hc(2.5)-40ds-0.4v(51) 24.0 ---- 11.5 29.5 25.5 2.72 df40hc(2.5)-50ds-0.4v(51) 24.0 ---- 11.5 29.5 25.5 2.72 df40hc(2.5)-60ds-0.4v(51) 24.0 ---- 11.5 29.5 25.5 2.72 part number a b c d e f df40hc(3.0)-30ds-0.4v(51) 24.0 ---- 11.5 29.5 25.5 3.15 df40hc(3.0)-44ds-0.4v(51) 24.0 ---- 11.5 29.5 25.5 3.15 df40hc(3.0)-50ds-0.4v(51) 24.0 ---- 11.5 29.5 25.5 3.15 df40hc(3.0)-60ds-0.4v(51) 24.0 ---- 11.5 29.5 25.5 3.15 df40hc(3.0)-70ds-0.4v(51) 32.0 28.4 14.2 37.5 33.5 3.15 df40hc(3.0)-80ds-0.4v(51) 32.0 28.4 14.2 37.5 33.5 3.15 df40hc(3.0)-90ds-0.4v(51) 44.0 40.4 20.2 49.5 45.5 3.15 df40hc(3.0)-100ds-0.4v(51) 44.0 40.4 20.2 49.5 45.5 3.15 note : bottom side deed holes are added to embossed tape when a = 32.0 or greater
df40 series 0.4 mm contact pitch board-to-board /board-to-fpc connectors 10 j g g ?1.5 +0.1 0 20.1 j h unreeling dimension g-g 80.1 0.40.1 40.1 1.750.1 c0.1 b0.1 a0.3 h h-h part number label 20.5 ?3802 ?801 ?130.2 120? 120? ?210.8 e0.5 d1 f0.15 0.20.05 r0.75 +0.1 0 r0.75 +0.1 0 embossed carrier tape dimensions - receptacle (stacking height : 3.5mm to 4.0mm) stacking height : 3.5mm unit: mm stacking height : 4.0mm unit: mm reel dimensions part number a b c d e f df40hc(3.5)-30ds-0.4v(51) 24.0 ---- 11.5 29.5 25.5 3.72 df40hc(3.5)-50ds-0.4v(51) 24.0 ---- 11.5 29.5 25.5 3.72 df40hc(3.5)-60ds-0.4v(51) 24.0 ---- 11.5 29.5 25.5 3.72 df40hc(3.5)-80ds-0.4v(51) 32.0 28.4 14.2 37.5 33.5 3.72 part number a b c d e f df40hc(4.0)-40ds-0.4v(51) 24.0 ---- 11.5 29.5 25.5 4.22 df40hc(4.0)-50ds-0.4v(51) 24.0 ---- 11.5 29.5 25.5 4.22 df40hc(4.0)-60ds-0.4v(51) 24.0 ---- 11.5 29.5 25.5 4.22 df40hc(4.0)-80ds-0.4v(51) 32.0 28.4 14.2 37.5 33.5 4.22 df40hc(4.0)-90ds-0.4v(51) 44.0 40.4 20.2 49.5 45.5 4.22 note : bottom side deed holes are added to embossed tape when a = 32.0 or greater
df40 series 0.4 mm contact pitch board-to-board /board-to-fpc connectors 11 a a ?1.5 20.1 40.1 f f-f g h h f unreeling dimension g-g 0.30.1 g 1.750.1 c0.1 b0.1 a0.3 0.20.05 1.340.15 +0.1 0 ?0.75 +0.1 0 ?0.75 +0.1 0 part number label 20.5 ?3802 ?801 ?130.2 120? 120? ?210.8 e0.5 d1 embossed carrier tape dimensions - header unit: mm reel dimensions part number a b c d e df40c- 10dp-0.4v(51) 12.0 ---- 5.5 17.5 13.5 df40c- 12dp-0.4v(51) 12.0 ---- 5.5 17.5 13.5 df40c- 20dp-0.4v(51) 16.0 ---- 7.5 21.5 17.5 df40c- 24dp-0.4v(51) 16.0 ---- 7.5 21.5 17.5 df40c- 30dp-0.4v(51) 16.0 ---- 7.5 21.5 17.5 df40c- 34dp-0.4v(51) 24.0 ---- 11.5 29.5 25.5 df40c- 40dp-0.4v(51) 24.0 ---- 11.5 29.5 25.5 df40c- 44dp-0.4v(51) 24.0 ---- 11.5 29.5 25.5 df40c- 50dp-0.4v(51) 24.0 ---- 11.5 29.5 25.5 df40c- 60dp-0.4v(51) 24.0 ---- 11.5 29.5 25.5 df40c- 70dp-0.4v(51) 32.0 28.4 14.2 37.5 33.5 df40c- 80dp-0.4v(51) 32.0 28.4 14.2 37.5 33.5 df40c- 90dp-0.4v(51) 44.0 40.4 20.2 49.5 45.5 df40c-100dp-0.4v(51) 44.0 40.4 20.2 49.5 45.5 note : bottom side deed holes are added to embossed tape when a = 32.0 or greater
df40 series 0.4 mm contact pitch board-to-board /board-to-fpc connectors 12 usage recommendations 1. recommended temperature profile 2.recommended manual soldering 3 . recommended screen thickness and open area ratio (pattern area ratio) 4.board warpage 5.cleaning conditions 6.precautions * mating and un-mating of the connectors when not soldered on the boards is not recommended as this may cause deformation of the terminals, damage to the contacts or insulators. mated connectors should not carry weight of the board by themselves. provide some other support of the boards. when mating/un-mating do not twist or lift by the corners. apply the forces evenly across the entire length and width of the connectors taking care not to damage or deform soldered terminations. exercise extreme caution when mating/ un-mating when the connector is mounted on a non- rigid (flexible) substrate. do not pull on the flexible substrate. slight discoloration on the insulating materials will not affect form, fit or function of the connectors. cleaning is not recommended. when cleaning, please evaluate as if can deteriorate the performance including mechanical operation and environmental resistance. maximum of 0.02 mm at the connector center, with both ends of the connector as reference points. manual soldering: 34010? for 3 seconds note 1: up to 2 cycles of reflow soldering are possible under the same conditions, provided that there is a return to normal temperature between the first and second cycle. note 2: the temperature profile indicates the board surface temperature at the point of contacts with the connector terminals. thickness: 0.12 mm open area ratio: 80% 50? 60sec.max. 100? 150? 150? 200? 250? temperature (?) room temperature 100 sec. 150 sec. 200 sec. 250 sec. 50 sec. 0 sec. 300 sec. 90 to 120sec. 180? 250? 220? (time)
df40 series 0.4 mm contact pitch board-to-board /board-to-fpc connectors 13 handling precautions when mating the connectors df40*-*dp-0.4v header df40*-*ds-0.4v receptacle keep the connectors parallel to each other when positioning do not attempt to mate the connectors staring at one end or side. press-down evenly until slight resistance is felt. overcoming this slight resistance will complete the mating receptacle with the header. a definite click sensation will confirm the fully mated condition.
df40 series 0.4 mm contact pitch board-to-board /board-to-fpc connectors 14 handling precautions when un-mating the connectors df40*-*ds-0.4v df40*-*dp-0.4v lift even one side, keeping both boards parallel to each other. fully mated when handling, circumstances prevent the connector from being kept level during the un-mating. one end may be lifted separate as shown. however, to utilize this procedure the connector must be mounted on a sufficiently rigid circuit board. any deflection of the board during this operation may result in damage to the connectors or solder joints. do not attempt the start of the un-mating of the connectors from one side or corner. when un-mating is from the width orientation, as illustrated in the diagram to the left, connector could be damaged. do not remove from the width orientation. pitch orientation width orientation corner orientation
df40 series 0.4 mm contact pitch board-to-board /board-to-fpc connectors 15 handling precautions when un-mating the connectors fpc receptacle header receptacle header low rigidity fpc should not be used for mounting of the receptacle. un-mating of the connectors when the receptacle is mounted on the extremely flexible fpc can result in solder joint failure or damage to the connector itself. it is highly recommended that the receptacle be mounted on the rigid pcb and the header on the fpc. contact hrs when specific application requires mounting of the receptacle on the fpc. all published performance data is based on connectors mounted on rigid fpc and pcb. failure to exercise caution when un-mating connectors mounted on the non-rigid fpc may also result in connector breakage.
df40 series 0.4 mm contact pitch board-to-board /board-to-fpc connectors 16 the contents of this catalog are current as of date of 03/2012. contents are subject to change without notice for the purpose of improvements. usa: hirose electric (u.s.a.), inc. san jose office 20400 stevens creek blvd., ste 250, cupertino, ca 95014 phone : +1-408-253-9640 fax : +1-408-253-9641 http://www.hiroseusa.com usa: hirose electric (u.s.a.), inc. headquarters 2688 westhills court, simi valley, ca 93065-6235 phone : +1-805-522-7958 fax : +1-805-522-3217 http://www.hiroseusa.com hong kong: hirose electric hongkong trading co., ltd. room 1001, west wing, tsim sha tsui centre, 66 mody road, tsim sha tsui east, kowloon, hong kong phone : +852-2803-5338 fax : +852-2591-6560 http://www.hirose-hongkong.com.hk china: hirose electric (shanghai) co., ltd. beijing branch a1001, ocean international center, building 56# east 4th ring middle road, chao yang district, beijing, 100025 phone : +86-10-5165-9332 fax : +86-10-5908-1381 http://www.hirose-china.com.cn taiwan: hirose electric taiwan co., ltd. 103 8f, no.87, zhengzhou rd., taipei phone : +886-2-2555-7377 fax : +886-2-2555-7350 http://www.hirose-taiwan.com.tw germany: hirose electric europe b.v. german branch herzog-carl-strasse 4 d-73760 ostfildern (scharnhauser park) phone : +49-711-4560-02-1 fax : +49-711-4560-02-299 http://www.hirose.de india: hirose electric singapore pte. ltd. bangalore liaison office unit no.03, ground floor, explorer building international tech park whitefield road, bangalore 560066 karnataka, india phone : +65-6324-6113 fax : +65-6324-6123 http://www.hirose-singapore.com.sg singapore: hirose electric singapore pte. ltd. 10 anson road #26-16 international plaza 079903 phone : + 65-6 324-6113 fax : + 65-6324-6123 http://www.hirose-singapore.com.sg the netherlands: hirose electric europe b.v. hogehillweg #8 1101 cc amsterdam z-o phone : +31-20-6557460 fax : +31-20-6557469 http://www.hiroseeurope.com united kingdom: hirose electric europe b.v. uk branch first floor, st andrews house, caldecotte lake business park, milton keynes mk7 8le phone : +44-1908-369060 fax : +44-1908-369078 http://www.hirose.co.uk usa: hirose electric (u.s.a.), inc. detroit office (automotive) 37677 professional center drive, suite #100c livonia, mi 48154 phone : +1-734-542-9963 fax : +1-734-542-9964 http://www.hiroseusa.com china: hirose electric (shanghai) co., ltd. 1601,henderson metropolitan,no.300 ,east nanjing road,huangpu district, shanghai,china 200001 phone : +86-21-6391-3355 fax : +86-21-6391-3335 http://www.hirose-china.com.cn china: hirose electric technologies (shenzhen) co., ltd. room 09-13, 19/f, office tower shun hing square, di wang commercial centre 5002, shennandong road, shenzhen city, guangdong province, 518008 phone : +86-755-8207-0851 fax : +86-755-8207-0873 http://www.hirose-china.com.cn korea: hirose korea co., ltd. 1261-10, jeoungwhang-dong, shihung-city, kyunggi-do 429-450 phone : +82-31-496-7000,7124 fax : +82-31-496-7100 http://www.hirose.co.kr 6-3,nakagawa chuoh-2-chome,tsuzuki-ku,yokohama-shi 224-8540,japan tel: + 81-45-620-3526 fax: + 81-45-591-3726 http://www.hirose.com http://www.hirose-connectors.com ?


▲Up To Search▲   

 
Price & Availability of DF40C-30DS-04V51

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X