Part Number Hot Search : 
2TRPB BPV20F 08771 SY89424 LBAT54 2SC23 D201ED LC7442
Product Description
Full Text Search
 

To Download D35SB80 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 2? ? d35sb10 thru d35sb100 high current glass passivated moldi ng single-phase bridge rectifier reverse voltage 100 to 1000v forward current 35 a features z plastic package has underwriters laboratory flammability classification 94v-0 z high current capacity with small package z glass passivated chip junctions z superior thermal conductivity z high ifsm 1. maximum & thermal characteristics ratings at 25 ambient temperature unless otherwise specified. notes: (1) unit case mounted on aluminum plate heatsink (2) units mounted on p.c.b. without heatsink parameter symbol symbol d35sb10 d35sb20 d35sb40 d35sb60 D35SB80 d35sb100 unit maximum repetitive voltage v rrm 100 200 400 600 800 1000 v maximum rms voltage v rms 70 140 280 420 560 700 v maximum dc blocking voltage v dc 100 200 400 600 800 1000 v maximum dc reverse current ta=25  5 at rated dc blocking voltage ta=125  ir 500 a 35 a maximum average forward rectified output current at  with heatsink tc=100  1  without heatsink ta=25  2   io 10 a peak forward surge current 8.3ms single half sine-wave superimposed on rated load ifsm 400 a rating of fusi ng (t<8.3ms) i 2 t 660 a2sec dielectric strength terminals to case ac 1 minute current 1ma vdia 2.5 kv max instantaneous forward voltage at 17.5a vf 1.05 v operating junction temperature tj -55~150  maximum thermal on p.c.b. without heat-sink r ja 22 resistance per leg on al plate heat-sink r jc 0.8 /w storage temperature tstg -55~150  mounting torque tor rating torque : 0.8  suggests 0.45~0.65 n.m
? 3? ? d35sb10 thru d35sb100 2. ratings and characteristic curves ( ta = 25c unless otherwise noted ) fig. 1 derating curve fig.2  typical reverse characteristics average rectified forward current io(a) nstantaneous reverse current (a) temperature ( ) percent of rated peak reverse voltage 
fig.3  forward voltage fig.4  peak surge forward capability forward current (a) peak surge forward current ifsm(a) forward voltage vf number of cycles
? 4? ? d35sb10 thru d35sb100 3. marking identification note  3
?c4  ?3 a ?1040?  -
? ?3 ?10? v u12010 m
6?=? ?3 ?40? ^?40?'v u? ?12010 m40 ? 3b ?| d 35 sb 100 bridge reverse voltage=1000v mean  single -in-line bridge average rectified forward current=35a mean d series bridge 4. dimension


▲Up To Search▲   

 
Price & Availability of D35SB80

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X