Part Number Hot Search : 
TD62380P A2011 SC220 0160B C3510 ALVC16 CY7C643 A2011
Product Description
Full Text Search
 

To Download C6042 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2sC6042 2006-11-13 1 toshiba transistor silic on npn triple diffused type 2sC6042 high-speed, high-voltage s witching applications switching regulator applications dc-dc converter applications ? high-speed switching: t f = 0.2 s (max) (i c = 0.3a) ? high breakdown voltage: v ces = 800 v, v ceo = 375 v absolute maximum ratings (ta = 25c) characteristic symbol rating unit collector-base voltage v cbo 800 v v ces 800 v collector-emitter voltage v ceo 375 v emitter-base voltage v ebo 8 v dc i c 1.0 collector current pulse i cp 2.0 a base current i b 0.5 a collector power dissipation ta = 25c p c 1.0 w junction temperature t j 150 c storage temperature range t stg ? 55 to 150 c note: using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operat ing temperature/current/voltage, etc. ) are within the absolute maximum ratings. please design the appropriate reliability upon reviewing the toshiba semiconductor reliability handbook (?handling precautions?/derating concept and methods) and indi vidual reliability data (i.e. reliability test report and estimated failure rate, etc). unit: mm jedec D jeita D toshiba 2-7d101a weight: 0.2 g (typ.) base collector emitter 1. 2. 3. free datasheet http:///
2sC6042 2006-11-13 2 electrical characteristics (ta = 25c) characteristic symbol test condition min typ. max unit collector cut-off current i cbo v cb = 800 v, i e = 0 D D 100 a emitter cut-off current i ebo v eb = 8 v, i c = 0 D D 100 a collector-base breakdown voltage v (br) cbo i c = 1 ma, i b = 0 800 D D v collector-emitter breakdown voltage v (br) ceo i c = 10 ma, i b = 0 375 D D v h fe (1) v ce = 5 v, i c = 1 ma 80 D D h fe (2) v ce = 5 v, i c = 0.1 a 100 D 200 dc current gain h fe (3) v ce = 5 v, i c = 0.2 a 80 D D collector emitter saturation voltage v ce (sat) i c = 0.8 a, i b = 0.1 a D D 1.0 v base-emitter saturation voltage v be (sat) i c = 0.8 a, i b = 0.1 a D D 1.3 v rise time t r D D 0.5 storage time t stg D D 4.5 switching time fall time t f i b1 = 20 ma, ? i b2 = 50 ma duty cycle 1% D D 0.2 s marking i b1 20 s v cc 200 v input out- put 667 ? i b21 i b1 i b2 i c C6042 lot no. a line indicates lead (pb)-free package or lead (pb)-free finish. part no. (or abbreviation code) free datasheet http:///
2sC6042 2006-11-13 3 base ? emitter saturation voltage v be (sat) (v) collector ? emitter voltage v ce (v) i c ? v ce collector current i c (a) collector current i c (a) h fe ? i c dc current gain h fe collector current i c (a) v ce (sat) ? i c collector ? emitter saturation voltage v ce (sat) (v) collector current i c (a) v be (sat) ? i c base ? emitter voltage v be (v) i c ? v be collector current i c (a) 0 0 1.6 1.2 0.4 0.4 0.8 1.6 2.0 2.4 0.8 2.0 0.001 10 ta = 100c ? 55 25 0.1 0.01 1 10 1 0.01 0.4 2.0 0 1.6 0.8 1.2 1.6 0.8 common emitter v ce = 5 v pulse test ta = 100c ? 55 25 0 1000 1 0.001 ta = 100c ? 55 25 0.01 1 10 100 10 10 0.001 ta = ? 55c 25 100 0.1 0.01 1 10 1 0.4 1.2 common emitter i c /i b = 8 pulse test common emitter = 8 pulse test common emitter v ce = 5 v pulse test 40 60 100 150 i b = 10 ma 80 20 200 common emitter ta =25 pulse test 0 0 1.6 1.2 0.4 0.8 2.0 2 4 6 10 12 i c ? v ce collector current i c (a) collector ? emitter voltage v ce (v) common emitter ta =25 pulse test 200 150 100 80 60 40 20 i b = 10 ma 1.2 8 0.1 0.1 0.1 free datasheet http:///
2sC6042 2006-11-13 4 collector ? emitter voltage v ce (v) safe operating area collector current i c (a) 0.001 10 1 ms* 10 ms* v ceo max 100 s* 100 ms* i c max (pulse)* 1 100 1000 10 0.1 1 0.01 10 s* transient thermal impedance r th (c/w) r th ? t w pulse width t w (s) 1000 0.1 0.001 1000 0.01 0.1 1 10 100 1 100 dc operation ta = 25c 0 0 40 80 120 160 200 0.2 0.4 0.8 1.0 1.2 collector power dissipation p c (w) ambient temperature ta (c) p c ? ta 0.6 10 curves apply only to limited areas of thermal resistance. single nonrepetitive pulse ta = 25 c *: single nonrepetitive pulse ta = 25c curves must be derated linearly with increase in temperature. free datasheet http:///
2sC6042 2006-11-13 5 restrictions on product use 20070701-en ? the information contained herein is subject to change without notice. ? toshiba is continually working to improve the quality and reliability of its products. nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity an d vulnerability to physical stress. it is the responsibility of the buyer, when utilizing toshiba produc ts, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such toshiba products could cause loss of human life, bodily injury or damage to property. in developing your designs, please ensure that toshiba products are used within specified operating ranges as set forth in the most recent toshib a products specifications. also, please keep in mind the precautions and conditions set forth in the ?handling guide for semiconduct or devices,? or ?toshiba semiconductor reliability handbook? etc. ? the toshiba products listed in this document are in tended for usage in general electronics applications (computer, personal equipment, office equipment, measuri ng equipment, industrial robotics, domestic appliances, etc.).these toshiba products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfuncti on or failure of which may cause loss of human life or bodily injury (?unintended usage?). unintended usage incl ude atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, et c.. unintended usage of toshiba products listed in his document shall be made at the customer?s own risk. ? the products described in this document shall not be used or embedded to any downstream products of which manufacture, use and/or sale are prohibited under any applicable laws and regulations. ? the information contained herein is presented only as a guide for the applications of our products. no responsibility is assumed by toshiba for any infringement s of patents or other rights of the third parties which may result from its use. no license is granted by implic ation or otherwise under any patents or other rights of toshiba or the third parties. ? please contact your sales representative for product- by-product details in this document regarding rohs compatibility. please use these products in this document in compliance with all applicable laws and regulations that regulate the inclusion or use of controlled substances. toshiba assumes no liability for damage or losses occurring as a result of noncompliance with applicable laws and regulations. free datasheet http:///


▲Up To Search▲   

 
Price & Availability of C6042

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X