Part Number Hot Search : 
MBRS1 C5698 2405D 0Q101 BR502 BTB08B PBM99090 G530255
Product Description
Full Text Search
 

To Download BR5-1KC1-18V Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  br5 transistor can spdt dry circuit to 1 amp specifications general contact arrangement .......................... spdt (1 form c) weight ................................ ......................... 0.1 oz approx. designed to mee t the requirements of mil - prf - 39016 . performance contact rating (note 1) resistive ................................ .......... 1 amp @ 28 vdc low level ............................ 1 0 - 50 a @ 10 - 50 mv dc or peak ac (note 4) life ................................ ... 100,000 operations minimum @ 1 amp load, 125 o c pull in power ................................ ............ 100 mw approx. operate/release time .................... 4 ms max, excluding bounce time at nominal coil voltage contact bounce time ...................... 2 ms max @ 1 amp 28 vdc cont act load contact resistance before life ......................... 0.050 ohms max @ 1 amp and 6 vdc after life ............................ 0.100 ohms max @ 1 amp and 6 vdc environmental temperature range ............................... - 65 o c to +125 o c vibration (note 2) ............................... 0.4" da 10 - 38 hz, 20 g's 38 - 2,000 hz shock (operating) (not e 2) ........................ 50 g's 11 ms electrical characteristics duty cycle ................................ ........................ continuous insulation resistance 10,000 megohms @ 500v 25 o c 1,000 megohms @ 500v 125 o c dielectric strength: sea level: contact to case ................................ ...... 500 vrms contact to coil ................................ ........ 500 vrms coil to case ................................ ............ 500 vrms ac ross open contacts ........................... 300 vrms 70,000 feet all points ................................ .................. 250 vrms notes: 1. for case grounded loads and other ratings, consult the factory. 2. for applications requiring other shock and vibration levels, consult the factory. 3. for other ratings con sult the factory. 4. relay contacts which have switched high level currents are no longer suitable for switching low level loads. 14930 e. alondra blvd., la mirada, ca 90638 - 5752 (714) 994 - 6500 fax (714) 994 - 3013 w:2000, rev. 2
------------------------------------------------------------- - ------ relay type ------------------------------------------------- nominal coil resistance -------------------------------------- terminal style ----------------------- - ------- mounting type ---------- ---------- nominal coil voltage br5 - 2k b 1 - 26v br5 coil data: model br5 part number br5 - 500()() - 12v br5 - 1k()() - 18v br5 - 2k()() - 26v nominal coil voltage 12 vdc 18 vdc 26 vdc maximum coil voltage 14.8 vdc 22 vdc 32 vdc pull in voltage (max @ +125 o c) 9.5 vdc 14 vdc 18 vdc pull in voltage (max) 6.7 vdc 9.5 vdc 13 vdc drop out voltage (min) 0.67 vdc 0.95 vdc 1.3 vdc coil resistance 10% @ 25 o c 500 ohms 1k ohms 2k ohms schematic terminal view terminal styles mounting codes general notes ? unless otherwise specified, all tests made at nominal coil voltages, @ 25 o c. ? for special coil variations, switching configurations, terminals styles and mounting types, co nsult the factory. ? unless otherwise specified, tolerances on decimal dimensions are .010". ? specifications contained herein are subject to change without notice. 14930 e. alondra blvd., la mirada, ca 90638 - 5752 (714) 994 - 6500 fax (714) 994 - 3013 w:2000, rev. 2


▲Up To Search▲   

 
Price & Availability of BR5-1KC1-18V

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X