Part Number Hot Search : 
ADA4350 BFG17 PJ120A BA80JC5T 2C10LI30 BA6409F 10040 BAV99
Product Description
Full Text Search
 

To Download BFC233620222 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mkp336 2 x2 www.vishay.com vishay bccomponents revision: 18-dec-12 1 document number: 28120 for technical questions, contact: rfi@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 interference suppression film capacitors mkp radial potted type features ? 10 mm to 27.5 mm lead pitch ? supplied loose in box, taped on reel ? material categorization: ? for definitions of compliance please see www.vishay.com/doc?99912 applications for standard across the line x2 applications see also application note: www.vishay.com/doc?28153 note ? for more detailed data and test requirements, contact: rfi@vishay.com quick reference data capacitance range (e12 series) 0.001 f to 2.2 f (pre ferred values acc. to e6) capacitance tolerance 20 %; 10 %; 5 % climatic testing class acco rding to iec 60068-1 55/110/56/b rated ac voltage 310 v ac ; 50 hz to 60 hz permissible dc voltage 800 v dc at 85 c, 630 v dc at 110 c maximum application temperature c ? 470 nf: 110 c (125 c for less than 1000 h), c > 470 nf: 110 c reference standards iec 60384-14 ed 3 and en60384-14 iec 60065, pass. flamm. class b for volumes > 1750 mm 3 cqc ul 60384-14; csa e384-14 dielectric polypropylene film electrodes metallized film construction mono construction encapsulation plastic case, epoxy resin sealed, flame retardant ul-class 94 v-0 leads tinned wire marking c-value; tolerance; rated voltage; sub-class; manufacturers type designation; code for dielectric material; manufacturer location; manufacturers logo; year and week; safety approvals dimensions in millimeters h l t l w ? d t p 0.4
mkp336 2 x2 www.vishay.com vishay bccomponents revision: 18-dec-12 2 document number: 28120 for technical questions, contact: rfi@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 composition of catalog number notes (1) for detailed tape specifications refer to packaging information: www.vishay.com/doc?28139 (2) taped on reel pitch = 27 .5 mm is no t available bfc2 336 2x xx x 2222 (*) 336 2x xx x (*) old ordering code r e b m u n e d o c . l o t - c s n o i s n e m i d d r a d n a t s g n i g a k c a p e p y t 336 2 x2 loose in box lead length 3.5 mm + 1 mm/- 0.5 mm or 3.5 mm 0.3 mm 20 % bfc2 336 20? lead length 5.0 mm 1.0 mm see tables lead length 25.0 mm 2.0 mm bfc2 336 26? taped on reel (1) h = 18.5 mm; p 0 = 12.7 mm bfc2 336 23? loose in box lead length 3.5 mm + 1 mm/- 0.5 mm or 3.5 mm 0.3 mm 10 % bfc2 336 21? s e l b a t e e s m m 0 . 1 m m 0 . 5 h t g n e l d a e l ? 7 2 6 3 3 2 c f b m m 0 . 2 m m 0 . 5 2 h t g n e l d a e l taped on reel (1) h = 18.5 mm; p 0 = 12.7 mm bfc2 336 24? loose in box lead length 3.5 mm + 1 mm/- 0.5 mm or 3.5 mm 0.3 mm 5 % bfc2 336 22? s e l b a t e e s m m 0 . 1 m m 0 . 5 h t g n e l d a e l ? 8 2 6 3 3 2 c f b m m 0 . 2 m m 0 . 5 2 h t g n e l d a e l taped on reel (1) h = 18.5 mm; p 0 = 12.7 mm bfc2 336 25? packaging alternative larger pitch sizes c-tol. code number loose in box lead length 3.5 mm + 1 mm/- 0.5 mm or 3.5 mm 0.3 mm 20 % see tables for details lead length 5.0 mm 1.0 mm lead length 25.0 mm 2.0 mm taped on ree l (1) h = 18.5 mm; p 0 = 12.7 mm loose in box lead length 3.5 mm + 1 mm/- 0.5 mm or 3.5 mm 0.3 mm 10 % lead length 5.0 mm 1.0 mm lead length 25.0 mm 2.0 mm taped on ree l (1)(2) h = 18.5 mm p 0 = 12.7 mm type and pitches 336 2 x2 10.0 mm 15.0 mm 22.5 mm 27.5 mm capacitance (numerically) example: 104 = 10 x 10 = 100 nf multiplier (nf) 0.1 2 13 10 4 100 5
mkp336 2 x2 www.vishay.com vishay bccomponents revision: 18-dec-12 3 document number: 28120 for technical questions, contact: rfi@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 note (1) see voltage proof test for metalized film capacitors: www.vishay.com/doc?28169 specific reference data description value rated ac voltage u rac 310 v permissible dc voltage u rdc 630 v tangent of loss angle: at 1 khz at 10 khz c < 470 nf ? 10 x 10 -4 ? 20 x 10 -4 470 nf ? c ?? 1 f ?? 20 x 10 -4 ? 70 x 10 -4 c > 1 f ? 30 x 10 -4 - rated voltage pulse slope (du/dt) r at 435 v dc - pitch = 10 mm 600 v/s pitch = 15 mm and 7.5 mm (bent back) 400 v/s pitch = 22.5 mm 150 v/s pitch = 27.5 mm 100 v/s r between leads, for c ? 0.33 f at 100 v; 1 min > 15 000 m ? rc between leads, for c > 0.33 f at 100 v; 1 min > 5000 s r between leads and case; 100 v; 1 min > 30 000 m ? withstanding (dc) voltage (cut off current 10 ma) (1) ; rise time ? 1000 v/s: c ? 1 f 2200 v; 1 min c > 1 f 1800 v; 1 min withstanding (ac) voltage between leads and case 2120 v; 1 min max. application temp erature for 0.001 f ? c ? 0.47 f 110 c (125 c for less than 1000 h) max. application temper ature for c > 0.47 f 110 c electrical data and ordering code - pitch 10 mm u rac (v) cap. (f) dimensions w x h x l (mm) mass (g) (3) catalog number bfc2 336 ..... and packaging loose in box reel (500 mm) (1)(2) short leads long leads h = 18.5 mm p 0 = 12.7 mm l t = 3.5 mm + 1 mm/- 0.5 mm l t = 5.0 mm 1.0 mm spq l t = 25.0 mm 2.0 mm spq spq 310 pitch = 10.0 mm 0.4 mm; d t = 0.6 mm 0.06 mm; c-tol. = 20 % 0.0010 4.0 x 10.0 x 12.5 0.6 20102 29131 1000 26102 1250 23102 1400 0.0015 20152 29132 26152 23152 0.0022 20222 29133 26222 23222 0.0033 20332 29134 26332 1000 23332 1100 0.0047 20472 29135 26472 23472 0.0068 20682 29136 26682 23682 0.010 20103 29137 26103 23103 0.015 20153 29138 26153 23153 0.022 20223 29139 26223 23223 0.033 20333 29141 750 26333 750 23333 900 pitch = 10.0 mm 0.4 mm; d t = 0.6 mm 0.06 mm; c-tol. = 10 % 0.0010 4.0 x 10.0 x 12.5 0.6 21102 29154 1000 27102 1250 24102 1400 0.0012 21122 - 27122 24122 0.0015 21152 29155 27152 24152 0.0018 21182 - 27182 24182 0.0022 21222 29156 27222 24222
mkp336 2 x2 www.vishay.com vishay bccomponents revision: 18-dec-12 4 document number: 28120 for technical questions, contact: rfi@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 notes ? spq = standard packing quantity (1) h = in-tape height; p 0 = sprocket hole distance; for detailed specifications refer to packaging information: www.vishay.com/doc?28139 (2) reel diameter = 356 mm is available on request (3) weight for short lead product only 310 pitch = 10.0 mm 0.4 mm; d t = 0.6 mm 0.06 mm; c-tol. = 10 % 0.0027 4.0 x 10.0 x 12.5 0.6 21272 - 1000 27272 1000 24272 1100 0.0033 21332 29157 27332 24332 0.0039 21392 - 27392 24392 0.0047 21472 29158 27472 24472 0.0056 21562 - 27562 24562 0.0068 21682 29159 27682 24682 0.0082 21822 - 27822 24822 0.010 21103 29161 27103 24103 0.012 21123 - 27123 24123 0.015 21153 29162 27153 24153 0.018 21183 - 27183 24183 0.022 21223 29163 27223 24223 0.027 21273 - 750 27273 750 24273 900 0.033 21333 29164 27333 24333 pitch = 10.0 mm 0.4 mm; d t = 0.6 mm 0.06 mm; c-tol. = 5 % 0.0010 4.0 x 10.0 x 12.5 0.6 22102 - 1000 28102 1250 25102 1400 0.0012 22122 - 28122 25122 0.0015 22152 - 28152 25152 0.0018 22182 - 28182 25182 0.0022 22222 - 28222 25222 0.0027 22272 - 28272 1000 25272 1100 0.0033 22332 - 28332 25332 0.0039 22392 - 28392 25392 0.0047 22472 - 28472 25472 0.0056 22562 - 28562 25562 0.0068 22682 - 28682 25682 0.0082 22822 - 28822 25822 0.010 22103 - 28103 25103 0.012 22123 - 28123 25123 0.015 22153 - 28153 25153 0.018 22183 - 28183 25183 0.022 22223 - 28223 25223 0.027 22273 - 750 28273 750 25273 900 0.033 22333 - 28333 25333 electrical data and ordering code - pitch 10 mm u rac (v) cap. (f) dimensions w x h x l (mm) mass (g) (3) catalog number bfc2 336 ..... and packaging loose in box reel (500 mm) (1)(2) short leads long leads h = 18.5 mm p 0 = 12.7 mm l t = 3.5 mm + 1 mm/- 0.5 mm l t = 5.0 mm 1.0 mm spq l t = 25.0 mm 2.0 mm spq spq
mkp336 2 x2 www.vishay.com vishay bccomponents revision: 18-dec-12 5 document number: 28120 for technical questions, contact: rfi@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 notes ? spq = standard packing quantity (1) h = in-tape height; p 0 = sprocket hole distance; for detailed specifications refer to packaging information: www.vishay.com/doc?28139 (2) reel diameter = 356 mm is available on request (3) weight for short lead product only electrical data and ordering code - pitch 15 mm u rac (v) cap. (f) dimensions w x h x l (mm) mass (g) (3) catalog number bfc2 336 ..... and packaging loose in box reel (500 mm) (1)(2) short leads long leads h = 18.5 mm p 0 = 12.7 mm l t = 3.5 mm 0.3 mm l t = 5.0 mm 1.0 mm spq l t = 25.0 mm 2.0 mm spq spq 310 pitch = 15 mm 0.4 mm; d t = 0.60 0.06 mm; c-tol. = 20 % 0.010 5.0 x 11.0 x 17.5 0.98 29001 29273 1000 29097 1000 29004 1100 0.015 29011 29274 29071 29014 0.022 29021 29275 29076 29024 0.033 29031 29276 29082 29034 0.047 20473 29142 26473 23473 0.068 20683 29143 26683 23683 0.10 20104 29144 26104 23104 900 0.15 6.0 x 12.0 x 17.5 1.4 20154 29145 26154 500 23154 650 pitch = 15 mm 0.4 mm; d t = 0.80 0.08 mm; c-tol. = 20 % 0.22 7.0 x 13.5 x 17.5 1.8 20224 29146 500 26224 500 23224 600 pitch = 15 mm 0.4 mm; d t = 0.60 0.06 mm; c-tol. = 10 % 0.010 5.0 x 11.0 x 17.5 0.98 29002 29281 1000 29066 1000 29005 1100 0.012 29007 - 29068 29009 0.015 29012 29282 29072 29015 0.018 29017 - 29074 29019 0.022 29022 29283 29077 29025 0.027 29027 - 29079 29029 0.033 29032 29284 29083 29035 0.039 21393 - 27393 24393 0.047 21473 29165 27473 24473 0.056 21563 - 27563 24563 0.068 21683 29166 27683 24683 900 0.082 21823 - 27823 24823 0.10 21104 29167 27104 500 24104 800 0.12 6.0 x 12.0 x 17.5 1.4 21124 - 27124 24124 650 0.15 21154 29168 27154 24154 pitch = 15 mm 0.4 mm; d t = 0.80 0.08 mm; c-tol. = 10 % 0.18 7.0 x 13.5 x 17.5 1.8 21184 - 500 27184 500 24184 600 0.22 21224 29169 27224 24224 pitch = 15 mm 0.4 mm; d t = 0.60 0.06 mm; c-tol. = 5 % 0.010 5.0 x 11.0 x 17.5 0.98 29003 - 1000 29067 1000 29006 1100 0.012 29008 - 29069 29061 0.015 29013 - 29073 29016 0.018 29018 - 29075 29062 0.022 29023 - 29078 29026 0.027 29028 - 29081 29063 0.033 29033 - 29084 29036 0.039 22393 - 28393 25393 0.047 22473 - 28473 25473 0.056 22563 - 28563 25563 0.068 22683 - 28683 25683 900 0.082 22823 - 28823 25823 0.10 22104 - 28104 500 25104 800 0.12 6.0 x 12.0 x 17.5 1.4 22124 - 28124 25124 650 0.15 22154 - 28154 25154 pitch = 15 mm 0.4 mm; d t = 0.80 0.08 mm; c-tol. = 5 % 0.18 7.0 x 13.5 x 17.5 1.8 22184 - 500 28184 500 25184 600
mkp336 2 x2 www.vishay.com vishay bccomponents revision: 18-dec-12 6 document number: 28120 for technical questions, contact: rfi@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 notes ? spq = standard packing quantity (1) h = in-tape height; p 0 = sprocket hole distance; for detailed specifications refer to packaging information: www.vishay.com/doc?28139 (2) reel diameter = 356 mm is available on request (3) weight for short lead product only electrical data and ordering code - pitch 22.5 mm u rac (v) cap. (f) dimensions w x h x l (mm) mass (g) (3) catalog number bfc2 336 ..... and packaging loose in box reel (500 mm) (1)(2) short leads long leads h = 18.5 mm p 0 = 12.7 mm l t = 3.5 mm 0.3 mm l t = 5.0 mm 1.0 mm spq l t = 25.0 mm 2.0 mm spq spq 310 pitch = 22.5 mm 0.4 mm; d t = 0.80 mm 0.08 mm; c-tol. = 20 % 0.15 6.0 x 15.5 x 26.0 2.4 29041 29277 300 29087 500 29044 600 0.22 29051 29278 29093 29053 550 0.33 20334 29147 26334 23334 450 0.47 7.0 x 16.5 x 26.0 2.9 20474 29148 200 26474 500 23474 400 pitch = 22.5 mm 0.4 mm; d t = 0.80 mm 0.08 mm; c-tol. = 10 % 0.12 6.0 x 15.5 x 26.0 2.4 29037 - 300 29085 500 29039 600 0.15 29042 29285 29088 29045 0.18 29047 - 29091 29049 550 0.22 29052 29286 29094 29054 0.27 21274 - 27274 24274 450 0.33 21334 29171 27334 24334 0.39 7.0 x 16.5 x 26.0 2.9 21394 - 200 27394 24394 400 0.47 21474 29172 27474 24474 pitch = 22.5 mm 0.4 mm; d t = 0.80 mm 0.08 mm; c-tol. = 5 % 0.12 6.0 x 15.5 x 26.0 2.4 29038 - 300 29086 500 29064 600 0.15 29043 - 29089 29046 0.18 29048 - 29092 29065 550 0.22 22224 - 28224 25224 0.27 22274 - 28274 25274 450 0.33 7.0 x 16.5 x 26.0 2.9 22334 - 200 28334 25334 0.39 22394 - 28394 25394 400
mkp336 2 x2 www.vishay.com vishay bccomponents revision: 18-dec-12 7 document number: 28120 for technical questions, contact: rfi@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 notes ? spq = standard packing quantity (1) weight for short lead product only electrical data and ordering code - pitch 27.5 mm u rac (v) cap. (f) dimensions w x h x l (mm) mass (g) (1) catalog number bfc2 336 ..... and packaging loose in box short leads long leads l t = 3.5 mm 0.3 mm l t = 5.0 mm 1.0 mm spq l t = 25.0 mm 2.0 mm spq 310 pitch = 27.5 mm 0.4 mm; d t = 0.80 mm 0.08 mm; c-tol. = 20 % 0.47 9.0 x 19.0 x 31.5 5.5 29055 29279 100 29095 150 0.68 20684 29149 26684 125 1.0 11.0 x 21.0 x 31.0 7.4 20105 29151 26105 1.5 13.0 x 23.0 x 31.0 9.2 20155 29152 26155 2.2 15.0 x 25.0 x 31.5 12.3 20225 29153 26225 75 pitch = 27.5 mm 0.4 mm; d t = 0.80 mm 0.08 mm; c-tol. = 10 % 0.47 9.0 x 19.0 x 31.5 5.5 29056 29287 100 29096 150 0.56 21564 - 27564 125 0.68 21684 29173 27684 0.82 11.0 x 21.0 x 31.0 7.4 21824 - 27824 1.0 21105 29174 27105 1.2 13.0 x 23.0 x 31.0 9.2 21125 - 27125 1.5 21155 29175 27155 1.8 15.0 x 25.0 x 31.5 12.3 21185 - 27185 75 2.2 21225 29176 27225 pitch = 27.5 mm 0.4 mm; d t = 0.80 mm 0.08 mm; c-tol. = 5 % 0.47 9.0 x 19.0 x 31.5 5.5 22474 - 100 28474 125 0.56 22564 - 28564 0.68 22684 - 28684 0.82 11.0 x 21.0 x 31.0 7.4 22824 - 28824 1.0 22105 - 28105 1.2 13.0 x 23.0 x 31.0 9.2 22125 - 28125 1.5 22155 - 28155 1.8 15.0 x 25.0 x 31.5 12.3 22185 - 28185 75 2.2 22225 - 28225
mkp336 2 x2 www.vishay.com vishay bccomponents revision: 18-dec-12 8 document number: 28120 for technical questions, contact: rfi@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 mounting normal use the capacitors are designed for mounting on printed-circuit boa rds.the capacitors packed in bandoliers are designed for mounting in pinted-circuit boards by means of automatic insertion machines. for detailed tape specifications refer to packaging information: www.vishay.com/doc?28139 specific method of mounting to withstand vibration and shock in order to withstand vibration and shock te sts, it must be insured that the stand-o ff pips are in good contact with the printe d circuit board: ? for pitches ? 15 mm capacitors shall be me chanically fixed by the leads ? for larger pitches the capacitors shall be mo unted in the same way and the body clamped. space requirements on printed circuit board the maximum space for length (i max. ), width (w max. ) and height (h max. ) of film capacitors to take in account on the printed circuit board is shown in the drawings. ? for products with pitch ? 15 mm, ? w = ? l = 0.3 mm; ? h = 0.1 mm ? for products with 15 mm < pitch ? 27.5 mm, ? w = ? l = 0.5 mm; ? h = 0.1 mm eccentricity defined as in drawing. the ma ximum eccentricity is smalle r than or equal to the lead diameter of the product concerned. soldering conditions for general soldering conditions and wave solder ing profile, we refer to the application note: ? soldering guidelines for film capacitors: www.vishay.com/doc?28171 storage temperature t stg = - 25 c to + 35 c with rh maximum 75 % without condensation ratings and characteristi cs reference conditions unless otherwise specified, all electrical va lues apply to an ambient temperature of 23 c 1 c, an atmospheric pressure of 86 kpa to 106 kpa and a relative humidity of 50 % 2 %. for reference testing, a conditio ning period shall be applied over 96 h 4 h by heating the products in a circulating air oven at the rated temperature and a relative humidity not exceeding 20 %. approvals safety approvals x2 voltage value file numbers en60384-14 (enec) ? (= iec 60384-14) 310 v ac 1 nf to 2.2 f fi 2008038 a1 ul 60384-14 310 v ac 1 nf to 2.2 f e354331 csa-e 384-14 310 v ac 1 nf to 2.2 f e354331 cqc 310 v ac 1 nf to 2.2 f cqc07001021280 (l) cqc04001009262 (f) cb test certificate 310 v ac 1 nf to 2.2 f fi 5123 a1 the enec-approval together with the cb-certificate replace all na tional marks of the following countries (they have already sig ned the enec-agreement): austria; belgium; czech. republic; denmark; finl and; france; germany; greece; hungary; ireland; italy; luxembo urg; netherlands; norway; portugal; slovenian; spain; sweden; switzerland and united kingdom. cba116 eccentricity w max. = w + h max. = h + i max. = i + seating plane
mkp336 2 x2 www.vishay.com vishay bccomponents revision: 18-dec-12 9 document number: 28120 for technical questions, contact: rfi@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 characteristics capacitance as a function of ambient temperature (typical curve) tangent of loss angle as a function of frequency (typical curve) max. rms voltage as a function of frequency (typical curve) impedance as a function of frequency (typical curve) resonant frequency as a function of capacitance (typical curve) max. rms current as a function of frequency (typical curve) typical - 50 c/c (%) 2 - 2 - 4 - 6 0 050100 t amb (c) 4 min. max. dissipation factor (x 10 -4 ) c > 1 f c 10 nf 10 nf < c 47 nf 47 nf < c 220 nf 220 nf < c 1 f 10 3 10 2 10 1 10 0 10 1 10 2 10 3 10 4 10 5 f (hz) t amb 110 c ac voltage (v) 10 3 10 2 10 1 f (hz) 10 1 10 2 10 3 10 4 10 5 10 nf 47 nf 100 nf 470 nf 1000 nf 4.7 nf 1 nf impedance ( ) 10 3 10 1 10 -2 10 0 f (hz) 10 6 10 4 10 5 10 7 10 8 10 -1 x2 10 2 10 1 10 0 10 -1 110 100 1000 10 000 f (mhz) c (nf) 470 nf 100 nf 47 nf 10 nf 1000 nf 1nf 2200 nf 4.7 nf ac current (ma) 10 4 10 2 10 0 10 1 f (hz) 10 1 10 2 10 3 10 4 10 5 10 -1 t amb 110 c
mkp336 2 x2 www.vishay.com vishay bccomponents revision: 18-dec-12 10 document number: 28120 for technical questions, contact: rfi@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 insulation resistance application notes ? for x2 electromagnetic in terference suppression in standard across the line applications (50/60 hz) with a maximum mains voltage of 310 v ac . ? for series impedance applications we refer to the application note www.vishay.com/doc?28153 ? for capacitors connected in parallel, normally the proof voltage and possibl y the rated voltage mu st be reduced. for information depending of the capacitance value and the number of parallel connections contact: rfi@vishay.com . ? these capacitors are not intended for continuous pulse applic ations. for these situations, capacitors of the ac and pulse programs must be used. ? the maximum ambient temperature must not exceed 110 c (125 c for less than 1000 h) for c ? 470 nf and 110 c for c > 470 nf ? rated voltage pulse slope: ? if the pulse voltage is lower than the rated voltage, the values of the specific reference data can be multiplied by 435 v dc and divided by the applied voltage inspection requirements general notes sub-clause numbers of tests and perfo rmance requirements refer to the secti onal specification, iec publication iec 60384-14 ed 3 and specific reference data. group c inspection requirements sub-clause number and test condi tions performance requirements sub-group c1a part of sample of sub-group c1 4.1 dimensions (detail) as specified in chapters general data of this specification ? initial measurements capacitance tangent of loss angle: for c ? 1 f at 10 khz for c > 1 f at 1 khz ? 4.3 robustness of terminatio ns tensile: load 10 n; 10 s bending: load 5 n; 4 x 90 ? no visible damage 4.4 resistance to sold ering heat no pre-drying method: 1a solder bath: 280 c 5 c duration: 10 s 10 6 10 5 10 4 0 20 40 60 80 100 t amb (c) rc (s)
mkp336 2 x2 www.vishay.com vishay bccomponents revision: 18-dec-12 11 document number: 28120 for technical questions, contact: rfi@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 sub-group c1a part of sample of sub-group c1 4.19 component solvent resistance isopropylalcohol at room temperature method: 2 immersion time: 5 min 0.5 min recovery time: min. 1 h, max. 2 h ? 4.4.2 final measurements visual examination no visible damage legible marking ? capacitance | ? c/c| ? 5 % of the value measured initially ? tangent of loss angle increase of tan ? : ? ? 0.008 for: c ? 1 f or ? ? 0.005 for: c > 1 f compared to values measured initially ? insulation resistance as specified in section insulation resistance of this specification sub-group c1b part of sample of sub-group c1 initial measurements capacitance tangent of loss angle: for c ? 1 f at 10 khz for c > 1 f at 1 khz ? 4.20 solvent resistance of the marking: see section ? general notes; item 5 isopropylalcohol at room temperature method: 1 rubbing materi al: cotton wool immersion time: 5 min 0.5 min ? no visible damage legible marking 4.6 rapid change of temperature ? a = - 55 c ? ? b = + 110 c ? 5 cycles ? duration t = 30 min ? 4.6.1 inspection visual examination no visible damage ? 4.7 vibration mounting: see se ction mounting of this specification procedure b4 frequency range: 10 hz to 55 hz amplitude: 0.75 mm or acceleration 98 m/s2 (whichever is less severe) total duration 6 h ? 4.7.2 final inspection visual examination no visible damage ? 4.9 shock mounting: see section mount ing for more information pulse shape: half sine acceleration: 490 m/s2 duration of pulse: 11 ms group c inspection requirements sub-clause number and test condi tions performance requirements
mkp336 2 x2 www.vishay.com vishay bccomponents revision: 18-dec-12 12 document number: 28120 for technical questions, contact: rfi@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 sub-group c1b part of sample of sub-group c1 4.9.2 final measurements visual examination no visible damage ? capacitance | ? c/c| ? 5 % of the value measured initially ? tangent of loss angle increase of tan ? : ? ? 0.008 for: c ? 1 f or ? ? 0.005 for: c > 1 f ? compared to values measured initially ? insulation resistance as specified in section insulation resistance of this specification sub-group c1 ? combined sample of specimens of sub-groups ? c1a and c1b 4.11 climatic sequence ? 4.11.1 initial measur ements capacitance measured in 4.4.2 and 4.9.2 tangent of loss angle: measured initially in c1a and c1b ? 4.11.2 dry heat temperature: 110 c ? 4.11.3 damp heat cyclic test db first cycle ? duration: 16 h 4.11.4 cold temperature: - 55 c ? 4.11.5 damp heat cyclic ? test db ? remaining cycles ? duration: 2 h 4.11.6 final measurements visual examination no visible damage ? legible marking ? capacitance | ? c/c| ? 5 % of the value measured in 4.11.1. ? tangent of loss angle increase of tan ? : ? ? 0.008 for: c ? 1 f or ? ? 0.005 for: c > 1 f ? compared to values measured in 4.11.1. ? voltage proof ? 1350 v dc ; 1 min between terminations no permanent breakdown or flash-over ? ? insulation resistance ? 50 % of values specifie d in section insulation resistance of this specification sub group c2 4.12 damp heat steady state 56 days, 40 c, 90 % to 95 % rh ? no load ? 4.12.1 initial measur ements capacitance ? tangent of loss angle at 1 khz group c inspection requirements sub-clause number and test condi tions performance requirements
mkp336 2 x2 www.vishay.com vishay bccomponents revision: 18-dec-12 13 document number: 28120 for technical questions, contact: rfi@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 sub group c2 4.12.3 final measurements visual examination no visible damage ? legible marking ? capacitance | ? c/c| ? 5 % of the value measured in 4.12.1. ? tangent of loss angle increase of tan ? : ? ? 0.008 for: c ? 1 f or ? ? 0.005 for: c > 1 f ? compared to values measured in 4.12.1. ? voltage proof ? 1350 v dc ; 1 min between terminations ? no permanent breakdown or flash-over insulation resistance ? 50 % of values specifie d in section insulation resistance of this specification sub-group c3 4.13.1 initial measur ements capacitance ? tangent of loss angle: ? for c ? 1 f at 10 khz ? for c > 1 f at 1 khz ? 4.13 impulse voltage 3 successive impulses, full wave, peak voltage: ? 2.5 kv for c ? 1 f ? 2.5 kv/ ? c for c > 1 f ? max. 24 pulses ? no selfhealing breakd owns or flashover 4.14 endurance duration: 1000 h ? 1.25 x u rac at 110 c ? once in every hour the voltage is increased to ? 1000 v rms for 0.1 s via resistor of 47 ? 5 % ? 4.14.7 final measurements visual examination no visible damage ? legible marking ? capacitance | ? c/c| ? 10 % compared to values measured in ? 4.13.1. ? tangent of loss angle increase of tan ? : ? ? 0.008 for: c ? 1 f or ? ? 0.005 for: c > 1 f ? compared to values measured in 4.13.1. ? voltage proof 1350 v dc ; 1 min between terminations 2120 v ac ; 1 min between terminations ? and case ? no permanent breakdown or flash-over ? insulation resistance ? 50 % of values specifie d in section insulation resistance of this specification sub-group c4 4.15 charge and discharge 10 000 cycles ? charged to 435 v dc ? discharge resistance: ? ? ? group c inspection requirements sub-clause number and test condi tions performance requirements r 435 v dc 1.25 x c du/dt ?? ----------------------------------------------- - =
mkp336 2 x2 www.vishay.com vishay bccomponents revision: 18-dec-12 14 document number: 28120 for technical questions, contact: rfi@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 sub-group c4 4.15.1 initial measur ements capacitance ? tangent of loss angle: ? for c ? 1 f at 10 khz ? for c > 1 f at 1 khz ? 4.15.3 final measur ements capacitance | ? c/c| ? 10 % compared to values measured in 4.15.1. ? tangent of loss angle increase of tan ? : ? ? 0.008 for: c ? 1 f or ? ? 0.005 for: c > 1 f ? compared to values measured in 4.15.1. ? insulation resistance ? 50 % of values specifie d in section insulation resistance of this specification sub-group c5 4.16 radio frequency characteristic resonance frequency ? 0.9 times the value as specified in section resonant frequency of this specification sub-group c6 4.17 passive flammability class b bore of gas jet: ? 0.5 mm fuel: butane test duration for actu al volume v in mm3: v ? 250: 10 s 250 < v ? 500: 20 s 500 < v ? 1750: 30 s v > 1750: 60 s one flame application after removing test flame from capacitor, the capacitor must not continue to burn for more than 10 s. no burning particle must drop from the sample. sub-group c7 4.18 active flamma bility 20 cycles of 2.5 kv discharges on the test capacitor connected to u rac . the cheese cloth around the capacitors shall not burn with a flame. no electrical measurements are required. group c inspection requirements sub-clause number and test condi tions performance requirements 45.0 ~ 8 mm 12 mm
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.
mouser electronics authorized distributor click to view pricing, inventory, delivery & lifecycle information: vishay: ? bfc233626104? bfc233623104? bfc233620332? bfc233620103? bfc233620104? bfc233620225? bfc233624334 ? bfc233629088? bfc233626334? bfc233629083? bfc233629022? bfc233624223? bfc233627105? bfc233623682 ? bfc233620224? bfc233620105? bfc233629021? bfc233620334? bfc233620474? bfc233620473? BFC233620222 ? bfc233620333? bfc233620152? bfc233627103? bfc233629024? bfc233629087? bfc233627683? bfc233624332 ? bfc233629072? bfc233620154? bfc233627153? bfc233629297? bfc233620153? bfc233627152? bfc233629077 ? bfc233620155? bfc233629015? bfc233629014? bfc233623153? bfc233629011? bfc233621105? bfc233621155 ? bfc233623152? bfc233629012? bfc233621153? bfc233621103? bfc233629044? bfc233621154? bfc233627154 ? bfc233626223? bfc233623474? bfc233629096? bfc233621473? bfc233629093? bfc233623472? bfc233623473 ? bfc233629094? bfc233620102? bfc233629034? bfc233627223? bfc233623102? bfc233626472? bfc233620682 ? bfc233626474? bfc233621334? bfc233620683? bfc233629035? bfc233624102? bfc233624103? bfc233629032 ? bfc233620684? bfc233629031? bfc233624104? bfc233621332? bfc233629045? bfc233629041? bfc233624152 ? bfc233626224? bfc233621472? bfc233626225? bfc233624153? bfc233626222? bfc233621333? bfc233623332 ? bfc233629005? bfc233629004? bfc233629001? bfc233627474? bfc233621222? bfc233621152? bfc233627473 ? bfc233627333? bfc233627472? bfc233624682? bfc233621224? bfc233626152? bfc233621225? bfc233627334 ? bfc233623334? bfc233627104


▲Up To Search▲   

 
Price & Availability of BFC233620222

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X