Part Number Hot Search : 
S74HC164 NCP2890D MB40166 TLP361 215S12 AT24C01A KBL03 28502
Product Description
Full Text Search
 

To Download BCM8706 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  BCM8706 ? xaui? to serial 10g base-lrm transceiver BCM8706 functional block diagram ? meets and exceeds industry standard ? ieee 802.3ae ? ieee802.3aq ? high-performance mode supports 300m of mmf fiber. ? low-power mode supports 220m of mmf, as specified in the 802.3aq standard. ? integrated agc with a dynamic range of 60 mv?700 mv ? multiple interface support ? 4 lane xaui? (3.125 gbps) ? xfp/xfi ? programmable amplitude control on 10g serial transmitter ? pmd - serial 10.3125-gbps cml ? receive equalization on xaui and 10g serial interfaces ? power dissipation: < 1.5w (low-power mode) ? core supply: 1.0v; i/o: 3.3v ? reference clock output for xfp module reference clock ? loss-of-signal detection ? link activity indicator outputs ? xaui transmit pre-emphasis for transmission over backplanes ? mdio interface compliant to ieee 802.3ae clause 45 with extended indirect address register access ? single reference clock input, enables use of low-cost 25-mhz crystal or 156.25-mhz oscillator. ? integrated micro-controller, no external memory required ? support for xenpak/x2 3.0 and xpak msa optical module standards and the emerging sfp+ standard ? simplifies manufacturability with integrated built-in self test (bist) and loopback modes on the 10-g serial and xaui interfaces. ? standard i 2 c serial interface support for external e2 and xfp. ? xaui link synchronization/deskew ? xgxs 8b/10b error detection endec ? pcs 64b/66b scrambler/descrambler ? xenpak, x2 modules for lrm ? direct attach to sfp+ modules ? network interface cards (nics) features summary of benefits applications 10.3125 gbps optical pmd e2 otx orx BCM8706 xaui rs mac media access controller interface xgxs interface management 25m or 156.25m mdc mdio mmf edc refclk 2 ic
overview ? phone: 949-450-8700 fax: 949-450-8710 e-mail: info@broadcom.com web: www.broadcom.com broadcom corporation 16215 alton parkway, p.o. box 57013 irvine, california 92619-7013 ? 2006 by broadcom corporation. all rights reserved. 8706-pb00-r 05/16/06 broadcom ? , the pulse logo, connecting everything ? , and the connecting everything logo are among the trademarks of broadcom corporation and/or its aff iliates in the united states, certain other countries and/or the eu. any other trademarks or trade name s mentioned are the property of their respective owners. BCM8706 reference design the BCM8706 incorporates a receive equalizer that supports electronic dispersion compensation (edc) over multimode fiber (mmf). the edc equalizer is designed for applications over mmf covering distances up to 220m of om1, om2, om3 fiber as per the ieee standard. the BCM8706 will be fully compliant with the ieee802.3aq standard. in enhanced performance mode, the BCM8706 is capable of supporting up to 300m over om1, om2, and om3 fiber. an onboard microcontroller implements the control algorithm for the mmf edc dsp core. on-chip clock synthesis is performed by the high-frequency low-jitter phase-locked loops for the pmd and xaui output retimers. individual pmd and xaui clock recovery is performed on the device by synchronizing directly to the respective incoming data streams. an external 25-mhz or 156.25-mhz osc illator is required for the reference clock input. the BCM8706 ethernet lrm phy is a fully integrated serdes (10.3125 gbps) interface device performing the extension functions for a 10-gbe reconciliation sublayer (rs) interface. the xgxs, pcs, and pma functions include 8b/10b coding, 64b/66b coding, serdes, clock multiplication unit (cmu), and clock and data recovery (cdr). the BCM8706 is available in a 13 mm 13 mm, 256-pin fbga, rohs compliant package. mdio mdc prtad[4:0] rstb lasi sda scl 3.125 gbps 25 m hz, 156.25 m hz 3.125 gbps xdon xdop xaon xaop serializer serializer 8b/10b encoder 8b/10b encoder 322.26m 312.5m BCM8706 elastic fifo gearbox mmf edc dsp core agc pdip pdin cdr and deserializer randomizer 156.25m refclkn refclkp refclk block 10.3125 gbps spi 312.5m 322.26m pdop pdon 64/66b synchronizer descrambler decoder gearbox cmur and serializer elastic fifo lane alignment fifo 312.5m uc 8k rom 8k ram dll and de-serializer dll and de-serializer sync. detect lane sync 8b/10b decoder sync. detect lane sync 8b/10b decoder xdin xdip xain xaip management and control interface i2c serial interface jtag cmu lane alignment fifo spi xaui bist generator pmdbistgenerator xaui bist checker pmdbistchecker prbs genertor and checker oprxlos optmpflt opbiasflt oppwflt optxenb oprstb optics control and status 64/66b synchronizer descrambler decoder


▲Up To Search▲   

 
Price & Availability of BCM8706

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X