Part Number Hot Search : 
1N5369B LZ23H3V1 JRC4558D AQV215A LC863096 SK52B1 2N2326S OP755C
Product Description
Full Text Search
 

To Download AWT6625ARM45P9 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  aw t6625a awt6625a help4 tm umts800 (band 5) wcdma, cdma multimode pam data sheet - rev 2.6 m45 package 10 pin 3 mm x 3 mm x 1 mm surface mount module figure 1: block diagram features ? multimode (hspa, evdo compliant) ? 4th generation help tm technology ? high effciency (r99): ? 41 % @ p out = +28.6 dbm ? 27 % @ p out = +17 dbm ? 17 % @ p out = +13.5 dbm ? 18 % @ p out = +7 dbm ? 11 % @ p out = +3.5 dbm ? low quiescent current: <3 ma ? low leakage current in shutdown mode: <5 a ? internal voltage regulator ? integrated daisy chainable directional coupler with cpl in and cpl out port. ? internal dc blocks on all rf ports ? optimized for a 50 ? system ? 1.8v control logic ? rohs compliant package, 260 o c msl-3 applications ? band 5 ? band classes 0 & 10 cdma/evdo wireless devices product description the awt6625a help4 tm pa is the 4th generation help tm product for wcdma devices operating in umts800 (band 5) and for cdma devices operating in cell-band. this pa incorporates anadigics help4 tm technology to deliver exceptional effciency at low power levels and low quiescent current without the need for external voltage regulators or converters. the device is manufactured using advanced ingap- plus tm hbt technology offering state-of-the-art reliability, temperature stability, and ruggedness. three selectable bias modes that optimize effciency for different output power levels and a shutdown mode with low leakage current increase handset talk and standby time. a daisy chainable directional coupler is integrated in the module thus eliminating the need of an external coupler. the self-contained 3 mm x 3 mm x 1 mm surface mount package incorporates matching networks optimized for output power, effciency, and linearity in a 50 ? system. 1 2 3 4 5 10 9 8 7 6 v bat t rf in v mode 2 v mode 1 v en cp l ou t gn d cp l in rf ou t v cc bias contro l voltage regulatio n cp l gnd at slug (pad ) 02/2012
2 figure 2: pinout (x-ray top view) table 1: pin description v bat t rf in v mode 2 v mode 1 v en 1 2 3 4 56 7 8 9 10 cp l ou t gn d cp l in rf ou t v cc 1 2 3 4 56 7 8 9 10 pin name description 1 v batt battery voltage 2 rf in rf input 3 v mode2 mode control voltage 2 4 v mode1 mode control voltage 1 5 v en pa enable voltage 6 cpl out coupler output 7 gnd ground 8 cpl in coupler input 9 rf out rf output 10 v cc supply voltage data sheet - rev 2.6 02/2012 awt6625a
3 electrical characteristics table 2: absolute minimum and maximum ratings stresses in excess of the absolute ratings may cause permanent damage. functional operation is not implied under these conditions. exposure to absolute ratings for extended periods of time may adversely affect reliability. table 3: operating ranges the device may be operated safely over these conditions; however, parametric performance is guaranteed only over the conditions defned in the electrical specifcations. parameter min max unit supply voltage (v cc ) 0 +5 v battery voltage (v batt ) 0 +6 v control voltages (v mode1 , v mode2 , v en ) 0 +3.5 v rf input power (p in ) - +10 dbm storage temperature (t stg ) -40 +150 c note: (1) for operation at 3.2 v, p out is derated by 0.5 db. pa ra me te r mi n ty p ma x uni t co mme nt s o per at in g fr equ en cy (f )8 14 -8 49 mh z su ppl y vo lt age (v cc )+ 3. 2+ 3. 4+ 4. 35 vp ou t + 28. 6 db m en abl e vo lt age (v en ) +1 .3 5 0 +1 .8 - +3 .1 +0 .5 v pa "o n" pa "s hut dow n" m ode co nt ro l vo lt age (v mo de 1 , v mo de 2 ) +1 .3 5 0 +1 .8 - +3 .1 +0 .5 v low bi as m ode hi gh bi as m ode um ts ou pu t po we r r 99, hp m hs pa (mp r = 0) , hp m r 99, mp m hs pa (mp r = 0) , mp m r 99, lp m hs pa (mp r = 0) , lp m 28. 1 (1 ) 27. 1 (1 ) 16.5 15.5 - - 28. 6 27. 6 17 .0 16 .0 7 6. 0 - - - - - - db m 3g pp ts 34 .1 21 -1 , re l 8 t abl e c. 11 .1 .3 fo r wc dm a su bt est 1 cdma ou tp ut po we r hp m mp m lp m 27. 2 (1 ) - - 27. 7 16 .0 6.5 - - - db mc dm a 2000 , rc 1 ca se te mp er at ur e (t c )- 30 -+ 90  c data sheet - rev 2.6 02/2012 awt6625a
4 table 4: electrical specifcations - wcdma operation (r99 modulation) (t c = +25 c, v cc = +3.4 v, v batt = +3.4 v, v en = +1.8 v, 50 ? system) notes: (1) aclr and effciency measured at 836.5 mhz. pa ra me te r mi n ty p ma x unit co mments p ou t v mo de 1 v mo de 2 ga in 26 16 10 28.5 19 13 .5 31.5 21.5 16 db p ou t = + 28. 6 db m p ou t = +1 7 db m p ou t = +7 db m 0 v 1. 8 v 1. 8 v 0 v 0 v 1. 8 v ac lr 1 at 5 mh z o ffs et (1 ) - - - -42 -4 2 -41 -3 7 - 36.5 -36.5 db c p ou t = + 28. 6 db m p ou t = +1 7 db m p ou t = +7 db m 0 v 1. 8 v 1. 8 v 0 v 0 v 1. 8 v ac lr 2 at 10 mh z o ffs et - - - -5 7 -5 9 -6 0 -4 8 -4 8 -4 8 db c p ou t = + 28. 6 db m p ou t = +1 7 db m p ou t = +7 db m 0 v 1. 8 v 1. 8 v 0 v 0 v 1. 8 v po we r-a dded e ffi ci en cy (1 ) 37 23 - 15 - 41.5 27 17 18 11 - - - - - % p ou t = + 28. 6 db m p ou t = +1 7 db m p ou t = +1 3. 5 db m p ou t = +7 db m p ou t = +3 .5 db m 0 v 1. 8 v 1. 8 v 1. 8 v 1. 8 v 0 v 0 v 0 v 1. 8 v 1. 8 v qu ie sce nt cu rre nt (i cq ) low bi as m ode -3 4. 5m at hr ou gh v cc pi n1 .8 v1 .8 v m ode co nt ro l cu rre nt -0 .0 60 .1 2m at hr ou gh v mo de pi ns , v mo de = 1. 8 v en abl e cu rre nt -0 .0 40 .1 ma th ro ug h v en pi n ba tt cu rre nt -0 .7 1. 4m a th ro ug h v ba tt pi n, v mo de 1 = +1 .8 v, v mo de 2 = +1 .8 v leakage cu rre nt -< 51 0 a v ba tt = +4 .2 v, v cc = +4 .2 v, v en = 0 v, v mo de = 0 v, v mo de 1 = 0 v no is e in re ce iv e ba nd -- 13 4- db m/ hz 869 mh z to 894 mh z ha rm on ic 2 fo 3 fo , 4 fo - - -4 6 -5 0 -3 5 -4 2 db cp ou t + 28. 6 db m co up li ng fact or - 20. 5- db dir ec ti vi ty -2 0- db co up le r in _o ut da is y ch ai n in se rt io n loss -< 0. 35 -d b 698 mh z to 2620 mh z pi n 8 - 6, sh ut dow n m ode sp ur io us ou tp ut lev el (a ll sp ur io us ou tp ut s) -- -7 0d bc p ou t < + 28. 6 db m in - ban d lo ad vswr < 5: 1 ou t- of -b an d l oad vswr < 10 :1 a ppl ie s ov er al l oper at in g co nd it io ns load mi sm at ch st re ss wi th no per ma ne nt degr adat io n or fa il ur e 8: 1- - vsw ra ppl ie s ov er fu ll oper at in g ra ng e data sheet - rev 2.6 02/2012 awt6625a
5 table 5: electrical specifcations - cdma2000 operation (rc-1 waveform) (t c = +25 c, v batt = v cc = +3.4 v, v enable = +1.8 v, 50 ? system) notes: (1) aclr and effciency measured at 836.5 mhz. pa ra me te r mi n ty p ma x uni t co mments p ou t v mo de 1 v mo de 2 ga in 26 15 10 29 19 13 .5 32 22 16 db p ou t = +2 7. 7 db m p ou t = +1 6 db m p ou t = +6 .5 db m 0 v 1. 8 v 1. 8 v 0 v 0 v 1. 8 v ad ja ce nt ch a nne l po we r at 885 kh z o ffs et (1 ) pr im ar y ch an ne l bw = 1. 23 mh z ad ja ce nt ch a nne l bw = 30 kh z - - - -5 0 -5 0 -5 1 -4 6. 5 -4 6. 5 -4 6. 5 db c p ou t = +2 7. 7 db m p ou t = +1 6 db m p ou t = +6 .5 db m 0 v 1. 8 v 1. 8 v 0 v 0 v 1. 8 v ad ja ce nt ch a nne l po we r at 1. 98 mh z o ffs et (1 ) pr im ar y ch an ne l bw = 1. 23 mh z ad ja ce nt ch a nne l bw = 30 kh z - - - -5 9 -6 0 -5 9 -5 6 -5 6 -5 6 db c p ou t = +2 7. 7 db m p ou t = +1 6 db m p ou t = +6 .5 db m 0 v 1. 8 v 1. 8 v 0 v 0 v 1. 8 v po we r-a dded e ffi ci en cy (1 ) 33 20 13 37 23 16.5 - - - % p ou t = +2 7. 7 db m p ou t = +1 6 db m p ou t = +6 .5 db m 0 v 1. 8 v 1. 8 v 0 v 0 v 1. 8 v sp ur io us ou tp ut leve l (a ll sp ur io us ou tp ut s) -- -7 0d bc p ou t < + 27. 7 db m in -b an d load vswr < 5: 1 ou t- of -b an d load vswr < 10 :1 ap pl ie s ov er a ll oper at in g co nd it io ns load mi sm at ch st re ss wi th no per ma ne nt degr adat io n or fa il ur e 8: 1- - vsw ra ppli es ov er a ll oper at in g co nd it io ns data sheet - rev 2.6 02/2012 awt6625a
6 application information table 6: bias control figure 3: evaluation board schematic to ensure proper performance, refer to all related application notes on the anadigics web site: http://www.anadigics.com shutdown mode the power amplifer may be placed in a shutdown mode by applying logic low levels (see operating ranges table) to the v en , v mode1 and v mode2 voltages. bias modes the power amplifer may be placed in either low, medium or high bias modes by applying the appropriate logic level (see operating ranges table) to the v mode voltages. the bias control table below lists the recommended modes of operation for various applications. three operating modes are recommended to optimize current consumption. high bias/high power operating mode is for p out levels > 17 dbm. at ~17 dbm - 7 dbm, the pa should be mode switched to medium power mode. for p out levels < ~7 dbm, the pa can be switched to low power mode for even lower quiescent current consumption. c3 330 pf c4 2.2 f ceramic rf in 1 6 7 10 8 5 4 3 v batt v mode1 rf out rf in gnd v cc v en cpl out v cc c1 0.01 f v batt v mode 1 v en cpl in v mode 2 29 v mode2 c5 2.2 f c2 0.01 f gnd at slug cpl in cpl out rf out c9 100 pf a ppl ic at ion p ou t l evels bi as mo de v en v mo de 1 v mo de 2 v cc v ba tt low powe r ( low bi as mo de) +7 db m low+ 1. 8 v+ 1. 8 v+ 1. 8 v3 .2 - 4. 35 v> 3. 2 v m ed powe r (medi um bi as mo de) > 7 db m +1 7 db m low+ 1. 8 v+ 1. 8 v0 v3 .2 - 4. 35 v> 3. 2 v hi gh powe r (h ig h bi as mo de) > +1 7 db mh ig h+ 1. 8 v0 v0 v3 .2 - 4. 35 v> 3. 2 v sh ut down -s hutd ow n0 v0 v0 v3 .2 - 4. 35 v> 3. 2 v data sheet - rev 2.6 02/2012 awt6625a
7 figure 4: m45 package outline - 10 pin 3 mm x 3 mm x 1 mm surface mount module figure 5: branding specifcation - m45 package package outline 6625a llllnn yy wwc c pin 1 identifier co untr y co de(c c) pa rt number date co de (y yw w) lo t number data sheet - rev 2.6 02/2012 awt6625a
8 pcb and stencil design guideline figure 6: recommended pcb layout information data sheet - rev 2.6 02/2012 awt6625a
9 component packaging figure 7: carrier tape pin 1 figure 8: reel data sheet - rev 2.6 02/2012 awt6625a
10 ordering information order number temperature range package description component packaging awt6625arm45q7 -30 o c to +90 o c rohs compliant 10 pin 3 mm x 3 mm x 1 mm surface mount module tape and reel, 2500 pieces per reel AWT6625ARM45P9 -30 o c to +90 o c rohs compliant 10 pin 3 mm x 3 mm x 1 mm surface mount module partial tape and reel warning anadigics products are not intended for use in life support appliances, devices or systems. use of an anadigics product in any such application without written consent is prohibited. import ant notice anadigics 141 mount bethel road warren, new jersey 07059, u.s.a. tel: +1 (908) 668-5000 fax: +1 (908) 668-5132 url: http://www.anadigics.com anadigics, inc. reserves the right to make changes to its products or to discontinue any product at any time without notice. the product specifcations contained in advanced product information sheets and preliminary data sheets are subject to change prior to a products formal introduction. information in data sheets have been carefully checked and are assumed to be reliable; however, anadigics assumes no responsibilities for inaccuracies. anadigics strongly urges customers to verify that the information they are using is current before placing orders. data sheet - rev 2.6 02/2012 awt6625a


▲Up To Search▲   

 
Price & Availability of AWT6625ARM45P9

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X