Part Number Hot Search : 
1000M 74HC2 74HC2 24121 E001756 1R00J 2SK3307 C106D1G
Product Description
Full Text Search
 

To Download APTML602U12R020T3AG10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  aptml602u12r020t3ag aptml602u12r020t3ag ? rev 1 march, 2010 www.microsemi.com 1 ? 3 16 15 18 20 23 22 13 11 12 14 8 7 29 30 28 27 26 3 32 31 10 19 2 25 4 pins 13/14 ; 29/30 ; 31/32 must be shorted together absolute maximum ratings (per leg) * output current must be limited to 31a @ t c =25c and 22a @ t c =80c to not exceed the shunt specification. n in saturation mode these devices are sensitive to electrosta tic discharge. proper handling procedures should be followed. see application note apt0502 on www.microsemi.com symbol parameter max ratings unit v dss drain - source breakdown voltage 600 v t c = 25c 45* i d continuous drain current t c = 80c 33* i dm pulsed drain current 172 a v gs gate - source voltage 30 v r dson drain - source on resistance 150 m p d maximum power dissipation n t c = 25c 568 w i ar avalanche current (repetitive and non repetitive) 45 a e ar repetitive avalanche energy 50 e as single pulse avalanche energy 3000 mj application ? electronic load dedicated to power supplies and battery discharge testing features ? linear mosfet ? very low stray inductance ? internal thermistor fo r temperature monitoring ? high level of integration ? aln substrate for improved thermal performance benefits ? direct mounting to heatsink (isolated package) ? easy series and parallels combinations for power and voltage improvements ? low junction to case thermal resistance ? solderable terminals both for power and signal for easy pcb mounting ? low profile ? rohs compliant linear mosfet power module v dss = 600v r dson = 125m typ @ tj = 25c i d = 45a* @ tc = 25c
aptml602u12r020t3ag aptml602u12r020t3ag ? rev 1 march, 2010 www.microsemi.com 2 ? 3 all ratings @ t j = 25c unless otherwise specified electrical characteristics (per leg) symbol characteristic test conditions min typ max unit v ds = 600v ; v gs = 0v t j = 25c 25 i dss zero gate voltage drain current v ds = 480v ; v gs = 0v t j = 125c 250 a r ds(on) drain ? source on resistance v gs = 10v, i d = 22.5a 125 150 m v gs(th) gate threshold voltage v gs = v ds , i d = 2.5ma 2 4 v i gss gate ? source leakage current v gs = 30 v 100 na dynamic characteristics (per leg) symbol characteristic test conditions min typ max unit c iss input capacitance 7600 c oss output capacitance 1280 c rss reverse transfer capacitance v gs = 0v v ds = 25v f = 1mhz 620 pf shunt electrical characteristics (per leg) symbol characteristic min typ max unit r sh resistance value 20 m t sh tolerance 2 % t c =25c 20 p sh load capacity t c =80c 10 w t c =25c 31 i sh current capacity t c =80c 22 a temperature sensor ptc symbol characteristic min typ max unit r 25 resistance @ 25c 1980 2020 r 100 /r 25 resistance ratio tamb=100c & 25c 1.676 1.696 1.716 r -55 /r 25 resistance ratio tamb=-55c & 25c 0.48 0.49 0.50 b temperature coefficient 7900 ppm/k thermal and package characteristics symbol characteristic min typ max unit r thjc junction to case thermal resistance mosfet (per leg) 0.22 c/w v isol rms isolation voltage, any terminal to case t =1 min, i isol<1ma, 50/60hz 4000 v t j operating junction temperature range -40 150 t stg storage temperature range -40 125 t c operating case temperature -40 100 c torque mounting torque to heatsink m4 2.5 4.7 n.m wt package weight 110 g
aptml602u12r020t3ag aptml602u12r020t3ag ? rev 1 march, 2010 www.microsemi.com 3 ? 3 sp3 package outline (dimensions in mm) 17 12 28 1 see application note 1901 - mounting instructions for sp3 power modules on www.microsemi.com typical performance curve (linear mode) (per leg) drain current vs drain source voltage 0.1 1.0 10.0 100.0 0 100 200 300 400 500 drain source voltage (v) drain current (a) t j =125c power vs drain source voltage 200 250 300 350 400 0 100 200 300 400 500 drain source voltage (v) dissipated power (w) t j =125c microsemi reserves the right to change, without notice , the specifications and information contained herein microsemi's products are covered by one or more of u.s patents 4, 895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 6,939,743 7,352,045 5,283,201 5,801,417 5,648,283 7,196,634 6,664,594 7,157,8 86 6,939,743 7,342,262 and foreign patents. u.s and foreign patents pending. all rights reserved.


▲Up To Search▲   

 
Price & Availability of APTML602U12R020T3AG10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X