Part Number Hot Search : 
PS2010R SS15W LNK302P TW6NC90 AN133 MR850 27US0 A5800605
Product Description
Full Text Search
 

To Download AP4407I-HF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  advanced power p-channel enhancement mode electronics corp. power mosfet lower on-resistance bv dss -30v simple drive requirement r ds(on) 14m fast switching characteristic i d -40a rohs compliant & halogen-free description absolute maximum ratings symbol units v ds v v gs v i d @t c =25 a i d @t c =100 a i dm a p d @t c =25 w t stg t j symbol value units rthj-c maximum thermal resistance, junction-case 3.72 /w rthj-a maximum thermal resistance, junction-ambient 65 /w data and specifications subject to change without notice -55 to 150 33.6 -55 to 150 parameter drain-source voltage gate-source voltage continuous drain current, v gs @ 10v thermal data parameter total power dissipation operating junction temperature range storage temperature range continuous drain current, v gs @ 10v -26 pulsed drain current 1 -180 1 AP4407I-HF rating -30 + 25 -40 halogen-free product 201204272 g d s advanced power mosfets from apec provide the designer with the best combination of fast switching, ruggedized device design, low on- resistance and cost-effectiveness. g d s to-220cfm(i) the to-220cfm isolation package is widely preferred for all commercial-industrial through hole applications.
AP4407I-HF electrical characteristics@t j =25 o c(unless otherwise specified) symbol parameter test conditions min. typ. max. units bv dss drain-source breakdown voltage v gs =0v, i d =-250ua -30 - - v r ds(on) static drain-source on-resistance 2 v gs =-10v, i d =-25a - - 14 m ? v gs =-4.5v, i d =-20a - - 23 m ? v gs(th) gate threshold voltage v ds =v gs , i d =-250ua -1 - -3 v g fs forward transconductance v ds =-10v, i d =-25a - 36 - s i dss drain-source leakage current v ds =-30v, v gs =0v - - -1 ua drain-source leakage current (t j =125 o c) v ds =-24v, v gs =0v - - -250 ua i gss gate-source leakage v gs =+ 25v, v ds =0v - - + 100 na q g total gate charge i d =-25a - 35 60 nc q gs gate-source charge v ds =-24v - 5 - nc q gd gate-drain ("miller") charge v gs =-4.5v - 26 - nc t d(on) turn-on delay time v ds =-15v - 11 - ns t r rise time i d =-25a - 64 - ns t d(off) turn-off delay time r g =3.3 -63- ns t f fall time v gs =-10v - 100 - ns c iss input capacitance v gs =0v - 2120 3390 pf c oss output capacitance v ds =-25v - 630 - pf c rss reverse transfer capacitance f=1.0mhz - 550 - pf source-drain diode symbol parameter test conditions min. typ. max. units v sd forward on voltage 2 i s =-25a, v gs =0v - - -1.2 v t rr reverse recovery time i s =-25a, v gs =0v, - 39 - ns q rr reverse recovery charge di/dt=-100a/s - 38 - nc notes: 1.pulse width limited by max. junction temperature. 2.pulse test this product is sensitive to electrostatic discharge, please handle with caution. use of this product as a critical component in life support or other similar systems is not authorized. apec does not assume any liability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights, nor the rights of others. apec reserves the right to make changes without further notice to any products herein to improve reliability, function or design. 2
AP4407I-HF fig 1. typical output characteristics fig 2. typical output characteristics fig 3. on-resistance v.s. gate voltage fig 4. normalized on-resistance v.s. junction temperature fig 5. forward characteristic of fig 6. gate threshold voltage v.s. reverse diode junction temperature 3 0 10 20 30 0 0.2 0.4 0.6 0.8 1 1.2 1.4 -v sd , source-to-drain voltage (v) -i s (a) t j =25 o c t j =150 o c 0 50 100 150 200 250 02468 -v ds , drain-to-source voltage (v) -i d , drain current (a) t c =25 o c -10v -8.0v -6.0v -4.5v v g =-3.0v 10 20 30 40 50 246810 -v gs , gate-to-source voltage (v) r ds(on) (m ) i d = -20 a t c =25 0 40 80 120 160 02468 -v ds , drain-to-source voltage (v) -i d , drain current (a) -10v -8.0v -6.0v -4.5v v g =-3.0v t c =150 o c 0.6 1.0 1.4 1.8 -50 0 50 100 150 t j , junction temperature ( o c) normalized r ds(on) i d =-25a v g =-10v 0.5 1.0 1.5 2.0 2.5 3.0 -50 0 50 100 150 t j , junction temperature ( o c) -v gs(th) (v)
AP4407I-HF fig 7. gate charge characteristics fig 8. typical capacitance characteristics fig 9. maximum safe operating area fig 10. effective transient thermal impedance fig 11. switching time waveform fig 12. gate charge waveform 4 t d(on) t r t d(off) t f v ds v gs 10% 90% q v g -4.5v q gs q gd q g charge 100 1000 10000 1 5 9 13 17 21 25 29 -v ds , drain-to-source voltage (v) c (pf) f =1.0mh z c iss c oss c rss 0 2 4 6 8 10 12 0 20406080 q g , total gate charge (nc) -v gs , gate to source voltage (v) i d = - 25 a v ds = - 24 v 1 10 100 1000 0.1 1 10 100 -v ds , drain-to-source voltage (v) -i d (a) 100us 1ms 10ms 100ms dc t c =25 o c single pulse 0.01 0.1 1 0.00001 0.0001 0.001 0.01 0.1 1 10 t , pulse width (s) normalized thermal response (r thjc ) p dm duty factor = t/t peak t j = p dm x r thjc + t c t t 0.02 0.01 0.05 0.1 0.2 duty factor=0.5 single pulse


▲Up To Search▲   

 
Price & Availability of AP4407I-HF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X