Part Number Hot Search : 
GW22LCP HHR300SC PA240 L7500 0603X 725BC 3P6MH BP62111
Product Description
Full Text Search
 

To Download 8412NGMI Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dc axial compact fan 8412 ngmi ebm-papst st. georgen gmbh & co. kg hermann-papst-stra?e 1 d-78112 st. georgen phone +49 7724 81-0 fax +49 7724 81-1309 info2@de.ebmpapst.com www.ebmpapst.com nominal data type 8412 ngmi nominal voltage vdc 12 nominal voltage range vdc 8 .. 14 speed min -1 2600 power input w 2.0 min. ambient temperature c -20 max. ambient temperature c 70 air flow m 3 /h 58 sound power level b 4.3 sound pressure level db(a) 26 ml = max. load me = max. efficiency rfa = running at free air cs = customer specs cu = customer unit subject to alterations web data sheet d page 1 of 4 ebm-papst st. georgen gmbh & co. kg hermann-papst-stra?e 1 d-78112 st. georgen phone +49 7724 81-0 fax +49 7724 81-1309 info2@de.ebmpapst.com www.ebmpapst.com
dc axial compact fan 8412 ngmi technical features dimensions 80 x 80 x 25 mm general description particular design features: open loop speed control via (external or internal) temperature sensor. automatic adaptation of the speed to the cooling requirement. general features: material: fibreglass-reinforced plastic. impeller pa, housing pbt. electronic commutation completely integrated. protected against reverse polarity and locking. connection via single strands awg 24, tr 64, bared and tin-plated. air exhaust over bars. direction of rotation counter-clockwise seen on rotor. mass: 95 g. connection line single strands awg 24, tr 64, bared and tin-plated. locked-rotor protection some with impedance protection direction of rotation left, looking at rotor direction of air flow air exhaust over bars bearing sintec sleeve bearing lifetime l10 at 40 c 80000 h lifetime l10 at maximum temperature 35000 h mass 0.095 kg housing material fiberglass-reinforced pbt plastic material of impeller fiberglass-reinforced pa plastic motor protection protected against reverse polarity and locking. approval vde, csa, ul web data sheet d page 2 of 4 ebm-papst st. georgen gmbh & co. kg hermann-papst-stra?e 1 d-78112 st. georgen phone +49 7724 81-0 fax +49 7724 81-1309 info2@de.ebmpapst.com www.ebmpapst.com
dc axial compact fan 8412 ngmi product drawing web data sheet d page 3 of 4 ebm-papst st. georgen gmbh & co. kg hermann-papst-stra?e 1 d-78112 st. georgen phone +49 7724 81-0 fax +49 7724 81-1309 info2@de.ebmpapst.com www.ebmpapst.com
dc axial compact fan 8412 ngmi charts: air flow web data sheet d page 4 of 4 ebm-papst st. georgen gmbh & co. kg hermann-papst-stra?e 1 d-78112 st. georgen phone +49 7724 81-0 fax +49 7724 81-1309 info2@de.ebmpapst.com www.ebmpapst.com 0 5 10 15 20 25 30 10 20 p f 5 30  m3/h pa v ? 2 30c 50c 15 20 40 10 25 50 1 cfm 0,08 0,06 0,04 0,02 (in h o) 2  


▲Up To Search▲   

 
Price & Availability of 8412NGMI

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X