Part Number Hot Search : 
SP2526 200PC UF120SM ICL765 SR6D4040 NE24283B 0FFI020 IRF520N
Product Description
Full Text Search
 

To Download 70V9369L12PFG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ?2010 integrated device technology, inc. july 2010 dsc-5648/4 1 functional block diagram features: true dual-ported memory cells which allow simultaneous access of the same memory location high-speed clock to data access ? commercial: 6/7.5/9/12ns (max.) ? industrial: 7.5ns (max.) low-power operation ? idt70v9369l active: 500mw (typ.) standby: 1.5mw (typ.) flow-through or pipelined output mode on either port via the ft /pipe pins counter enable and reset features dual chip enables allow for depth expansion without additional logic full synchronous operation on both ports ? 4ns setup to clock and 0ns hold on all control, data, and address inputs ? data input, address, and control registers ? fast 6.5ns clock to data out in the pipelined output mode ? self-timed write allows fast cycle time ? 12ns cycle time, 83mhz operation in pipelined output mode separate upper-byte and lower-byte controls for multiplexed bus and bus matching compatibility lvttl- compatible, single 3.3v (0.3v) power supply industrial temperature range (?40c to +85c) is available for selected speeds available in a 100-pin thin quad flatpack (tqfp) green parts available, see ordering information idt70v9369l 0a 1a 0b 1b 0/1 ab i/o control 1 0/1 0 ft /pipe r r/ w r ub r lb r ce 0r oe r ce 1r memory array counter/ address reg. 5648 drw 01 a 13r a 0r clk r ads r cnten r cntrst r i/o 9l -i/o 17l i/o 0l -i/o 8l i/o 9r -i/o 17r i/o 0r -i/o 8r a 0l clk l ads l a 13l cnten l cntrst l counter/ address reg. r/ w l ub l lb l ce 0l oe l ce 1l 1 0/1 0 1b 0b 1a 0a 0/1 ba i/o control ft /pipe l high-speed 3.3v 16k x 18 synchronous pipelined dual-port static ram
6.42 idt70v9369l high-speed 3.3v 16k x 18 dual-port synchronous pipelined static ram industrial and commercial temperature ranges 2 index 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81 80 79 78 77 76 100-pin tqfp top view (5) a 9l a 10l a 11l a 12l a 13l nc nc lb l ub l ce 0l ce 1l cntrst l r/ w l oe l v dd ft /pipe l i/o 16l i/o 17l i/o 15l i/o 14l i/o 13l i/o 12l i/o 11l i/o 10l 5648 drw 02 a 8r a 9r a 10r a 11r a 12r a 13r nc nc lb r ub r ce 0r cntrst r r/ w r v ss oe r ft /pipe r i/o 14r i/o 13r i/o 12r i/o 11r ce 1r i/o 17r v ss i/o 16r i/o 15r a 8 l a 7 l a 6 l a 5 l a 4 l a 3 l a 2 l a 1 l a 0 l c n t e n l c l k l a d s l v s s v s s a d s r c l k r c n t e n r a 0 r a 2 r a 3 r a 4 r a 5 r a 6 r a 7 r i / o 9 l i / o 8 l v d d i / o 7 l i / o 6 l i / o 5 l i / o 4 l i / o 3 l i / o 2 l i / o 1 l v s s i / o 0 l i / o 4 r i / o 5 r i / o 6 r i / o 3 r i / o 0 r i / o 1 r i / o 2 r i / o 7 r i / o 8 r i / o 9 r i / o 1 0 r a 1 r . 70v9369pf pn100-1 (4) v ss v s s v d d 01/09/02 description: the idt70v9369 is a high-speed 16k x 18 bit synchronous dual-port ram. the memory array utilizes dual-port memory cells to allow simultaneous access of any address from both ports. registers on control, data, and address inputs provide minimal setup and hold times. the timing latitude provided by this approach allows systems to be designed with very short cycle times. pin configuration (1,2,3) notes: 1. all v dd pins must be connected to power supply. 2. all v ss pins must be connected to ground. 3. package body is approximately 14mm x 14mm x 1.4mm. 4. this package code is used to reference the package diagram. 5. this text does not indicate orientation of the actual part-marking. with an input data register, the idt70v9369 has been optimized for applications having unidirectional or bidirectional data flow in bursts. an automatic power down feature, controlled by ce 0 and ce 1, permits the on-chip circuitry of each port to enter a very low standby power mode. fabricated using idt?s cmos high-performance technology, these devices typically operate on only 500mw of power.
6.42 idt70v9369l high-speed 3.3v 16k x 18 dual-port synchronous pipelined static ram industrial and commercial temperature ranges 3 notes: 1. "h" = v ih, "l" = v il, "x" = don't care. 2. ads , cnten , cntrst = x. 3. oe is an asynchronous input signal. truth table i?read/write and enable control (1,2,3) pin names left port right port names ce 0l, ce 1l ce 0r, ce 1r chip enables (2) r/ w l r/ w r read/write enable oe l oe r output enable a 0l - a 13l a 0r - a 13r address i/o 0l - i/o 17l i/o 0r - i/o 17r data input/output clk l clk r clock ub l ub r upper byte select (1) lb l lb r lower byte select (1) ads l ads r address strobe enable cnten l cnten r counter enable cntrst l cntrst r counter reset ft /pipe l ft /pipe r flow-through / pipeline v dd power (3.3v) v ss ground (0v) 5648 tbl 01 oe clk ce 0 ce 1 ub lb r/ w upper byte i/o 9-17 (4) lower byte i/o 0-8 (5) mode x h x x x x high-z high-z deselected?power do wn x x l x x x high-z high-z deselected?power do wn x l h h h x high-z high-z both bytes deselected x lhlhl data in high-z write to upper byte only x lhhll high-z data in write to lo wer byte only x lhlll data in data in write to bo th bytes l lhlhh data out high-z read upp er byte only l lhhlh high-z data out read lower byte only l lhllh data out data out read both bytes h x l h l l x high-z high-z outputs disabled 5648 tbl 02 notes: 1. lb and ub are single buffered regardless of state of ft /pipe. 2. ce 0 and ce 1 are single buffered when ft /pipe = v i l , ce 0 and ce 1 are double buffered when ft /pipe = v ih, i.e., the signals take two cycles to deselect.
6.42 idt70v9369l high-speed 3.3v 16k x 18 dual-port synchronous pipelined static ram industrial and commercial temperature ranges 4 recommended operating temperature and supply voltage (1) recommended dc operating conditions absolute maximum ratings (1) notes: 1. these parameters are determined by device characterization, but are not production tested. 2. c out also references c i/o . capacitance (1) (t a = +25c, f = 1.0mh z ) truth table ii?address counter control (1,2,6) notes: 1. "h" = v ih, "l" = v il, "x" = don't care. 2. ce 0 , lb , ub , and oe = v il ; ce 1 and r/ w = v ih . 3. outputs configured in flow-through output mode; if outputs are in pipelined mode the data out will be delayed by one cycle. 4. ads and cntrst are independent of all other signals including ce 0 , ce 1 , ub and lb . 5. the address counter advances if cnten = v il on the rising edge of clk, regardless of all other signals including ce 0 , ce 1 , ub and lb . 6. while an external address is being loaded ( ads = v il ), r/ w = v ih is recommended to ensure data is not written arbitrarily. notes: 1. v il > -1.5v for pulse width less than 10 ns. 2. v term must not exceed v dd +0.3v. notes: 1. stresses greater than those listed under absolute maximum ratings may cause permanent damage to the device. this is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. exposure to absolute maximum rating conditions for extended periods may affect reliability. 2. v term must not exceed v dd +0.3v. 3. ambient temperature under dc bias. no ac conditions. chip deselect. notes: 1. this is the parameter t a . this is the "instant on" case temperature. address previous internal address internal address used clk (6 ) ads cnten cntrst i/o (3) mode an x an l (4) xhd i/o (n) external address used xanan + 1 h l (5) hd i/o (n+1) counter enabled?internal address generation xan + 1an + 1 hh hd i/o (n+1) external address blocked?counter disabled (an + 1 reused) xxa 0 xx l (4) d i/ o (0) counter reset to address 0 5648 tbl 03 grade ambient temperature (1) gnd v dd commercial 0 o c to +70 o c0v3.3v + 0.3v industrial -40 o c to +85 o c0v 3.3v + 0.3v 5648 tbl 04 symbol parameter min. typ. max. unit v dd supply voltage 3.0 3.3 3.6 v vss ground 0 0 0 v v ih input high voltage 2.0v ____ v dd +0.3v (2 ) v v il input low voltage -0.3 (1 ) ____ 0.8 v 5648 tbl 05 symbol rating commercial & industrial unit v term (2) terminal voltage with respect to gnd -0.5 to +4.6 v t bias (3) temperature under bias -55 to +125 o c t stg storage temperature -65 to +150 o c t jn junction temperature +150 o c i out dc output current 50 ma 5648 tbl 06 symbol parameter conditions max. unit c in input capacitance v in = 0v 9 pf c out (2) output capacitance v out = 0v 10 pf 5648 tbl 07
6.42 idt70v9369l high-speed 3.3v 16k x 18 dual-port synchronous pipelined static ram industrial and commercial temperature ranges 5 dc electrical characteristics over the operating temperature supply voltage range (3) (v dd = 3.3v 0.3v) dc electrical characteristics over the operating temperature and supply voltage range (v dd = 3.3v 0.3v) note: 1. at v dd < 2.0v input leakages are undefined. notes: 1. at f = f max , address and control lines (except output enable) are cycling at the maximum frequency clock cycle of 1/t cyc , using "ac test conditions" at input levels of gnd to 3v. 2. f = 0 means no address, clock, or control lines change. applies only to input at cmos level standby. 3. port "a" may be either left or right port. port "b" is the opposite from port "a". 4. v dd = 3.3v, t a = 25c for typ, and are not production tested. i dd dc (f=0) = 90ma (typ). 5. ce x = v il means ce 0x = v il and ce 1x = v ih ce x = v ih means ce 0x = v ih or ce 1x = v il ce x < 0.2v means ce 0x < 0.2v and ce 1x > v dd - 0.2v ce x > v dd - 0.2v means ce 0x > v dd - 0.2v or ce 1x < 0.2v "x" represents "l" for left port or "r" for right port. symbol parameter test conditions 70v9369l unit min. max. |i li | input leakage current (1) v dd = 3.6v, v in = 0v to v dd ___ 5a |i lo | output leakage current ce o = v ih or ce 1 = v il , v out = 0v to v dd ___ 5a v ol output low voltage i ol = +4ma ___ 0.4 v v oh output high voltage i oh = -4ma 2.4 ___ v 5648 tbl 08 70v9369l6 com'l only 70v9369l7 com'l & ind 70v9369l9 com'l only 70v9369l12 com'l only symbol parameter test condition version typ. (4) max. typ. (4) max. typ. (4) max. typ. (4) max. unit i dd dynamic operating current (both ports active) ce l and ce r = v il , outputs disabled, f = f max (1) com'l l 220 350 200 290 180 225 150 205 ma ind l ____ ____ 200 335 ____ ____ ____ ____ i sb1 standby current (both ports - ttl level inputs) ce l = ce r = v ih f = f max (1) com'l l 70 130 65 100 50 65 40 50 ma ind l ____ ____ 65 115 ____ ____ ____ ____ i sb2 standby current (one port - ttl level inputs) ce "a" = v il and ce "b" = v ih (5) active port outputs disable d, f=f max (1) com'l l 150 250 140 210 110 150 100 140 ma ind l ____ ____ 140 240 ____ ____ ____ ____ i sb3 full standby current (both ports - cmos level inputs) both ports ce l and ce r > v dd - 0.2v, v in > v dd - 0.2v or v in < 0.2v, f = 0 (2) com'll0.450.450.450.45 ma ind l ____ ____ 0.4 15 ____ ____ ____ ____ i sb4 full standby current (one port - cmos level inputs) ce "a" < 0.2v and ce "b" > v dd - 0.2v (5) v in > v dd - 0.2v or v in < 0.2v, active port, outputs disabled, f = f max (1) com'l l 140 240 130 200 100 140 90 130 ma ind l ____ ____ 130 230 ____ ____ ____ ____ 5648 tbl 09
6.42 idt70v9369l high-speed 3.3v 16k x 18 dual-port synchronous pipelined static ram industrial and commercial temperature ranges 6 ac test conditions figure 1. ac output test load. figure 2. output test load (for t cklz , t ckhz , t olz , and t ohz ). *including scope and jig. figure 3. typical output derating (lumped capacitive load). 5648 drw 04 590 ? 30pf 435 ? 3.3v data out 590 ? 5pf* 435 ? 3.3v data out 5648 drw 03 1 2 3 4 5 6 7 8 20 40 100 60 80 120 140 160 180 200 tcd 1 , tcd 2 (typical, ns) capacitance (pf) 5648 drw 05 -1 0 - 10pf is the i/o capacitance of this device, and 30pf is the ac test load capacitance . input pulse lev els input ris e/fall times input timing re fe renc e lev els output reference levels output load gnd to 3.0v 3ns max. 1.5v 1.5v figures 1, 2, and 3 5648 tbl 10
6.42 idt70v9369l high-speed 3.3v 16k x 18 dual-port synchronous pipelined static ram industrial and commercial temperature ranges 7 ac electrical characteristics over the operating temperature range (read and write cycle timing) (3) (v dd = 3.3v 0.3v) notes: 1. transition is measured 0mv from low or high-impedance voltage with the output test load (figure 2). this parameter is guarant eed by device characteriza- tion, but is not production tested. 2. the pipelined output parameters (t cyc2 , t cd2 ) apply to either or both the left and right ports when ft /pipe = v ih . flow-through parameters (t cyc1 , t cd1 ) apply when ft /pipe = v il for that port. 3. all input signals are synchronous with respect to the clock except for the asynchronous output enable ( oe ), ft /pipe r , and ft /pipe l . 70v9369l6 com'l only 70v9369l7 com'l only & ind 70v9369l9 com'l only 70v9369l12 com'l only symbol parameter min.max.min.max.min.max.min.max.unit t cyc1 clock cycle time (flow-through) (2) 19 ____ 22 ____ 25 ____ 30 ____ ns t cyc2 clock cycle time (pipelined) (2) 10 ____ 12 ____ 15 ____ 20 ____ ns t ch1 clock hig h time (flo w-throug h) (2) 6.5 ____ 7.5 ____ 12 ____ 12 ____ ns t cl1 clock lo w time (flow-thro ugh) (2) 6.5 ____ 7.5 ____ 12 ____ 12 ____ ns t ch2 clock high time (pipelined) (2) 4 ____ 5 ____ 6 ____ 8 ____ ns t cl2 clock lo w time (pip eline d) (2) 4 ____ 5 ____ 6 ____ 8 ____ ns t r clock rise time ____ 3 ____ 3 ____ 3 ____ 3ns t f clock fall time ____ 3 ____ 3 ____ 3 ____ 3ns t sa address setup time 3.5 ____ 4 ____ 4 ____ 4 ____ ns t ha address hold time 0 ____ 0 ____ 1 ____ 1 ____ ns t sc chip enable setup time 3.5 ____ 4 ____ 4 ____ 4 ____ ns t hc chip enable ho ld time 0 ____ 0 ____ 1 ____ 1 ____ ns t sw r/w se tup time 3.5 ____ 4 ____ 4 ____ 4 ____ ns t hw r/w ho ld time 0 ____ 0 ____ 1 ____ 1 ____ ns t sd inp ut data setup time 3.5 ____ 4 ____ 4 ____ 4 ____ ns t hd inp ut data hold time 0 ____ 0 ____ 1 ____ 1 ____ ns t sad ads setup time 3.5 ____ 4 ____ 4 ____ 4 ____ ns t had ads hold time 0 ____ 0 ____ 1 ____ 1 ____ ns t scn cnten setup time 3.5 ____ 4 ____ 4 ____ 4 ____ ns t hcn cnten hold time 0 ____ 0 ____ 1 ____ 1 ____ ns t srst cntrst setup time 3.5 ____ 4 ____ 4 ____ 4 ____ ns t hrst cntrst ho ld time 0 ____ 0 ____ 1 ____ 1 ____ ns t oe outp ut enable to data valid ____ 6.5 ____ 7.5 ____ 9 ____ 12 ns t olz output enable to output low-z (1) 2 ____ 2 ____ 2 ____ 2 ____ ns t ohz output enable to output high-z (1) 17 17 17 17ns t cd1 clock to data valid (flow-through) (2) ____ 15 ____ 18 ____ 20 ____ 25 ns t cd2 clock to data valid (pipelined) (2) ____ 6.5 ____ 7.5 ____ 9 ____ 12 ns t dc data outp ut ho ld after clo ck high 2 ____ 2 ____ 2 ____ 2 ____ ns t ckhz clock hig h to outp ut high-z (1) 29292929ns t cklz clock high to output low-z (1) 2 ____ 2 ____ 2 ____ 2 ____ ns port-to-port delay t cwdd write port clock high to read data delay ____ 24 ____ 28 ____ 35 ____ 40 ns t ccs clock-to -clo ck se tup time ____ 9 ____ 10 ____ 15 ____ 15 ns 5648 tbl 11
6.42 idt70v9369l high-speed 3.3v 16k x 18 dual-port synchronous pipelined static ram industrial and commercial temperature ranges 8 timing waveform of read cycle for flow-through output ( ft /pipe "x" = v il ) (3,7) timing waveform of read cycle for pipelined operation ( ft /pipe "x" = v ih ) (3,7) an an + 1 an + 2 an + 3 t cyc1 t ch1 t cl1 r/ w address data out ce 0 clk oe t sc t hc t cd1 t cklz qn qn + 1 qn + 2 t ohz t olz t oe t ckhz 5648 drw 06 (1) (1) (1) (1) (2) ce 1 ub , lb t sb t hb t sw t hw t sa t ha t dc t dc (5) t sc t hc t sb t hb an an + 1 an + 2 an + 3 t cyc2 t ch2 t cl2 r/ w address ce 0 clk ce 1 ub , lb (4) data out oe t cd2 t cklz qn qn + 1 qn + 2 t ohz t olz t oe 5648 drw 07 (1) (1) (1) (2) t sc t hc t sb t hb t sw t hw t sa t ha t dc t sc t hc t sb t hb (5) (1 latency) (6) (6) notes: 1. transition is measured 0mv from low or high-impedance voltage with the output test load (figure 2). 2. oe is asynchronously controlled; all other inputs are synchronous to the rising clock edge. 3. ads = v il and cntrst = v ih . 4. the output is disabled (high-impedance state) by ce 0 = v ih , ce 1 = v il , ub = v ih , or lb = v ih following the next rising edge of the clock. refer to notes under pin names table. 5. addresses do not have to be accessed sequentially since ads = v il constantly loads the address on the rising edge of the clk; numbers are for reference use only. 6. if ub or lb was high, then the upper byte and/or lower byte of data out for qn + 2 would be disabled (high-impedance state). 7. "x' here denotes left or right port. the diagram is with respect to that port.
6.42 idt70v9369l high-speed 3.3v 16k x 18 dual-port synchronous pipelined static ram industrial and commercial temperature ranges 9 timing waveform of a bank select pipelined read (1,2) t sc t hc ce 0(b1) address (b1) a 0 a 1 a 2 a 3 a 4 a 5 t sa t ha clk 5648 drw 08 q 0 q 1 q 3 data out(b1) t ch2 t cl2 t cyc2 (3) address (b2) a 0 a 1 a 2 a 3 a 4 a 5 t sa t ha ce 0(b2) data out(b2) q 2 q 4 t cd2 t cd2 t ckhz t cd2 t cklz t dc t ckhz t cd2 t cklz (3) (3) t sc t hc (3) t ckhz (3) t cklz (3) t cd2 a 6 a 6 t dc t sc t hc t sc t hc notes: 1. b1 represents bank #1; b2 represents bank #2. each bank consists of one idt70v9369 for this waveform, and are setup for depth expansion in this example. address (b1) = address (b2) in this situation. 2. ub , lb , oe , and ads = v il ; ce 1(b1) , ce 1(b2) , r/ w and cntrst = v ih . 3. transition is measured 0mv from low or high-impedance voltage with the output test load (figure 2). 4. ce 0 , ub , lb , and ads = v il ; ce 1 and cntrst = v ih . 5. oe = v il for the right port, which is being read from. oe = v ih for the left port, which is being written to. 6. if t ccs < maximum specified, then data from right port read is not valid until the maximum specified for t cwdd . if t ccs > maximum specified, then data from right port read is not valid until t ccs + t cd1 . t cwdd does not apply in this case. 7. all timing is the same for both left and right ports. port "a" may be either left or right port. port "b" is the opposite fro m port "a". timing waveform of left port write to pipelined right port read (1,2,4) notes: 1. ce 0 , be n , and ads = v il ; ce 1 and repeat = v ih . 2. oe = v il for port "b", which is being read from. oe = v ih for port "a", which is being written to. 3. if t co < minimum specified, then data from port "b" read is not valid until following port "b" clock cycle (ie, time from write to val id read on opposite port will be t co + 2 t cyc2 + t cd2 ). if t co > minimum, then data from port "b" read is available on first port "b" clock cycle (ie, time from write to valid read on oppos ite port will be t co + t cyc2 + t cd2 ). 4. all timing is the same for left and right ports. port "a" may be either left or right port. port "b" is the opposite of port "a" clk "a" r/ w "a " address "a" data in"a" clk "b" r/ w "b" address "b" data out"b" t sw t hw t sa t ha t sd t hd t sw t hw t sa t ha t co (3) t cd2 no match valid no match match match valid 5648 drw 09 t dc ,
6.42 idt70v9369l high-speed 3.3v 16k x 18 dual-port synchronous pipelined static ram industrial and commercial temperature ranges 10 data in "a" clk "b" r/ w "b" address "a" r/ w "a" clk "a" address "b" no match match no match match valid t cwdd t cd1 t dc data out "b" 5648 drw 10 valid valid t sw t hw t sa t ha t sd t hd t hw t cd1 t ccs t dc t sa t sw t ha (6) (6) . notes: 1. b1 represents bank #1; b2 represents bank #2. each bank consists of one idt70v9369 for this waveform, and are setup for depth expansion in this example. address (b1) = address (b2) in this situation. 2. ub , lb , oe , and ads = v il ; ce 1(b1) , ce 1(b2) , r/ w and cntrst = v ih . 3. transition is measured 0mv from low or high-impedance voltage with the output test load (figure 2). 4. ce 0 , ub , lb , and ads = v il ; ce 1 and cntrst = v ih . 5. oe = v il for the right port, which is being read from. oe = v ih for the left port, which is being written to. 6. if t ccs < maximum specified, then data from right port read is not valid until the maximum specified for t cwdd . if t ccs > maximum specified, then data from right port read is not valid until t ccs + t cd1 . t cwdd does not apply in this case. 7. all timing is the same for both left and right ports. port "a" may be either left or right port. port "b" is the opposite fro m port "a". timing waveform with port-to-port flow-through read (4,5,7)
6.42 idt70v9369l high-speed 3.3v 16k x 18 dual-port synchronous pipelined static ram industrial and commercial temperature ranges 11 timing waveform of pipelined read-to-write-to-read ( oe = v il ) (3) timing waveform of pipelined read-to-write-to-read ( oe controlled) (3) r/ w address an an +1 an + 2 an + 2 an + 3 an + 4 data in dn + 2 ce 0 clk 5648 drw 11 qn qn + 3 data out ce 1 ub , lb t cd2 t ckhz t cklz t cd2 t sc t hc t sb t hb t sw t hw t sa t ha t ch2 t cl2 t cyc2 read nop read t sd t hd (4) (2) (1) (1) t sw t hw write (5) . r/ w address an an +1 an + 2 an + 3 an + 4 an + 5 data in dn + 3 dn + 2 ce 0 clk 5648 drw 12 data out qn qn + 4 ce 1 ub , lb oe t ch2 t cl2 t cyc2 t cklz (1) t cd2 t ohz (1) t cd2 t sd t hd read write read t sc t hc t sb t hb t sw t hw t sa t ha (4) (2) t sw t hw . notes: 1. transition is measured 0mv from low or high-impedance voltage with the output test load (figure 2). 2. output state (high, low, or high-impedance) is determined by the previous cycle control signals. 3. ce 0 , ub , lb , and ads = v il ; ce 1 and cntrst = v ih . "nop" is "no operation". 4. addresses do not have to be accessed sequentially since ads = v il constantly loads the address on the rising edge of the clk; numbers are for reference use only. 5. "nop" is "no operation." data in memory at the selected address may be corrupted and should be re-written to guarantee data i ntegrity.
6.42 idt70v9369l high-speed 3.3v 16k x 18 dual-port synchronous pipelined static ram industrial and commercial temperature ranges 12 timing waveform of flow-through read-to-write-to-read ( oe controlled) (3) notes: 1. transition is measured 0mv from low or high-impedance voltage with the output test load (figure 2). 2. output state (high, low, or high-impedance) is determined by the previous cycle control signals. 3. ce 0 , ub , lb , and ads = v il ; ce 1 and cntrst = v ih . "nop" is "no operation". 4. addresses do not have to be accessed sequentially since ads = v il constantly loads the address on the rising edge of the clk; numbers are for reference use only. 5. "nop" is "no operation." data in memory at the selected address may be corrupted and should be re-written to guarantee data i ntegrity. r/ w address an an +1 an + 2 an + 3 an + 4 an + 5 (4) data in dn + 2 ce 0 clk 5648 drw 14 qn data out ce 1 ub , lb t cd1 t ch1 t cl1 t cyc1 t sd t hd t cd1 t dc qn + 4 t cd1 t dc t sc t hc t sb t hb t sw t hw t sa t ha read write read t cklz (2) dn + 3 t ohz (1) (1) t sw t hw oe t oe . timing waveform of flow-through read-to-write-to-read ( oe = v il ) (3) r/ w address an an +1 an + 2 an + 2 an + 3 an + 4 data in dn + 2 ce 0 clk 5648 drw 13 qn data out ce 1 ub , lb t cd1 qn + 1 t ch1 t cl1 t cyc1 t sd t hd t cd1 t cd1 t dc t ckhz qn + 3 t cd1 t dc t sc t hc t sb t hb t sw t hw t sa t ha read nop read t cklz (4) (2) (1) (1) t sw t hw write (5) .
6.42 idt70v9369l high-speed 3.3v 16k x 18 dual-port synchronous pipelined static ram industrial and commercial temperature ranges 13 timing waveform of pipelined read with address counter advance (1) timing waveform of flow-through read with address counter advance (1) notes: 1. ce 0 , oe , ub , and lb = v il ; ce 1 , r/ w , and cntrst = v ih . 2. if there is no address change via ads = v il (loading a new address) or cnten = v il (advancing the address), i.e. ads = v ih and cnten = v ih , then the data output remains constant for subsequent clocks. address an clk data out qx - 1 (2) qx qn qn + 2 (2) qn + 3 ads cnten t cyc2 t ch2 t cl2 5648 drw 15 t sa t ha t sad t had t cd2 t dc read external address read with counter counter hold t sad t had t scn t hcn read with counter qn + 1 . address an clk data out qx (2) qn qn + 1 qn + 2 qn + 3 (2) qn + 4 ads cnten t cyc1 t ch1 t cl1 5648 drw 16 t sa t ha t sad t had read external address read with counter counter hold t cd1 t dc t sad t had t scn t hcn read with counter .
6.42 idt70v9369l high-speed 3.3v 16k x 18 dual-port synchronous pipelined static ram industrial and commercial temperature ranges 14 address (4) an d 0 t ch2 t cl2 t cyc2 q 0 q 1 0 clk data in r/ w cntrst 5648 drw 18 internal (3) address ads cnten t srst t hrst t sd t hd t sw t hw counter reset write address 0 read address 0 read address 1 read address n qn an + 1 an + 2 read address n+1 data out (5) t sa t ha 1 an an + 1 (6) ax t sa d t had t scn t hcn (6) . timing waveform of counter reset (pipelined outputs) (2) notes: 1. ce 0 , ub , lb , and r/ w = v il ; ce 1 and cntrst = v ih . 2. ce 0 , ub , lb = v il ; ce 1 = v ih . 3. the "internal address" is equal to the "external address" when ads = v il and equals the counter output when ads = v ih . 4. addresses do not have to be accessed sequentially since ads = v il constantly loads the address on the rising edge of the clk; numbers are for reference use only. 5. output state (high, low, or high-impedance) is determined by the previous cycle control signals. 6. no dead cycle exists during counter reset. a read or write cycle may be coincidental with the counter reset cycle. addr 0 will be accessed. extra cycles are shown here simply for clarification. 7. cnten = v il advances internal address from ?an? to ?an +1?. the transition shown indicates the time required for the counter to advance. the ?an +1? address is written to during this cycle. timing waveform of write with address counter advance (flow-through or pipelined outputs) (1) address an clk data in dn dn + 1 dn + 1 dn + 2 ads cnten (7) t ch2 t cl2 t cyc2 5648 drw 17 internal (3) address an (7) an + 1 an + 2 an + 3 an + 4 dn + 3 dn + 4 t sa t ha t sad t had write counter hold write with counter write external address write with counter t sd t hd .
6.42 idt70v9369l high-speed 3.3v 16k x 18 dual-port synchronous pipelined static ram industrial and commercial temperature ranges 15 depth and width expansion the idt70v9369 features dual chip enables (refer to truth table i) in order to facilitate rapid and simple depth expansion with no requirements for external logic. figure 4 illustrates how to control the varioius chip enables in order to expand two devices in depth. the idt70v9369 can also be used in applications requiring expanded width, as indicated in figure 4. since the banks are allocated at the discretion of the user, the external controller can be set up to drive the input signals for the various devices as required to allow for 36-bit or wider applications. 5648 drw 19 idt70v9369 ce 0 ce 1 ce 1 ce 0 ce 0 ce 1 a 14 ce 1 ce 0 v dd v dd idt70v9369 idt70v9369 idt70v9369 control inputs control inputs control inputs control inputs cntrst clk ads cnten r/ w lb , ub oe figure 4. depth and width expansion with idt70v9369 functional description the idt70v9369 provides a true synchronous dual-port static ram interface. registered inputs provide minimal set-up and hold times on address, data, and all critical control inputs. all internal registers are clocked on the rising edge of the clock signal, however, the self-timed internal write pulse is independent of the low to high transition of the clock signal. an asynchronous output enable is provided to ease asynchronous bus interfacing. counter enable inputs are also provided to staff the operation of the address counters for fast interleaved memory applications. ce 0 = v il and ce 1 = v ih for one clock cycle will power down the internal circuitry to reduce static power consumption. multiple chip enables allow easier banking of multiple idt70v9369's for depth expansion configurations. when the pipelined output mode is enabled, two cycles are required with ce 0 = v il and ce 1 = v ih to re-activate the outputs.
6.42 idt70v9369l high-speed 3.3v 16k x 18 dual-port synchronous pipelined static ram industrial and commercial temperature ranges 16 ordering information note: 1. contact your local sales office for industrial temp range for other speeds, packages and powers. 2. green parts available. for specific speeds, packages and powers contact your sales office. a power 99 speed a package a process/ temperature range blank i (1 ) commercial (0 cto+70 c) industrial (-40 cto+85 c) pf 100-pin tqfp (pn100-1) 6 7 9 12 5648 drw 20 llowpower 70v9369 288k (16k x 18-bit) 3.3v synchronous dual-port ram speed in nanoseconds commercial only commercial & industrial commercial only commercial only xxxxx device type a g (2 ) green datasheet document history 01/08/02: initial public release 10/11/04: removed "preliminary" status page 4 updated truth table ii updated absolute maximum ratings updated capacitance table page 5 added 6ns speed grade and 7ns i-temp, removed 9ns i-temp and updated dc power numbers in the dc electrical characteristics table page 7 added 6ns speed grade and 7ns i-temp and removed 9ns i-temp ac timing numbers from the ac electrical characteristics table updated t oe for 7ns and 9ns speed grades page 9 added timing waveform of left port write to pipelined right port read page 16 added 6ns speed grade and 7ns i-temp and removed 9ns i-temp to ordering information page 1 & 16 replaced old tm logo with new tm logo 10/23/08: page 16 removed "idt" from orderable part number 07/26/10: page 1 added green parts availability to features page 16 added green indicator to ordering information page 7 in order to correct the header notes of the ac elect chars table and align them with the industrial temp range values located in the table, the commercial t a header note has been removed pages 8-12 in order to correct the footnotes of timing diagrams, cnten has been removed to reconcile the footnotes with the cnten logic definition found in truth table ii - address counter control the idt logo is a registered trademark of integrated device technology, inc. corporate headquarters for sales: for tech support: 6024 silver creek valley road 800-345-7015 or 408-284-8200 408-284-2794 san jose, ca 95138 fax: 408-284-2775 dualporthelp@idt.com www.idt.com


▲Up To Search▲   

 
Price & Availability of 70V9369L12PFG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X