Part Number Hot Search : 
TM6117 MAX5258 D74HC40 SL0750J 16BPE DG403CY FPD22 78H12A
Product Description
Full Text Search
 

To Download 562R10TSD22JJ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  561r and 562r series www.vishay.com vishay cera-mite revision: 15-feb-13 1 document number: 23109 for technical questions, contact: ceramitesupport@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 lower voltage ceramic dc disc capacitors 1000 v dc temperature and voltage stabilized insulation resistance min. 1000 ? f or 50 000 m ? tolerance on capacitance 10 % dissipation factor 2.0 % max. at 1 khz; 1 v category temperature range (- 55 to + 125) c c0g, u2j, x7r (- 25 to + 85) c x5f climatic category acc. to en 60068-1 55/125/21 c0g, u2j, x7r 25/085/21 x5f operating temperature range (- 55 to + 105) c features ? low losses ? high stability ? high capacitance in small size ? complete range of capacitance values ? radial leads ? ceramic singlelayer capacitor ? material categorization: for definitions of compliance please see www.vishay.com/doc?99912 applications ? bypassing ? resonant circuit ?coupling design the capacitors consist of a cera mic disc of which both sides are silver-plated. connection leads are made of tinned copper or tinned copper clad steel having diameters of 0.020" (0.51 mm) or 0.025" (0.64 mm). the capacitors may be supp lied with radial kinked or straight leads having lead spacing of 0.250" (6.35 mm) or 0.375" (9.5 mm). the standard tolerance is 10 %. coating is made of flame retardant epoxy resin in accordance with ul 94 v-0 . capacitance range 10 pf to 10 nf rated voltage 1000 v dc dielectric strength between leads component test: 2500 v dc , 2 s ceramic dielectric c0g, u2j (class 1) x5f, x7r (class 2) quick reference data description value ceramic class 1 2 ceramic dielectric c0g u2j x5f x7r voltage (v dc ) 1000 min. capacitance (pf) 10 27 56 10 000 max. capacitance (pf) 10 39 4700 10 000 mounting radial
561r and 562r series www.vishay.com vishay cera-mite revision: 15-feb-13 2 document number: 23109 for technical questions, contact: ceramitesupport@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 tape and reel options ? tape and reel available on diameter sizes 0.250" to 0.680" ? part number codes and specifications fo r tape and reel packaging are found in the general information document - find web-link below dimensions in inches (millimeters) lead offset lo (nominal) 1000 v dc 0.050" (1.3 mm) ordering information, ceramic 1000 v dc temperature and voltage stabilized c (pf) tol. (%) d diameter inch (mm) t thickness inch (mm) ls lead space inch (mm) wire size fig. ordering code awg inch (mm) c0g (np0) 10 10 0.250 (6.4) 0.156 (4.0) 0.250 (6.4) 24 0.020 (0.51) 2 561r10tsq10 u2j (n750) 27 10 0.290 (7.4) 0.156 (4.0) 0.250 (6.4) 24 0.020 (0.51) 2 561r10tsq27 30 561r10tsq30 33 0.156 (4.0) 0.250 (6.4) 561r10tsq33 39 561r10tsq39 x5f 56 10 0.250 (6.4) 0.156 (4.0) 0.250 (6.4) 24 0.020 (0.51) 2 562r10tsq56 68 562r10tsq68 75 562r10tsq75 82 562r10tsq82 100 562r10tst10 120 562r10tst12 150 562r10tst15 180 562r10tst18 200 562r10tst20 220 562r10tst22 250 562r10tst25 270 562r10tst27 300 562r10tst30 330 562r10tst33 390 562r10tst39 470 562r10tst47 500 562r10tst50 560 0.290 (7.4) 0.156 (4.0) 0.250 (6.4) 562r10tst56 680 562r10tst68 750 562r10tst75 820 562r10tst82 1000 562r10tsd10 1500 0.440 (11.2) 0.156 (4.0) 0.250 (6.4) 22 0.025 (0.64) 1 562r10tsd15 2000 0.490 (12.4) 0.156 (4.0) 0.375 (9.5) 562r10tsd20 2200 0.490 (12.4) 0.156 (4.0) 0.375 (9.5) 562r10tsd22 2700 0.560 (14.2) 0.156 (4.0) 0.375 (9.5) 562r10tsd27 3300 0.560 (14.2) 0.156 (4.0) 0.375 (9.5) 562r10tsd33 4700 0.680 (17.3) 0.156 (4.0) 0.375 (9.5) 562r10tsd47 x7r 0.010 f 10 0.680 (17.3) 0.156 (4.0) 0.375 (9.5) 22 0.025 (0.64) 1 562r10tss10 related documents general information www.vishay.com/doc?23140 fi g . 1 d max. lo t max. 1.250 min. (32) 0.125 max. (3) l s fi g . 2 d max. lo t max. 1.250 min. (32) 0.125 max. (3) l s
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.


▲Up To Search▲   

 
Price & Availability of 562R10TSD22JJ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X