Part Number Hot Search : 
DD200GB BU606 B8050 0150CT TSG601 DTA114 T9G02212 LPB352
Product Description
Full Text Search
 

To Download 416PA504M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  economy trimmers type 416 series 1773119 cis bi 11/2011 dimensions are in millimeters dimensions are shown for for email, phone or live chat, go to: te.com/help and inches unless otherwise reference purposes only. specified. values in brackets specifications subject are standard equivalents. to change. key features  stable high resolution cermet element  space-saving device  0.2 watt rating at 70?  wide value range  available taped for auto insertion  dust and splash proof  top or side adjustment  auto adjust head available  widely available via distribution this tiny 6mm square cermet trimmer is offered with alternative adjustment covers for screwdriver and automatic setting and can be supplied in bulk or taped in ammo pack. the 416 can be adjusted from the top or side and is an inexpensive solution to high reliability potentiometer requirements. this series is used to replace some of the larger, expensive, sealed types in high volume circuits. characteristics - electrical resistance range: 100r to 1m resistance values: 1, 2, 5 in each decade resistance tolerance: 25%, (20% by selection) end resistance: 1% nominal or 10 ohms maximum, whichever is greater. wiper current: 50ma power rating: 0.2w at 70c derating to zero at 100c limiting element voltage: 100v dc or ac rms maximum rotational noise (crv): 3% maximum temperature coefficient: 250ppm/c characteristics - mechanical end stop: 50 mnm minimum starting torque: 30 mnm maximum mechanical adjustment: 240 nominal operational life: 100 turns characteristics - environmental temperature range: - 25c to + 100c load life at 70c: r < 5% after 1000 hours sealing: dust proof climatic category: 25/100/21
416m how to order 416 p a 104 m common part p - top adjust 2.5mm x 5.0mm m - top adjust 5.0mm x 5.0mm x - side adjust 2.5mm x 5.0mm adjustment style / configuration a - cross slot r - auto adjust x - skeleton adjustment head resistance value 416 - 6mm low cost trimmer the first two digits are significant figures of resistance value and the third denotes the number of zeros following. e.g. 100r: 101 1k0: 102 10k: 103 100k: 104 tolerance p - 25% (m - 20% by selection only) please state top or side adjustments on all orders dimensions 416p 416x economy trimmers type 416 series te connectivity, te connectivity (logo) and te (logo) are trademarks. other logos, product and company names mentioned herein may be trademarks of their respective owners. while te has made every reasonable effort to ensure the accuracy of the information in this datasheet, te does not guarantee th at it is error-free, nor does te make any other representation, warranty or guarantee that the information is accurate, correct, reliable or current. te reserves the right to make any adjustments to the information contained herein at any time without notice. te expressly disclaims all implied warranties regarding the information contained herein, including , but not limited to, any implied warranties of merchantabili- ty or fitness for a particular purpose. the dimensions in this datasheet are for reference purposes only and are subject to cha nge without notice. specifications are subject to change without notice. consult te for the latest dimensions and design specifications.


▲Up To Search▲   

 
Price & Availability of 416PA504M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X