Part Number Hot Search : 
JANTX1 MAX695 JANTX1 BPC25 NTE104 YM74S MGRB2018 MAX17017
Product Description
Full Text Search
 

To Download 03024221E3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  030/031 as www.vishay.com vishay bccomponents revision: 24-apr-12 1 document number: 28327 for technical questions, contact: aluminumcaps1@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 aluminum capacitors axial standard fig. 1 features ? polarized aluminum electrolytic capacitors, non-solid electrolyte ? axial leads, cylindrical aluminum case, insulated with a blue sleeve ? taped version available for automatic insertion ? charge and discharge proof ? useful life: 3000 h at 85 c ? standard dimensions ? material categorization: for definitions of compliance please see www.vishay.com/doc?99912 applications ? general purpose and in dustrial, automotive, telecommunication, audio-video ? coupling, decoupling, timing, smoothing, filtering, buffering in smps ? boards with restricted mo unting height, vibration and shock resistant marking the capacitors are marked (where possible) with the following information: ? rated capacitance (in f) ? tolerance on rated capacitance, code letter in accordance with iec 60062 (t for - 10 % to + 50 %) ? rated voltage (in v) ? date code in accordance with iec 60062 ? code factory of origin ? name of manufacturer ? negative terminal identification ? series number (030 or 031) quick reference data description value nominal case sizes (? d?x l in mm) 4.5?x?10?to?10 x?25 rated capacitance range, c r 1 f?to?1000?f tolerance on c r - 10 %?to?+ 50 % rated voltage, u r 6.3 v?to?100?v category temperature range - 40 c?to?+ 85 c endurance test at 85 c 2000?h useful life at 85 c 3000?h useful life at 40?c, 1.4 x i r applied 80 000?h shelf life at 0?v, 85?c 500?h based on sectional speci fication iec?60384-4/en130300 climatic category iec?60068 40/085/56 030/031 as 041/043 ash 021 asm high voltage smaller dimensions
030/031 as www.vishay.com vishay bccomponents revision: 24-apr-12 2 document number: 28327 for technical questions, contact: aluminumcaps1@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 dimensions in millimeters and available forms fig. 2 - forms ba and br fig. 3 - forms ba and br table 1 note ? detailed tape di mensions see section packaging selection chart for c r , u r and relevant nominal case sizes (? d x l in mm) c r (f) u r (v) 6.3 10 16 25 40 63 100 1.0 - - - - - 4.5 x 10 4.5 x 10 2.2 - - - - - 4.5 x 10 4.5 x 10 3.3 - - - - - 4.5 x 10 4.5 x 10 4.7 - - - - - 4.5 x 10 6 x 10 6.8 - - - - - 4.5 x 10 6 x 10 10 - - - 4.5 x 10 4.5 x 10 6 x 10 8 x 11 ------6.5 x 18 15 - - - - 4.5 x 10 6 x 10 - 22 - - - 4.5 x 10 6?x?10 8 x 11 8 x 18 - - - - - 6.5 x 18 - 33 - - 4.5 x 10 - 6 x 10 - 10 x 18 47 - 4.5?x 10 - 6 x 10 8 x 11 8 x 18 10 x 25 ----6.5 x 18-- 68 4.5 x 10 - 6 x 10 - - 10 x 18 - 100 - 6 x 10 - 8 x 11 8 x 18 10 x 25 - ---6.5 x 18--- 150 6 x 10 - 8 x 11 8 x 18 10 x 18 - - --6.5 x 18---- 220 - 8 x 11 8 x 18 10 x 18 10 x 25 - - - 6.5?x?18 - - - - - 330 - 8 x 18 10 x 18 10 x 25 - - - 470 8 x 18 10 x 18 10 x 25 - - - - 680 10?x?18 10 x 25 - - - - - 1000 10 x 25 - - - - - - 63.5 1.5 ? d ? d l f + form br: taped on reel form ba: taped in box (ammopack) ca s e ? d x l = 4.5 mm x 10 mm to 8 mm x 11 mm 73 1.6 ? d ? d l f form br: taped on reel ca s e ? d x l = 6.5 mm x 18 mm to 15 mm x 30 mm form ba: taped in box (ammopack) ca s e ? d x l = 6.5 mm x 18 mm to 10 mm x 25 mm axial; dimensions in millimeters, mass and packaging quantities nominal case size ? d x l case code axial form ba and br mass (g) packaging quantities ? d ? d max. l max. f min. form ba form br 4.5 x 10 2 0.6 5.0 10.5 15 ? 0.5 1000 3000 6 x 10 3 0.6 6.3 10.5 15 ? 0.7 1000 1000 8 x 11 5a 0.6 8.5 11.5 15 ? 1.1 500 500 6.5 x 18 4 0.8 6.9 18.5 25 ? 1.3 1000 1000 8 x 18 5 0.8 8.5 18.5 25 ? 1.7 500 500 10 x 18 6 0.8 10.5 18.5 25 ? 2.5 500 500 10 x 25 7 0.8 10.5 25.0 30 ? 3.3 500 500
030/031 as www.vishay.com vishay bccomponents revision: 24-apr-12 3 document number: 28327 for technical questions, contact: aluminumcaps1@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 note ? unless otherwise specified, all electrical values in table 2 apply at t amb = 20 c, p = 86 kpa to 106 kpa, rh = 45 % to 75 %. ordering example electrolytic capacitor 031 series 330 f/10 v; - 10 %/+ 50 % nominal case size: ? 8 mm x 18 mm; form ba ordering code: mal203134331e3 table 2 electrical data symbol description c r rated capacitance at 100 hz, tolerance - 10 % to + 50 % i r rated rms ripple current at 100 hz, 85 c i l1 max. leakage current after 1 min at u r i l5 max. leakage current after 5 min at u r tan ? max. dissipation factor at 100 hz esr equivalent series resistance at 100 hz ? (calculated from tan ? max. and c r ) z max. impedance at 10 khz electrical data and ordering information u r (v) c r 100 hz (f) nominal case size ? d x l (mm) case code i r 100 hz 85 c (ma) i l1 1 min (a) i l5 5 min (a) tan ? 100 hz esr 100 hz ( ? ) z 10 khz ( ? ) ordering code mal2.......... taped on reel form br taped in box form ba 6.3 68 4.5 x 10 2 75 22 5.9 0.25 5.86 2.90 03023689e3 03033689e3 150 6 x 10 3 120 10 6.9 0.25 2.66 1.30 03023151e3 03033151e3 470 8 x 18 5 330 22 11 0.25 0.85 0.43 03123471e3 03133471e3 680 10 x 18 6 430 30 14 0.25 0.59 0.29 03123681e3 03133681e3 1000 10 x 25 7 560 42 18 0.25 0.40 0.20 03123102e3 03133102e3 10 47 4.5 x 10 2 70 24 5.9 0.20 6.78 3.40 03024479e3 03034479e3 100 6 x 10 3 110 10 7.0 0.20 3.19 1.60 03024101e3 03034101e3 220 8 x 11 5a 210 18 9.4 0.20 1.45 0.73 03024221E3 03034221e3 220 6.5 x 18 4 210 18 9.4 0.20 1.45 0.73 03124221e3 03134221e3 330 8 x 18 5 310 24 12 0.20 0.97 0.48 03124331e3 03134331e3 470 10 x 18 6 410 33 14 0.20 0.68 0.34 03124471e3 03134471e3 680 10 x 25 7 510 45 19 0.20 0.47 0.24 03124681e3 03134681e3 16 33 4.5 x 10 2 65 27 6.1 0.16 7.72 3.60 03025339e3 03035339e3 68 6 x 10 3 110 11 7.2 0.16 3.75 1.80 03025689e3 03035689e3 150 8 x 11 5a 200 19 9.8 0.16 1.70 0.80 03025151e3 03035151e3 150 6.5 x 18 4 200 19 9.8 0.16 1.70 0.80 03125151e3 03135151e3 220 8 x 18 5 270 26 12 0.16 1.16 0.55 03125221e3 03135221e3 330 10 x 18 6 410 36 16 0.16 0.78 0.36 03125331e3 03135331e3 470 10 x 25 7 480 49 20 0.16 0.55 0.26 03125471e3 03135471e3 25 10 4.5 x 10 2 50 13 5.5 0.14 22.3 9.00 03026109e3 03036109e3 22 4.5 x 10 2 60 28 6.1 0.14 10.2 4.10 03026229e3 03036229e3 47 6 x 10 3 100 12 7.4 0.14 4.80 1.90 03026479e3 03036479e3 100 8 x 11 5a 160 19 10 0.14 2.23 0.90 03026101e3 03036101e3 100 6.5 x 18 4 160 19 10 0.14 2.23 0.90 03126101e3 03136101e3 150 8 x 18 5 240 27 13 0.14 1.49 0.60 03126151e3 03136151e3 220 10 x 18 6 350 37 16 0.14 1.02 0.41 03126221e3 03136221e3 330 10 x 25 7 460 54 22 0.14 0.68 0.27 03126331e3 03136331e3
030/031 as www.vishay.com vishay bccomponents revision: 24-apr-12 4 document number: 28327 for technical questions, contact: aluminumcaps1@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 40 10 4.5 x 10 2 50 20 5.8 0.11 17.6 7.00 03027109e3 03037109e3 15 4.5 x 10 2 55 30 6.2 0.11 11.7 4.70 03027159e3 03037159e3 22 6 x 10 3 75 9 6.8 0.11 8.00 3.20 03027229e3 03037229e3 33 6 x 10 3 95 12 7.7 0.11 5.31 2.10 03027339e3 03037339e3 47 8 x 11 5a 150 16 8.8 0.11 3.73 1.50 03027479e3 03037479e3 47 6.5 x 18 4 150 16 8.8 0.11 3.73 1.50 03127479e3 03137479e3 100 8 x 18 5 220 28 13 0.11 1.75 0.70 03127101e3 03137101e3 150 10 x 18 6 300 40 17 0.11 1.17 0.47 03127151e3 03137151e3 220 10 x 25 7 430 57 23 0.11 0.80 0.32 03127221e3 03137221e3 63 1.0 4.5 x 10 2 13 5 5.1 0.09 143 55.0 03028108e3 03038108e3 2.2 4.5 x 10 2 25 7 5.3 0.09 65.2 25.0 03028228e3 03038228e3 3.3 4.5 x 10 2 35 11 5.4 0.09 46.5 17.0 03028338e3 03038338e3 4.7 4.5 x 10 2 40 15 5.6 0.09 30.5 12.0 03028478e3 03038478e3 6.8 4.5 x 10 2 46 22 5.9 0.09 21.1 8.10 03028688e3 03038688e3 10 6 x 10 3 70 7 6.3 0.08 12.8 5.50 03028109e3 03038109e3 15 6 x 10 3 79 10 6.9 0.08 8.50 3.70 03028159e3 03038159e3 22 8 x 11 5a 110 13 7.8 0.08 5.79 2.50 03028229e3 03038229e3 22 6.5 x 18 4 110 13 7.8 0.08 5.79 2.50 03128229e3 03138229e3 47 8 x 18 5 190 22 11 0.08 2.71 1.20 03128479e3 03138479e3 68 10 x 18 6 250 30 14 0.08 1.88 0.81 03128689e3 03138689e3 100 10 x 25 7 300 42 18 0.08 1.28 0.55 03128101e3 03138101e3 100 1.0 4.5 x 10 2 20 5 4.6 0.08 128 45.0 03029108e3 03039108e3 2.2 4.5 x 10 2 30 11 5.3 0.08 57.9 21.0 03029228e3 03039228e3 3.3 4.5 x 10 2 40 17 6.0 0.08 38.6 14.0 03029338e3 03039338e3 4.7 6 x 10 3 50 13 6.8 0.07 23.7 9.60 03029478e3 03039478e3 6.8 6 x 10 3 70 18 8.0 0.07 16.4 6.60 03029688e3 03039688e3 10 8 x 11 5a 90 24 10 0.07 11.2 4.50 03029109e3 03039109e3 10 6.5 x 18 4 90 24 10 0.07 11.2 4.50 03129109e3 03139109e3 22 8 x 18 5 120 48 18 0.07 5.07 2.10 03129229e3 03139229e3 33 10 x 18 6 200 70 24 0.07 3.38 1.40 03129339e3 03139339e3 47 10 x 25 7 260 98 33 0.07 2.37 0.96 03129479e3 03139479e3 electrical data and ordering information u r (v) c r 100 hz (f) nominal case size ? d x l (mm) case code i r 100 hz 85 c (ma) i l1 1 min (a) i l5 5 min (a) tan ? 100 hz esr 100 hz ( ? ) z 10 khz ( ? ) ordering code mal2.......... taped on reel form br taped in box form ba
030/031 as www.vishay.com vishay bccomponents revision: 24-apr-12 5 document number: 28327 for technical questions, contact: aluminumcaps1@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 capacitance (c) fig. 4 - typical multiplier of capacitance as a function of ambient temperature fig. 5 - typical multiplier of capacitance as a function of frequency additional electrical data parameter conditions value voltage surge voltage u s ? ?1.15 x u r reverse voltage u rev ? 1?v current leakage current after 1?min at u r : case ? d x l?=?4.5 mm x 10?mm i l1 ? 0.05 c r x u r ?or?5 a, whiche ver is greater case ? d x l?=?6 mm x 10 mm?to?10 mm x 25?mm i l1 ?for?cv ? 1000: ? 0.01 c r x u r ?or?1 a, whiche ver is greater i l1 ?for cv > 1000: ? 0.006 c r x u r ?+?4 a u r ?=?100?v i l1 = 0.02 c r ?x?u r ?+?4 a after 5?min: u r ?=?6.3 v?to?63?v i l5 ? 0.002 c r x u r ?+?5 a u r ?=?100?v i l5 ? 0.006 c r x u r ?+?4 a inductance equivalent series inductance (esl) case ? d x l?mm: 4.5 x 10 typ. 10?nh 6 x 10 typ. 22?nh 8 x 11 typ. 85?nh 6.5 x 18 typ. 25?nh 8 x 18 typ. 40?nh 10 x 18 typ. 61?nh 10 x 25 typ. 38?nh resistance equivalent series resistance (esr) calculated from tan ? max. and c r (see table 2) esr = tan ? /2 ? fc r t amb (c) c 0 = capacitance at 20 c, 100 hz 7 6 5 4 3 2 1 1.2 1.1 1.0 0.9 0.8 0.7 0.6 - 60 - 40 - 20 0 20 40 60 80 c c 0 1 2 curve 1: 6.3 v curve 2: 10 v curve 3: 16 v curve 4: 25 v curve 5: 40 v curve 6: 63 v curve 7: 100 v 1.05 1.00 0.95 0.90 0.85 0.75 10 10 2 10 3 10 4 c c 0 t amb (c) 7 6 5 4 3 2 1 1 7 c 0 = capacitance at 20 c, 100 hz curve 1: 6.3 v curve 2: 10 v curve 3: 16 v curve 4: 25 v curve 5: 40 v curve 6: 63 v curve 7: 100 v
030/031 as www.vishay.com vishay bccomponents revision: 24-apr-12 6 document number: 28327 for technical questions, contact: aluminumcaps1@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 equivalent series resistance (esr) fig. 6 - typical multiplier of esr as a function of ambient temperature fig. 7 - typical multiplier of esr as a function of frequency impedance (z) table 3 fig. 8 - typical impedance as a func tion of frequency fig. 9 - typical im pedance as a functi on of frequency t amb (c) esr 0 = capacitance at 20 c, 100 hz - 60 - 40 - 20 0 20 40 60 80 100 120 30 20 10 0.3 esr esr 0 1 2 3 1 3 2 curve 1: 6.3 v curve 2: 63 v curve 3: 100 v t amb (c) esr 0 = capacitance at 20 c, 100 hz 2 1 0 esr esr 0 10 10 2 10 3 10 4 1 2 3 1 3 2 impedance vs. capacitance values at 10 khz t amb z x c r ( ? x f) 6.3 v 10 v 16 v 25 v 40 v 63 v 100 v + 20 c ?? 200 ? 160 ?? 120 ?? 90 ?? 70 ? 55 ? 45 - 25 c ?? 1200 ? 750 ?? 560 ? 400 ?? 300 ? 180 ? 130 - 40 c ? 3200 ? 2000 ?? 1500 ?? 1100 ?? 900 ? 500 ? 350 t amb = 20 c 10 4 10 3 10 2 10 1 10 -1 10 2 10 3 10 4 10 5 10 6 z ( ) curve 1: 10 f, 25 v, 4.5 mm x 11 mm curve 2: 22 f, 25 v, 4.5 mm x 11 mm curve 3: 47 f, 25 v, 6 mm x 11 mm curve 4: 100 f, 25 v, 6.5 mm x 11 mm curve 5: 220 f, 10 v, 6.5 mm x 11 mm 1 3 4 5 2 t amb = 20 c 10 2 10 1 1 10 -1 10 -2 10 2 10 3 10 4 10 5 10 6 z ( ) 1 2 3 4 5 6 curve 1: 22 f, 63 v, 8 mm x 11 mm curve 2: 47 f, 40 v, 8 mm x 11 mm curve 3: 150 f, 25 v, 8 mm x 18 mm curve 4: 330 f, 16 v, 10 mm x 18 mm curve 5: 470 f, 16 v, 10 mm x 25 mm curve 6: 1000 f, 6.3 v, 10 mm x 25 mm
030/031 as www.vishay.com vishay bccomponents revision: 24-apr-12 7 document number: 28327 for technical questions, contact: aluminumcaps1@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 ripple current and useful life fig. 10 - multiplier of useful life as a function of ambient temperature and ripple current load table 4 multiplier of ripple current (i r ) as a function of frequency frequency (hz) i r multiplier u r = 6.3 v to 10 v u r = 16 v to 25 v u r = 40 v to 100 v 50 0.95 0.90 0.85 100 1.00 1.00 1.00 300 1.07 1.12 1.20 1000 1.12 1.20 1.30 3000 1.15 1.25 1.35 ? 10 000 1.20 1.30 1.40 3.3 3.2 3.0 2.8 2.6 2.4 2.2 2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.5 0.0 3.1 40 50 60 70 80 90 100 t amb (c) ccc205 lifetime multiplier (1) 70 50 4.0 6 .0 2.0 1.5 30 15 10 3.0 20 1.0 i a i r ccc205 i a = actual ripple current at 100 hz i r = rated ripple current at 100 hz, 85 c (1) useful life at 85 c and i r applied: case ? d x l = 4.5 mm x 10 mm to 10 mm x 25 mm: 3000 h
030/031 as www.vishay.com vishay bccomponents revision: 24-apr-12 8 document number: 28327 for technical questions, contact: aluminumcaps1@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 table 5 test procedures and requirements test procedure (quick reference) requirements name of test reference case ? d x l = 4.5 mm x 10 mm to 10 mm x 25 mm endurance iec 384-4/ ? en130 300 ? subclause 4.13 t amb = 85 c; u r applied; ? 2000 h u r ? 6.3 v; ? c/c: + 15 %/- 30 % u r > 6.3 v; ? c/c: 15 % tan ? ? 1.3 x spec. limit z ? 2 x spec. limit i l ? spec. limit useful life cecc 30301 ? subclause 1.8.1 t amb = 85 c; u r and i r applied; ? 3000 h u r ? 6.3 v; ? c/c: + 45 %/- 50 % u r > 6.3 v; ? c/c: 45 % tan ? ? 3 x spec. limit z ? 3 x spec. limit i l ? spec. limit no short or open circuit total failure percentage: ? 1 % shelf life ? (storage at ? high temperature) iec 384-4/ ? en130300 ? subclause 4.17 t amb = 85 c; no voltage applied; ? 500 h after test: u r to be applied for 30 min, ? 24 h to 48 h befo re measurement ? c/c, tan ? , z: ? for requirements ? see endurance test above i l ? 2 x spec. limit
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.


▲Up To Search▲   

 
Price & Availability of 03024221E3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X