Part Number Hot Search : 
4082013 MAX7490 42S16 12D05 P0438T LA6544H 2PG352 MTPH8
Product Description
Full Text Search
 

To Download XA9572XL-10VQ44I Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ds108-1 (v1.4) october 18, 2004 www.xilinx.com 1 preliminary product specification 1-800-255-7778 ? 2003 xilinx, inc. all rights reserved. all xilinx trademarks, registered trademarks, patents, and disclaimers are as listed a t http://www.xilinx.com/legal.htm . all other trademarks and registered trademarks are the property of their respective owners. all specifications are subject to c hange without notice. k features ? aec-q100 device qualification and full ppap support available in both extended temperature q-grade and i-grade.  guaranteed to meet full electrical specifications over t a = ?40c to +125c  system frequency up to 100 mhz (10 ns)  available in small footprint packages  optimized for high-performance 3.3v systems - 5v tolerant i/o pins accept 5v, 3.3v, and 2.5v signals ? ideal for multi-voltage system interfacing and level shifting - technology: 0.35 m cmos process  advanced system features - in-system programmable enabling higher system reliability through reduced handling and reducing production programming times - superior pin-locking and routability with fastconnect? ii switch matrix allowing for multiple design iterations without board re-spins - input hysteresis on all user and boundary-scan pin inputs to reduce noise on input signals - bus-hold circuitry on all user pin inputs which reduces cost associated with pull-up resistors and reduces bus loading - full ieee standard 1149.1 boundary-scan (jtag) for in-system device testing fast concurrent programming  slew rate control on individual outputs for reducing emi generation  refer to xc9500xl family data sheet (ds054) for architecture description  refer to xc9536xl data sheet (ds058) and xc9572xl data sheet (ds057) for pin tables  additionally, xilinx and all of our production partners are qualified to qs-9000, moving to ts16949 in 2005. description the xa9500xl 3.3v cpld automotive xa product family is targeted for leading-edge, high-performance automotive applications that require either automotive industrial (?40c to +85c ambient) or extended (?40c to +125c ambient) temperature reconfigurable devices. power estimation power dissipation in cplds can vary substantially depend- ing on the system frequency, design application and output loading. to help reduce power dissipation, each macrocell in the xa9500xl device can be configured for low-power mode (from the default high-performance mode). in addi- tion, unused product-terms and macrocells are automati- cally deactivated by the software to further conserve power. for a general estimate of i cc , the following equation may be used: i cc (ma) = mc hp (0.5) + mc lp (0.3) + mc(0.0045 ma/mhz) f where: mc hp = macrocells in high-performance (default) mode mc lp = macrocells in low-power mode mc = total number of macrocells used f = clock frequency (mhz) this calculation is based on typical operating conditions using a pattern of 16-bit up/down counters in each function block with no output loading. the actual i cc value varies with the design application and should be verified during normal system operation. 0 xa9500xl high-performance cpld automotive xa product family ds108-1 (v1.4) october 18, 2004 00 preliminary product specification r table 1: xa9500xl device family device macrocells usable gates registers f system (mhz) xa9536xl 36 800 36 100 xa9572xl 72 1,600 72 100 xa95144xl 144 3,200 144 100
xa9500xl high-performance cpld automotive xa product family 2 www.xilinx.com ds108-1 (v1.4) october 18, 2004 1-800-255-7778 preliminary product specification r table 2: xa9500xl packages and user i/o pins (not including four dedicated jtag pins) device vq44 tq144 xa9536xl 34 -- xa9572xl 34 -- xa95144xl -- 117
xa9500xl high-performance cpld automotive xa product family ds108-1 (v1.4) october 18, 2004 www.xilinx.com 3 preliminary product specification 1-800-255-7778 r absolute maximum ratings (1) recommended operating conditions quality and reliability characteristics symbol description min. max. units v cc supply voltage relative to gnd ?0.5 4.0 v v in input voltage relative to gnd (2) ?0.5 5.5 v v ts voltage applied to 3-state output (2) ?0.5 5.5 v t stg storage temperature (ambient) ?65 +150 o c t j junction temperature - +150 o c notes: 1. stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. these are stress ratings only, and functional operation of the device at these or any other conditions beyond those listed under operating condi tions is not implied. exposure to absolute maximum ratings conditions for extended periods of time may affect device reliability. 2. maximum dc undershoot below gnd must be limited to either 0.5v or 10 ma, whichever is easier to achieve. during transitions, the device pins may undershoot to ?2.0 v or overshoot to +7.0v, provided this over- or undershoot lasts less than 10 ns and with th e forcing current being limited to 200 ma. 3. for soldering guidelines, see the package infomation on the xilinx website. symbol parameter min max units t a ambient temperature ?40 +125 c v ccint supply voltage for internal logic and input buffers 3.0 3.6 v v ccio supply voltage for output drivers for 3.3v operation 3.0 3.6 v supply voltage for output drivers for 2.5v operation 2.3 2.7 v v il low-level input voltage 0 0.80 v v ih high-level input voltage 2.0 5.5 v v o output voltage 0 v ccio v symbol parameter min max units t dr data retention 20 - years n pe program/erase cycles (endurance) @ t a = 70c 10,000 - cycles
xa9500xl high-performance cpld automotive xa product family 4 www.xilinx.com ds108-1 (v1.4) october 18, 2004 1-800-255-7778 preliminary product specification r component availability ordering information revision history the following table shows the revision history for this document. pins 44 144 type plastic vqfp plastic tqfp code vq44 tq144 xa9536xl -10 i,q -- xa9572xl -10 i,q -- xa95144xl -10 -- i notes: 1. q = automotive extended temperature (t a = ?40c to +125c). 2. i= automotive industrial temperature (t a = ?40c to +85c). date version revision 05/17/02 1.0 initial xilinx release. 07/17/02 1.1 updated n pe quality and reliability specification. 02/03/03 1.2 added reference to xc9500xl, xc9536xl, and xc9572xl data sheets. 05/21/04 1.3 updated the vq44 column of ta bl e 2 and the component availability table on page 2. 10/18/04 1.4 extensive edits to update family from iq to xa xa9572xl -10 vq 44q example: temperature range number of pins package type device type speed grade device ordering options device speed package temperature xa9536xl -10 10 ns pin-to-pin delay vq44 44-pin quad flat pack (vqfp) q = automotive extended t a = ?40c to +125c xa9572xl tq144 144-pin thin quad flat pack (tqfp) i = automotive industrial t a = ?40c to +85c xa95144 xl


▲Up To Search▲   

 
Price & Availability of XA9572XL-10VQ44I

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X