Part Number Hot Search : 
M1101 MPY43C49 ES5603 SSF6808A DTC144WE FP5109 AC126 7130A
Product Description
Full Text Search
 

To Download VSHD64C1-5184MHZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  the connor-winfield corp . 2111 comprehensive drive. aurora, il 60505.fax (630) 851-5040. phone (630) 851-4722. http://www.conwin.com product da t a sheet specifications subject to change without notice. data sheet #: rev: date: page of copyright 2001 connor-winfield all rights reserved. a cr yst al controlled oscilla tors the connor-winfield vshd64c1 is a surface mount 5.0v voltage controlled crystal oscillator (vcxo) with hcmos / ttl compatible output. based on a fundamental crystal design, the vshd64c1 is designed for phased lock loop applications requiring low jitter and tight stability. 1 2 vshd64c1 - 51.84 mhz vcxo series center frequency 5.0v operation low jitter <1ps rmsfrequency stability : 20ppm temperature range:-40 to 85csurface mount p ackage tape and reel packaging su r f a c e m o u n t 5 .0 v h c m o s v c x o v sh d6 4c 1 vx447 00 1/16/03 ordering information features description c w 0 7 0 1 v s h d 6 4 c 1 5 1 . 8 4 m absolute maximum ratings table 1.0 parameter units minimum nominal maximum units note storage temperature - 55 - 125 c supply voltage (vcc) - 0.5 - 7.0 vdc control voltage (vc) - 0.5 - 7.0 vdc operating specifications table 2.0 parameter minimum nominal maximum units note center frequency (fo) 2 - 100 mhz frequency stability - 20 - 20 ppm 1 aging (1st year) - 2 - 2 ppm aging (10 years) - 5 5 ppm operating temperature range - 40 - 85 c supply voltage (vcc) 4.75 5.00 5.25 vdc supply current (icc) - - 50 ma jitter (bw=10hz to 20mhz) - - 5 ps rms jitter (bw=12khz to 20mhz) - - 1 ps rms ssb phase noise at 10hz offset - - 60 - dbc/hz ssb phase noise at 100hz offset - - 100 - dbc/hz ssb phase noise at 1khz offset - - 110 - dbc/hz ssb phase noise at 10khz offset - - 130 - dbc/hz ssb phase noise at 100khz offset - - 135 - dbc/hz input characteristics table 3.0 parameter minimum nominal maximum units note control voltage range (vc) 0.5 2.5 4.5 vdc frequency pullability 100 - - ppm 2 monotonic linearity - 10 - 10 % input impedance - 50k - ohm modulation bandwidth (3db) 15 - - khz hcmos output characteristics table 4.0 parameter minimum nominal maximum units note load - - 20 pf voltage (high) (voh) 4.5 - - vdc (low) (vol) - - 0.5 vdc current (high) (ioh) - 16 - ma (low) (ioh) - - 1 6 ma duty cycle at 50% of vcc 45 50 55 % rise / fall time 10% to 90% - - 5 ns package characteristics table 5.0 package non - hermetic package consisting of an fr4 subst rate with grounded metal cover. process recommendations table 6.0 solder r eflow the component solder used internal to this device has a m elting point of 221 c. the peak temperature inside the device should be less t han or equal to 220 c for a maximum of 10 seconds wash ultrasonic cleaning is not recommended. notes 1.0 inclusive o f frequency vs. temperature, frequency vs. change in supply voltage, f requency vs. load change. referenced to fo @ 25 c, vc = 2.5v. 2.0 referenced to fo @ 25 c. positive slope.
the connor-winfield corp . 2111 comprehensive drive. aurora, il 60505.fax (630) 851-5040. phone (630) 851-4722. http://www.conwin.com product da t a sheet specifications subject to change without notice. data sheet #: rev: date: page of copyright 2001 connor-winfield all rights reserved. a cr yst al controlled oscilla tors 2 2 vx447 00 1/16/03 c w v s h d 6 4 c 1 5 1 . 8 4 m d a t e c o d e 90% 50% 10% 20pf control volt age


▲Up To Search▲   

 
Price & Availability of VSHD64C1-5184MHZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X