Part Number Hot Search : 
7C603 128160 DS44304 BR210F 625ETT 5KE350CA 10200 1A71B
Product Description
Full Text Search
 

To Download VKO472KCQCD0KR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  vko series www.vishay.com vishay draloric revision: 22-jul-13 1 document number: 22203 for technical questions, contact: slcap@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 ac line rated ceramic disc capacitors class x1, 440 v ac , class y2, 300 v ac marking marking indicates series, ac ra ting, capacitance, tolerance code, and approvals. operating temperature range - 40 c to + 125 c temperature characteristics class 2 y5u sectional specifications climatic category (according to en 60058-1) class 2 40/125/21b approvals iec 60384-14.3 ? ul 60384-14.1 ? csa e60384-1:03 2 nd edition, csa e60384-14:09 2 nd edition features ? complying with iec 60384-14 3 rd edition ? high reliability ? wide range of different leadstyles ? small dimensions ? singlelayer ac disc capacitors ? material categorization: for definitions of compliance please see www.vishay.com/doc?99912 applications ? x1, y2 according to iec 60384-14.3 ?line-by-pass design the capacitors consist of cera mic disc both sides of which are silver plated. connection leads are made of tinned copper having diameters of 0.6 mm. the capacitors may be supplied with straight or kinked leads having a lead spacing of 7.5 mm. coating is made of blue colo red flame retarda nt epoxy resin in accordance with ul 94 v-0. capacitance range 1.0 nf to 4.7 nf tolerance on capacitance 10 %, 20 % rated voltage ? x1: 440 v ac , 50 hz (iec 60384-14.3) ? 440 v ac , 50 hz/60 hz (us/ul/csa 60384-14) ? y2: 300 v ac , 50 hz (iec 60384-14.3) ? 300 v ac , 50 hz/60 hz (us/ul/csa 60384-14) test voltage ? 2600 v ac , 50 hz, 2 s component test (100 %) ? 2600 v ac , 50 hz, 60 s random sampling test (destructive) ? 2600 v ac , 50 hz, 60 s voltage proof of coating (destructive) insulation resist ance at 500 v dc ?? 6000 m ? (60 s) dissipation factor class 2: max. 2.5 % (1 khz) quick reference data description value ceramic class 2 ceramic dielectric y5u voltage (v ac ) 440 300 min. capacitance (pf) 1000 max. capacitance (pf) 4700 mounting radial
vko series www.vishay.com vishay draloric revision: 22-jul-13 2 document number: 22203 for technical questions, contact: slcap@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 notes (1) standard lead configuration, other lead spacing and diameter available on request (2) when capacitance values less than 1 nf are required, the usage of wko series is recommended dimensions in millimeters technical data capacitance c (pf) (2) capacitance tolerance body diameter d max. (mm) body thickness s max. (mm) lead spacing (1) f (mm) 1 mm lead diameter (1) d (mm) 0.05 mm width (1) v (mm) 0.5 mm part number missing digits see ordering code below y5u (2e3) 1000 10 %, 20 % 7.0 4.5 7.5 0.6 1.6 vko102#cq###kr 1500 8.0 6.0 vko152#cq###kr 2200 10.0 vko222#cq###kr 3300 12.0 vko332#cq###kr 3900 13.5 4.5 vko392#cq###kr 4700 13.5 vko472#cq###kr ordering code #7 th digit capacitance toleranc e 10 % = k, 20 % = m ### 10 th to 12 th digit lead configuration see general information example vko 102 k cq tc0 k r series capacitance value tolerance code voltage code lead configuration internal code rohs compliant marking s max. ? d 0.05 v f d max. 30 - 3 or 10 1 3.0 max. vko vko 3n9 m 440 300 250~ x1 y2 iec 384-14/2 vko 1.0 nf to 1.5 nf 300~ y2 440~ x1 1n5 k vko 2.2 nf to 4.7 nf
vko series www.vishay.com vishay draloric revision: 22-jul-13 3 document number: 22203 for technical questions, contact: slcap@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 leakage current vs. voltage (typical) impedance vs. frequency (typical) approvals iec 60384-14.3 - safety tests ? this approval together with cb test certificate substi tutes all nation al approvals. cb certificate y2-capacitor: cb test certific ate: us-19598-ul 1 nf to 4.7 nf 300 v ac x1-capacitor: cb test certific ate: us-19598-ul 1 nf to 4.7 nf 440 v ac minimum thickness of insulation: 0.4 mm vde y2-capacitor: vde marks approv al: 137866 1 nf to 4.7 nf 300 v ac x1-capacitor: vde marks approv al: 137866 1 nf to 4.7 nf 440 v ac din en 60384-14 vde 0565-1-1:2006-04 - safety tests minimum thickness of insulation: 0.4 mm underwriters laboratories inc./canadian standards association y2-capacitor: ul-tes t certificate: e183844 1 nf to 4.7 nf 300 v ac x1-capacitor: ul-test certifi cate: e183844 1 nf to 4.7 nf 440 v ac ul 60384-14.1, csa e60384-1:03 2 nd edition, csa e60384-14:09 2 nd edition across-the-line, antenna-coupli ng and line-by-pass component minimum thickness of insulation: 0.4 mm 0 1000 2000 3000 0 500 1000 1500 2000 2500 i (a) u r (v~) 3.3 nf 4.7 nf 1 nf 2.2 nf 0.01 0.1 1 10 1 10 100 z ( ) f (mhz) 4700 pf 2200 pf 3300 pf 3900 pf 1500 pf 1000 pf related documents general in formation www.vishay.com/doc?22001 cb test certificate www.vishay.com/doc?22220 vde marks approval www.vishay.com/doc?22222 ul test certificate www.vishay.com/doc?22221
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.


▲Up To Search▲   

 
Price & Availability of VKO472KCQCD0KR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X