document number: 84679 for technical questions, contact: detectortechsupport@vishay.com www.vishay.com rev. 1.4, 12-may-09 443 silicon pin photodiode temd5010x01 vishay semiconductors description temd5010x01 is a high speed and high sensitive pin photodiode. it is a miniatur e surface mount device (smd) including the chip with a 7.5 mm 2 sensitive area detecting visible and near infrared radiation. features ? package type: surface mount ? package form: top view ? dimensions (l x w x h in mm): 5 x 4.24 x 1.12 ? radiant sensitive area (in mm 2 ): 7.5 ? aec-q101 qualified ? high photo sensitivity ? high radiant sensitivity ? suitable for visible and near infrared radiation ? fast response times ? angle of half sensitivity: ? = 65 ? floor life: 72 h, msl 4, acc. j-std-020 ? lead (pb)-free reflow soldering ? compliant to rohs directive 2002/95/ec and in accordance to weee 2002/96/ec ? find out more about vishay?s automotive grade product requirements at: www.vishay.com/applications applications ? high speed photo detector note test conditions see table ?basic characteristics? note moq: minimum order quantity note t amb = 25 c, unless otherwise specified 20535 product summary component i ra (a) ? (deg) 0.1 (nm) temd5010x01 55 65 430 to 1100 ordering information ordering code packaging remarks package form temd5010x01 tape and reel moq: 1500 pcs, 1500 pcs/reel top view absolute maximum ratings parameter test condition symbol value unit reverse voltage v r 60 v power dissipation t amb 25 c p v 215 mw junction temperature t j 100 c operating temperature range t amb - 40 to + 100 c storage temperature range t stg - 40 to + 110 c soldering temperature acc. refl ow solder profile fig. 8 t sd 260 c thermal resistance junction/ambient r thja 350 k/w
www.vishay.com for technical questions, contact: detectortechsupport@vishay.com document number: 84679 444 rev. 1.4, 12-may-09 temd5010x01 vishay semiconductors silicon pin photodiode note t amb = 25 c, unless otherwise specified basic characteristics t amb = 25 c, unless otherwise specified fig. 1 - reverse dark current vs. ambient temperature fig. 2 - relative reverse light current vs. ambient temperature basic characteristics parameter test condition symbol min. typ. max. unit forward voltage i f = 50 ma v f 11.3v breakdown voltage i r = 100 a, e = 0 v (br) 60 v reverse dark current v r = 10 v, e = 0 i ro 230na diode capacitance v r = 0 v, f = 1 mhz, e = 0 c d 70 pf v r = 3 v, f = 1 mhz, e = 0 c d 25 40 pf open circuit voltage e e = 1 mw/cm 2 , = 950 nm v o 350 mv temperature coefficient of v o e e = 1 mw/cm 2 , = 950 nm tk vo - 2.6 mv/k short circuit current e e = 1 mw/cm 2 , = 950 nm i k 50 a temperature coefficient of i k e e = 1 mw/cm 2 , = 950 nm tk ik 0.1 %/k reverse light current e e = 1 mw/cm 2 , = 950 nm, v r = 5 v i ra 45 55 a angle of half sensitivity ? 65 deg wavelength of peak sensitivity p 940 nm range of spectral bandwidth 0.1 430 to 1100 nm noise equivalent power v r = 10 v, = 950 nm nep 4 x 10 -14 w/ hz rise time v r = 10 v, r l = 1 k , = 820 nm t r 100 ns fall time v r = 10 v, r l = 1 k , = 820 nm t f 100 ns 20 40 60 8 0 1 10 100 1000 100 94 8 403 v r = 10 v t am b - am b ient temperat u re (c) i ro - re v erse dark c u rrent (na) 0.6 0. 8 1.0 1.2 1.4 94 8 409 v r =5 v = 950 nm 100 8 0 60 40 20 0 i - re lati v e re v erse light c u rrent t - am b ient temperat u re (c) am b ra rel
document number: 84679 for technical questions, contact: detectortechsupport@vishay.com www.vishay.com rev. 1.4, 12-may-09 445 temd5010x01 silicon pin photodiode vishay semiconductors fig. 3 - reverse light current vs. irradiance fig. 4 - reverse light current vs. reverse voltage fig. 5 - diode capacitance vs. reverse voltage fig. 6 - relative spectral sensitivity vs. wavelength fig. 7 - relative radiant sens itivity vs. angular displacement 0.01 0.1 1 0.1 1 10 100 1000 i ra - re v erse light c u rrent ( a) e e - irradiance (m w /cm 2 ) 10 127 8 7 v r = 5 v = 950 nm 0.1 1 10 1 10 100 v r - re v erse v oltage ( v ) 100 127 88 i ra - re v erse light c u rrent ( a) 1m w /cm 2 0.5 m w /cm 2 0.2 m w /cm 2 0.1 m w /cm 2 0.05 m w /cm 2 = 950 nm 0 20 40 60 8 0 94 8 407 e = 0 f = 1 mhz c d - diode capacitance (pf) v r - re v erse v oltage ( v ) 0.1 100 110 350 550 750 950 0 0.2 0.4 0.6 0. 8 1.0 1150 94 8 420 - w a v elength (nm) s( ) rel - relati v e spectral sensiti v it y 0.4 0.2 0 s rel - relati v e radiant sensiti v ity 94 8 406 0.6 0.9 0. 8 0 30 10 20 40 50 60 70 8 0 0.7 1.0 ? - ang u lar displacement
www.vishay.com for technical questions, contact: detectortechsupport@vishay.com document number: 84679 446 rev. 1.4, 12-may-09 temd5010x01 vishay semiconductors silicon pin photodiode package dimensions in millimeters dra w ing- n o.: 6.541-5060.01-4 iss u e: 3; 05.02.0 8 20536 n ot indicated tolerances 0.1
document number: 84679 for technical questions, contact: detectortechsupport@vishay.com www.vishay.com rev. 1.4, 12-may-09 447 temd5010x01 silicon pin photodiode vishay semiconductors taping dimensions in millimeters reel dimensions in millimeters 20537 20 8 74
www.vishay.com for technical questions, contact: detectortechsupport@vishay.com document number: 84679 448 rev. 1.4, 12-may-09 temd5010x01 vishay semiconductors silicon pin photodiode solder profile fig. 8 - lead (pb)-free reflow solder profile acc. j-std-020d drypack devices are packed in moisture barrier bags (mbb) to prevent the products from moisture absorption during transportation and storage. ea ch bag contains a desiccant. floor life time between soldering and removing from mbb must not exceed the time indicated in j-std-020: moisture sensitivity: level 4 floor life: 72 h conditions: t amb < 30 c, rh < 60 % drying in case of moisture absorpt ion devices should be baked before soldering. conditions see j-std-020 or recommended conditions: 192 h at 40 c (+ 5 c), rh < 5 % or 96 h at 60 c (+ 5 c), rh < 5 %. 0 50 100 150 200 250 300 0 50 100 150 200 250 300 time (s) temperat u re (c) 240 c 245 c max. 260 c max. 120 s max. 100 s 217 c max. 30 s max. ramp u p 3 c/s max. ramp do w n 6 c/s 19 8 41 255 c
document number: 91 000 www.vishay.com revision: 11-mar-11 1 disclaimer legal disclaimer notice vishay all product, product specifications and data ar e subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectivel y, vishay), disclaim any and all liability fo r any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, representation or guarantee regarding the suitability of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicab le law, vishay disc laims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, incl uding without limitation specia l, consequential or incidental dama ges, and (iii) any and all impl ied warranties, including warran ties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of pro ducts for certain types of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in gene ric applications. such statements are not binding statements about the suitability of products for a partic ular application. it is the customers responsibility to validate that a particu lar product with the properties described in th e product specification is su itable for use in a particul ar application. parameters provided in datasheets an d/or specifications may vary in different applications and perfo rmance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vishays term s and conditions of purchase, including but not limited to the warranty expressed therein. except as expressly indicated in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vishay product co uld result in person al injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk and agr ee to fully indemnify and hold vishay and it s distributors harmless from and against an y and all claims, liabilities, expenses and damages arising or resulting in connection with such use or sale, including attorneys fees, even if such claim alleges that vis hay or its distributor was negligent regarding the design or manufact ure of the part. please contact authorized vishay personnel t o obtain written terms and conditions regarding products designed fo r such applications. no license, express or implied, by estoppel or otherwise, to any intelle ctual property rights is gran ted by this document or by any conduct of vishay. product names and markings noted herein may be trademarks of their respective owners.
|