Part Number Hot Search : 
HC165 KBPC1005 D0412 ACTQ380 L25SLXX HMC10 C3736 L25SLXX
Product Description
Full Text Search
 

To Download SMBJ100-52-E3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  smbj5.0 thru 188ca vishay semiconductors formerly general semiconductor surface mount t rans z orb ? transient voltage suppressors stand-off voltage 5.0 to 188v peak pulse power 600w 0.180 (4.57) 0.160 (4.06) 0.012 (0.305) 0.006 (0.152) 0.008 (0.203) max. 0.220 (5.59) 0.205 (5.21) 0.060 (1.52) 0.030 (0.76) 0.155 (3.94) 0.130 (3.30) 0.086 (2.20) 0.077 (1.95) 0.096 (2.44) 0.084 (2.13) cathode band dimensions in inches and (millimeters) do-214aa (smb j-bend) features ? underwriters laboratory recognition under ul standard for safety 497b: isolated loop circuit protection ? low profile package with built-in strain relief for surface mounted applications ? glass passivated junction ? low incremental surge resistance, excellent clamping capability ? 600w peak pulse power capability with a 10/1000 s waveform, repetition rate (duty cycle): 0.01% ? very f ast response time ? high temperature soldering guaranteed: 250c/10 seconds at terminals mechanical data case: jedec do-214aa molded plastic over passivated junction terminals: solder plated, solderable per mil-std-750, method 2026 polarity: for unidirectional types the band denotes the cathode, which is positive with respect to the anode under normal tvs operation weight: 0.003 oz., 0.093 g flammability: epoxy is rated ul 94v-0 packaging codes ? options (antistatic): 51 ? 2k per bulk box, 20k/carton 52 ? 750 per 7" plastic reel (12mm tape), 15k/carton 5b ? 3.2k per 13" plastic reel (12mm tape), 32k/carton 0.085 max (2.16 max) 0.060 min (1.52 min) 0.220 ref 0.086 min (2.20 min) mounting pad layout extended voltage range devices for bidirectional applications for bi-directional devices, use suffix c or ca (e.g. smbj10c, smbj10ca). electrical characteristics apply in both directions. maximum ratings & thermal characteristics ratings at 25c ambient temperature unless otherwise specified. parameter symbol value unit peak pulse power dissipation with p ppm minimum 600 w a 10/1000 s waveform (1)(2) (fig. 1) peak pulse current with a 10/1000 s waveform (1) i ppm see table below a peak forward surge current 8.3ms single half sine-wave i fsm 100 a uni-directional only (2) typical thermal resistance, junction to ambient (4) r ja 100 c/w typical thermal resistance, junction to lead r jl 20 c/w operating junction and storage temperature range t j , t stg ?55 to +150 c notes: (1) non-repetitive current pulse, per fig.3 and derated above t a = 25c per fig. 2 (2) mounted on 0.2 x 0.2? (5.0 x 5.0mm) copper pads to each terminal (3) mounted on minimum recommended pad layout document number 88392 www.vishay.com 19-apr-04 1
www.vishay.com document number 88392 2 19-apr-04 smbj5.0 thru 188ca vishay semiconductors formerly general semiconductor electrical characteristics ratings at 25c ambient temperature unless otherwise specified. v f = 3.5v at i f = 50a (uni-directional only) device breakdown voltage maximum maximum maximum device type marking v (br) at i t (1) test stand-off reverse leakage peak pulse surge clamping modified code (v) current voltage at v wm current i ppm voltage at i ppm ?j? bend lead uni bi min max i t (ma) v wm (v) i d ( a) (3) (a) (2) v c (v) +smbj5.0 kd kd 6.40 7.82 10 5.0 800 62.5 9.6 +smbj5.0a (5) ke ke 6.40 7.07 10 5.0 800 65.2 9.2 +smbj6.0 kf kf 6.67 8.15 10 6.0 800 52.6 11.4 +smbj6.0a kg kg 6.67 7.37 10 6.0 800 58.3 10.3 +smbj6.5 kh ah 7.22 8.82 10 6.5 500 48.8 12.3 +smbj6.5a kk ak 7.22 7.98 10 6.5 500 53.6 11.2 +smbj7.0 kl kl 7.78 9.51 10 7.0 200 45.1 13.3 +smbj7.0a km km 7.78 8.60 10 7.0 200 50.0 12.0 +smbj7.5 kn an 8.33 10.2 1.0 7.5 100 42.0 14.3 +smbj7.5a kp ap 8.33 9.21 1.0 7.5 100 46.5 12.9 +smbj8.0 kq aq 8.89 10.9 1.0 8.0 50 40.0 15.0 +smbj8.0a kr ar 8.89 9.83 1.0 8.0 50 44.1 13.6 +smbj8.5 ks as 9.44 11.5 1.0 8.5 20 37.7 15.9 +smbj8.5a kt at 9.44 10.4 1.0 8.5 20 41.7 14.4 +smbj9.0 ku au 10.0 12.2 1.0 9.0 10 35.5 16.9 +smbj9.0a kv av 10.0 11.1 1.0 9.0 10 39.0 15.4 +smbj10 kw aw 11.1 13.6 1.0 10 5.0 31.9 18.8 +smbj10a kx ax 11.1 12.3 1.0 10 5.0 35.3 17.0 +smbj11 ky ky 12.2 14.9 1.0 11 5.0 29.9 20.1 +smbj11a kz kz 12.2 13.5 1.0 11 5.0 33.0 18.2 +smbj12 ld bd 13.3 16.3 1.0 12 5.0 27.3 22.0 +smbj12a le be 13.3 14.7 1.0 12 5.0 30.2 19.9 +smbj13 lf lf 14.4 17.6 1.0 13 1.0 25.2 23.8 +smbj13a lg lg 14.4 15.9 1.0 13 1.0 27.9 21.5 +smbj14 lh bh 15.6 19.1 1.0 14 1.0 23.3 25.8 +smbj14a lk bk 15.6 17.2 1.0 14 1.0 25.9 23.2 +smbj15 ll bl 16.7 20.4 1.0 15 1.0 22.3 26.9 +smbj15a lm bm 16.7 18.5 1.0 15 1.0 24.6 24.4 +smbj16 ln ln 17.8 21.8 1.0 16 1.0 20.8 28.8 +smbj16a lp lm 17.8 19.7 1.0 16 1.0 23.1 26.0 +smbj17 lq lq 18.9 23.1 1.0 17 1.0 19.7 30.5 +smbj17a lr lr 18.9 20.9 1.0 17 1.0 21.7 27.6 +smbj18 ls bs 20.0 24.4 1.0 18 1.0 18.6 32.2 +smbj18a lt bt 20.0 22.1 1.0 18 1.0 20.5 29.2 +smbj20 lu lu 22.2 27.1 1.0 20 1.0 16.8 35.8 +smbj20a lv lv 22.2 24.5 1.0 20 1.0 18.5 32.4 +smbj22 lw bw 24.4 29.8 1.0 22 1.0 15.2 39.4 +smbj22a lx bx 24.4 26.9 1.0 22 1.0 16.9 35.5 +smbj24 ly by 26.7 32.6 1.0 24 1.0 14.0 43.0 +smbj24a lz bz 26.7 29.5 1.0 24 1.0 15.4 38.9 +smbj26 md cd 28.9 35.3 1.0 26 1.0 12.9 46.6 +smbj26a me ce 28.9 31.9 1.0 26 1.0 14.3 42.1 +smbj28 mf mf 31.1 38.0 1.0 28 1.0 12.0 50.0 +smbj28a mg mg 31.1 34.4 1.0 28 1.0 13.2 45.4 +smbj30 mh ch 33.3 40.7 1.0 30 1.0 11.2 53.5 +smbj30a mk ck 33.3 36.8 1.0 30 1.0 12.4 48.4 notes: (1) pulse test: t p 50ms (2) surge current waveform per fig. 3 and derate per fig. 2 (3) for bi-directional types having v wm of 10 volts and less, the i d limit is doubled (4) all terms and symbols are consistent with ansi/ieee c62.35 (5) for the bidirectional smbg/smbj5.0ca, the maximum v (br) is 7.25v + underwriters laboratory recognition for the classification of protectors (qvgq2) under the ul standard for safety 497b and fil e number e136766 for both uni-directional and bi-directional devices
document number 88392 www.vishay.com 19-apr-04 3 smbj5.0 thru 188ca vishay semiconductors formerly general semiconductor electrical characteristics ratings at 25c ambient temperature unless otherwise specified. v f = 3.5v at i f = 50a (uni-directional only) device breakdown voltage maximum maximum maximum device type marking v (br) at i t (1) test stand-off reverse leakage peak pulse surge clamping modified code (v) current voltage at v wm current i ppm voltage at i ppm ?j? bend lead uni bi min max i t (ma) v wm (v) i d ( a) (3) (a) (2) v c (v) +smbj33 ml cl 36.7 44.9 1.0 33 1.0 10.2 59.0 +smbj33a mm cm 36.7 40.6 1.0 33 1.0 11.3 53.3 +smbj36 mn cn 40.0 48.9 1.0 36 1.0 9.3 64.3 +smbj36a mp cp 40.0 44.2 1.0 36 1.0 10.3 58.1 +smbj40 mq cq 44.4 54.3 1.0 40 1.0 8.4 71.4 +smbj40a mr cr 44.4 49.1 1.0 40 1.0 9.3 64.5 +smbj43 ms cs 47.8 58.4 1.0 43 1.0 7.8 76.7 +smbj43a mt ct 47.8 52.8 1.0 43 1.0 8.6 69.4 +smbj45 mu mu 50.0 61.1 1.0 45 1.0 7.5 80.3 +smbj45a mv mv 50.0 55.3 1.0 45 1.0 8.3 72.7 +smbj48 mw mw 53.3 65.1 1.0 48 1.0 7.0 85.5 +smbj48a mx mx 53.3 58.9 1.0 48 1.0 7.8 77.4 +smbj51 my my 56.7 69.3 1.0 51 1.0 6.6 91.1 +smbj51a mz mz 56.7 62.7 1.0 51 1.0 7.3 82.4 +smbj54 nd nd 60.0 73.3 1.0 54 1.0 6.2 96.3 +smbj54a ne ne 60.0 66.3 1.0 54 1.0 6.9 87.1 +smbj58 nf nf 64.4 78.7 1.0 58 1.0 5.8 103 +smbj58a ng ng 64.4 71.2 1.0 58 1.0 6.4 93.6 +smbj60 nh nh 66.7 81.5 1.0 60 1.0 5.6 107 +smbj60a nk nk 66.7 73.7 1.0 60 1.0 6.2 96.8 +smbj64 nl nl 71.1 86.9 1.0 64 1.0 5.3 114 +smbj64a nm nm 71.1 78.6 1.0 64 1.0 5.8 103 +smbj70 nn nn 77.8 95.1 1.0 70 1.0 4.8 125 +smbj70a np np 77.8 86.0 1.0 70 1.0 5.3 113 +smbj75 nq nq 83.3 102 1.0 75 1.0 4.5 134 +smbj75a nr nr 83.3 92.1 1.0 75 1.0 5.0 121 +smbj78 ns ns 86.7 106 1.0 78 1.0 4.3 139 +smbj78a nt nt 86.7 95.8 1.0 78 1.0 4.8 126 +smbj85 nu nu 94.4 115 1.0 85 1.0 4.0 151 +smbj85a nv nv 94.4 104 1.0 85 1.0 4.4 137 +smbj90 nw nw 100 122 1.0 90 1.0 3.8 160 +smbj90a nx nx 100 111 1.0 90 1.0 4.1 146 +smbj100 ny ny 111 136 1.0 100 1.0 3.4 179 +smbj100a nz nz 111 123 1.0 100 1.0 3.7 162 +smbj110 pd pd 122 149 1.0 110 1.0 3.1 196 +smbj110a pe pe 122 135 1.0 110 1.0 3.4 177 +smbj120 pf pf 133 163 1.0 120 1.0 2.8 214 +smbj120a pg pg 133 147 1.0 120 1.0 3.1 193 +smbj130 ph ph 144 176 1.0 130 1.0 2.6 231 +smbj130a pk pk 144 159 1.0 130 1.0 2.9 209 +smbj150 pl pl 167 204 1.0 150 1.0 2.2 268 +smbj150a pm pm 167 185 1.0 150 1.0 2.5 243 +smbj160 pn pn 178 218 1.0 160 1.0 2.1 287 +smbj160a pp pp 178 197 1.0 160 1.0 2.3 259 +smbj170 pq pq 189 231 1.0 170 1.0 2.0 304 +smbj170a pr pr 189 209 1.0 170 1.0 2.2 275 smbj188 pt pt 209 255 1.0 188 1.0 1.7 344 smbj188a ps ps 209 231 1.0 188 1.0 2.0 328 notes: (1) pulse test: t p 50ms (2) surge current waveform per fig. 3 and derate per fig. 2 (3) for bi-directional types having v wm of 10 volts and less, the i d limit is doubled (4) all terms and symbols are consistent with ansi/ieee c62.35 + underwriters laboratory recognition for the classification of protectors (qvgq2) under the ul standard for safety 497b and fil e number e136766 for both uni-directional and bi-directional devices
smbj5.0 thru 188ca vishay semiconductors formerly general semiconductor ratings and characteristic curves (t a = 25c unless otherwise noted) 0 25 50 75 100 0 75 25 50 100 125 150 175 200 peak pulse power (p pp ) or current (i pp ) derating in percentage, % t a ? ambient temperature ( c) fig. 2 ? pulse derating curve p ppm ? peak pulse power (kw) fig. 1 ? peak pulse power rating curve 0.1 1 10 100 0.1 s 1.0 s10 s t d ? pulse width (sec.) 100 s 1.0ms 10ms 0.2 x 0.2" (0.5 x 0.5mm) copper pad areas fig. 6 ? maximum non-repetitive peak forward surge current number of cycles at 60h z 10 200 100 110 100 8.3ms single half sine-wave (jedec method) unidirectional only i fsm ? peak forward surge current (a) t p ? pulse duration (sec) transient thermal impedance ( c/w) fig. 5 ? typical transient thermal  impedance 0.1 1.0 10 100 0.001 0.01 0.1 1 10 100 1000 0 50 100 150 i ppm ? peak pulse current, % i rsm fig. 3 ? pulse waveform t j = 25 c pulse width (td) is defined as the point where the peak current decays to 50% of i ppm tr = 10 sec. peak value i ppm half value ? ipp i ppm 2 td 10/1000 sec. waveform as defined by r.e.a. 0 1.0 2.0 3.0 4.0 t ? time (ms) c j ? junction capacitance (pf) fig. 4 ? typical junction capacitance 10 100 1,000 6,000 10 1 100 200 v wm ? reverse stand-off voltage (v) t j = 25 c f = 1.0mhz vsig = 50mvp-p v r , measured at stand-off voltage, v wm measured at zero bias uni-directional bi-directional www.vishay.com document number 88392 4 19-apr-04
legal disclaimer notice vishay document number: 91000 www.vishay.com revision: 08-apr-05 1 notice specifications of the products displayed herein are subjec t to change without notice. vishay intertechnology, inc., or anyone on its behalf, assume s no responsibility or liability fo r any errors or inaccuracies. information contained herein is intended to provide a product description only. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document. except as provided in vishay's terms and conditions of sale for such products, vishay assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and /or use of vishay products including liab ility or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyrigh t, or other intellectual property right. the products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify vishay for any damages resulting from such improper use or sale.


▲Up To Search▲   

 
Price & Availability of SMBJ100-52-E3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X