Part Number Hot Search : 
G9915 M32C84 395DPA D12N06L 305000 001BDSA5 BLY93C 24D15
Product Description
Full Text Search
 

To Download SI8900EDB-T2-E1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  vishay siliconix si8900edb document number: 71830 s-82119-rev. g, 08-sep-08 www.vishay.com 1 bi-directional n-channel 20-v (d-s) mosfet features ? trenchfet ? power mosfet ? ultra-low r ss(on) ? esd protected: 4000 v ? micro foot ? chipscale packaging reduces footprint area profile (0.62 mm) and on-resistance per footprint area applications ? battery protection circuit - 1-2 cell li+/lip battery pack for portable devices product summary v s1s2 (v) r s1s2(on) ( )i s1s2 (a) 20 0.024 at v gs = 4.5 v 7 0.026 at v gs = 3.7 v 6.8 0.034 at v gs = 2.5 v 5.0 0.040 at v gs = 1.8 v 5.5 micro foot device marking: 8900e = p/n code xxx = date/lot traceability code s 2 s 2 s 2 s 2 6 7 bump side view g 2 g 1 5 4 8 9 s 1 s 1 3 10 s 1 s 1 2 1 backside view 8900e xxx pin 1 identifier ordering information: SI8900EDB-T2-E1 (lead (pb)-free) g 2 s 2 g 1 s 1 n-channel 4 k 4 k notes: a. surface mounted on 1" x 1" fr4 board. b. the foot is defined as the top surface of the package. c. refer to ipc/jedec (j-std- 020c), no manual or hand soldering. absolute maximum ratings t a = 25 c, unless otherwise noted parameter symbol 5 s steady state unit source1- source2 voltage v s1s2 20 v gate-source voltage v gs 12 continuous source1- source2 current (t j = 150 c) a t a = 25 c i s1s2 75.4 a t a = 85 c 5.1 3.9 pulsed source1- source2 current i sm 50 maximum power dissipation a t a = 25 c p d 1.8 1 w t a = 85 c 0.9 0.5 operating junction and storage temperature range t j , t stg - 55 to 150 c package reflow conditions c ir/convection 260 thermal resistance ratings parameter symbol typical maximum unit maximum junction-to-ambient a t 5 s r thja 55 70 c/w steady state 95 120 maximum junction-to-foot b steady state r thjf 12 15 rohs compliant
www.vishay.com 2 document number: 71830 s-82119-rev. g, 08-sep-08 vishay siliconix si8900edb notes: a. pulse test; pulse width 300 s, duty cycle 2 %. b. guaranteed by design, not subject to production testing. stresses beyond those listed under ?absolute maximum ratings? ma y cause permanent damage to the device. these are stress rating s only, and functional operation of the device at these or any other condit ions beyond those indicated in the operational sections of the specifications is not implied. exposure to absolute maximum rating conditions for extended periods may affect device reliability. typical characteristics 25 c, unless otherwise noted specifications t j = 25 c, unless otherwise noted parameter symbol test conditions min. typ. max. unit static gate threshold voltage v gs(th) v ss = v gs , i d = 1.1 ma 0.45 1.0 v gate-body leakage i gss v ss = 0 v, v gs = 4.5 v 4 a v ss = 0 v, v gs = 12 v 10 ma zero gate voltage drain current i s1s2 v ss = 20 v, v gs = 0 v 1 a v ss = 20 v, v gs = 0 v, t j = 85 c 5 on-state drain current a i s(on) v ss = 5 v, v gs = 4.5 v 5a source1- source2 on state resistance a r s1s2(on) v gs = 4.5 v, i ss = 1 a 0.020 0.024 v gs = 3.7 v, i ss = 1 a 0.022 0.026 v gs = 2.5 v, i ss = 1 a 0.026 0.034 v gs = 1.8 v, i ss = 1 a 0.032 0.040 forward transconductance a g fs v ss = 10 v, i ss = 1 a 31 s dynamic b tu r n - o n d e l ay t i m e t d(on) v ss = 10 v, r l = 10 i ss ? 1 a, v gen = 4.5 v, r g = 6 35 s rise time t r 4.5 7 turn-off delay time t d(off) 55 85 fall time t f 15 25 gate-current vs. gate-source voltage 0 4 8 12 16 20 0 3 6 9 12 15 v gs - gate-to-source voltage (v) - gate current (ma) i gss i gss at 25 c (ma) gate current vs. gate-source voltage 0.01 100 10 000 0.1 1 10 1000 v gs - gate-to-source voltage (v) - gate current ( i gss a) 0 369 15 t j = 25 c t j = 150 c 12
document number: 71830 s-82119-rev. g, 08-sep-08 www.vishay.com 3 vishay siliconix si8900edb typical characteristics 25 c, unless otherwise noted output characteristics on-resistance vs. drain current on-resistance vs. gate-to-source voltage 0 2 4 6 8 10 01234 v gs = 5 thru 1.5 v v ds - drain-to-source voltage (v) - drain current (a) i d 1 v 0.00 0.01 0.02 0.03 0.04 0.05 0246810 - on-resistance ( ) r ds(on) i d - drain current (a) v gs = 4.5 v v gs = 2.5 v v gs = 1.8 v v gs = 3.7 v 0.00 0.02 0.04 0.06 0.08 0.10 012345 - on-resistance ( ) r ds(on) v gs - gate-to-source voltage (v) i s1s2 = 1 a i s1s2 = 5 a transfer characteristics on-resistance vs. junction temperature threshold voltage 0 2 4 6 8 10 0.0 0.2 0.4 0.6 0.8 1.0 1.2 25 c t c = 125 c - 55 c v gs - gate-to-source voltage (v) - drain current (a) i d 0.6 0.8 1.0 1.2 1.4 1.6 - 50 - 25 0 25 50 75 100 125 150 t j - junction temperature (c) v gs = 4.5 v i s1s2 = 1 a r ds(on) - on-resistance (normalized) - 0.4 - 0.3 - 0.2 - 0.1 0.0 0.1 0.2 - 50 - 25 0 25 50 75 100 125 150 variance (v) v gs(th) t j - temperature (c) i s1s2 = 1.1 ma
www.vishay.com 4 document number: 71830 s-82119-rev. g, 08-sep-08 vishay siliconix si8900edb typical characteristics 25 c, unless otherwise noted single pulse power, junction-to-ambient 0 5 30 power (w) time (s) 20 25 1 1000 10 0.1 0.01 15 100 10 normalized thermal transient impedance, junction-to-ambient 10 - 3 10 - 2 1 10 600 10 - 1 10 - 4 100 2 1 0.1 0.01 0.2 0.1 0.05 0.02 single pulse duty cycle = 0.5 square wave pulse duration (s) normalized eff ective transient thermal impedance 1. duty cycle, d = 2. per unit base = r thja = 95 c/w 3. t jm - t a = p dm z thja (t) t 1 t 2 t 1 t 2 notes: 4. surface mounted p dm normalized thermal transient impedance, junction-to-foot 10 - 3 10 - 2 1 10 - 1 10 - 4 2 1 0.1 0.01 0.2 0.1 0.05 0.02 single pulse duty cycle = 0.5 square wave pulse duration (s) normalized eff ective transient thermal impedance
document number: 71830 s-82119-rev. g, 08-sep-08 www.vishay.com 5 vishay siliconix si8900edb package outline micro foot: 10-bump (2 x 5, 0.8 mm pitch) notes (unless other wise specified): 1. laser mark on the silicon die back, coated with a thin metal. 2. bumps are 95.5sn/3.8ag/0.7cu. 3. non-solder mask defined copper landing pad. notes: a. use millimeters as the primary measurement. vishay siliconix maintains worldwide manufacturing capability. pr oducts may be manufactured at one of several qualified locatio ns. reliability data for silicon technology and package reliability represent a composite of all qualified locations. for related documents such as package/tape drawings, part marking, and reliability data, see http://www.vishay.com/ppg?71830 . recommended land mark on backside of die e e 10 x ? 0.30 ~ 0.31 note 3 solder mask ? ~ 0.40 8900e xxx b diamerter e d s 1 e e s 2 bump note 2 silicon a a 2 a 1 dim. millimeters a inches min. max. min. max. a 0.600 0.650 0.0236 0.0256 a 1 0.260 0.290 0.102 0.0114 a 2 0.340 0.360 0.0134 0.0142 b 0.370 0.410 0.0146 0.0161 d 4.050 4.060 0.1594 0.1598 e 1.980 2.000 0.0780 0.0787 e 0.750 0.850 0.0295 0.0335 s 1 0.430 0.450 0.0169 0.0177 s 2 0.580 0.600 0.0228 0.0236
an824 vishay siliconix document number: 71990 06-jan-03 www.vishay.com 1 pcb design and assembly guidelines for micro foot  products johnson zhao introduction vishay siliconix?s micro foot product family is based on a wafer-level chip-scale packaging (wl-csp) technology that implements a solder bump process to eliminate the need for an outer package to encase the silicon die. micro foot products include power mosfets, analog switches, and power ics. for battery powered compact devices, this new packaging technology reduces board space requirements, improves thermal performance, and mitigates the parasitic effect typical of leaded packaged products. for example, the 6 ? bump micro foot si8902edb common drain power mosfet, which measures just 1.6 mm x 2.4 mm, achieves the same performance as tssop ? 8 devices in a footprint that is 80% smaller and with a 50% lower height profile (figure 1). a micro foot analog switch, the 6 ? bump dg3000db, offers low charge injection and 1.4 w on ? resistance in a footprint measuring just 1.08 mm x 1.58 mm (figure 2). vishay siliconix micro foot products can be handled with the same process techniques used for high-volume assembly of packaged surface-mount devices. with proper attention to pcb and stencil design, the device will achieve reliable performance without underfill. the advantage of the device?s small footprint and short thermal path make it an ideal option for space-constrained applications in portable devices such as battery packs, pdas, cellular phones, and notebook computers. this application note discusses the mechanical design and reliability of micro foot, and then provides guidelines for board layout, the assembly process, and the pcb rework process. figure 1. 3d view of micro foot products si8902db and si8900edb figure 2. outline of micro foot csp & analog switch dg3000db 0.18 ~ 0.25 321 a b 0.5 1.58 0.5 0.285 0.285 1.08
an824 vishay siliconix www.vishay.com 2 document number: 71990 06-jan-03 table 1 main parameters of solder bumps in micro foot designs micro foot csp mosfet micro foot?s design and reliability as a mechanical, electrical, and thermal connection between the device and pcb, the solder bumps of micro foot products are mounted on the top active surface of the die. table 1 shows the main parameters for solder bumps used in micro foot products. a silicon nitride passivation layer is applied to the active area as the last masking process in fabrication,ensuring that the device passes the pressure pot test. a green laser is used to mark the backside of the die without damaging it. reliability results for micro foot products mounted on a fr-4 board without underfill are shown in table 2. table 2 micro foot reliability results test condition c: ? 65  to 150  c ? 40  to 125  c  c @ 15psi 100% humidity test board layout guidelines board materials . vishay siliconix micro foot products are designed to be reliable on most board types, including organic boards such as fr-4 or polyamide boards. the package qualification information is based on the test on 0.5-oz. fr-4 and polyamide boards with nsmd pad design. land patterns. two types of land patterns are used for surface-mount packages. solder mask defined (smd) pads have a solder mask opening smaller than the metal pad (figure 3), whereas on-solder mask defined (nsmd) pads have a metal pad smaller than the solder-mask opening (figure 4). nsmd is recommended for copper etch processes, since it provides a higher level of control compared to smd etch processes. a small-size nsmd pad definition provides more area (both lateral and vertical) for soldering and more room for escape routing on the pcb. by contrast, smd pad definition introduces a stress concentration point near the solder mask on the pcb side that may result in solder joint cracking under extreme fatigue conditions. copper pads should be finished with an organic solderability preservative (osp) coating. for electroplated nickel-immersion gold finish pads, the gold thickness must be less than 0.5  m to avoid solder joint embrittlement. figure 3. smd figure 4. nsmd copper solder mask copper solder mask
an824 vishay siliconix document number: 71990 06-jan-03 www.vishay.com 3 board pad design. the landing-pad size for micro foot products is determined by the bump pitch as shown in table 3. the pad pattern is circular to ensure a symmetric, barrel-shaped solder bump. table 3 dimensions of copper pad and solder mask opening in pcb and stencil aperture pitch copper pad solder mask opening stencil aperture 0.80 mm  0.01 mm  0.01 mm  0.01 mm in ciircle aperture  0.01 mm  0.01 mm  0.01 mm in square aperture assembly process micro foot products? surface-mount-assembly operations include solder paste printing, component placement, and solder reflow as shown in the process flow chart (figure 5). figure 5. smt assembly process flow stencil design iincoming tape and reel inspection solder paste printing chip placement reflow solder joint inspection pack and ship stencil design . stencil design is the key to ensuring maximum solder paste deposition without compromising the assembly yield from solder joint defects (such as bridging and extraneous solder spheres). the stencil aperture is dependent on the copper pad size, the solder mask opening, and the quantity of solder paste. in micro foot products, the stencil is 0.125- mm (5-mils) thick. the recommended apertures are shown in table 3 and are fabricated by laser cut. solder-paste printing. the solder-paste printing process involves transferring solder paste through pre-defined apertures via application of pressure. in micro foot products, the solder paste used is up78 no-clean eutectic 63 sn/37pb type3 or finer solder paste. chip pick-and-placement. micro foot products can be picked and placed with standard pick-and-place equipment. the recommended pick-and-place force is 150 g. though the part will self-center during solder reflow, the maximum placement of fset is 0.02 mm. reflow process . micro foot products can be assembled using standard smt reflow processes. similar to any other package, the thermal profile at specific board locations must be determined. nitrogen purge is recommended during reflow operation. figure 6 shows a typical reflow profile. 0 50 100 150 200 250 0 100 200 300 400 thermal profile time (seconds figure 6. reflow profile temperature (  c) pcb rework to replace micro foot products on pcb, the rework procedure is much like the rework process for a standard bga or csp, as long as the rework process duplicates the original reflow profile. the key steps are as follows: 1. remove the micro foot device using a convection nozzle to create localized heating similar to the original reflow profile. preheat from the bottom. 2. once the nozzle temperature is +190  c, use tweezers to remove the part to be replaced. 3. resurface the pads using a temperature-controlled soldering iron. 4. apply gel flux to the pad. 5. use a vacuum needle pick-up tip to pick up the replacement part, and use a placement jig to placed it accurately. 6. reflow the part using the same convection nozzle, and preheat from the bottom, matching the original reflow profile.
document number: 91 000 www.vishay.com revision: 11-mar-11 1 disclaimer legal disclaimer notice vishay all product, product specifications and data ar e subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectivel y, vishay), disclaim any and all liability fo r any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, representation or guarantee regarding the suitability of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicab le law, vishay disc laims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, incl uding without limitation specia l, consequential or incidental dama ges, and (iii) any and all impl ied warranties, including warran ties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of pro ducts for certain types of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in gene ric applications. such statements are not binding statements about the suitability of products for a partic ular application. it is the customers responsibility to validate that a particu lar product with the properties described in th e product specification is su itable for use in a particul ar application. parameters provided in datasheets an d/or specifications may vary in different applications and perfo rmance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vishays term s and conditions of purchase, including but not limited to the warranty expressed therein. except as expressly indicated in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vishay product co uld result in person al injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk and agr ee to fully indemnify and hold vishay and it s distributors harmless from and against an y and all claims, liabilities, expenses and damages arising or resulting in connection with such use or sale, including attorneys fees, even if such claim alleges that vis hay or its distributor was negligent regarding the design or manufact ure of the part. please contact authorized vishay personnel t o obtain written terms and conditions regarding products designed fo r such applications. no license, express or implied, by estoppel or otherwise, to any intelle ctual property rights is gran ted by this document or by any conduct of vishay. product names and markings noted herein may be trademarks of their respective owners.


▲Up To Search▲   

 
Price & Availability of SI8900EDB-T2-E1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X