Part Number Hot Search : 
AK53264D X25256S8 BD620 FBI6J1M1 SDB2301 UPD168 MMSZ5221 A5800836
Product Description
Full Text Search
 

To Download SH50220R0JS03 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sh www.vishay.com vishay sfernice revision: 27-may-13 1 document number: 50014 for technical questions, contact: sfer@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 heatsink encased wirewound power resistors industrial applications features ? ? 50 w at + 25 c ? high power characteristics ? utilize heatsink capability ? good mechanical protection ? industrialized product ? material categorization: for definitions of compliance please see www.vishay.com/doc?99912 built for high power dissipation applications, these components ha ve very good overall characteri stics for industrial use under harsh environmental conditions. rohs compliant dimensions in millimeters series a b 0.2 d 0.2 e 0.5 f g 1 h 0.7 j 0.5 ? k 0.1 l max. m 0.5 n 0.3 ? p min. q weight g sh5 28.5 1.5 12.5 11.3 16.3 6.8 1.5 8.5 6.2 16.4 2.4 8.9 4.3 1.6 2.1 25.3 1.5 3 sh10 35.5 1.5 15.9 14 19 7.9 1.5 11 7.9 20.6 2.4 11 5.6 2 2.1 30.6 1.5 8.8 sh25 49 1.3 19.8 18.3 28 11.1 1.5 14 9.9 27.5 3.2 15 8 2.4 2.1 44.6 1.3 16.5 sh50 70.2 1.4 21.4 39.7 50 11 1.2 15.5 10.7 29.4 3.2 15 8 2.4 2.1 66.5 1.4 30.8 standard electrical specifications model resistance range ? rated power p 25 c w limiting element voltage v tolerance % sh5 0.1 to 3.3k 10 160 5 sh10 0.1 to 15k 12.5 250 5 sh25 0.1 to 33k 25 550 5 sh50 0.1 to 51k 50 1285 5 technical specifications vishay sfernice series sh5 sh10 sh25 sh50 power rating ? chassis mounted resistors: ? 413 cm 2 for sh5 and sh10, 536 cm 2 for sh25 and sh50 at 25 c 10 w 12.5 w 25 w 50 w at 70 c 8 w 10 w 20 w 40 w unmounted resistors at 25 c 4 w 6 w 9 w 12 w at 70 c 3.2 w 4.8 w 7.2 w 9.6 w dielectric strength v rms 800 v 1000 v 2000 v 2000 v insulation resistance > 10 4 m ? > 3 x 10 4 m ? temperature coefficient 50 ppm/c r n > 50 ? climatic category 55/200/56 temperature limits - 55 c + 200 c a n m f ? 2 ? k ? p e q l g h b j d
sh www.vishay.com vishay sfernice revision: 27-may-13 2 document number: 50014 for technical questions, contact: sfer@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 power rating temperature rise marking vishay sfernice trademark, model, style, nominal resistance (in ? ), tolerance (in %), manufacturing date. performance tests conditions typical drifts momentary overload 5 p n /5 s 0.5 % max. + 0.05 ? climatic sequence - 55 c + 200 c 5 cycles 1 % max. + 0.05 ? load life nominal power p n 1000 h at 25 c 1 % max. + 0.05 ? ambient temperature in c 100 125 75 50 25 0 0 50 100 150 200 250 275 300 350 rated power in % rated power in w (mounted on heatsink chassis) 200 250 150 100 50 0 0 10 20 30 40 50 60 70 h10 s h5 s h25 s h50 s hot spot temperature in c packaging bag of 10 units ordering information sh 25 10 k ? 5 % ba10 e1 model style ohmic value tolerance packaging lead (pb)-free sap part numbering guidelines sh 25 10001 j s03 model style ohmic value tolerance packaging
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.


▲Up To Search▲   

 
Price & Availability of SH50220R0JS03

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X