Part Number Hot Search : 
71900 SIHFP150 33660 S3P7235 N74HC T414003 KDV348E LTM4620
Product Description
Full Text Search
 

To Download SBL1030CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sbl10xxct, sblf10xxct & sblb10xxct series vishay semiconductors formerly general semiconductor document number 88726 www.vishay.com 30-jul-02 1 dual schottky rectifier reverse voltage 30 and 40v forward current 10a 0.08 (2.032) 0.24 (6.096) 0.42 (10.66) 0.63 (17.02) 0.12 (3.05) 0.33 (8.38) mounting pad layout to-263ab dimensions in inches and (millimeters) 0.380 (9.65) 0.411 (10.45) 0.320 (8.13) 0.360 (9.14) 0.591 (15.00) 0.624 (15.85) 1 2 0.245 (6.22) min k k 0.160 (4.06) 0.190 (4.83) 0.045 (1.14) 0.055 (1.40) 0.014 (0.36) 0.021 (0.53) 0.110 (2.79) 0.140 (3.56) 0.090 (2.29) 0.110 (2.79) 0.047 (1.19) 0.055 (1.40) pin 1 pin 2 k - heatsink 0-0.01 (0-0.254) 0.027 (0.686) 0.037 (0.940) 0.105 (2.67) 0.095 (2.41) 0.205 (5.20) 0.195 (4.95) 1 3 pin 2 0.060 (1.52) 0.405 (10.27) 0.383 (9.72) 0.191 (4.85) 0.171 (4.35) 0.600 (15.5) 0.580 (14.5) 0.560 (14.22) 0.530 (13.46) 0.037 (0.94) 0.027 (0.69) 0.140 (3.56) 0.130 (3.30) 0.350 (8.89) 0.330 (8.38) 0.188 (4.77) 0.172 (4.36) 0.110 (2.80) 0.100 (2.54) 0.131 (3.39) 0.122 (3.08) 0.110 (2.80) 0.100 (2.54) 0.022 (0.55) 0.014 (0.36) dia. dia. 0.676 (17.2) 0.646 (16.4) 0.205 (5.20) 0.195 (4.95) 0.105 (2.67) 0.095 (2.41) pin 2 pin 1 pin 3 ito-220ab (sblf10xxct) to-220ab (sbl10xxct) to-263ab (sblb10xxct) 123 pin 0.185 (4.70) 0.175 (4.44) 0.055 (1.39) 0.045 (1.14) 0.145 (3.68) 0.135 (3.43) 0.350 (8.89) 0.330 (8.38) 0.560 (14.22) 0.530 (13.46) 0.022 (0.56) 0.014 (0.36) 0.110 (2.79) 0.100 (2.54) 0.603 (15.32) 0.573 (14.55) case 1.148 (29.16) 1.118 (28.40) pin 2 0.154 (3.91) 0.148 (3.74) 0.113 (2.87) 0.103 (2.62) 0.160 (4.06) 0.140 (3.56) 0.410 (10.41) 0.390 (9.91) 0.635 (16.13) 0.625 (15.87) 0.415 (10.54) max. 0.370 (9.40) 0.360 (9.14) pin 1 pin 3 0.028 (0.70) 0.104 (2.65) 0.096 (2.45) 0.035 (0.90) 0.205 (5.20) 0.195 (4.95) 0.105 (2.67) 0.095 (2.41) mechanical data case: jedec to-220ab, ito-220ab & to-263ab molded plastic body terminals: plated leads, solderable per mil-std-750, method 2026 high temperature soldering guaranteed: 250?/10 seconds, 0.25" (6.35mm) from case polarity: as marked mounting position: any mounting torque: 10 in-lbs maximum weight: 0.08 oz., 2.24 g features ?plastic package has underwriters laboratory flammability classification 94v-0 ?dual rectifier construction, positive center tap ?metal silicon junction, majority carrier conduction ?low power loss, high efficiency ?guardring for overvoltage protection ?for use in low voltage, high frequency inverters, free wheeling, and polarity protection applications
sbl10xxct, sblf10xxct & sblb10xxct series vishay semiconductors formerly general semiconductor www.vishay.com document number 88726 2 30-jul-02 maximum ratings (t c = 25? unless otherwise noted) parameter symbol SBL1030CT sbl1040ct unit maximum repetitive peak reverse voltage v rrm 30 40 v working peak reverse voltage v rwm 21 28 v maximum dc blocking voltage v dc 30 40 v maximum average forward rectified current total device 10 at t c = 107? per leg i f(av) 5.0 a peak forward surge current 8.3ms single half sine-wave superimposed i fsm 175 a on rated load (jedec method) per leg operating junction and storage temperature range t j , t stg ?0 to +125 ? rms isolation voltage (sblf) from terminals to 4500 (1) heatsink with t = 1 second, rh 30% v isol 3500 (2) v 1500 (3) electrical characteristics (t c = 25? unless otherwise noted) parameter symbol value unit maximum instantaneous forward voltage at 5.0a (4) v f 0.55 v maximum instantaneous reverse current t c = 25? 0.5 per leg at rated dc blocking voltage (4) t c = 100? i r 50 ma thermal characteristics (t c = 25? unless otherwise noted) parameter symbol sbl sblf sblb unit typical thermal resistance per leg r jc 3.0 5.0 3.0 ?/w notes: (1) clip mounting (on case), where lead does not overlap heatsink with 0.110 offset (2) clip mounting (on case), where leads do overlap heatsink (3) screw mounting with 4-40 screw, where washer diameter is 4.9 mm (0.19? (4) pulse test: 300 s pulse width, 1% duty cycle ordering information product case package code package option sbl10xxct to-220ab 45 anti-static tube, 50/tube, 2k/carton sblf10xxct ito-220ab 45 anti-static tube, 50/tube, 2k/carton 31 13 reel, 800/reel, 4.8k/carton sblb10xxct to-263ab 45 anti-static tube, 50/tube, 2k/carton 81 anti-static 13 reel, 800/reel, 4.8k/carton
sbl10xxct, sblf10xxct & sblb10xxct series vishay semiconductors formerly general semiconductor document number 88726 www.vishay.com 30-jul-02 3 1 10 100 0 50 100 150 200 250 300 0.1 1.0 10 100 100 1,000 4,000 0 50 100 150 0 2.5 5 7.5 10 12.5 0.01 0.1 1 10.0 100 0.1 1.0 10.0 100 0 20 40 60 80 100 0.001 0.01 0.1 1 10 50 100 10 1.0 0.1 0.01 t j = 25 c t j = 125 c t j = 125 c t j = 75 c t j = 25 c 0 0.2 0.6 1.2 1.4 0.4 0.8 1.0 pulse width = 300 s 1% duty cycle resistive or inductive load t j = t j max. 8.3ms single half sine-wave (jedec method) instantaneous forward current (a) instantaneous reverse current (ma) fig. 4 - typical reverse characteristics per leg fig. 1 - forward current derating curve average forward current (a) peak forward surge current (a) number of cycles at 60 h z fig. 2 - maximum non-repetitive peak forward surge current per leg case temperature ( c) transient thermal impedance ( c/w) t pulse duration (sec.) fig. 5 - typical junction capacitance per leg junction capacitance (pf) reverse voltage (v) t j = 25 c f = 1.0 mh z v sig = 50mvp-p instantaneous forward voltage (v) fig. 6 - typical transient thermal impedance per leg percent of rated peak reverse voltage (%) fig. 3 - typical instantaneous forward characteristics per leg ratings and characteristic curves (t a = 25 c unless otherwise noted)
legal disclaimer notice vishay document number: 91000 www.vishay.com revision: 08-apr-05 1 notice specifications of the products displayed herein are subjec t to change without notice. vishay intertechnology, inc., or anyone on its behalf, assume s no responsibility or liability fo r any errors or inaccuracies. information contained herein is intended to provide a product description only. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document. except as provided in vishay's terms and conditions of sale for such products, vishay assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and /or use of vishay products including liab ility or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyrigh t, or other intellectual property right. the products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify vishay for any damages resulting from such improper use or sale.


▲Up To Search▲   

 
Price & Availability of SBL1030CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X