Part Number Hot Search : 
BA541 PT12133 100LVE RC883 04A55AD PST3627 PRODUC 0GA12
Product Description
Full Text Search
 

To Download RW78U6982FB12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  rs, ns www.vishay.com vishay dale revision: 23-may-13 1 document number: 30204 for technical questions, contact: ww2aresistors@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 wirewound resistors, industrial, precision power, silicone coated, axial lead note ? * this datasheet provides information about parts that are ? rohs-compliant and/or parts th at are non-rohs-compliant. for ? example, parts with lead (pb) te rminations are not rohs-compliant. ? please see the information/tables in this datasheet for details. features ? high temperature coating (> 350 c) ? complete welded construction ? meets applicable requirements of mil-prf-26 ? available in non-inductive styles (type ns) with ayrton-perry windin g for lowest reactive components ? excellent stability in operation (typical resistance shift < 0.5 %) ? mil-prf-26 qualified, type rw resistors can be found at: www.vishay.com/doc?30281 ? material categorization: ? for definitions of compliance please see www.vishay.com/doc?99912 notes ? models not available as lead (pb)-free: rs01a...300, rs02b...300, rs02c...23, rs005...69, rs005...70, rs010...38, rs010...39 ? shaded area indicates most popular models (1) vishay dale rs models have two power ratings depending on op eration temperature and stability re quirements. models not availabl e for characteristic v are: rs1/4, rs1/2, rs01a, rs01a300, rs01m, rs02m, rs02b300, rs00569, and rs01038 available available available available standard electrical specifications global ? model hist. model power rating (1) p 25 c w u 0.05 % to 5 % power rating (1) p 25 c w v 3 % to 10 % resistance range ? resistance range ? resistance range ? resistance range ? resistance range ? weight (typical) g 0.05 % 0.1 % 0.25 % 0.5 %, 1 % 3 %, 5 %, 10 % rs1/4 rs-1/4 0.4 - 1 to 1k 0.499 to 1k 0.499 to 3.4k 0.1 to 3.4k 0.1 to 3.4k 0.21 rs1/2 rs-1/2 0.75 - 1 to 1.3k 0.499 to 1.3k 0.499 to 4.9k 0.1 to 4.9k 0.1 to 4.9k 0.23 rs01a rs-1a 1.0 - 1 to 2.74k 0.499 to 2.74k 0.499 to 10.4k 0.1 to 10.4k 0.1 to 10.4k 0.34 rs01a...300 rs-1a-300 1.0 - - 0.499 to 2.74k 0.499 to 10.4k 0.1 to 10.4k - 0.34 rs01m rs-1m 1.0 - 1 to 1.32k 0.499 to 1.67k 0.499 to 6.85k 0.1 to 6.85k 0.1 to 6.85k 0.30 rs002 rs-2 4.0 5.5 0.499 to 12.7k 0.499 to 12.7k 0.1 to 47.1k 0.1 to 47.1k 0.1 to 47.1k 2.10 rs02m rs-2m 3.0 - 0.499 to 4.49k 0.499 to 4.49k 0.1 to 18.74k 0.1 to 18.74k 0.1 to 18.74k 0.65 rs02b rs-2b 3.0 3.75 0.499 to 6.5k 0.499 to 6.5k 0.1 to 24.5k 0.1 to 24.5k 0.1 to 24.5k 0.70 rs02b...300 rs-2b-300 3.0 - - 0.499 to 6.5k 0.1 to 24.5k 0.1 to 24.5k - 0.70 rs02c rs-2c 2.5 3.25 0.499 to 8.6k 0.499 to 8.6k 0.1 to 32.3k 0.1 to 32.3k 0.1 to 32.3k 1.6 rs02c...17 rs-2c-17 2.5 3.25 0.499 to 8.6k 0.499 to 8.6k 0.1 to 32.3k 0.1 to 32.3k 0.1 to 32.3k 1.6 rs02c...23 rs-2c-23 - 3.25 - - - - 0.1 to 32.3k 1.6 rs005 rs-5 5.0 6.5 0.499 to 25.7k 0.499 to 25.7k 0.1 to 95.2k 0.1 to 95.2k 0.1 to 95.2k 4.2 rs005...69 rs-5-69 5.0 - - 0.499 to 25.7k 0.1 to 95.2k 0.1 to 95.2k 0.1 to 95.2k 4.2 rs005...70 rs-5-70 - 6.5 - - - - 0.1 to 95.2k 4.2 rs007 rs-7 7.0 9.0 0.499 to 41.4k 0.499 to 41.4k 0.1 to 154k 0.1 to 154k 0.1 to 154k 4.7 rs010 rs-10 10.0 13.0 0.499 to 73.4k 0.499 to 73.4k 0.1 to 273k 0.1 to 273k 0.1 to 273k 9.0 rs010...38 rs-10-38 10.0 - - 0.499 to 73.4k 0.1 to 273k 0.1 to 273k 0.1 to 273k 9.0 rs010...39 rs-10-39 - 13.0 - - - - 0.1 to 273k 9.0 global part number information global part numbering example: rs02c10k00fs7017 global model (5 digits) resistance value (5 digits) tolerance code (1 digit) packaging (3 digits) special (up to 3 digits) (see standard electrical specifications global model column for options) r = decimal k = thousand 15r00 = 15 ? 10k00 = 10 k ? a = 0.05 % b = 0.1 % c = 0.25 % d = 0.5 % f = 1.0 % h = 3.0 % j = 5.0 % k = 10.0 % e70 = lead (pb)-free, tape/reel (smaller than rs005) e73 = lead (pb)-free, tape/reel (rs005 and larger) e12 = lead (pb)-free, bulk (dash number) from 1 to 999 as applicable s70 = tin/lead, tape/reel (smaller than rs005) s73 = tin/lead, tape/reel (rs005 and larger) b12 = tin/lead, bulk historical part numbering example: rs-2c-17 10 k ? 1 % s70 rs-2c-17 10 k ? 1 % s70 historical model resistance value tolerance code packaging s02c10k00 r fs701 7
rs, ns www.vishay.com vishay dale revision: 23-may-13 2 document number: 30204 for technical questions, contact: ww2aresistors@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 dimensions in inches [millimeters] note (1) on some standard reel pack methods, the leads may be trimmed to a shorter length than shown material specifications element: copper-nickel alloy or nickel-chrome alloy, depending on re sistance value core: ceramic, steatite or alum ina, depending on physical size coating: special high temperature silicone standard terminals: 100 % sn, or 60/40 sn/pb coated copperweld ? end caps: stainless steel part marking: dale, model, wattage (2) , value, tolerance, date code note (2) wattage marked on part wi ll be u characteristic derating note (3) b (max.) dimension is clean lead to clean lead ns non-inductive models of equivalent physical and electrical specifications are available with non-inductive (ayrton-perry) winding. they are identified by substituting the letter n for r in the model number (ns005, for example). two conditions apply: 1. for ns models, di v ide maximum resistance v alues b y two 2. body o.d. on ns02c may exceed that of the rs02c b y 0.010" c d a 1.50 [38.10] (1) min. b - 65 - 50 0 50 150 250 350 ambient temperature in c 120 100 80 60 40 20 0 % n i r e w o p d e t a r char. v char. u 25 global ? model dimensions in inches [millimeters] a b (3) (max.) cd rs1/4 0.250 0.031 [6.35 0.787] 0.281 [7.14] 0.085 0.020 [2.16 0.508] 0.020 0.002 [0.508 0.051] rs1/2 0.312 0.016 [7.92 0.406] 0.328 [8.33] 0.078 + 0.016 - 0.031 [1.98 + 0.406 - 0.787] 0.020 0.002 [0.508 0.051] rs01a ? rs01a...300 0.406 0.031 [10.31 0.787] 0.437 [11.10] 0.094 0.031 [2.39 0.787] 0.020 0.002 [0.508 0.051] rs01m 0.285 0.025 [7.24 0.635] 0.311 [7.90] 0.110 0.015 [2.79 0.381] 0.020 0.002 [0.508 0.051] rs002 0.625 0.062 [15.88 1.57] 0.765 [19.43] 0.250 0.031 [6.35 0.787] 0.040 0.002 [1.02 0.051] rs02m 0.500 0.062 [12.70 1.57] 0.562 [14.27] 0.185 0.015 [4.70 0.381] 0.032 0.002 [0.813 0.051] rs02b ? rs02b...300 0.560 0.062 [14.22 1.57] 0.622 [15.80] 0.187 0.031 [4.75 0.787] 0.032 0.002 [0.813 0.051] rs02c 0.500 0.062 [12.70 1.57] 0.593 [15.06] 0.218 0.031 [5.54 0.787] 0.040 0.002 [1.02 0.051] rs02c...17 ? rs02c...23 0.500 0.062 [12.70 1.57] 0.593 [15.06] 0.218 0.031 [5.54 0.787] 0.032 0.002 [0.813 0.051] rs005 ? rs005...69 ? rs005...70 0.875 0.062 [22.23 1.57] 1.0 [25.4] 0.312 0.031 [7.92 0.787] 0.040 0.002 [1.02 0.051] rs007 1.22 0.062 [30.99 1.57] 1.28 [32.51] 0.312 0.031 [7.92 0.787] 0.040 0.002 [1.02 0.051] rs010 ? rs010...39 1.78 0.062 [45.21 1.57] 1.87 [47.50] 0.375 0.031 [9.53 0.787] 0.040 0.002 [1.02 0.051] rs010...38 1.78 0.062 [45.21 1.57] 1.84 [46.74] 0.375 0.031 [9.53 0.787] 0.040 0.002 [1.02 0.051] technical specifications parameter unit rs resistor characteristics temperature coeffici ent ppm/c 20 for 10 ? and above, 50 for 1 ? to 9.9 ? , 90 for 0.5 ? to 0.99 ? maximum working voltage v ( p x r ) 1/2 insulation resistance ? 1000 m ? minimum dry, 100 m ? minimum after moisture test operating temperature range c cha racterisitic u = - 65 to + 250, characteristic v = - 65 to + 350 performance test conditions of test test limits characteristic u characteristic v thermal shock rated power applied until thermally stable, then a minimum of 15 min at - 55 c (0.2 % + 0.05 ? ) ? r (2.0 % + 0.05 ? ) ? r short time overload 5 x rated power (3.75 w and smaller), 10 x rated power (4 w and larger) for 5 s (0.2 % + 0.05 ? ) ? r (2.0 % + 0.05 ? ) ? r dielectric withstanding ? voltage 500 v rms min. for rs1/4 thru rs01a, 1000 v rms for all others, duration of 1 min (0.1 % + 0.05 ? ) ? r (0.1 % + 0.05 ? ) ? r low temperature storage - 65 c for 24 h (0.2 % + 0.05 ? ) ? r (2.0 % + 0.05 ? ) ? r high temperature exposure 250 h at: u = + 250 c, v = + 350 c (0.5 % + 0.05 ? ) ? r (2.0 % + 0.05 ? ) ? r moisture resistance mil-std-202 method 106, 7b not applicable (0.2 % + 0.05 ? ) ? r (2.0 % + 0.05 ? ) ? r shock, specified pulse mil-std-202 method 213, 100 g s for 6 ms, 10 shocks (0.1 % + 0.05 ? ) ? r (0.2 % + 0.05 ? ) ? r vibration, high frequency frequency varied 10 hz to 2000 hz, 20 g peak, 2 directions 6 h each (0.1 % + 0.05 ? ) ? r (0.2 % + 0.05 ? ) ? r load life 2000 h at rated power, + 25 c, 1.5 h on, 0.5 h off (0.5 % + 0.05 ? ) ? r (3.0 % + 0.05 ? ) ? r terminal strength pull test 5 s to 10 s, 5 lb (rs1/4 thru rs01a), 10 lb for all others; ? torsion test - 3 alternating directions, 360 each (0.1 % + 0.05 ? ) ? r (1.0 % + 0.05 ? ) ? r
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.


▲Up To Search▲   

 
Price & Availability of RW78U6982FB12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X