Part Number Hot Search : 
L40CW STPS1 BTC4505 TS2023B AS450 249RFKE 2SA1246 TKDD9A
Product Description
Full Text Search
 

To Download RCMS1038300FHS09 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  rcms02, rcms05, rcms1 www.vishay.com vishay sfernice revision: 27-may-13 1 document number: 52007 for technical questions, contact: sfer@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 molded metal film high stability resistors features ? 0.125 w to 0.5 w at 70 c ? approval according to cecc 40 101 (002/803) ? high long term stability drift < 0.5 % after 1000 h ? excellent temperature coefficient ? 30 ppm/c in the range - 10 c to 70 c ? excellent initial precision: up to 1 % ? high insulation typical values: 10 6 m ? ? termination = pure matte tin ? material categorization: for definitions of compliance please see www.vishay.com/doc?99912 note ? undergoes european quality insurance system (cecc) note ? undergoes european quality insurance system (cecc) dimensions in millimeters series a ? b ? c weight in g rcms02 6.5 0.2 2.5 - 0 - 0.2 0.6 0.26 rcms05 10.2 0.2 3.65 0.1 0.6 0.46 rcms1 16 0.5 6.2 0.2 0.8 1.30 standard electrical specifications model resistance range ? rated power p 70 c w limiting element voltage v tolerance % temperature coefficient ppm/c rcms02 1 to 332k 0.125 300 1 30, 50 1 to 332k 0.250 300, 1 30, 50 1 to 332k 0.500 350 1 30, 50 rcms05 1 to 1m 0.250 350 1 30, 50 1 to 1m 0.500 350 1 30, 50 rcms1 1 to 2.21m 0.500 400 1 30, 50 technical specifications vishay sfernice series rcms02 rcms05 rcms1 reference under cecc 40 101-002 appr ovals rs58y rs64y rs71y rs63y rs69y rs68y reference under cecc 40 101-803 approvals bc - - cc - dc mil-r-105509 f equivalent re ference rn55c - - rn60c - rn65c power rating at 70 c 0.125 w 0.250 w 0.500 w 0.250 w 0.500 w 0.500 w resistance value range in relation to tolerance 1 % e96 1 ? to 332 k ? 1 ? to 332 k ? 1 ? to 332 k ? 1 ? to 1 m ? 1 ? to 1 m ? 1 ? to 2.21 m ? maximum voltage 300 v 300 v 350 v 350 v 350 v 400 v critical resistance - - - 490 k ? 245 k ? 320 k ? temperature coefficient rated in the range - 55 c + 155 c k3 ? 50 ppm/c typical in the range - 10 c + 70 c k3 ? 30 ppm/c insulation resistance (typical) ? 10 7 m ? (500 v dc ) voltage coefficient 10 ppm/v environmental spec ification - 65 c/+ 155 c/56 days a 25 min. 25 min. ? b ? c
rcms02, rcms05, rcms1 www.vishay.com vishay sfernice revision: 27-may-13 2 document number: 52007 for technical questions, contact: sfer@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 power rating temperature rise practical operating tolerances tables 2 and 3 show the basic characteristics and max. values under different stresses. in fact, the values and drifts are maintained to within narrower limits. ? thus, in operation under the specified conditions ( p r at 70 c) the total drift (load life + tcr) of a rcms k3 does not exceed 0.5 %. noise level in a frequency decade, the average noise level increases with the ohmic value and can reach 0.3 v/v for the highest ? values. it is non measurable for r n < 2 k ? . marking printed: vishay sfernice trademark, series, style nf style (if applicable), ohmic value (in ? ), tolerance (in %), temperature coefficient, manufacturing data. due to lack of space rcms 02 is printed ms 02. performance cecc 40 100?????en 140-100 typical values and drifts tests conditions requirements load life at max. category temperature 1000 h at 125 c 50 % of p n ? (1 % + 0.05 ? ) insulation resist. > 1 g ? 0.5 % or 0.05 ? insulation resist. 10 6 m ? short time overload 2.5 u m /5 s limited to 2 u n ? (0.25 % + 0.05 ? ) 0.1 % or 0.05 ? damp heat humidity ? (steady state) 56 days with low load ? (1 % + 0.05 ? ) insulation resist. > 1 g ? 0.5 % or 0.05 ? insulation resist. 10 6 m ? rapid temperature change - 55 c + 125 c ? (0.25 % + 0.05 ? ) 0.1 % or 0.05 ? climatic sequence - 55 c + 125 c severity 1 ? (0.5 % + 0.05 ? ) insulation resist. > 1 g ? 0.1 % or 0.05 ? insulation resist. 10 6 m ? terminal strength pull - twist - 2 bends ? (1 % + 0.05 ? ) 0.05 % or 0.05 ? vibration 10 hz to 500 hz ? (0.25 % + 0.05 ? ) 0.05 % or 0.05 ? soldering (thermal shock) + 260 c 10 s ? (0.25 % + 0.05 ? ) 0.1 % or 0.05 ? load life cycle 90/30 1000 h at p n at 70 c ? (1 % + 0.05 w) insulation resist. > 1 g ? 0.2 % or 0.05 ? insulation resist. 10 6 m ? shelf life 1 year ambient temperature - 0.1 % or 0.05 ? ambient temperature in (c) 100 50 0 0 30 50 70 100 125 150 % rated power rated power in (w) 60 40 20 0 2 0 s m c r 5 0 s m c r 1 s m c r 0 0.25 0.5 0.75 1 hot spot temperature in (c) temperature coefficient ? between - 10 c and + 70 c k3 ? 30 ppm/c long life ? 90/30 cycles ? ambient temperature 70 c 1000 h at p r 0.25 % 10 000 h at p r 0.5 %
rcms02, rcms05, rcms1 www.vishay.com vishay sfernice revision: 27-may-13 3 document number: 52007 for technical questions, contact: sfer@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 global part number information global model size special ohmic value tolerance temperature coefficient packaging rcms 02 05 10 as applicacable. contact us. the first four digits are significant figures and the last digit specifies the number of zeros to follow. r designates decimal point. 4r640 = 4.64 ? 48701 = 48 700 ? 10002 = 100 000 ? r0100 = 0.01 ? r6800 = 0.68 ? 27000 = 2700 ? = 2.7 k ? f = 1 % h = k3, 50 ppm/k am500 = a20 am1000 = a22 bag50 = s09 bag100 = s14 s05 4r6 0 h 2 c m r 4fa 0
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.


▲Up To Search▲   

 
Price & Availability of RCMS1038300FHS09

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X