Part Number Hot Search : 
CN8PBF CGRC303 41256 2412SE PZM11NB BU2508AW ICL3222E TLE8263E
Product Description
Full Text Search
 

To Download PC942J00000F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  PC942J00000F series 1. recognized by ul1577 (double protection isolation), file no. e64380 (as model no. pc942 ) 2. package resin : ul flammability grade (94v-0) features agency approvals/compliance 1. inverter controlled air conditioners 2. small capacity general purpose inverters applications high power, gate drive type dip 8 pin ? opic photocoupler 1. 8 pin dip package 2. double transfer mold package (ideal for flow soldering) 3. built-in base amplifier for inverter drive 4. high power (i o1 : max. 0.5a (dc)) (i o2p : max. 2.0a (pulse)) 5. high noise immunity due to high instantaneous com- mon mode rejection voltage (cm h : min. ? 10 kv/ s, cm l : min. 10 kv/ s) 6. high speed response (t phl ,t plh : max. 5 s) 7. high isolation voltage between input and output (v iso(rms) : 5.0 kv) 8. lead-free and rohs directive compliant description PC942J00000F series contains an ired optically coupled to an opic chip. it is packaged in a 8 pin dip, available in smt gullw- ing lead form option. input-output isolation voltage(rms) is 5.0kv, high speed response (t phl ,t plh : max. 5 s) and cmr is min. 10kv/ s. 1 sheet no.: d2-a05902en date jun. 30. 2005 ?sharp corporation notice the content of data sheet is subject to change without prior notice. in the absence of confirmation by device specification sheets, sharp takes no responsibility for any defects that may occur in equipment using any sharp devices shown in catalogs, data books, etc. contact sharp in order to obtain the latest device specification sheets before usin g any sharp device. PC942J00000F series ? "opic"(optical ic) is a trademark of the sharp corporation. an opic consists of a light-detecting element and a signal-processi ng circuit integrated onto a single chip.
internal connection diagram truth table 8 7 6 5 1 2 3 4 1 2 3 4 5 6 7 8 interface amp. anode tr.1 tr.2 cathode nc nc gnd o 1 o 2 v cc 2 sheet no.: d2-a05902en outline dimensions (unit : mm) 1. through-hole [ex. PC942J00000F ] 2. smt gullwing lead-form [ex. pc942pj0000f ] pc942 2.54 0.25 8 7 6 5 primary side mark date code 6.5 0.5 0.85 0.2 1.2 0.3 9.66 0.5 3.5 0.5 0.5 0.1 0.5 typ. 1 2 3 4 3.05 0.5 3.4 0.5 : 0 to 13 ? 7.62 0.3 0.26 0.1 epoxy resin pc942 0.85 0.2 1.2 0.3 primary side mark 7 8 6 5 4 6.5 0.5 1 2 3 2.54 0.25 3.5 0.5 1.0 + 0.4 ? 0 0.26 0.1 epoxy resin 10.0 + 0 ? 0.5 1.0 + 0.4 ? 0 0.35 0.25 7.62 0.3 9.66 0.5 date code PC942J00000F series input on off o 2 terminal output high level low level tr. 1 on off tr. 2 off on product mass : approx. 0.51g product mass : approx. 0.55g plating material : sncu (cu : typ. 2%)
date code (3 digit) a.d. 1990 1991 1992 1993 1994 1995 1996 1997 1998 1999 2000 2001 mark a b c d e f h j k l m n mark p r s t u v w x a b c mark 1 2 3 4 55 6 7 8 9 o n d mark 1 2 3 4 month january february march april may june july august september october november december week 1st 2nd 3rd 4th 5.6th a.d 2002 2003 2004 2005 2006 2007 2008 2009 2010 2011 2012 2nd digit month of production 3rd digit week of production 1st digit year of production 3 repeats in a 20 year cycle sheet no.: d2-a05902en PC942J00000F series country of origin japan rank mark there is no rank mark indicator.
sheet no.: d2-a05902en electro-optical characteristics parameter conditions forward voltage reverse current terminal capacitance o 1 low level output voltage transfer characteristics response time o 1 leak current o 2 leak current high level supply current low level supply current isolation resistance "low high" input threshold current *8 "low high" propagation delay time "high low" propagation delay time rise time fall time min. 0.6 5.4 ? ? ? ? ? ? ? 5 10 10 ? 10 10 ? ? ? ? ? ? ? typ. 0.9 1.1 ? ? 30 0.2 ? ? ? ? ? ? 11 9 10 11 1.5 0.1 0.2 2 2 ? max. 1.4 10 250 13 0.4 200 200 13 17 15 20 3.0 5.0 5 5 1 1 ? ? ? unit v v a pf v v a a ma ma ma ma ma ma ? s s s s kv/ s kv/ s symbol v f1 v f2 i r c t v cc v o2l i o1l i o2l i cch t f cm h cm l i ccl i flh r iso t plh t phl t r instantaneous common mode rejection voltage (high level output) instantaneous common mode rejection voltage (low level output) t a = 25?c, i f = 0.2ma t a = 25?c, i f = 5ma t a = 25?c, v r = 3v t a = 25?c, v = 0, f = 1khz t a = 25?c, v = 6v, i f = 5ma supply voltage ? v cc = 6v, i o1 = 0.4a, r l2 = 10 ? , i f = 5ma v cc = 13v, i f = 0 v cc = 13v, i f = 5ma t a = 25?c, v cc = 6v, i f = 5ma r l1 = 5 ? , r l2 = 10 ? t a = 25?c, v cm = 600v(peak) i f = 5ma, r l1 = 470 ? r l2 = 1k ? , ? v o2h = 0.5v(max) t a = 25?c, v cm = 600v(peak) i f = 0, r l1 = 470 ? r l2 = 1k ? , ? v o2l = 0.5v(max) v cc = 6v, i f = 5ma t a = 25?c, v cc = 6v, i f = 0 t a = 25?c, v cc = 6v, r l1 = 5 ? , r l2 = 10 ? t a = 25?c, dc500v, 40 to 60%rh v cc = 6v, i f = 0 v cc = 6v, r l1 = 5 ? , r l2 = 10 ? (unless otherwise specified t a = t opr ) *8 i flh represents forward current when output goes from "low" to "high" o 2 high level output voltage 4.5 0.2 0.3 5.0 ? ? v v o1l v cc = 6v, i o2 = ? 0.4a, i f = 5ma o 2 low level output voltage ? 0.2 0.4 v v o2h v cc = 6v, i o2 = 0.5a, i f = 0 input output absolute maximum ratings (unless otherwise specified t a = t opr ) parameter symbol unit forward current ma *2 *3 *3 *4 *1 reverse voltage v o 1 output current a o 1 peak output current a o 2 output current a o 2 peak output current a o 1 output voltage v mw mw *5 total power dissipation isolation voltage operating temperature ?c storage temperature ?c *6 *7 soldering temperature i f v r i o1 i o1p i o2 i o2p v o1 p o p tot v iso (rms) t opr t stg t sol ?c *1 the derating factors of a absolute maximum ratings due to ambient temperature are shown in fig.8 *2 t a =25?c *3 pulse width 5 s, duty ratio : 0.01 *4.5 the derating factors of a absolute maximum ratings due to ambient temperature are shown in fig.8 *6 ac for 1minute, 40 to 60 %rh, t a =25?c, f=60hz *7 for 10s rating 25 6 supply voltage power dissipation v v cc 18 0.5 1.0 0.6 2.0 18 500 550 ? 20 to + 80 ? 55 to + 125 260 5.0 kv input output 4 PC942J00000F series
sheet no.: d2-a05902en model line-up PC942J00000F lead form package model no. sleeve through-hole 50pcs/ sleeve pc942pj0000f taping smt gullwing 1 000pcs/reel 5 please contact a local sharp sales representative to inquire about production status. PC942J00000F series
sheet no.: d2-a05902en fig.6 test circuit for response time fig.5 test circuit for "low high" input threshold current 6 PC942J00000F series fig.1 test circuit for o 1 low level output voltage fig.2 test circuit for o 2 high level output voltage fig.3 test circuit for o 1 leak current fig.4 test circuit for o 2 leak current 1 2 8 5 6 7 v i f r l2 v cc v o1l i o1 i f v cc 7 6 5 8 2 1 a i o1l i f 1 2 8 5 6 7 v variable a r l1 r l2 v cc v o2 v 7 6 5 8 2 1 i o2 v cc i f v o2h v cc 1 2 8 5 6 7 a i f i o2l v cc 1 2 8 6 5 7 47 ? v in t r = t f = 0.01 s z o = 50 ? v o2 v out r l2 r l1 t plh t phl t f t r 10% 90% v out waveform 50% 50% v in waveform
sheet no.: d2-a05902en 7 PC942J00000F series fig.7 test circuit for instantaneous common mode rejection voltage 7 6 5 8 2 1 sw b gnd gnd + ? sw at b, i f = 0 ? v o2l v o2l ? v o2h v o2h a sw at a, i f = 5ma r l1 r l2 v cc v o2 v cm v cm waveform v cm (peak) cm h v o2 waveform cm l v o2 waveform fig.10 forward current vs. forward voltage fig.11 "low high" relative input threshold current vs. supply voltage fig.8 forward current vs. ambient temperature fig.9 power dissipation vs. ambient temperature 5 10 30 25 20 15 0 ? 20 0 25 50 75 100 80 ambient temperature ta (?c) forward current i f (ma) 25 ?c 0 ?c 0 0.1 1 10 100 1 000 0.5 1.0 1.5 2.0 2.5 3.0 50 ?c ta = 75 ?c ? 20 ?c forward voltage v f (v) forward current i f (ma) 0.7 relative input threshold current 0.8 0.9 1.2 1.1 1 i flh = 1 at v cc = 6v ta = 25?c 68 14 41012 supply voltage v cc (v) 0 300 025507 5 100 80 400 600 200 100 500 550 power dissipation p o , p tot (mw) ambient temperature ta (?c) ? 20 p tot p o
sheet no.: d2-a05902en fig.13 o 1 low level output voltage vs. o 1 output current fig.12 "low high" relative input threshold current vs. ambient temperature 8 PC942J00000F series 0.6 relative input threshold current i flh 0.8 1.6 0255 0 100 ? 25 75 1.4 1.2 1 ambient temperature ta (?c) v cc = 6v i flh = 1 at ta = 25?c 0.01 0.1 1 0.001 0.01 0.1 1 o 1 low level output voltage v o1l (v) o 1 output current i o1 (a) v cc = 6v r l2 = 10 ? i f = 5ma ta = 25?c fig.16 o 2 high level output voltage vs. ambient temperature fig.17 o 2 low level output voltage vs. o 2 output current fig.15 o 2 high level output voltage vs. o 2 output current fig.14 o 1 low level output voltage vs. ambient temperature 0 ? 25 0.5 100 025 5075 0.1 0.2 0.3 0.4 0.4a 0.1a ambient temperature ta (?c) o 1 low level output voltage v o1l (v) v cc = 6v r l2 = 10 ? i o1 = 0.5a 4.8 0 ? 0.1 4.9 ? 0.2 ? 0.3 ? 0.4 ? 0.5 ? 0.6 5 5.1 5.2 5.3 5.4 o 2 output current i o2 (a) o 2 high level output voltage v o2h (v) v cc = 6v i f = 5ma ta = 25?c 4.8 ? 25 5.4 100 025 5075 4.9 5 5.1 5.2 ? 0.4a ? 0.5a 5.3 o 2 high level output voltage v o2h (v) ambient temperature ta (?c) v cc = 6v i o2 = ? 0.1a 0.001 0.01 0.1 0.01 1 0.1 1.0 o 2 output current i o2 (a) o 2 low level output voltage v o2l (v) v cc = 6v ta = 25?c
sheet no.: d2-a05902en fig.18 o 2 low level output voltage vs. ambient temperature 9 PC942J00000F series fig.19 high level supply current vs. supply voltage 4 4 14 14 6810 12 6 8 10 12 25?c 80?c supply voltage v cc (v) high level supply current i cch (ma) ta = ? 20?c 0 ? 25 0.5 100 025 5075 0.1 0.2 0.3 0.4 0.5a 0.1a o 2 low level output voltage v o2l (v) i o2 = 0.6a v cc = 6v ambient temperature ta (?c) fig.20 low level supply current vs. supply voltage fig.21 propagation delay time vs. forward current fig.22 propagation delay time vs. ambient temperature fig.23 o 2 peak output current vs. o 2 low level output voltage 6 4 16 14 6810 12 8 10 12 14 25?c 80?c low level supply current i ccl (ma) supply voltage v cc (v) ta = ? 20?c o 2 peak output current i o2p (a) o 2 low level output voltage v o2l (v) i 02 max. (pulse) i 02 max. (continuous) v cc (max.) dc (ta = 80?c) 100ms * 10ms * 1ms * * single osc.pulse ta = 25?c dc 1s * 0.1 0.1 1 10 1 10 0 1 2 3 4 5 0255 075 100 ? 25 ambient temperature ta (?c) v cc = 6v r l1 = 5 ? r l2 = 10 ? i f = 5ma propagation delay time t phl , t plh ( s) t phl t plh 0 1 2 3 5 6 510152 025 0 4 25?c ? 20?c 25?c ? 20?c t phl forward current i f (ma) ta = 80?c v cc = 6v r l1 = 5 ? r l2 = 10 ? propagation delay time t phl , t plh ( s) ta = 80?c t plh
sheet no.: d2-a05902en fig.24 application circuit 10 remarks : please be aware that all data in the graph are just for reference and not for guarantee. PC942J00000F series cathode anode + gnd o 2 o 1 v cc + load 6v e c b power transistor module ttl, microcomputer, etc. + 5v this application circuit shows the general example of a circuit, and is not a disign guarantee for right opera- tion.
sheet no.: d2-a05902en 11 PC942J00000F series design considerations transistor of detector side in bipolar configuration may be damaged by static electricity due to its minute de- sign. when handling these devices, general countermeasure against static electricity should be taken to avoid breakdown of devices or degradation of characteristics. notes about static electricity in order to stabilize power supply line, we should certainly recommend to connect a by-pass capacitor of 0.01 f or more between v cc and gnd near the device. in case that some sudden big noise caused by voltage variation is provided between primary and secondary terminals of photocoupler some current caused by it is floating capacitance may be generated and result in false operation since current may go through ired or current may change. if the photocoupler may be used under the circumstances where noise will be generated we recommend to use the bypass capacitors at the both ends of ired. the detector which is used in this device, has parasitic diode between each pins and gnd. there are cases that miss operation or destruction possibly may be occurred if electric potential of any pin becomes below gnd level even for instant. therefore it shall be recommended to design the circuit that electric potential of any pin does not become below gnd level. this product is not designed against irradiation and incorporates non-coherent ired. design guide
sheet no.: d2-a05902en ? for additional design assistance, please review our corresponding optoelectronic application notes. 12 PC942J00000F series degradation in general, the emission of the ired used in photocouplers will degrade over time. in the case of long term operation, please take the general ired degradation (50% degradation over 5 years) into the design consideration. please decide the input current which become 2 times of max. i flh . recommended foot print (reference) 2.54 2.54 1.7 2.2 8.2 2.54 (unit : mm)
sheet no.: d2-a05902en manufacturing guidelines reflow soldering: reflow soldering should follow the temperature profile shown below. soldering should not exceed the curve of temperature profile and time. please don't solder more than twice. soldering method flow soldering : due to sharp's double transfer mold construction submersion in flow solder bath is allowed under the below listed guidelines. flow soldering should be completed below 270?c and within 10s. preheating is within the bounds of 100 to 150?c and 30 to 80s. please don't solder more than twice. hand soldering hand soldering should be completed within 3s when the point of solder iron is below 400?c. please don't solder more than twice. other notices please test the soldering method in actual condition and make sure the soldering works fine, since the impact on the junction between the device and pcb varies depending on the tooling and soldering conditions. 13 1234 300 200 100 0 0 (?c) terminal : 260?c peak ( package surface : 250?c peak) preheat 150 to 180?c, 120s or less reflow 220?c or more, 60s or less (min) PC942J00000F series
sheet no.: d2-a05902en solvent cleaning: solvent temperature should be 45?c or below immersion time should be 3 minutes or less ultrasonic cleaning: the impact on the device varies depending on the size of the cleaning bath, ultrasonic output, cleaning time, size of pcb and mounting method of the device. therefore, please make sure the device withstands the ultrasonic cleaning in actual conditions in advance of mass production. recommended solvent materials: ethyl alcohol, methyl alcohol and isopropyl alcohol in case the other type of solvent materials are intended to be used, please make sure they work fine in actual using conditions since some materials may erode the packaging resin. cleaning instructions this product shall not contain the following materials. and they are not used in the production process for this product. regulation substances : cfcs, halon, carbon tetrachloride, 1.1.1-trichloroethane (methylchloroform) specific brominated flame retardants such as the pbbos and pbbs are not used in this product at all. this product shall not contain the following materials banned in the rohs directive (2002/95/ec). ?ead, mercury, cadmium, hexavalent chromium, polybrominated biphenyls (pbb), polybrominated diphenyl ethers (pbde). presence of odc 14 PC942J00000F series
sheet no.: d2-a05902en package specification 15 12.0 6.7 5.8 10.8 520 2 sleeve package package materials sleeve : hips (with anti-static material) stopper : styrene-elastomer package method max. 50 pcs. of products shall be packaged in a sleeve. both ends shall be closed by tabbed and tabless stoppers. the product shall be arranged in the sleeve with its primary side mark on the tabless stopper side. max. 20 sleeves in one case. sleeve outline dimensions (unit : mm) PC942J00000F series
sheet no.: d2-a05902en 16 tape and reel package package materials carrier tape : a-pet (with anti-static material) cover tape : pet (three layer system) reel : ps carrier tape structure and dimensions f k e i d j g b h a c dimensions list (unit : mm) a 16.0 0.3 b 7.5 0.1 c 1.75 0.1 d 12.0 0.1 e 2.0 0.1 h 10.4 0.1 i 0.4 0.05 j 4.2 0.1 k 10.2 0.1 f 4.0 0.1 g 1.5 + 0.1 ? 0 5? m ax. h a c e g f b d dimensions list (unit : mm) a 330 b 17.5 1.5 c 100 1.0 d 13 0.5 e 23 1.0 f 2.0 0.5 g 2.0 0.5 pull-out direction [packing : 1 000pcs/reel] reel structure and dimensions direction of product insertion PC942J00000F series
?the circuit application examples in this publication are provided to explain representative applications of sharp devices and are not intended to guarantee any circuit design or license any intellectual property rights. sharp takes no responsibility for any problems rela- ted to any intellectual property right of a third party re- sulting from the use of sharp's devices. ?contact sharp in order to obtain the latest device specification sheets before using any sharp device. sharp reserves the right to make changes in the spec- ifications, characteristics, data, materials, structure, and other contents described herein at any time without notice in order to improve design or reliability. manufac- turing locations are also subject to change without no- tice. ?observe the following points when using any devices in this publication. sharp takes no responsibility for damage caused by improper use of the devices which does not meet the conditions and absolute maximum ratings to be used specified in the relevant specification sheet nor meet the following conditions: (i) the devices in this publication are designed for use in general electronic equipment designs such as: --- personal computers --- office automation equipment --- telecommunication equipment [terminal] --- test and measurement equipment --- industrial control --- audio visual equipment --- consumer electronics (ii) measures such as fail-safe function and redundant design should be taken to ensure reliability and safety when sharp devices are used for or in connection with equipment that requires higher reliability such as: - -- transportation control and safety equipment (i.e., aircraft, trains, automobiles, etc.) --- traffic signals --- gas leakage sensor breakers --- alarm equipment --- various safety devices, etc. (iii) sharp devices shall not be used for or in connec- tion with equipment that requires an extremely high lev- el of reliability and safety such as: --- space applications --- telecommunication equipment [trunk lines] --- nuclear power control equipment - -- medical and other life support equipment (e.g., scuba). ?if the sharp devices listed in this publication fall with- in the scope of strategic products described in the for- eign exchange and foreign trade law of japan, it is necessary to obtain approval to export such sharp de- vices. ?this publication is the proprietary product of sharp and is copyrighted, with all rights reserved. under the copyright laws, no part of this publication may be repro- duced or transmitted in any form or by any means, elec- tronic or mechanical, for any purpose, in whole or in part, without the express written permission of sharp. express written permission is also required before any use of this publication may be made by a third party. ?contact and consult with a sharp representative if there are any questions about the contents of this pub- lication. 17 sheet no.: d2-a05902en important notices PC942J00000F series [e224]


▲Up To Search▲   

 
Price & Availability of PC942J00000F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X