Part Number Hot Search : 
2SD601YS 5KE130 BU120 8S003F3 2405S ESD3V HA3R150B OM5324SA
Product Description
Full Text Search
 

To Download PAC100005008FA1000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.vishay.com for technical questions, contact: ww1resistors@vishay.com document number: 28731 144 revision: 06-oct-11 pac.. series vishay draloric cemented wirewound precision resistors this document is subject to change without notice. the products described herein and this document ar e subject to specific disclaimers, set forth at www.vishay.com/doc?91000 features ? high power dissipation in small volume ? ideal for pulse application ? tcr 100 ppm/k ? maximum permissible hot spot temperature is 275 c ? lead (pb)-free ? tolerance 1 % ? compliant to rohs directive 2002/95/ec the resistor element is a resistive wire which is wound in a single layer on a ceramic rod. metal caps are pressed over the ends of the rod. the ends of the resistance wire and the leads are connected to the caps by welding. tinned copper-clad iron leads with poor heat conductivity are employed permitting the use of relatively short leads to obtain stable mounting without overheating the solder joint. the resistor is coated with a green silicon cement which is not resistant to aggressive fluxes. the coating is non-inflammable, will not drip even at high overloads and is resistant to most commonly used cleaning solvents, in accordance with iec 60068-2-45. notes (1) pac02 wsz: p 25 c = 1.8 w (2) resistance value to be selected for 1 % tolerance from e24 and e96 ? for pulse diagrams see ac..series ( www.vishay.com/doc?28730 ) ** please see document ?please see document ?vishay material category policy?:?: www.vishay.com/doc?99902 standard electrical specifications model power rating p 25 c limiting voltage u max. resistance range (2) tolerance pac01 1 w 0.10 ? to 2.2 k ? 1 % pac02 (1) 2 w 0.10 ? to 3.6 k ? 1 % pac03 3 w 0.10 ? to 4.7 k ? 1 % pac04 4 w 0.10 ? to 8.2 k ? 1 % pac05 5 w 0.10 ? to 10 k ? 1 % pac06 6 w 0.10 ? to 12 k ? 1 % p x r p x r p x r p x r p x r p x r
document number: 28731 for technical questions, contact: ww1resistors@vishay.com www.vishay.com revision: 06-oct-11 145 pac.. series cemented wirewound precision resistors vishay draloric this document is subject to change without notice. the products described herein and this document ar e subject to specific disclaimers, set forth at www.vishay.com/doc?91000 notes (1) special winding on request (2) other dimensions on request (3) see ?part number and product description? (4) see ?packaging table? part number and product description part number: pac300004701fac000 model variant tcr/material value tolerance code pac k ag i n g code special pac 1 0 0 = pac01 pac 2 0 0 = pac02 pac 3 0 0 = pac03 pac 4 0 0 = pac04 pac 5 0 0 = pac05 pac 6 0 0 = pac06 0 = neutral 1 = swi = special winding (1) 2 = rt 3 = dk sp 20 mm 4 = dk lp 33 mm (2) 5 = dk lp 17.8 mm (2) 7 = dk lp 25.4 mm (2) 8 = dk sp 25.4 mm 9 = wsz 6720 c = e/k 22.4 mm (2) z = value overflow (special) 0 = standard ( 100 ppm/k) 3 digit value 1 digit multiplier multiplier 7 = *10 - 3 8 = *10 - 2 9 = *10 - 1 0 = *10 0 1 = *10 1 2 = *10 2 3 = *10 3 4 = *10 4 5 = *10 5 f = 1.0 % (see packaging table) the 3 digits are used for all special part styles. to encode the non standard specifications all special parts of one series are listed in a cross reference table. 000 = standard product description: pac03 4k7 1 % ac pac03 4k7 1 % ac model (3) value (3) tolerance code (3) pac k ag i n g description (4) packaging table model ammo loose blister pieces pack. code pack. desc. pieces pack. code pack. desc. pieces pack. code pack. desc. pac01 1000 a1 a1 pac01 dk/ek 500 lc lc pac01rt 2500 ae ae pac02 500 ac ac pac02 dk/ek 500 lc lc pac02 wsz 1250 bm bm pac03 500 ac ac pac03 dk/ek 500 lc lc pac04 500 ac ac pac04 dk/ek 500 lc lc pac05 500 ac ac pac05 dk/ek 250 lb lb pac06 500 ac ac pac06 dk/ek 250 lb lb 3000 470 0 ac fac 0 1 p 0 0
www.vishay.com for technical questions, contact: ww1resistors@vishay.com document number: 28731 146 revision: 06-oct-11 pac.. series vishay draloric cemented wirewound precision resistors this document is subject to change without notice. the products described herein and this document ar e subject to specific disclaimers, set forth at www.vishay.com/doc?91000 dimensions model dimensions in millimeters (inches) d max. l max. d x max. g weight g per unit pac01 4.3 [0.169] 11 [0.433] 0.8 0.03 [0.031 0.001] 2 63 1 [2.480 0.039] 0.52 pac02 4.8 [0.189] 13 [0.512] 2 63 1 [2.480 0.039] 0.75 pac03 5.5 [0.217] 16.5 [0.650] 3 63 1 [2.480 0.039] 1.10 pac04 7.5 [0.295] 18 [0.709] 3 73 1 [2.874 0.039] 1.90 pac05 7.5 [0.295] 26 [1.024] 3 73 1 [2.874 0.039] 2.60 pac06 7.5 [0.295] 26 [1.024] 3 73 1 [2.874 0.039] 2.60 d l g d x (lacquer) for packaging dimensions see: www.vishay.com/doc?28721
document number: 28731 for technical questions, contact: ww1resistors@vishay.com www.vishay.com revision: 06-oct-11 147 pac.. series cemented wirewound precision resistors vishay draloric this document is subject to change without notice. the products described herein and this document ar e subject to specific disclaimers, set forth at www.vishay.com/doc?91000 note (1) see table dimensions bending forms type ? d ? d max. l h 1 p 1 s max. pac01 0.8 (1) (1) 8 17.8 2 pac02 - pac04 25.4 pac05 - pac06 33.0 type ? d ? d max. lh 1p 1 1 p 2 3 s max. ? b c pac01 0.8 (1) (1) 8 19.8 17.8 2 1.0 0.1 4.5 1 pac02 - pac04 22.0 20.0 27.4 25.4 pac05 - pac06 35.0 33.0 type ? d ? d max. lh 1p 1 1 p 2 3 s max. ? b c pac01 - pac02 0.8 (1) (1) 8 17.8 17.8 2 1.0 0.1 4.5 1 pac02 - pac04 25.4 25.4 pac05 - pac06 33.0 33.0 p h l ? d ? d s kink type s = ek ? d double kink sp = dk sp s ? d p 1 h p 2 c ? b l ? d double kink lp = dk lp s ? d p 1 h p 2 c ? b l
www.vishay.com for technical questions, contact: ww1resistors@vishay.com document number: 28731 148 revision: 06-oct-11 pac.. series vishay draloric cemented wirewound pr ecision resistors this document is subject to change without notice. the products described herein and this document ar e subject to specific disclaimers, set forth at www.vishay.com/doc?91000 notes (1) see table dimensions (2) test over 10 holes - 9 intervals p 0 12.7 x 9 = 114.3 0.5 (3) parallelism, < 0.5 mm (4) thickness of carrier tape: 0.55 mm 0.1 bending forms type ? d ? d max. alfheab l pac02 wsz 0.8 (1) 17 0.5 11 - 12 4.8 0.5 3.6 0.5 5.0 0.5 2.5 5.5 14.5 type pac01 lead ? ? d 0.8 diameter ? d (1) length l (1) pitch of components p 12.7 1.0 pitch of spocket holes (2) p 0 12.7 0.3 distance between hole center and resistor center p 1 3.85 0.7 distance between hole center and lead center p 2 6.35 1.0 lead spacing f 5.0 + 0.6, - 0.1 angle of insertion ? h 1 2 max. width of carrier tape w 18.0 0.5 width of adhesive tape w 0 12.0 0.5 position of holes w 1 9.0 0.5 position of adhesive tape w 2 0.5 max. body to hole center h 19.5 1.0 lead crimp to hole center (3) h 0 16.0 0.5 hole ? d 0 4.0 0.2 thickness of tape (4) t 0.9 max. height for cutting l 1 11 max. height for insertion h 1 32 max. wsz ? d a l e ? d f h i b a solder pad dimensions radial taped = rt 1 max. h 1 t direction of unreelin g p 1 f p 0 d 0 p 2 p h 1 l 1 h h 0 w 0 w 2 w 1 w d l ? d
document number: 28731 for technical questions, contact: ww1resistors@vishay.com www.vishay.com revision: 06-oct-11 149 pac.. series cemented wirewound precision resistors vishay draloric this document is subject to change without notice. the products described herein and this document ar e subject to specific disclaimers, set forth at www.vishay.com/doc?91000 derating performance test permissible change climatic category (lct/uct/days) 55/200/56 climatic sequence iec 60115-1 4.23 ? r = (0.5 % r + 0.05 ? ) damp heat, steady state, iec 60115-1, 4.24 (40 2) c, 56 days, (93 3) % rh ? r = (1.0 % r + 0.05 ? ) endurance at room temperature (116 % p 70 ), 1000 h, iec 60115-1, 4.25.2 ? r = (0.5 % r + 0.05 ? ) storage, uct, iec 60115-1, 4.25.3 1000 h, 200 c, no load ? r = (1.0 % r + 0.05 ? ) resistance to soldering heat, iec 60115-1, 4.18 (260 5) c, (10 1) s ? r = (0.2 % r + 0.05 ? ) robustness of termination, iec 60115-1, 4.16 10n ? r = (0.1 % r + 0.05 ? ) short time overload, iec 60115-1, 4.13 10 x rated power for 5 s ? r = (0.2 % r + 0.05 ? ) 0 20 40 60 8 0 100 50 100 150 200 250 300 ambient temperature in c 0 25 rated power in % maximum dissipation (p max. ) as a function of the ambient temperature (t amb )
www.vishay.com for technical questions, contact: ww1resistors@vishay.com document number: 28731 150 revision: 06-oct-11 pac.. series vishay draloric cemented wirewound pr ecision resistors this document is subject to change without notice. the products described herein and this document ar e subject to specific disclaimers, set forth at www.vishay.com/doc?91000 historical 12nc information ? the resistors had a 12-digit ordering code staring with 2306 327 ? the subsequent first digit indi cated the resistor type and packaging. ? the remaining 4 digits indicated the resistance value: - the first 3 digits indicated the resistance value. - the last digit indicated the resistance decade in accordance with resistance decade table. resistance decade ordering example the ordering code for an pac02, resistor value 47 ? with 1 % tolerance, supplied in ammopack of 500 units was: 2306 327 04709. note (1) radial parts with tin plated copper leads resistance decade last digit 0.10 to 0.976 ? 7 1to9.76 ? 8 10 to 97.6 ? 9 100 to 976 ? 1 1to9.76k ? 2 10 to 12 k ? 3 historical 12nc - resistor type and packaging type 2306 327 ..... bandolier in ammopack radial straight leads 2500 units 500 units 1000 units pac 0 1 r t (1) - 2306 327 5.... pac02 - 2306 327 0.... - pac03 - 2306 327 1.... - pac04 - 2306 327 2.... - pac05 - 2306 327 3.... - pac06 - 2306 327 4.... -
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.


▲Up To Search▲   

 
Price & Availability of PAC100005008FA1000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X