Part Number Hot Search : 
R05012 PTM120 HMP8154 3000A 30030 KDR720UL E8870 MX7572T
Product Description
Full Text Search
 

To Download P0603Y6260BB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  p www.vishay.com vishay sfernice revision: 26-jun-13 1 document number: 53017 for technical questions, contact: sferthinfilm@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 high precision wraparound - wide ohmic value range thin film chip resistors for low noise and precision app lications, superior stability, low temperature coefficient of resistance, and low voltage coefficient, vishay sfernices proven precision thin film wraparound resistors exceed requirements of mil-prf-55342g characteristics y 10 ppm/c (- 55 c; + 155 c) down to 5 ppm/c (- 55 c; + 155 c). features ? load life stability 0.02 % typical at 8000 h at 70 c under pd (0.033 % maximum) ? low temperature coefficient down to 5 ppm/c (- 55 c; + 155 c) ? very low noise < - 35 db and voltage coefficient < 0.01 ppm/v ? wide resistance range: 10 to 200 m depending on size ? tolerances to 0.01 % ? in lot tracking 5 ppm/c ? termination: thin film technology ? short circuits (jumpers) r < 50 mr, i < 2 a, see pzr datasheet ( www.vishay.com/doc?53053 ) ? withstand moisture resi stance test of aec-q200 ? material categorization: for definitions of compliance please see www.vishay.com/doc?99912 note * this datasheet provides information about parts that are rohs-compliant and/or parts th at are non-rohs-compliant. for example, parts with lead (pb) te rminations are not rohs-compliant. please see the information/tables in this datasheet for details. notes (1) pn = nominal power - pd = derated po wer intended to improve stability. (2) for ohmic range versus tolerance and tcr see detailed table on next page. (3) model p0805 being same size than case 0705 with same perf ormances, on ly codification of p0805 remains. (4) with special assembly care. note ? for temperature up to 230 c, see pht datasheet ( www.vishay.com/doc?53050 ) available available available available standard electrical specifications model size resistance range (2) ( ) rated power w pn (1) rated power w pd (1) limiting element voltage v tolerance % temperature coefficient ppm/c p0302 0302 10 to 750k 0.040 0.030 25 0.01, 0.02, 0.05, 0.1, 0.25, 0.5, 1, 2, 5 5, 10, 25, 50, 100 p0402 0402 10 to 1.5m 0.063 0.040 50 0.01, 0.02, 0.05, 0.1, 0.25, 0.5, 1, 2, 5 5, 10, 25, 50, 100 p0505 0505 10 to 4m 0.125 0.050 50 0.01, 0.02, 0.05, 0.1, 0.25, 0.5, 1, 2, 5 5, 10, 25, 50, 100 p0603 0603 10 to 3.2m 0.125 0.100 75 0.01, 0.02, 0.05, 0.1, 0.25, 0.5, 1, 2, 5 5, 10, 25, 50, 100 p0805 (3) 0805 10 to 10m 0.200 0.125 150 0.01, 0.02, 0.05, 0.1, 0.25, 0.5, 1, 2, 5 5, 10, 25, 50, 100 p1005 1005 10 to 8.1m 0.250 0.125 75 0.01, 0.02, 0.05, 0.1, 0.25, 0.5, 1, 2, 5 5, 10, 25, 50, 100 p1206 1206 10 to 35m 0.330 0.250 200 0.01, 0.02, 0.05, 0.1, 0.25, 0.5, 1, 2, 5 5, 10, 25, 50, 100 p1505 1505 10 to 15m 0.350 0.175 200 0.01, 0.02, 0.05, 0.1, 0.25, 0.5, 1, 2, 5 5, 10, 25, 50, 100 p2010 2010 10 to 76m 1 (4) 0.500 300 0.01, 0.02, 0.05, 0.1, 0.25, 0.5, 1, 2, 5 5, 10, 25, 50, 100 p2512 2512 10 to 200m 2 (4) 1 300 0.01, 0.02, 0.05, 0.1, 0.25, 0.5, 1, 2, 5 5, 10, 25, 50, 100 climatic specifications operating temperature range - 55 c; + 155 c mechanical specifications substrate alumina technology thin film film nickel chromium with mineral passivation or crsi protection silicone terminations b type: snpb over nickel barrier for solder reflow n type: snag over nickel barrier g type: gold over nickel barrierfor other applications
p www.vishay.com vishay sfernice revision: 26-jun-13 2 document number: 53017 for technical questions, contact: sferthinfilm@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 notes ? case 0805 being same than case 0705, only codification of 0805 remains. dimensions in millimeters (inches) case size ab c d/e max. tol. + 0.152 (+ 0.006) min. tol. - 0.152 (- 0.006) max. tol. + 0.127 (+ 0.005) min. tol. - 0.127 (- 0.005) nominal nominal nominal tolerance 0302 0.75 (0.029) 0.60 (0.024) 0.5 (0.02) 0.127 (0.005) 0.15 (0.006) 0.08 (0.003) 0402 1.00 (0.039) 0.60 (0.024) 0.25 (0.010) 0.1 (0.004) 0505 1.27 (0.005) 1.27 (0.050) 0.38 (0.015) 0.13 (0.005) 0603 1.52 (0.060) 0.85 (0.033) 0805 1.91 (0.075) 1.27 (0.050) 1005 2.54 (0.100) 1.27 (0.050) 1206 3.06 (0.120) 1.60 (0.063) 0.40 (0.016) 1505 3.81 (0.150) 1.32 (0.052) 0.48 (0.019) 2010 5.08 (0.200) 2.54 (0.100) 2512 6.30 (0.248) 3.30 (0.130) 0.48 (0.019) suggested land pattern (to ipc-7351a) chip size dimensions in millimeters (inches) z max. g min. x max. 0302 1.30 (0.051) 0.15 (0.006) 0.73 (0.029) 0402 1.55 (0.061) 0.15 (0.006) 0.73 (0.029) 0505 1.82 (0.072) 0.10 (0.004) 1.40 (0.055) 0603 2.37 (0.093) 0.35 (0.014) 0.98 (0.039) 0805 2.76 (0.109) 0.74 (0.029) 1.40 (0.055) 1005 3.39 (0.133) 1.37 (0.054) 1.40 (0.055) 1206 3.91 (0.154) 1.85 (0.073) 1.73 (0.068) 1505 4.66 (0.183) 2.44 (0.096) 1.45 (0.057) 2010 5.93 (0.233) 3.71 (0.146) 2.67 (0.105) 2512 7.15 (0.281) 4.93 (0.194) 3.43 (0.135) a d d c e e b g min. z max. x max.
p www.vishay.com vishay sfernice revision: 26-jun-13 3 document number: 53017 for technical questions, contact: sferthinfilm@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 power derating curve temperature coefficient tcr code film 5 ppm/c c (- 55 c; + 155 c) nicr 5 ppm/c z (0 c; + 70 c) nicr 10 ppm/c y nicr 25 ppm/c e nicr 50 ppm/c h nicr or crsi 100 ppm/c k nicr or crsi 070 20 40 60 80 100 120 140 155 0 20 40 60 80 100 ambient temperature in c rated power (%) best tolerance and tcr vs. ohmic value style range ( ) tolerance ( %) tcr code 0302 10 to < 100 0.05; 0.1; 0.25; 0.5; 1; 2; 5 c; z; y; e; h; k 100 to 35k 0.01; 0.02; 0.05; 0.1; 0.25; 0.5; 1; 2; 5 c; z; y; e; h; k > 35k to 50k 0.01; 0.02; 0.05; 0.1; 0.25; 0.5; 1; 2; 5 z; y; e; h; k > 50k to 75k 0.05; 0.1; 0.25; 0.5; 1; 2; 5 e; h; k > 75k to 750k 0.1; 0.25; 0.5; 1; 2; 5 (1) h; k 0402 10 to < 100 0.05; 0.1; 0.25; 0.5; 1; 2; 5 c; z; y; e; h; k 100 to 67k 0.01; 0.02; 0.05; 0.1; 0.25; 0.5; 1; 2; 5 c; z; y; e; h; k > 67k to 100k 0.01; 0.02; 0.05; 0.1; 0.25; 0.5; 1; 2; 5 z; y; e; h; k > 100k to 150k 0.05; 0.1; 0.25; 0.5; 1; 2; 5 e; h; k > 150k to 1m5 0.1; 0.25; 0.5; 1; 2; 5 (1) h; k 0505 10 to < 100 0.05; 0.1; 0.25; 0.5; 1; 2; 5 c; z; y; e; h; k 100 to 187k 0.01; 0.02; 0.05; 0.1; 0.25; 0.5; 1; 2; 5 c; z; y; e; h; k > 187k to 260k 0.01; 0.02; 0.05; 0.1; 0.25; 0.5; 1; 2; 5 z; y; e; h; k > 260k to 400k 0.05; 0.1; 0.25; 0.5; 1; 2; 5 e; h; k > 400k to 4m 0.1; 0.25; 0.5; 1; 2; 5 (1) h; k 0603 10 to < 100 0.05; 0.1; 0.25; 0.5; 1; 2; 5 c; z; y; e; h; k 100 to 160k 0.01; 0.02; 0.05; 0.1; 0.25; 0.5; 1; 2; 5 c; z; y; e; h; k > 160k to 332k 0.01; 0.02; 0.05; 0.1; 0.25; 0.5; 1; 2; 5 z; y; e; h; k > 332k to 500k 0.05; 0.1; 0.25; 0.5; 1; 2; 5 (1) e; h; k > 500k to 3m2 0.1; 0.25; 0.5; 1; 2; 5 h; k 0805 10 to < 100 0.05; 0.1; 0.25; 0.5; 1; 2; 5 c; z; y; e; h; k 100 to 360k 0.01; 0.02; 0.05; 0.1; 0.25; 0.5; 1; 2; 5 c; z; y; e; h; k > 360k to 511k 0.01; 0.02; 0.05; 0.1; 0.25; 0.5; 1; 2; 5 z; y; e; h; k > 511k to 750k 0.05; 0.1; 0.25; 0.5; 1; 2; 5 e; h; k > 750k to 10m 0.1; 0.25; 0.5; 1; 2; 5 (1) h; k
p www.vishay.com vishay sfernice revision: 26-jun-13 4 document number: 53017 for technical questions, contact: sferthinfilm@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 note (1) tolerance 0.05 % on request 1005 10 to < 100 0.05; 0.1; 0.25; 0.5; 1; 2; 5 c; z; y; e; h; k 100 to 400k 0.01; 0.02; 0.05; 0.1; 0.25; 0.5; 1; 2; 5 c; z; y; e; h; k > 400k to 550k 0.01; 0.02; 0.05; 0.1; 0.25; 0.5; 1; 2; 5 z; y; e; h; k > 550k to 810k 0.05; 0.1; 0.25; 0.5; 1; 2; 5 e; h; k > 810k to 8m1 0.1; 0.25; 0.5; 1; 2; 5 (1) h; k 1206 10 to < 100 0.05; 0.1; 0.25; 0.5; 1; 2; 5 c; z; y; e; h; k 100 to 1m3 0.01; 0.02; 0.05; 0.1; 0.25; 0.5; 1; 2; 5 c; z; y; e; h; k > 1m3 to 2m 0.01; 0.02; 0.05; 0.1; 0.25; 0.5; 1; 2; 5 z; y; e; h; k > 2m to 3m5 0.05; 0.1; 0.25; 0.5; 1; 2; 5 e; h; k > 3m5 to 35m 0.1; 0.25; 0.5; 1; 2; 5 (1) h; k 1505 10 to < 100 0.05; 0.1; 0.25; 0.5; 1; 2; 5 c; z; y; e; h; k 100 to 720k 0.01; 0.02; 0.05; 0.1; 0.25; 0.5; 1; 2; 5 c; z; y; e; h; k > 720k to 1m 0.01; 0.02; 0.05; 0.1; 0.25; 0.5; 1; 2; 5 z; y; e; h; k > 1m to 1m5 0.05; 0.1; 0.25; 0.5; 1; 2; 5 e; h; k > 1m5 to 15m 0.1; 0.25; 0.5; 1; 2; 5 (1) h; k 2010 10 to < 100 0.05; 0.1; 0.25; 0.5; 1; 2; 5 c; z; y; e; h; k 100 to 3m8 0.01; 0.02; 0.05; 0.1; 0.25; 0.5; 1; 2; 5 c; z; y; e; h; k > 3m8 to 5m 0.01; 0.02; 0.05; 0.1; 0.25; 0.5; 1; 2; 5 z; y; e; h; k > 5m to 7m5 0.05; 0.1; 0.25; 0.5; 1; 2; 5 e; h; k > 7m5 to 76m 0.1; 0.25; 0.5; 1; 2; 5 (1) h; k 2512 10 to < 100 0.05; 0.1; 0.25; 0.5; 1; 2; 5 c; z; y; e; h; k 100 to 7m6 0.01; 0.02; 0.05; 0.1; 0.25; 0.5; 1; 2; 5 c; z; y; e; h; k > 7m6 to 10m 0.01; 0.02; 0.05; 0.1; 0.25; 0.5; 1; 2; 5 z; y; e; h; k > 10m to 15m 0.05; 0.1; 0.25; 0.5; 1; 2; 5 e; h; k > 15m to 200m 0.1; 0.25; 0.5; 1; 2; 5 (1) h; k best tolerance and tcr vs. ohmic value style range ( ) tolerance ( %) tcr code
p www.vishay.com vishay sfernice revision: 26-jun-13 5 document number: 53017 for technical questions, contact: sferthinfilm@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 popular options for any option it is recommended to cons ult vishay sfernice for availability first. option: enlarged terminations for stringent and special power dissipation requirements, the thermal resistance between the resistive layer and the solder joi nt can be reduced using enlarged te rminations chip resistors which are soldered on large and thick copper pads acting as heatsink (see application note: 53048 power dissipation in high precision vishay sfernice chip resistor s and arrays (p thin film, pra arrays, chp thick film) www.vishay.com/doc?53048 . option to order 0063 : (applies to size 1206/1505/2010). dimensions (option 0063) in millimeters case size abed f max. tol. + 0.152 min. tol. - 0.152 max. tol. + 0.127 min. tol. - 0.127 max. tol. + 0.13 min. tol. - 0.13 max. tol. + 0.13 min. tol. - 0.13 nominal nominal nominal nominal nominal min. max. 1206 3.06 1.60 0.40 1.215 0.63 0.50 0.76 1505 3.81 1.32 0.48 1.59 2010 5.08 2.54 2.215 2512 6.30 3.30 2.835 suggested land pattern (option 0063) chip size dimensions (in millimeter) z max. g min. x max. 1206 3.91 0.50 1.73 1505 4.66 1.45 2010 5.93 2.67 2512 7.15 3.43 a b d e f enlarged termination uncoatted ceramic bottom view for mounting g min. z max. x max.
p www.vishay.com vishay sfernice revision: 26-jun-13 6 document number: 53017 for technical questions, contact: sferthinfilm@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 option: marking option to order 0013 : marking of ohmic va lue and tolerance: sizes: 0805 to 1005: 3 digits marking (according to eia-96) sizes: 1206 to 2512: 4 digits marking (same codification than in the ordering procedure) tolerance indicated by a color dot. option to order 0014 : marking of ohmic value: sizes: 0805 to 1005: 3 digits marking (according to eia-96) sizes: 1206 to 2512: 4 digits marking (same codification than in the ordering procedure) no standard marking availa ble for smaller sizes. a price adder will apply to the unit price of the parts for options 0013 and 0014. option: aec-q200 moisture resistance option to order 0058 : specific production process to withstand 85 c/85 % at pn/10 packaging esd packaging available: waffl e-pack, and plastic tape and reel (low conductivity). pape r tape available upon request (esd only) (for size 0603, 0805, and 1206). packaging rules waffle pack can be filled up to maximum qu antity indicated in the table here above, taking into account the minimum order quantity. when quantity ordered exce eds maximum quantity of a single waffle pack, the waffle packs are stacked up on the top of each other and closed by one single cover. to get not stacked up waffle pack in case of ordered quantity > maximum number of pieces per package: please consult vish ay sfernice for sp ecific ordering code. tape and reel see part numbering information to get the quantity desired by tape. note (1) option to order 0058 size moq number of pieces per package tape width waffle pack 2" 2" tape and reel min. max. 0302 250 340 100 5000 8 mm 0402 100 0505 100 0603 0805 4000 1005 221 1206 140 1505 60 2010 2000 2512 50 performance tests conditions mil or cecc requirements typical performances thermal shock mil-prf-55342g mil-std-202 f-method 107 f 0.05 % 0.02 % short time overload mil-prf-55342g para 3.10.4.7.5 0.05 % 0.01 % low temperature operation mil-prf-55342g para 3.9 and 4.7.4 0.05 % 0.01 % resistance to solder heat mil-prf-55342g para 3.12, 4.7.7, 4.7.1.2 0.05 % 0.03 % moisture resistance mil-prf-55342g para 3.13 and 4.7.8 mil-std-202 f-method 106 e 0.10 % 0.01 % cecc 56 days/40 c/93 % rh 0.10 % 0.01 % aec-q200 (1) 85 c/85 % rh/pn/10, 1000 h 0.5 % + 0.05 max. < 0.3 % + 0.05 high temperature mil-prf-55342g para 3.11 and 4.7.6 0.05 % 0.05 % load life mil-prf-55342g 8000 h pn at 70 c mil-std-202 f-method 108 a 0.5 % 0.02 % (1)
p www.vishay.com vishay sfernice revision: 26-jun-13 7 document number: 53017 for technical questions, contact: sferthinfilm@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 note (1) one should apply the datas mentioned on the 3 cu rves together to get the right pe rformances. maximum permissible pulse load p i max. for single pulse (1) energy for single pulse (1) maximum permissible pulse voltage u i max. for single pulse (1) 0.1 1 10 100 pul s e duration t ( s ) permissible pulse power (w) 0.00001 0.0001 0.001 0.01 0.1 1 10 p2512 p2010 p1206 p0805 p0603 p0402 p 0.00001 1 10 100 pul s e duration t ( s ) permissible pulse energy (j) 0.00001 0.0001 0.001 0.01 0.1 1 10 p2512 p2010 p1206 p0805 p0603 p0402 0.0001 0.001 0.01 0.1 10 100 1000 10 000 pul s e duration t ( s ) permissible pulse voltage (v) 0.00001 0.0001 0.001 0.01 0.1 1 10 p2512 p2010 p1206 p0805 p0603 p0402
p www.vishay.com vishay sfernice revision: 26-jun-13 8 document number: 53017 for technical questions, contact: sferthinfilm@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 maximum permissible pulse load p i max. 1.2/50 s lightning surge 10/700 s lightning surge 0.1 1 10 100 pul s e duration t ( s ) 0.00001 0.0001 0.001 0.01 0.1 1 10 p2512 p2010 p1206 p0805 p0603 p0402 permissible pulse power (w) p 10 100 1000 10 000 re s i s tor value ( ) test voltage (v) 10 100 1000 10 000 100 000 p2512 p1206 p0805 p0603 10 100 1000 10 000 re s i s tor value ( ) test voltage (v) 10 100 1000 10 000 100 000 p1206 p0805 p0603
p www.vishay.com vishay sfernice revision: 26-jun-13 9 document number: 53017 for technical questions, contact: sferthinfilm@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 note ? for paper tape please consult vishay sfernice (0603, 0805, and 1206 only). fast track service vishay sfernice offers fast track service - for conditions and availability please contact you cu stomer service representative. p trim chips ready to be trimmed available. please consult vishay sfernice. notes ? for cecc qualified, see rv datasheet ( www.vishay.com/doc?60022 ) ? for escc qualified, see phr datasheet ( www.vishay.com/doc?53037 ) or pfrr datasheet ( www.vishay.com/doc?53046 ) ? for high temperature (230 c), see pht datasheet ( www.vishay.com/doc?53050 ) ?for strap (0 ), see pzr datasheet ( www.vishay.com/doc?53053 ) global part number information new global part numb ering: p0505y1003bbt0999 global model size tcr value tolerance termination packaging option p 0302 0402 0505 0603 0805 1005 1206 1505 2010 2512 k = 100 ppm/c h = 50 ppm/c e = 25 ppm/c y = 10 ppm/c z = 5 ppm (0.70 c) c = 5 ppm (- 55 c; + 155 c) the first three digits are significant figures and the last digit specifies the number of zeros to follow, r designates decimal point 10r0 = 10 3901 = 3900 1004 = 1 m l = 0.01 % p = 0.02 % w = 0.05 % b = 0.1 % c = 0.25 % d = 0.5 % f = 1 % g = 2 % j = 5 % b : snpb over nickel barrier n : snag over nickel barrier g : gold over nickel barrier for more information see codification of packaging table from 1 to 3 digits, leave blank if no option b : lead bearing version n and g : lead (pb)-free/rohs version historical part number examples: p1206y1001lnt100 (tapes of 100 pieces) p1206h7151fbt250 (tapes of 250 pieces) p1206y1503wnt1k032 (tapes of 1000 pieces and option 32) p1206y2372bg (waffle pack) historical part numbers are not recommended, but can still be used for ordering. codification of packaging code 18 packaging waffle pack w 100 min., 1 mult wa 100 min., 100 mult (availab le only in size 1206) plastic tape t 100 min., 1 mult ta 100 min., 100 mult tb 250 min., 250 mult tc 500 min., 500 mult td 1000 min., 1000 mult te 2500min., 2500 mult tf full tape (quantity depending on size of chips) paper tape pt 100 min., 1 mult pa 100 min., 100 mult pb 250 min., 250 mult pc 500 min., 500 mult pd 1000 min., 1000 mult pe 2500min., 2500 mult pf full tape (quantity depe nding on size of chips) 0505y1003 p bbt 9 99
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.


▲Up To Search▲   

 
Price & Availability of P0603Y6260BB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X