-0- no. stse-cr7103a specifications for nichia red led model : NSPR510CS nichia corporation
-1- nichia stse-cr7103a 1.specifications (1) absolute maximum ratings (ta=25c) item symbol absolute maximum rating unit forward current i f 50 ma pulse forward current i fp 200 ma reverse voltage v r 5 v power dissipation p d 125 mw operating temperature t opr -30 ~ + 85 c storage temperature t stg -40 ~ +100 c soldering temperature t sld 265c for 10sec. i fp conditions : pulse width 10msec. and duty 1/10 (2) initial electrical/optical characteristics (ta=25c) item symbol condition typ. max. unit forward voltage v f i f =20[ma] (2.1) 2.5 v reverse current i r v r = 5[v] - 50 a luminous intensity iv i f =20[ma] (5000) - mcd x - i f =20[ma] 0.700 - - chromaticity coordinate y - i f =20[ma] 0.299 - - please refer to cie 1931 chromaticity diagram. (3) ranking (ta=25c) item symbol condition min. max. unit rank u iv i f =20[ma] 6800 9600 mcd rank t iv i f =20[ma] 4800 6800 mcd luminous intensity rank s iv i f =20[ma] 3400 4800 mcd luminous intensity measurement allowance is 10%. color rank (i f =20ma,ta=25c) rank r x 0.67 0.67 0.73 0.73 y 0.27 0.33 0.33 0.27 color coordinates measurement allowance is 0.01. one delivery will include up to one color rank a nd three luminous intensity ranks of the products. the quantity-ratio of the ranks is decided by nichia. 2.initial optical/electrical characteristics please refer to figure?s page. 3.outline dimensions and materials please refer to figure?s page. material as follows ; resin(mold) : epoxy resin leadframe : ag plating iron < = < =
-2- nichia stse-cr7103a 4.packaging the leds are packed in cardboard boxes after packaging in anti-electrostatic bags. please refer to figure?s page. the label on the minimum packing unit shows ; part number, lot number, ranking, quantity in order to protect the leds from mechanical shock, we pack them in cardboard boxes for transportation. the leds may be damaged if the boxes are dropped or receive a strong impact against them, so precautions must be taken to prevent any damage. the boxes are not water resistant and therefore must be kept away from water and moisture. when the leds are transported, we recommend that you use the same packing method as nichia. 5.lot number the first six digits number shows lot number . the lot number is composed of the following characters; - u - year ( 6 for 2006, 7 for 2007 ) - month ( 1 for jan., 9 for sep., a for oct., b for nov. ) - nichia's product number u - ranking by color coordinates - ranking by luminous intensity
-3- nichia stse-cr7103a 6.reliability (1) test items and results test item standard test method test conditions note number of damaged resistance to soldering heat jeita ed-4701 300 302 tsld=260 5c, 10sec. 3mm from the base of the epoxy bulb 1 time 0/50 solderability jeita ed-4701 300 303 tsld=235 5c, 5sec. (using flux) 1 time over 95% 0/50 temperature cycle jeita ed-4701 100 105 -40c ~ 25c ~ 100c ~ 25c 30min. 5min. 30min. 5min. 100 cycles 0/50 moisture resistance cyclic jeita ed-4701 200 203 25c ~ 65c ~ -10c 90%rh 24hrs./1cycle 10 cycles 0/50 terminal strength (bending test) jeita ed-4701 400 401 load 5n (0.5kgf) 0 ~ 90 ~ 0 bend 2 times no noticeable damage 0/50 terminal strength (pull test) jeita ed-4701 400 401 load 10n (1kgf) 10 1 sec. no noticeable damage 0/50 high temperature storage jeita ed-4701 200 201 ta=100c 1000hrs. 0/50 temperature humidity storage jeita ed-4701 100 103 ta=60c, rh=90% 1000hrs. 0/50 low temperature storage jeita ed-4701 200 202 ta=-40c 1000hrs. 0/50 steady state operating life ta=25c, i f =50ma 1000hrs. 0/50 steady state operating life of high humidity heat 60c, rh=90%, i f =20ma 500hrs. 0/50 steady state operating life of low temperature ta=-30c, i f =20ma 1000hrs. 0/50 (2) criteria for judging damage criteria for judgement item symbol test conditions min. max. forward voltage v f i f =20ma - u.s.l.*) 1.1 reverse current i r v r =5v - u.s.l.*) 2.0 luminous intensity i v i f =20ma l.s.l.**) 0.7 - *) u.s.l. : upper standard level **) l.s.l. : lower standard level
-4- nichia stse-cr7103a 7.cautions (1) lead forming when forming leads, the leads should be bent at a point at least 3mm from the base of the epoxy bulb. do not use the base of the leadframe as a fulcrum during lead forming. lead forming should be done before soldering. do not apply any bending stress to the base of the lead. the stress to the base may damage the led?s characteristics or it may break the leds. when mounting the leds onto a printed circuit board, the holes on the circuit board should be exactly aligned with the leads of the leds. if the leds are mounted with stress at the leads, it causes deterioration of the epoxy resin and this will degrade the leds. (2) storage the leds should be stored at 30c or less and 70%rh or less after being shipped from nichia and the storage life limits are 3 months. if the leds are stored for 3 months or more, they can be stored for a year in a sealed container with a nitrogen atmosphere and moisture absorbent material. nichia led leadframes are silver plated iron. the silver surface may be affected by environments which contain corrosive substances. please avoid conditions which may cause the led to corrode, tarnish or discolor. this corrosion or discoloration may cause difficulty during soldering operations. it is recommended that the leds be used as soon as possible. please avoid rapid transitions in ambient temperature, especially, in high humidity environments where condensation can occur.
-5- nichia stse-cr7103a (3) soldering conditions solder the led no closer than 3mm from the base of the epoxy bulb. soldering beyond the base of the tie bar is recommended. recommended soldering conditions dip soldering hand soldering pre-heat pre-heat time solder bath temperature dipping time dipping position 120c max. 60 seconds max. 260c max. 10 seconds max. no lower than 3 mm from the base of the epoxy bulb. temperature soldering time position 350c max. 3 seconds max. no closer than 3 mm from the base of the epoxy bulb. although the recommended soldering conditions are specified in the above table, dip or hand soldering at the lowest possible temperature is desirable for the leds. a rapid-rate process is not recommended for cooling the leds down from the peak temperature. dip soldering should not be done more than one time. hand soldering should not be done more than one time. do not apply any stress to the lead particularly when heated. the leds must not be repositioned after soldering. after soldering the leds, the epoxy bulb should be protected from mechanical shock or vibration until the leds return to room temperature. direct soldering onto a pc board should be avoided. mechanical stress to the resin may be caused from warping of the pc board or from the clinching and cutting of the leadframes. when it is absolutely necessary, the leds may be mounted in this fashion but the user will assume responsibility for any problems. direct soldering should onl y be done after testing has confirmed that no damage, such as wire bond failure or resin deterioration, will occur. nichia?s leds should not be soldered directly to double sided pc boards because the heat will deteriorate the epoxy resin. when it is necessary to clamp the leds to prevent soldering failure, it is important to minimize the mechanical stress on the leds. cut the led leadframes at room temperature. cutting the leadframes at high temperatures may cause failure of the leds. (4) heat generation thermal design of the end product is of paramount importance. please consider the heat generation of the led when making the system design. the coefficient of temperature increase per input electric power is affected by the thermal re sistance of the circuit board and density of led placement on the board, as well as other components. it is necessary to avoid intense heat generation and operate within the maximum ratings given in this specification. the operating current should be decided after considering the ambient maximum temperature of leds. (5) cleaning it is recommended that isopropyl alcohol be used as a solvent for cleaning the leds. when using other solvents, it should be confirmed beforehand whether the solvents will dissolve the resin or not. freon solvents should not be used to clean the leds because of worldwide regulations. do not clean the leds by the ultrasonic. when it is absolutely necessary, the influence of ultrasonic cleaning on the leds depends on factors such as ultrasonic power and the assembled condition. before cleaning, a pre-test should be done to confirm whether any damage to the leds will occur.
-6- nichia stse-cr7103a (6) safety guideline for human eyes in 1993, the international electric committee (iec) issued a standard concerning laser product safety (iec 825-1). since then, this standard has been applied for diffused light sources (leds) as well as lasers. in 1998 iec 60825-1 edition 1.1 evaluated the magnitude of the light source. in 2001 iec 60825-1 amendment 2 converted the laser class into 7 classes for end products. components are excluded from this system. pr oducts which contain visible leds are now classified as class 1. products containing uv leds are cla ss 1m. products containing leds can be classified as class 2 in cases where viewing angles are narro w, optical manipulation intensifies the light, and/or the energy emitted is high. for these systems it is recommended to avoid long term exposure. it is also recommended to follow the iec regulations regarding safety and labeling of products. (7) others NSPR510CS complies with rohs directive. care must be taken to ensure that the reverse voltage will not exceed the absolute maximum rating when using the leds with matrix drive. flashing lights have been known to cause discomfort in people; you can prevent this by taking precautions during use. also, people should be cautious when using equipment that has had leds incorporated into it. the leds described in this brochure are intended to be used for ordinary electronic equipment (such as office equipment, communications equipment, measurement instruments and household appliances). consult nichia?s sales staff in advance for information on the applications in which exceptional quality and reliability are required, particularly when the failure or malfunction of the leds may directly jeopardize life or health (such as for airplanes, aerospace, submersible repeaters, nuclear reactor control systems, automobiles, traffic control equipment, life support systems and safety devices). user shall not reverse engineer by disassembling or analysis of the leds without having prior written consent from nichia. when defective leds are found, the user shall inform nichia directly before disassembling or analysis. the formal specifications must be exchanged and signed by both parties before large volume purchase begins. the appearance and specifications of the product may be modified for improvement without notice.
480 470 460 490 550 540 530 520 580 570 560 590 510 500 600 630 610 620 r 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 x y ici chromaticity diagram nichia stse-cr7103a -7- ! color coordinates measurem ent allowance is 0.01.
60 40 30 0 10 50 20 12.5 0 50 100 150 200 250 12 10 8 4 2 0 6 300 100 50 20 10 5 1 200 1.2 1.6 2.4 2.8 3.2 4.0 2.0 3.6 allowable forward current i f (ma) relative luminosity (a.u.) relative luminosity (a.u.) forward current i fp (ma) allowable forward current i fp (ma) ambient temperature vs. allowable forward current ambient temperature ta (c ) ambient temperature vs. relative luminosity ambient temperature ta ( c ) ambient temperature vs. forward voltage ambient temperature ta ( c ) forward voltage v f (v) duty ratio (%) forward current vs. relative luminosity forward current i fp (ma) forward voltage v f (v) forward voltage vs. forward current duty ratio vs. allowable forward current ta=25c i fp =5ma i fp =20ma i fp =60ma ta=25c ta=25c i fp =20ma 020 6080100 40 -40 -20 3.0 2.6 2.4 2.0 1.8 1.6 2.2 2.8 2.0 1.0 0.5 0.2 020 6080100 40 -40 -20 1 5 10 20 100 50 300 100 50 20 10 30 200 60 80 100 40 020 n ichia stse-cr7103a characteristics model nsprxxxx nichia corporation title no. 070606763662 -8-
10 20 50 200 15 100 50c(628nm) 25c(625nm) 0c(623nm) 85c(630nm) -30c(620nm) forward current i fp (ma) ambient temperature ta (c) directivity radiation angle spectrum y relative emission intensity (a.u.) xx relative luminosity (a.u.) i fp =20ma 1.2 1.0 0.8 0.4 0.2 0 0.6 i fp =20ma ta=25c ambient temperature vs. chromaticity coordinate ( d ) ambient temperature vs. dominant wavelength dominant wavel ength d (nm) forward current vs. dominant wavelength 1.0 0.5 0 0 10 20 30 40 50 60 70 80 90 0 30 0.5 90 60 1.0 ta=25c i f =20ma dominant wavel ength d (nm) wavelength (nm) wavelength (nm) ta=25c i fp =20ma 0.68 0.69 0.70 0.71 0.72 0.73 0.33 0.32 0.31 0.30 0.29 0.28 631 629 627 625 621 619 623 -40 0 20 60 100 80 -20 40 450 500 550 600 700 750 650 631 627 625 619 629 623 621 n ichia stse-cr7103a characteristics model nspr510c(s) nichia corporation title no. 070606766121 -9-
1 0.3 0.3 stopper item materials resin(mold) epoxy resin lead frame ag plating iron remark: please note that the bare iron showing at the cut end of the lead frame may be corroded under certain conditions. leds have some sharp edges and points, particularly lead frames. please handle with care so as to avoid injuries. ? 0.5 0.05 anode cathode 1.5max. 1 (2) 28.6 1 8.3 7.1 1.1 (2.5) 5 5.3 12.1 0.5 5.6 -10- nichia stse-cr7103a uni t mm allow nichia corporation n o. outline dimensions 070606766131 title model n spr510cs 0.2 scal e 3/1
anti-electrostatic bag cardboard box 360 135 215 4t cardboard cardboard print the quantity is printed on this bag. n i c h i a xxxx led type nxpxxxxxx lot xxxxxx- u ? qty pcs rohs nichia corporation 491 oka,kaminaka,anan,tokushima,japan caution to electrostatic damage i?>t?? ? one box contains 8 bags at maximum. xxxx led type nxpxxxxxx lot xxxxxx- u ? qty pcs n ichia nichia corporation 491 oka, kaminaka, anan, tokushima, japan rohs label nichia stse-cr7103a nichia corporation n o. packing 070508659112 title model nxpxxxxxx -11-
anti-electrostatic bag cardboard box b 360 135 215 4t cardboard cardboard cardboard box a ? the cardboard box b contains 2 cardboard box a at maximum. print xxxx led type nxpxxxxxx lot xxxxxx- u ? qty pcs n ichia nichia corporation 491 oka, kaminaka, anan, tokushima, japan rohs the quantity is printed on this bag. ? put this label on the cardboard box b. n i c h i a xxxx led type nxpxxxxxx lot xxxxxx- u ? qty pcs rohs nichia corporation 491 oka,kaminaka,anan,tokushima,japan caution to electrostatic damage i?>t?? label nichia stse-cr7103a nichia corporation n o. packing 070508659122 title model nxpxxxxxx -12-
cardboard box 425 135 355 4t cardboard cardboard anti-electrostatic bag print xxxx led type nxpxxxxxx lot xxxxxx- u ? qty pcs n ichia nichia corporation 491 oka, kaminaka, anan, tokushima, japan rohs the quantity is printed on this bag. ? one box contains 20 bags at maximum. n i c h i a xxxx led type nxpxxxxxx lot xxxxxx- u ? qty pcs rohs nichia corporation 491 oka,kaminaka,anan,tokushima,japan caution to electrostatic damage i?>t?? label nichia stse-cr7103a nichia corporation n o. packing 070508659132 title model nxpxxxxxx -13-
? the cardboard box b contains 4 cardboard box a at maximum. anti-electrostatic bag cardboard box b 425 135 355 4t cardboard cardboard box a cardboard xxxx led type nxpxxxxxx lot xxxxxx- u ? qty pcs n ichia nichia corporation 491 oka, kaminaka, anan, tokushima, japan rohs print label the quantity is printed on this bag. ? put this label on the cardboard box b. n i c h i a xxxx led type nxpxxxxxx lot xxxxxx- u ? qty pcs rohs nichia corporation 491 oka,kaminaka,anan,tokushima,japan caution to electrostatic damage i?>t?? nichia stse-cr7103a nichia corporation n o. packing 070508659142 title model nxpxxxxxx -14-
|