Part Number Hot Search : 
LM158 BCR16P 58DGK LA75503V SF104 FDMC6296 527S303T 811E3
Product Description
Full Text Search
 

To Download NC50112M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  count on the noise leader noise modules for bite the nc500 (through hole) and nc500sm (surface mount) series noise modules are an economical solution for built-in test re- quirements. they contain complete bias circuits and require no external components. the surface mount package is suitable for mounting on mi - crostrip. the modules produce extremely fat output power ver - sus frequency characteristic that is insensitive to temperature and voltage variations. the nc500 series modules are housed in a to-8 metal can, and require 0.2 to 5 ma, while the 500sm series modules are housed in a surface mount plastic package. both typically require 5 ma and produce a minimum of 31 db enr of white gaussian noise. the nc510 and 510sm series typically require 15 ma and have higher output with a minimum of 51 db enr. typical applications for these noise modules include built-in test equipment (bite ), signal strength meters for cellular, pcs, catv , calibrators, spectrum analyzers, radar warning receivers ( rwr), and dither a/d quantization error. noise com can optimize frequency range, voltage and output levels for specifc applica - tions. most models are available from stock. data sheet nc500 / 500sm series 200 khz to 5 ghz when ordering, add the suffx sm to the model number to denote the surface mount version. if the suffx is not included, the drop-in version (through hole) will be supplied. (optional custom screening available) applications ? built-in test equipment (bite) ? signal strength meters for cellular, pcs and catv ? calibrators ? spectrum analyzers ? radar warning receivers ( rwr) ? dither a/d quantization error ? gain-bandwidth product testing
specifcations output white gaussian noise minimum power output 31 db enr (-143 dbm/hz) 51 db enr (-123 dbm/hz) crest factor 5:1 supply current 0.2 to 5 ma(nc500 series) 10 to 20 ma (nc510 series) temperature coeffcient 0.01 db/c supply sensitivity 0.1 db/% ?v operating temperature 0 c to +70 c (surface mount) -55 c to 85 c (drop-in/through-hole) storage temperature -65 to +150 c packaging drop-in or surface mount power +12, +15 v or +28 v absolute maximum input voltage +30 v for +15 v models +40 v for +28 v models model for model for model for frequency minimum output output i (max) +12 v supply +15 v supply +28 v supply range enr (db) @ r l () flatness (db) (ma) nc501/12 nc501/15 nc501 200 khz - 500 mhz 31 50 0.5 10 nc502/12 nc502/15 nc502 200 khz - 1 ghz 31 50 1.0 10 nc503/12 nc503/15 nc503 200 khz - 2 ghz 31 50 1.5 10 nc504/12 nc504/15 nc504 200 khz - 3 ghz 31 50 1.5 10 nc505/12 nc505/15 nc505 200 khz - 4 ghz 31 50 2.0* 10 nc506/12 nc506/15 nc506 200 khz - 5 ghz 31 50 2.5* 10 nc511/12 nc511/15 n/a 200 khz - 500 mhz 51 50 2.0 30 nc512/12 nc512/15 n/a 200 khz - 1 ghz 51 50 2.0 30 nc513/12 nc513/15 n/a 200 khz - 2 ghz 51 50 2.0 30 1. military version in compliance with mil-e-5400t class 2 (add suffx m). not available in surface mount, nc501 to nc506 series only. 2. add sm for surface mount. otherwise to-8 is standard. * flatness 4.0 for sm series of these models. nc500 series dimensions (inches) nc500sm series dimensions (inches) wireless telecom group inc. 25 eastmans rd parsippany, nj united states tel: +1 973 386 9696 fax: +1 973 386 9191 www.noisecom.com ? copyright 2011 all rights reserved. n/nc500/0711/en note: specifcations, terms and conditions are subject to change without prior notice.


▲Up To Search▲   

 
Price & Availability of NC50112M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X