Part Number Hot Search : 
L17T70 ST300S ST72632 MRF329 RCMX1 PDTA115E D1025 Q6511
Product Description
Full Text Search
 

To Download MMBT5550LT3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  high voltage transistors npn silicon maximum ratings rating symbol value unit collectoremitter voltage v ceo 140 vdc collectorbase voltage v cbo 160 vdc emitterbase voltage v ebo 6.0 vdc collector current e continuous i c 600 madc thermal characteristics characteristic symbol max unit total device dissipation fr5 board (1) t a = 25 c derate above 25 c p d 225 1.8 mw mw/ c thermal resistance, junction to ambient r  ja 556 c/w total device dissipation alumina substrate, (2) t a = 25 c derate above 25 c p d 300 2.4 mw mw/ c thermal resistance, junction to ambient r  ja 417 c/w junction and storage temperature t j , t stg 55 to +150 c device marking mmbt5550lt1 = m1f; mmbt5551lt1 = g1 electrical characteristics (t a = 25 c unless otherwise noted) characteristic symbol min max unit off characteristics collectoremitter breakdown voltage (3) (i c = 1.0 madc, i b = 0) mmbt5550 mmbt5551 v (br)ceo 140 160 e e vdc collectorbase breakdown voltage (i c = 100  adc, i e = 0) mmbt5550 mmbt5551 v (br)cbo 160 180 e e vdc emitterbase breakdown voltage (i e = 10  adc, i c = 0) v (br)ebo 6.0 e vdc collector cutoff current (v cb = 100 vdc, i e = 0) mmbt5550 (v cb = 120 vdc, i e = 0) mmbt5551 (v cb = 100 vdc, i e = 0, t a = 100 c) mmbt5550 (v cb = 120 vdc, i e = 0, t a = 100 c) mmbt5551 i cbo e e e e 100 50 100 50 nadc m adc emitter cutoff current (v eb = 4.0 vdc, i c = 0) i ebo e 50 nadc 1. fr5 = 1.0  0.75  0.062 in. 2. alumina = 0.4  0.3  0.024 in. 99.5% alumina. 3. pulse test: pulse width = 300  s, duty cycle = 2.0%. preferred devices are on semiconductor recommended choices for future use and best overall value. on semiconductor  ? semiconductor components industries, llc, 2001 march, 2001 rev. 1 635 publication order number: mmbt5550lt1/d mmbt5550lt1 mmbt5551lt1 1 2 3 case 31808, style 6 sot23 (to236) mmbt5551lt1 is a preferred device collector 3 1 base 2 emitter
mmbt5550lt1 mmbt5551lt1 http://onsemi.com 636 electrical characteristics (t a = 25 c unless otherwise noted) (continued) characteristic symbol min max unit on characteristics dc current gain (i c = 1.0 madc, v ce = 5.0 vdc) mmbt5550 mmbt5551 (i c = 10 madc, v ce = 5.0 vdc) mmbt5550 mmbt5551 (i c = 50 madc, v ce = 5.0 vdc) mmbt5550 mmbt5551 h fe 60 80 60 80 20 30 e e 250 250 e e e collectoremitter saturation voltage (i c = 10 madc, i b = 1.0 madc) both types (i c = 50 madc, i b = 5.0 madc) mmbt5550 mmbt5551 v ce(sat) e e e 0.15 0.25 0.20 vdc baseemitter saturation voltage (i c = 10 madc, i b = 1.0 madc) both types (i c = 50 madc, i b = 5.0 madc) mmbt5550 mmbt5551 v be(sat) e e e 1.0 1.2 1.0 vdc figure 10.
mmbt5550lt1 mmbt5551lt1 http://onsemi.com 637 figure 1. dc current gain i c , collector current (ma) 500 h , dc current gain fe t j = 125 c -55 c 25 c 5.0 10 0.1 0.2 0.3 0.5 0.7 1.0 2.0 3.0 5.0 7.0 10 20 30 50 70 100 200 30 20 300 100 50 7.0 v ce = 1.0 v v ce = 5.0 v figure 2. collector saturation region i b , base current (ma) 1.0 i c = 1.0 ma 0 0.3 0.005 0.01 0.2 0.5 1.0 2.0 20 50 0.8 0.5 0.4 0.9 0.7 0.6 0.2 0.02 0.05 0.1 10 v ce , collector-emitter voltage (volts) 0.1 10 ma 30 ma 100 ma 5.0 figure 3. collector cutoff region v be , base-emitter voltage (volts) 10 1 10 -5 0.4 0.3 0.1 10 0 10 -1 10 -2 10 -3 10 -4 0.2 0 0.1 0.2 0.4 0.3 0.6 0.5 v ce = 30 v t j = 125 c 75 c 25 c i c = i ces , collector current (a) m i c reverse forward i c , collector current (ma) 1.0 v, voltage (volts) 1.0 2.0 5.0 10 20 50 100 t j = 25 c v be(sat) @ i c /i b = 10 v ce(sat) @ i c /i b = 10 0.1 0.2 0.5 figure 4. aono voltages 0.8 0.6 0.4 0.2 0 3.0 30 0.3
mmbt5550lt1 mmbt5551lt1 http://onsemi.com 638 c, capacitance (pf) v r , reverse voltage (volts) 100 1.0 0.2 0.5 1.0 2.0 5.0 10 20 c ibo 70 50 30 20 10 7.0 5.0 3.0 2.0 0.3 0.7 3.0 7.0 c obo 10.2 v v in 10 m s input pulse v bb -8.8 v 100 r b 5.1 k 0.25 m f v in 100 1n914 v out r c v cc 30 v 3.0 k t r , t f 10 ns duty cycle = 1.0% values shown are for i c @ 10 ma t j = 25 c i c , collector current (ma) 1000 0.3 1.0 10 20 30 50 0.5 0.2 t, time (ns) 10 20 30 50 100 200 300 500 2.0 100 200 i c /i b = 10 t j = 25 c t r @ v cc = 120 v 3.0 5.0 t r @ v cc = 30 v t d @ v eb(off) = 1.0 v v cc = 120 v i c , collector current (ma) 5000 t, time (ns) 50 100 200 300 500 3000 2000 1000 0.3 1.0 10 20 30 50 0.5 0.2 2.0 100 200 3.0 5.0 i c /i b = 10 t j = 25 c t f @ v cc = 120 v t f @ v cc = 30 v t s @ v cc = 120 v i c , collector current (ma) 2.5  vc for v ce(sat)  vb for v be(sat) figure 5. temperature coefficients t j = -55 c to +135 c v , temperature coefficient (mv/ c) q 2.0 1.5 1.0 0.5 0 -0.5 -1.0 -1.5 -2.0 -2.5 1.0 2.0 5.0 10 20 50 100 0.1 0.2 0.5 3.0 30 0.3 figure 6. switching time test circuit figure 7. capacitances figure 8. turnon time figure 9. turnoff time


▲Up To Search▲   

 
Price & Availability of MMBT5550LT3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X