ac input, single-output model selection 200w/225w pk with 300 lfm forced-air cooling (note 1) model output adjustment maximum output peak output line load ripple & noise initial setting voltage range current (note 2) current (note 2) regulation regulation %p-p (note 3) accuracy mpu200-1012g 12v 11.6v to 16v 17.0a 19.0a 0.1% 1% 1% 11.97v to 12.03v mpu200-1024g 24v 22.8v to 29.2v 8.35a 9.4a 0.1% 1% 1% 23.95v to 24.05v mpu200-1048g 48v 45v to 56v 4.2a 4.7a 0.1% 1% 1% 47.9v to 48.1v ac input, multiple-output model selection 200w with 300 lfm forced-air cooling (note 1) isolated v3 and v4 can be used as positive or negative outputs model output adjustment maximum output line load ripple & noise initial setting voltage range current (note 2) regulation regulation %pk-pk (note 3) accuracy +5v 5.0v to 5.5v 30a (note 4) 0.4% 1% 1% 4.98v to 5.02v mpu200-4530 +3.3v 3.15v to 3.60v 15a (note 4) 0.6% 1.5% 1.5% 3.28v to 3.32v 12v 10.8v to 13.2v 8a (note 5) 0.4% 10% 1% 11.94v to 12.06v 12v 10.8v to 13.2v 4a (note 5) 0.4% 10% 1% 11.60v to 12.40v notes: 1) this product is not rated for convection applications. 2) the mpu/mdu150 products require a minimum of 300 lfm of forced-air cooling under all load conditions. it is recommended that the airflow be applied from the input side of the power supply blowing towards the output . 3) maximum peak-to-peak noise expressed as a percentage of output voltage, 20 mhz bandwidth. 4) total current for v1 and v2 is not to exceed 35a. 5) total power on v3 and v4 is not to exceed 100w. features ? rohs lead free solder and lead solder exempted products are available ? power factor correction (pfc) meets en61000-3-2 ? same size, airflow, and construction as mpu150/mdu150 with over 33% more power ? single-wire current sense on quad model outputs v1 and v2 ? remote sense on quad model outputs v1 and v2 ? current share and n+1 redundancy (standard on all models) ? overtemperature, overload, and overvoltage protection ? available with sae mountings ? mdu200 models have 48 vdc input mpu200/mdu200 series data sheet mcd10010 rev. 1.1, 27-jan-10 page 1 of 6 www.power-one.com the mpu200/mdu200 series is based upon the proven architecture of the mpu150/mdu150 product line. the mpu products incorporate power factor correction (pfc) with a low-profile package designed to meet 1u height constraints. in this series, 200 watts of continuous output power is provided with single or multiple output units suited for distributed power or central p ower applications. the series provides high current +3.3v and +5v on a single platform to support mixed-mode, high-speed digital circuitry. power-one's dual-converter architecture combines high reliability with exceptional regulation. all multiple-output models featu re remote sense on outputs v1 and v2 to provide independent compensation of output cable losses. other standard features include independent current sharing on v1 and v2 quad-model outputs, thermal shutdown, and remote inhibit. airflow of 300 linear feet per minute (lfm) is required to deliver the full power density of greater than 4.0 watts pe r cubic inch. the mdu200 series provides the same benefits as the mpu200 series, with a nominal 48 vdc input. description ordering information: options suffixes to add to part number metric mounting add ?m? as a suffix to the model number to order chassis with m3 x 0.7 mounting inserts. consult factory for availability. isolation diode offered on single-output models. add ?d? to the part number suffix if an isolation diode is needed. consult factory for availability. rohs lead solder exemption no rohs suffix character required. rohs compliant for all 6 substances add ?g? as the last character of the part number. model numbers highlighted in yellow or shaded are not recommended for new designs.
dc input, single output model selection 200w with 300 lfm forced-air cooling (note 1) model output adjustment maximum output peak output line load ripple & noise initial setting voltage range current (note 2) current (note 2) regulation regulation %pk-pk (note 3) accuracy mdu200-1012g 12v 11.6v to 16v 17.0a 19.0a 0.1% 1% 1% 11.97v to 12.03v mdu200-1024g 24v 22.8v to 29.2v 8.35a 9.4a 0.1% 1% 1% 23.95v to 24.05v (note 4) mdu200-1048g 48v 45v to 56v 4.2a 4.7a 0.1% 1% 1% 47.9v to 48.1v isolation diode option - offered on single-output models. add ?d? at the end of the part number if an isolation diode is neede d. mpu200 input specifications parameter conditions/description min nom max units input voltage - ac continuous input range. 85 264 vac input frequency ac input. 47 63 hz hold-up time after last ac line peak at 200 watts 15 ms input current 85 vac at full rated load. 4.0 arms input protection non-user serviceable internally located ac input line fuse. inrush surge current internally limited by thermistor. vin = 230 vac, one cycle, 25c. 35 apk power factor per en61000-3-2. 0.95 w/va operating frequency switching frequency of main output transformer. 100 120 switching frequency of secondary transformer. 65 90 khz switching frequency of power factor correction circuit. 60 mdu200 input specifications parameter conditions/description min nom max units input voltage - dc continuous input range. 36 75 vdc brown out protection lowest dc input voltage that regulation is maintained with full rated loads. 34 vdc hold-up time at 200 watts, over dc input range. 15 ms input current 36 vdc at full rated load. 8.35 arms input protection non-user serviceable internally located ac input line fuse. inrush surge current consult factory. operating frequency switching frequency of main output transformer. 100 khz switching frequency of secondary transformer. 70 model numbers highlighted in yellow or shaded are not recommended for new designs. mpu200/mdu200 series data sheet mcd10010 rev. 1.1, 27-jan-10 page 2 of 6 www.power-one.com notes: 1) this product is not rated for convection applications. 2) the mpu/mdu150 products require a minimum of 300 lfm of forced-air cooling under all load conditions. it is recommended that the airflow be applied from the input side of the power supply blowing towards the output . 3) maximum peak-to-peak noise expressed as a percentage of output voltage, 20 mhz bandwidth. 4) derating is required on output voltages above 27vdc. consult factory.
output specifications parameter conditions/description min nom max units efficiency full rated load, 110 vac (mpu) or 48vdc (mdu). varies with distribution of loads among outputs. 65 75 % minimum load, v1 minimum load required to maintain regulation on, v2 at maximum load. quad output model v1 3 a minimum load required on single output models. single output models v1 0 minimum load, v3 minimum load required to maintain regulation on quad output model v3 0.3 a v4 at maximum load. ripple and noise full load, 20 mhz bandwidth. see model selection charts overshoot / undershoot output voltage overshoot/undershoot at turn-on. 5 % regulation varies by output. total regulation includes: line changes over the specified. see model selection charts input range, changes in load starting at 20% load and changing to 100% load. transient response recovery time, to within 1% of initial set point due to a 50-100% load change, 500 s 5% max. deviation. turn-on delay time required for initial output voltage stabilization. 2 s turn-on rise time time required for output voltage to rise from 10% to 90%. mpu200 50 ms mdu200 80 interface signals and internal protection parameter conditions/description min nom max units overvoltage protection latch style overvoltage protection. mpu200-4530 3.3v output 3.8 4.2 mpu200-4530 5v output 6.0 6.4 mpu200-4530 12v output 14 19 v mdu200/mpu200-1012 v1 17.0 20.5 mdu200/mpu200-1024 v1 32.0 38.0 mdu200/mpu200-1048 v1 58.0 62.7 overload protection fully protected against output overload and short circuit. automatic recovery upon removal of overload cond ition. overtemperature protection system shutdown due to excessive internal temperature, automatic reset. output good signal ttl compatible signal available for v1. internal pull-up resistor is 475 . 3.3v 3.16 3.25 (transision from signal is high when output is above the specified limits. signal shall 5v 4.75 4.95 low to high) remain low for 20 milliseconds following loss of output good. v mdu200/mpu200-1012 12v 10.5 11.9 mdu200/mpu200-1024 24v 21.5 23.5 mdu200/mpu200-1048 48v 43.0 47.0 input power fail warning ttl compatible logic signal. time before regulation dropout due to loss of input 5ms power. may be used as independent psok signal in redundant applications. current share accuracy of shared current with up to 6 parallel units. single wire current share 10 % on v1 and v2 with return via -sense return. remote sense available on v1 and v2. total voltage compensation for cable losses with 500 mv respect to the main output. inhibit output voltage is inhibited by application of an external high (5v) signal. mpu200/mdu200 series data sheet mcd10010 rev. 1.1, 27-jan-10 page 3 of 6 www.power-one.com
safety, regulatory, and emi specifications parameter conditions/description min nom max units agency approvals ul60950,csa 22.2 no. 60950, and en60950-1 (tv). (approved) dielectric withstand voltage input to output per en60950. mpu200 2600 vdc mdu200 1414 electromagnetic interference fcc cfr title 47 part 15 sub-part b - conducted. b class en55022 / cispr 22 conducted. b esd susceptibility per en61000-4-2, level 4. 8 kv radiated susceptibility per en61000-4-3, level 3. 10 v/m eft/burst per en61000-4-4, level 3. 2 kv input transient protection per en61000-4-5, class 3. mpu200: line to line 1 kv mpu200: line to ground 2 mdu200: line to line 0.5 mdu200: line to ground 0.5 insulation resistance input to output. 10 mv leakage current per en60950. mpu200 quad output model 2.2 ma mpu200 single output models 1.7 mdu200 at 72 vdc (not required by en60950) n/a environmental specifications parameter conditions/description min nom max units altitude operating. 10k asl ft. non-operating. 40k asl ft. operating temperature at 100% load 0 50 c derate linearly above 50c by 2.5% per c. at 50% load 0 70 c storage temperature -55 85 c temperature coefficient 0c to 70c (after 15 minute warm-up). 0.02 0.05 %/c relative humidity non-condensing. 5 95 %rh shock peak acceleration. 20 g pk vibration random vibration, 10hz to 2khz, 3 axis. 6 g rms options description notes metric mounting add ?m? as a suffix to the model number to order chassis with m3 x 0.7 mounting inserts. consult factory for availability. isolation diode offered on single-output models. add ?d? to the part number suffix if an isolation diode is needed. consult fa ctory for availability. mpu200/mdu200 series data sheet mcd10010 rev. 1.1, 27-jan-10 page 4 of 6 www.power-one.com
connector molex housing pin pins pins wire series series (loose) (chain) gauge 41695 09-50-8051 6838 08-50-0189 08-50-0187 18-20awg j1 41695 09-50-8051 2478 08-50-0106 08-50-0105 18-20awg 2139 09-50-3051 2478 08-50-0106 08-50-0105 18-20awg j300 5264-n 50-37-5103 5263 08-70-1040 08-70-1039 22-28awg chassis: 0.063" (1.6mm) aluminum alloy, with clear finish overall size: 8.00" x 4.20" x 1.50" (203.2mm x 106.7mm x 38.1mm) weight: 2.0 lb (0.89 kg) (4pl) connections 8-32 screw outputs: s adj. v1,v. +v1 j1 j1 rtn pins series 5263, p/n: 80-70-1040 (loose) housing series 5264-n, p/n: 50-37-5103 (&) mates with molex: on 2.50mm centers. molex series 5268-na, p/n: 22-05-7105, pins 1. signal ground 2. inhibit 3. power fail warning 4. output good, v1 5. no connection 6. no connection 7. no connection 8. current share, v1 9. -s, v1 10. +s, v1 pin interface connections (j300) single output input mdu200 dc + + 1 2 3 4 5 mpu200 ac input 1 l n 3 5 note: max. lead protrusion is 0.0625" (1.588mm) on the four bottom mounting holes. max. lead protrusion of 0.25" (6.25mm) is acceptable on the four side mounting holes. 3 tbd mpu200/mdu200 series data sheet mcd10010 rev. 1.1, 27-jan-10 page 5 of 6 www.power-one.com
mpu200/mdu200 series data sheet mcd10010 rev. 1.1, 27-jan-10 page 6 of 6 www.power-one.com connector molex housing pin pins pins wire series series (loose) (chain) gauge 41695 09-50-8051 6838 08-50-0189 08-50-0187 18-20awg j1 41695 09-50-8051 2478 08-50-0106 08-50-0105 18-20awg (all models) 2139 09-50-3051 2478 08-50-0106 08-50-0105 18-20awg j2 5051-n 22-01-1022 2759 08-50-0114 08-50-0113 22-30awg (triple output) 5051-n 22-01-1022 2759 08-65-0805 08-65-0804 22-30awg 41695 09-50-8021 6838 08-50-0189 08-50-0187 18-20awg j3 41695 09-50-8021 2478 08-50-0106 08-50-0105 18-20awg (triple output) 2139 09-50-3021 2478 08-50-0106 08-50-0105 18-20awg 41695 09-50-8061 6838 08-50-0189 08-50-0187 18-20awg j3 41695 09-50-8061 2478 08-50-0106 08-50-0105 18-20awg (quad output) 2139 09-50-3061 2478 08-50-0106 08-50-0105 18-20awg j300 5264-n 50-37-5103 5263 08-70-1040 08-70-1039 22-28awg overall size: 8.00" x 4.20" x 1.50" (203.2mm x 106.7mm x 38.1mm) weight: 2.0 lb (0.89 kg) note: max. lead protrusion is 0.0625" (1.588mm) on the four bottom mounting holes. max. lead protrusion of 0.25" (6.25mm) is acceptable on the four side mounting holes. 3 tbd chassis: 0.063" (1.6mm) aluminum alloy, with clear finish nuclear and medical applications - power-one products are not designed, intended for use in, or authorized for use as critical c omponents in life support systems, equipment used in hazardous environments, or nuclear control systems without the express written conse nt of the respective divisional president of power-one, inc. technical revisions - the appearance of products, including safety agency certifications pictured on labels, may change dependin g on the date manufactured. specifications are subject to change without notice.
|