Part Number Hot Search : 
021A5 K2251 LN21R C4514 C8801 OP01GJ BAS116RF HDBL152G
Product Description
Full Text Search
 

To Download MAX2170 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  general description the MAX2170 evaluation kit (ev kit) simplifies evalua- tion of the MAX2170 direct-conversion to low-if tuner. it enables testing of the device? performance and requires no additional support circuitry. standard 50 ? sma and bnc connectors are included on the ev kit for the inputs and outputs to allow quick and easy evalua- tion on the test bench. the ev kit is fully assembled and tested at the factory. this document provides a list of equipment required to evaluate the device, a straightforward test procedure to verify functionality, a description of the ev kit circuit, the circuit schematic, a bill of materials (bom) for the kit, and artwork for each layer of the pcb. features  easy evaluation of the MAX2170  +2.7v to +3.5v single-supply operation  50 ? ? sma connector on the rf ports  50 ? ? bnc connector for the baseband output  jumpers for automatic gain control  all critical peripheral components included  parallel port for i 2 c interfacing  pc control software available at www.maxim-ic.com evaluates: MAX2170 MAX2170 evaluation kit _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ maxim integrated products 1 19-0711; rev 0; 12/06 component list for pricing, delivery, and ordering information, please contact maxim/dallas direct! at 1-888-629-4642, or visit maxim? website at www.maxim-ic.com. ordering information part temp range ic package MAX2170evkit+ -40? to +85? 40 qfn-ep* designation qty description c1 1 18pf ?% capacitor (0402) murata grm1555c1h180j c2, c6, c46, c47, c71, c72, c73 7 330pf ?0% capacitors (0402) murata grm155r71h331k c3, c14, c17 3 1.0? ?0% capacitors (0402) murata grm155r60j105k c4 1 100? ?0% capacitor (1210) avx 1210d107mat c5 1 4.7? ?0% capacitor (0805) murata grm21bf51a475z c7, c18, c22, c38, c39, c41 6 1000pf ?% capacitors (0402) murata grm1555c1h102j c8, c13, c16, c20, c28, c29 6 0.01? ?0% capacitors (0402) murata grm155r71c103k c9, c10, c15, c19, c21, c31, c40, c42, c44, c45, c75 11 0.1? ?0% capacitors (0402) murata grm155r61a104k c11, c12 2 0.33? ?0% capacitors (0603) murata grm155r60j334k designation qty description c23 1 100pf ?% capacitor (0402) murata grm1555c1h101j c24, c25, c26, c30, c32?37, c43, c48 0 not installed, capacitors c27 1 33pf ?% capacitor (0402) murata grm1555c1h330j c76 1 10? ?0% tantalum capacitor (c-case) avx tajc106k016 d1 1 super-mini schottky diode central semi cmdsh2-3 (lead free) j1 1 bnc 50 ? vertical mount a/d electronics 580-002-00 j2 0 not installed j3, j4 2 sma end-launch jack receptacles, 0.062in johnson 142-0701-801 j13 1 db25 right-angle male connector amp 5747238-4 jp1 0 not installed + denotes a lead-free and rohs-compliant ev kit. * ep = exposed paddle.
evaluates: MAX2170 MAX2170 evaluation kit 2 _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ component list (continued) designation qty description jp3 1 1 x 2 in-line header, 100-mil center sullins pec36saan jp4, jp10 2 1 x 3 in-line headers, 100-mil center sullins pec36saan l1 1 not installed l3, l4 2 91nh ?% inductors (0603cs) murata lqw18an91nj00 q1, q2, q3 3 npn 1ghz wideband transistors philips bfs17w r1 1 270 ? ?% resistor (0402) r2, r6 2 1k ? ?% resistors (0402) r3, r9?12, r18, r41, r42 8 100 ? ?% resistors (0402) r4, r5 2 2k ? ?% resistors (0402) r7, r35, r39 3 12k ? ?% resistors (0402) r8, r37, r46, r47 42.7k ? ?% resistors (0402) r13 1 27.4k ? ?% resistor (0402) r14, r43 2 5.1k ? ?% resistors (0402) r15, r16, r19, r25, r27, r28, r29 0 not installed, resistors r17, r20, r21, r22, r24 5 10k ? ?% resistors (0402) r23 1 49.9 ? ?% resistor (0402) designation qty description r26 1 0 ? ?% resistor (0402) r30 1 6.2k ? ?% resistor (0402) r31, r33 2 4.7k ? ?% resistors (0402) r32 1 1k ? ?% resistor (0402) r34 1 160k ? ?% resistor (0402) r36, r38 2 39k ? ?% resistors (0402) u1 1 MAX2170etl+ u2 1 max4453esa+ single-supply op amp with rail-to-rail outputs u3 1 hex buffer/driver texas instruments sn74lv07adb u4 1 max4729ext+ low-voltage, spdt cmos analog switch y2 1 24.576mhz crystal txc corporation 7b24500140 bb+, bb-, hold_agc, j5, j14, mux, ref, vdet, vgc_bb, vgc_rf, vtune 11 pc mini (red) keystone 5000 gnd, j15, tp1, tp2 4 pc mini (black) keystone 5001 1 MAX2170evkit+ pcb component suppliers supplier phone fax website avx corp. 843-448-9411 843-448-7139 www.avxcorp.com central semiconductor corp. 631-435-1110 631-435-1824 www.centralsemi.com coilcraft, inc. 847-639-6400 847-639-1469 www.coilcraft.com murata mfg. co., ltd. 770-436-1300 770-436-3030 www.murata.com philips 800-447-1500 www.nxp.com texas instruments inc. 800-336-5236 www.ti.com txc technology 714-990-5510 714-990-5520 www.txc.com.tw note: indicate that you are using the MAX2170 when contacting these component suppliers.
quick start recommended equipment this section lists the recommended test equipment to verify operation of the MAX2170. it is intended as a guide only, and some substitutions are possible: one rf signal generator capable of delivering at least +5dbm of output power at the operating fre- quency (hpe4433b or equivalent) an rf spectrum analyzer that covers the MAX2170 operating-frequency range (e.g., fseb20) a power supply capable of up to 1a at +2.7v to +6.0v one ammeter for measuring the supply current (optional) ?0 ? sma cables ?0 ? bnc cables a network analyzer (e.g., hp 8753d) to measure small-signal return loss (optional) procedure measurement considerations the MAX2170 ev kit includes an on-board buffer that converts the baseband differential outputs to a single- ended output (see figure 1 for details). the buffer is configured for a gain of one. the output of the buffer consists of a 50 ? resistor in series for matching to rf test equipment. note that there is a 6db loss at the out- put if 50 ? test equipment is used. this loss must be accounted for when measuring gain. connections and setup the MAX2170 ev kit is fully assembled and tested. this section provides a step-by-step guide to operating the ev kit and testing the device? function. caution: do not turn on the dc power or rf signal generators until all connections are made: 1) connect a dc supply set to +3.0v (through an ammeter if desired) to the vcc and gnd terminals on the ev kit. do not turn on the supply. note that vcc and vcc2 on the ev kit board are shorted together through jp3. 2) connect a dc supply set to +2.4v (maximum gain) to the rfagc terminal on the ev kit. do not turn on the supply. 3) connect a dc supply set to +2.4v (maximum gain) to the bbagc terminal on the ev kit. do not turn on the supply. 4) connect one rf signal generator to either the vhf- iii, fm, or l-band input through the sma connec- tors j3 and j4, respectively. do not turn on the gen- erator? output. 5) connect the baseband output on the ev kit to a spectrum analyzer through a bnc cable. 6) connect the ev kit board to the pc through a paral- lel cable. 7) turn on the dc supply. the supply current should read approximately 70ma. 8) run the control software on an ibm-compatible pc. using the control software, configure the following: a) select the desired band of operation and chan- nel through the block section of the software? graphical interface. b) based on the lo frequency, the ev kit software automatically sets the appropriate tracking-filter settings in vhf/fm mode. c) the power-detector threshold is factory-calibrat- ed to a typical input power of -52dbm. this infor- mation is stored in bits <7:5> of register 00 in the rom table. the ev kit software automatically loads the information stored in bits <7:5> of reg- ister 00 in the rom table into bits <7:5> in regis- ter 08 to set the proper power-detector response. d) the baseband filter is factory-trimmed to have a typical bandwidth (-3db corner) at 0.8 mhz. the information is stored in bits <2:0> of register 04 in the rom table. the ev kit software automati- cally loads the information stored in bits <2:0> of register 04 in the rom table into bits <2:0> in register 08 to set proper baseband filter band- width. e) the vco auto selection (vas) is already enabled through default settings (this allows the software to pick the appropriate vco sub-band for the desired operation frequency). if desired, the vas can be turned off to manually select the desired sub-band. vas can be disabled through the vas_en bit on the registers or block sec- tion of the software. 9) activate and set the power level of the rf generator to achieve 1v p-p at the if connector output or 0.5v p-p (-2dbm) when loaded by a 50 ? instrument. evaluates: MAX2170 MAX2170 evaluation kit _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ 3
evaluates: MAX2170 note the 6db loss at the output ports of the ev kit due to the 50 ? resistor in series at the buffer out- puts and the 50 ? load of the test equipment. gain control the rf and baseband vga circuits of the MAX2170 are controlled independently through jumpers jp10 and jp4, respectively. connecting pins 2-3 of jp10 closes the rf gain control loop. the MAX2170 ev kit also implements a control loop for the baseband vga through shorting pins 1-2 of jp4. the hold_agc con- trols the max4729 analog switch (see figure 1 for schematic details). in typical applications, the demodu- lator controls the baseband vga. the analog switch and the external agc circuitry (q1, q2, and q3) are optional components and only needed when the demodulator lacks a baseband agc control circuit. layout issues a good pcb is an essential part of an rf circuit design. the ev kit pcb serves as a guide for laying out a board using the MAX2170. keep traces carrying rf signals as short as possible to minimize radiation and insertion loss. use impedance control on all rf signal traces. the exposed paddle must be soldered evenly to the board? ground plane for proper operation. use abun- dant vias beneath the exposed paddle and between rf traces to minimize undesired rf coupling. to minimize coupling between different sections of the ic, each v cc pin must have a bypass capacitor with low impedance to the closest ground at the frequency of interest. do not share ground vias among multiple con- nections to the pcb ground plane. refer to the layout section of the MAX2170 data sheet for more information. MAX2170 evaluation kit 4 _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _
evaluates: MAX2170 MAX2170 evaluation kit _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ 5 figure 1. MAX2170 ev kit schematic
evaluates: MAX2170 MAX2170 evaluation kit 6 _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ figure 2. MAX2170 ev kit component placement guide?omponent side
evaluates: MAX2170 MAX2170 evaluation kit _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ 7 figure 3. MAX2170 ev kit pcb layout?omponent side
maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a maxim product. no circu it patent licenses are implied. maxim reserves the right to change the circuitry and specifications without notice at any time. 8 _____________________maxim integrated products, 120 san gabriel drive, sunnyvale, ca 94086 408-737-7600 2006 maxim integrated products is a registered trademark of maxim integrated products. evaluates: MAX2170 MAX2170 evaluation kit boblet figure 4. MAX2170 ev kit pcb layout?older side


▲Up To Search▲   

 
Price & Availability of MAX2170

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X