Part Number Hot Search : 
STWD100P AD859708 TFR100 2DR2G SP101 CS852 DG41108 B099460
Product Description
Full Text Search
 

To Download ISC1210SY820K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  document number: 34060 for tec hnical questions, contact: magnetics@vishay.com www.vishay.com revision: 24-feb-11 1 wirewound, surface mount, molded, shielded inductors isc-1210 vishay dale note (1) rated dc current based on the maximum temperature rise, not to exceed 40 c at + 85 c ambient features ? molded construction pro vides superior strength and moisture resistance ? tape and reel packaging for automatic handling, 2000/reel, eia-481 ? compatible with vapor ph ase, infrared and wave soldering methodsfio ? shielded construction minimizes coupling to other components ? compliant to rohs directive 2002/95/ec ? halogen-free according to iec 61249-2-21 definition electrical specifications inductance range: 0.01 h to 100 h inductance tolerance: 20 % for 0.01 h to 0.82 h; 10 % for 1.0 h to 100 h standard; 5 %, 3 % available operating temperature: - 55 c to + 125 c coilform material: non-magnetic for 0.01 h to 0.10 h; powdered iron for 0.12 h to 100 h test equipment ? h/p 4342a q meter with vishay dale test fixture or equivalent ? h/p 4191a rf impedance analyz er (for srf measurements) ?wheatstone bridge note (1) recommended minimum spac ing between components standard electrical specifications ind. (h) tol. test freq. (mhz) q min. srf min. (mhz) dcr max. ( ? ) rated dc current (ma) (1) l & q 0.010 20 % 50 50 1000 0.10 810 0.012 20 % 50 50 1000 0.11 750 0.015 20 % 50 50 1000 0.12 720 0.018 20 % 50 50 1000 0.13 690 0.022 20 % 50 45 1000 0.15 640 0.027 20 % 50 45 1000 0.17 610 0.033 20 % 50 45 1000 0.18 585 0.039 20 % 50 40 1000 0.24 530 0.047 20 % 50 40 1000 0.26 495 0.056 20 % 50 40 1000 0.28 485 0.068 20 % 50 40 1000 0.35 475 0.082 20 % 50 38 900 0.45 460 0.10 20 % 50 36 700 0.50 450 0.12 20 % 25.2 40 500 0.20 630 0.15 20 % 25.2 40 470 0.20 600 0.18 20 % 25.2 40 400 0.24 580 0.22 20 % 25.2 40 330 0.30 565 0.27 20 % 25.2 40 310 0.33 500 0.33 20 % 25.2 40 280 0.36 475 0.39 20 % 25.2 40 230 0.40 465 0.47 20 % 25.2 40 220 0.44 460 0.56 20 % 25.2 40 200 0.46 455 0.68 20 % 25.2 40 180 0.48 450 0.82 20 % 25.2 40 160 0.50 450 1.0 10 % 7.96 30 120 0.60 400 1.2 10 % 7.96 30 110 0.65 390 1.5 10 % 7.96 30 90.0 0.75 370 1.8 10 % 7.96 30 85.0 0.85 350 2.2 10 % 7.96 30 65.0 0.90 320 2.7 10 % 7.96 30 60.0 1.00 290 3.3 10 % 7.96 30 60.0 1.10 270 3.9 10 % 7.96 30 58.0 1.20 250 4.7 10 % 7.96 30 52.0 1.25 220 5.6 10 % 7.96 30 50.0 1.40 210 6.8 10 % 7.96 30 40.0 1.60 205 8.2 10 % 7.96 30 35.0 1.65 195 10.0 10 % 2.52 30 30.0 2.00 185 12.0 10 % 2.52 30 24.0 2.30 175 15.0 10 % 2.52 30 20.0 2.50 165 18.0 10 % 2.52 30 17.0 2.70. 155 22.0 10 % 2.52 30 16.0 3.10 150 27.0 10 % 2.52 30 14.5 3.30 125 33.0 10 % 2.52 30 14.5 5.10 115 39.0 10 % 2.52 30 14.0 5.90 105 47.0 10 % 2.52 30 13.0 8.00 100 56.0 10 % 2.52 30 11.5 10.0 95 68.0 10 % 2.52 30 11.0 10.0 90 82.0 10 % 2.52 30 11.0 11.0 85 100.0 10 % 0.796 30 6.0 12.0 80 dimensions in inches [millimeters] part marking - vishay dale - inductance value - date code guidelines for parallel component printed circuit mounting pads on isc-1210 chip inductors 0.030 [0.762] typ. 0.098 0.008 [2.49 0.203] 0.040 [1.02] 0.020 (1) [0.508] 0.039 [1.0] 0.039 [1.0] 0.070 [1.8] 0.118 [3.0] 0.118 [3.0] 0.138 [3.5] 0.073 [1.85] ref. 0.087 0.008 [2.21 0.203] 0.126 0.008 [3.20 0.203] 0.028 0.004 [0.711 0.102] typ. 0.006 [0.152] ref. typ. description isc-1210 10 h 10 % er e3 model inductance value inductance tolerance package code jedec lead (pb)-free standard global part number isc 1210 er 100 k product family size package code inductance value tol.
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.


▲Up To Search▲   

 
Price & Availability of ISC1210SY820K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X