Part Number Hot Search : 
5F35L2 EC5575 SS49E 300DA 8628A 05ADJB1E 05S30 1SMC40A
Product Description
Full Text Search
 

To Download GA20-101KLF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.gowanda.com one magnetics pkwy, gowanda, ny 14070 ? (t) 716-532-2234 ? (f) 716-532-2702 ? sales@gowanda.com 73 power inductors - leaded ga20lf rohs high current power inductors part nominal maximum saturation* current** number inductance dcr current rating 10% @ 1khz ohms adc adc GA20-101KLF 1.0h .009 12.00 5.558 ga20-121klf 1.2h .010 11.00 5.272 ga20-151klf 1.5h .011 10.60 5.027 ga20-181klf 1.8h .012 10.00 4.813 ga20-221klf 2.2h .013 9.50 4.624 ga20-271klf 2.7h .014 9.20 4.456 ga20-331klf 3.3h .016 7.50 4.168 ga20-391klf 3.9h .017 7.40 4.044 ga20-471klf 4.7h .022 7.00 3.555 ga20-561klf 5.6h .024 6.50 3.403 ga20-681klf 6.8h .026 6.10 3.270 ga20-821klf 8.2h .028 5.60 3.151 ga20-102klf 10 h .033 4.10 2.902 ga20-122klf 12 h .037 3.60 2.741 ga20-152klf 15 h .040 3.30 2.636 ga20-182klf 18 h .044 3.00 2.514 ga20-222klf 22 h .050 2.70 2.358 ga20-272klf 27 h .058 2.50 2.190 ga20-332klf 33 h .075 2.20 1.925 ga20-392klf 39 h .094 2.00 1.720 ga20-472klf 47 h .109 1.80 1.597 ga20-562klf 56 h .140 1.70 1.409 ga20-682klf 68 h .145 1.50 1.385 ga20-822klf 82 h .152 1.40 1.352 ga20-103klf 100 h .208 1.20 1.156 ga20-123klf 120 h .283 1.10 .991 ga20-153klf 150 h .340 1.00 .904 ga20-183klf 180 h .362 .950 .876 ga20-223klf 220 h .430 .860 .804 ga20-273klf 270 h .557 .770 .706 ga20-333klf 330 h .665 .700 .647 ga20-393klf 390 h .772 .640 .600 ga20-473klf 470 h 1.150 .590 .491 ga20-563klf 560 h 1.270 .540 .468 ga20-683klf 680 h 1.610 .490 .416 ga20-823klf 820 h 1.960 .440 .377 ga20-104klf 1.0 mh 2.30 .400 .348 ga20-124klf 1.2 mh 2.65 .350 .324 ga20-154klf 1.5 mh 3.45 .330 .284 ga20-184klf 1.8 mh 4.03 .290 .263 ga20-224klf 2.2 mh 4.48 .270 .249 ga20-274klf 2.7 mh 5.90 .240 .217 ga20-334klf 3.3 mh 6.56 .220 .206 ga20-394klf 3.9 mh 8.65 .200 .179 ga20-474klf 4.7 mh 10.50 .180 .163 ga20-564klf 5.6 mh 13.90 .166 .141 ga20-684klf 6.8 mh 16.30 .151 .131 ga20-824klf 8.2 mh 20.80 .138 .116 ga20-105klf 10 mh 26.40 .125 .103 n otes: ? operating temperature -55c to +125c *saturation current is the approximate value that will reduce the initial inductance by 5% **rated current is based on a 35c temperature rise at an ambient temperature of 90c. in order to obtain the highest possible satura - tion (incremental) current, a low resistivity fer - rite core is used for this series. the core will appear as a resistor of about 1,000 ohms in parallel with the winding and should be taken into consideration in circuits with a high ac voltage (ripple). ? parts are printed tape and reel specs: pcs./12 reel maximum: 1000 pitch between parts: .400 inches inside tape spacing: 2.062 inches class: 1 .260 (6.604) max. .630 (16.002) max. 1.250 (31.75) min. typ . #20 aw g (.032 .002) (.813 .051) in. (mm) power inductors - thru hole


▲Up To Search▲   

 
Price & Availability of GA20-101KLF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X