Part Number Hot Search : 
MA40270 A224M X16245 5KP75A LM411 MPX200 M29LV 50032
Product Description
Full Text Search
 

To Download CWD2410 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cw24 series ? ratings from 10a to 125a @ 24-280 v ac and 48-660vac ? scr output for heavy industrial loads ? emc compliant for reliable operation in harsh environments ? removable ip 20 touch-safe cover ? dbc substrate for superior thermal performance ? led input status indicator ? ac or dc input ? zero-crossing (resistive loads) or random-fire (inductive loads) output ? ul/csa/vde approved, ce compliant to en60950-1 product selection description 10a 25a 50a 90a 125a 3-32 vdc CWD2410 cwd2425 cwd2450 cwd2490 cwd24125 90-280 vrms cwa2410 cwa2425 cwa2450 cwa2490 cwa24125 18-36 vrms cwa2410e cwa2425e cwa2450e cwa2490e cwa24125e output specifications (1) description 10a 25a 50a 90a 125a operating voltage (47-63hz) [vrms] 24-280 24-280 24-280 24-280 24-280 transient overvoltage [vpk] 600 600 600 600 600 maximum off-state leakage current @ rated voltage [marms] 1 1 1 1 1 minimum off-state dv/dt @ maximum rated voltage [v/sec] (2) 500 500 500 500 500 maximum load current (3) [arms] 10 25 50 90 125 minimum load current [arms] 0.15 0.15 0.15 0.25 0.25 maximum surge current (16.6ms) [apk] 400 600 850 1350 2000 maximum surge current (20ms) [apk] 380 570 810 1290 1900 maximum on-state voltage drop @ rated current [vpk] 1.3 1.3 1.3 1.3 1.25 thermal resistance juncti on to case (rjc) [c/w] 0.35 0.35 0.2 0.14 0.13 maximum i 2 t for fusing (8.3 msec) [a 2 sec] 660 1500 3000 7560 16600 minimum power factor (with maximum load) 0.5 0.5 0.5 0.5 0.5 hp ratings: 120 vac @ fla 0.5 @ 9.8a 1 @ 16a n.a 3 @ 34a 5 @ 56a hp ratings: 240 vac @ fla 1.5 @ 10a 3 @ 17a n.a 7.5 @ 40a 10 @ 50a
input specifications (1) description cwd cwa cwaxxxxe control voltage range 3-32 vdc 90-280 vrms 18-36 vrms minimum turn-on voltage 3 vdc 90 vrms 18 vrms minimum turn-off voltage 1.0 vdc 10 vrms 2 vrms typical input current 10 ma @ 12 vdc 6 ma @ 120 vrms 24 ma @ 24 vrms nominal input impedance see note 5 14.2 k ohms (6) 1.0 k ohms maximum turn-on time [msec] (4) 1/2 cycle 50 50 maximum turn-off time [msec] 1/2 cycle 50 50 general specifications description parameters dielectric strength, input/output/base (50/60hz) 4000 vrms minimum insulation resistance (@ 500 vdc) 10 9 ohm maximum capacitance, input/output 8 pf ambient operating temperature range -40 to 80 c ambient storage temperature range -40 to 125 c weight (typical) 3.0 oz (86.5 g) encapsulation thermally conductive epoxy terminals screw type, finger proof output: 8-32, combo drive input: 6-32, combo drive max. torque output: 20 in lb (2.2nm) input: 10 in lb (1.1nm) max. wire size output:2 x awg 8 (3.8mm) input: 2 x awg 12 (2.5mm) general notes 1) all p ara meters at 25 c u nl ess othe rwise speci fi ed. 2) off- state d v/d t te st me thod per eia/narm stan da rd rs-4 43, pa ra gr aph 13 .1 1.1 3) he at sinkin g re qu ire d, for de ra ti ng cu rves se e pa ge 2 . 4) tu rn- on tim e for ra nd om tur n-o n ve rsio n is 0.02 m sec. 5) input circuit incorporates active current limiter 6) 21.5k ohms for random turn-on vers ion (-10 suffi x) .
mechanical specifications wiring diagram
thermal derate information agency approvals en60950 : meets the requirements of sections1.5: 1,7: 2.9: 2.10.5.3: 4.2: 4.5: 4.7: iec 61000-4-2 : electrostatic discharge ? level 3 (with ?p? option) iec 61000-4-3 : radiated electromagnetic noise ? level 3 (with ?p? option) iec 61000-4-4 : electrically fast transients ? level 3 (with ?p? option) iec 61000-4-5 : electrical surges ? level 3 (with ?p? option) iec 61000-4-6 : conducted electromagnetic n oise ? level 3 (with ?p? option) u l e7 91 83 c sa 1405925 v d e 400 07 24 2 rev. 111710

annex - enviromental information


▲Up To Search▲   

 
Price & Availability of CWD2410

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X