cp www.vishay.com vishay dale revision: 26-apr-13 1 document number: 30213 for technical questions, contact: ww2aresistors@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 wirewound/metal oxide resistors, commercial power, axial lead features ? high performance for low cost ? meets or exceeds requirements of eia standard rs-344 ? high power to size ratio ? ceramic cases are available with circuit board stand-offs (designated with a -3 model ending) ? special inorganic potting compound and ceramic case provide high thermal conductivity in a fireproof package ? material categorization: ? for definitions of co mpliance please see www.vishay.com/doc?99912 note (1) to specifically order a wirewound sub-assembly for resistance va lues that overlap between the wi rewound and metal oxide technol ogies, the model will be a cpxxxx...85 for standard body and cpxxxx...91 for body with stand-of fs. to specifically order a metal oxide sub-assembly for resistance valu es that overlap between the wi rewound and metal oxide technolo gies, the model will be a cpxxxx. ..100 for a standard body and cpxxxx...101 for body wi th stand-offs. if no dash type is spec ified, either techno logy may be supplied. note ? wirewound cp resistors can reliably function as a fuse and as a resistor. such components involve compromise between fusing an d resistive functions; therefore, each design should be tailored to the appl ication to ensure optimum perfor mance. contact factory by using the e-mail address at the bottom of this page for design assistance. available standard electrical specifications global model power rating p 40 c w resistance range ? wirewound (1) resistance range ? metal oxide (1) tolerance % weight (typical) g cp0002 2 0.1 to 1k 100 to 30k 5, 10 2.0 cp0002...3 2 0.1 to 1k 100 to 30k 5, 10 2.2 cp0003 3 0.1 to 2k 150 to 33k 5, 10 3.4 cp0003...3 3 0.1 to 2k 150 to 33k 5, 10 3.6 cp0005 5 0.1 to 2.4k 150 to 50k 5, 10 4.8 cp0005...3 5 0.1 to 2.4k 150 to 50k 5, 10 5.0 cp0007 7 0.1 to 5k 1k to 50k 5, 10 6.8 cp0007...3 7 0.1 to 5k 1k to 50k 5, 10 7.0 cp0010 10 0.1 to 30k 1k to 50k 5, 10 9.5 cp0010...3 10 0.1 to 30k 1k to 50k 5, 10 9.9 cp0015 15 0.1 to 8k 1k to 50k 5, 10 16.8 cp0015...3 15 0.1 to 8k 1k to 50k 5, 10 17.4 cp0020 20 0.1 to 10k 1k to 50k 5, 10 22.8 cp0020...3 20 0.1 to 10k - 5, 10 23.6 cp0022 22 0.1 to 10k - 5, 10 24.5 cp0022...3 22 0.1 to 10k - 5, 10 25.3 cp0025 25 0.1 to 10k - 5, 10 37.0 technical specifications parameter unit wirewound characteristics metal oxide characteristics temperature coefficient ppm/c 300 1 ? and above; 600 below 1 ? 300 (cp0002 to cp0005); 400 (cp0007 to cp0020) short time overload - 5 x rated power for 5 s 5 x rated power for 5 s terminal strength lb 10 minimum 10 minimum operating temperature range c - 65 to + 275 - 65 to + 225 dielectric withstanding voltage v ac 1000 1000 maximum working voltage v (p x r) 1/2 (p x r) 1/2 global part number information global part numbering example: cp000515r00jb143 global model value tolerance packaging special (see standard electrical specifications global model column for options) r = decimal k = thousand r1500 = 0.15 ? 1k500 = 1500 ? j = 5.0 % k = 10.0 % e14 = lead (pb)-free bulk pack e31 = lead (pb)-free fo ur layer bulk pack (dash number) (up to 3 digits) from 1 to 999 as applicable b14 = bulk pack b31 = four layer bulk pack historical part numbering example: cp-5-3 15 ? 5 % b14 cp-5-3 15 ? 5 % b14 historical model resistance value tolerance code packaging p000515r 00jb1 4 c 3
cp www.vishay.com vishay dale revision: 26-apr-13 2 document number: 30213 for technical questions, contact: ww2aresistors@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 dimensions in inches [millimeters] notes (1) potting compound may extend ou tside of ceramic case up to 0.060 [1.52] maximum per side. (2) dimensions for the meta l oxide are: a = 2.360 [59.94], b = 0.570 [14.48], c = 0.530 [13.46], e = 0.032 [0.813], f = 1.000 [25. 40] material specifications element: wirewound = copper-nickel alloy or nickel-chrome alloy, depend ing on resistance value ? metal oxide = high temperat ure fired metal oxide film core: wirewound = woven fiberglass ? metal oxide = al umina ceramic body: steatite ceramic case with inorganic potting compound end caps: tin plated steel terminals: tinned copper part marking: dale, model, wattage, value, tolerance, date code derating global model dimensions in inches [millimeters] a (1) 0.031 [0.794] b 0.031 [0.794] c 0.031 [0.794] d 0.031 [0.794] e 0.001 [0.025] f wirewound 0.125 [3.175] metal oxide minimum wirewound metal oxide cp0002 0.688 [17.46] 0.250 [6.35] 0.250 [6.35] - 0.032 [0.813] 0.0236 [0.600] 1.500 [38.10] 0.750 [19.05] cp0002...3 0.688 [17.46] 0.250 [6.35] 0.250 [6.35] 0.313 [7.94] 0.032 [0.813] 0.0236 [0.600] 1.500 [38.10] 0.750 [19.05] cp0003 0.875 [22.22] 0.313 [7.94] 0.313 [7.94] - 0.036 [0.914] 0.032 [0.813] 1.500 [38.10] 1.000 [25.40] cp0003...3 0.875 [22.22] 0.313 [7.94] 0.313 [7.94] 0.375 [9.52] 0.036 [0.914] 0.032 [0.813] 1.500 [38.10] 1.000 [25.40] cp0005 0.875 [22.22] 0.375 [9.52] 0.344 [8.73] - 0.036 [0.914] 0.032 [0.813] 1.500 [38.10] 1.000 [25.40] cp0005...3 0.875 [22.22] 0.375 [9.52] 0.344 [8.73] 0.406 [10.32] 0.036 [0.914] 0.032 [0.813] 1.500 [38.10] 1.000 [25.40] cp0007 1.391 [35.32] 0.375 [9.52] 0.344 [8.73] - 0.036 [0.914] 0.032 [0.813] 1.500 [38.10] 1.000 [25.40] cp0007...3 1.391 [35.32] 0.375 [9.52] 0.344 [8.73] 0.469 [11.91] 0.036 [0.914] 0.032 [0.813] 1.500 [38.10] 1.000 [25.40] cp0010 1.875 [47.62] 0.375 [9.52] 0.344 [8.73] - 0.036 [0.914] 0.032 [0.813] 1.500 [38.10] 1.000 [25.40] cp0010...3 1.875 [47.62] 0.375 [9.52] 0.344 [8.73] 0.469 [11.91] 0.036 [0.914] 0.032 [0.813] 1.500 [38.10] 1.000 [25.40] cp0015 1.875 [47.62] 0.500 [12.70] 0.500 [12.70] - 0.036 [0.914] 0.032 [0.813] 1.500 [38.10] 1.000 [25.40] cp0015...3 1.875 [47.62] 0.500 [12.70] 0.500 [12.70] 0.625 [15.87] 0.036 [0.914] 0.032 [0.813] 1.500 [38.10] 1.000 [25.40] cp0020 (2) 2.500 [63.50] 0.500 [12.70] 0.500 [12.70] - 0.036 [0.914] 0.032 [0.813] 1.500 [38.10] 1.000 [25.40] cp0020...3 2.500 [63.50] 0.500 [12.70] 0.500 [12.70] 0.625 [15.87] 0.036 [0.914] - 1.500 [38.10] - cp0022 2.500 [63.50] 0.500 [12.70] 0.500 [12.70] - 0.036 [0.914] - 1.500 [38.10] - cp0022...3 2.500 [63.50] 0.500 [12.70] 0.500 [12.70] 0.625 [15.87] 0.036 [0.914] - 1.500 [38.10] - cp0025 2.500 [63.50] 0.625 [15.87] 0.625 [15.87] - 0.040 [1.016] - 1.500 [38.10] - cpxxxx... 3 f typical a c b d e cpxxxx f typical e b c a 0.125 [ 3 .18] typical rated power in % ambient temperature in c 0 20 40 60 80 100 120 - 55 75 275 - 25 175 225 125 25 40 wirewoun d metal oxi d e performance test conditions of test test limits (eia-344) thermal shock - 55 c to + 275 c (+ 225 c for meta l oxide), 5 cycles, 30 min dwell time (5.0 % + 0.05 ? ) ? r short time overload 5 x rated power for 5 s (4.0 % + 0.05 ? ) ? r dielectric withstanding voltage 1000 v rms , for 1 min (2.0 % + 0.05 ? ) ? r low temperature storage - 65 c, full rated working voltage for 45 min (3.0 % + 0.05 ? ) ? r humidity 75 c, 90 % to 100 % rh, 240 h (5.0 % + 0.05 ? ) ? r load life 1000 h at rated power, + 25 c, 1.5 h on, 0.5 h off (10.0 % + 0.05 ? ) ? r terminal strength 5 pounds for 30 s; body twisted about axis, 3 x 360 rotations (2.0 % + 0.05 ? ) ? r resistance to solder heat terminal immersed 3.5 s in mo lten solder at 1/8" to 3/16" from body (4.0 % + 0.05 ? ) ? r
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.
|