Part Number Hot Search : 
ZMM4V3 M3851 1025MW7C 04N50C3 84225 4017BDM 0DC12 30A225
Product Description
Full Text Search
 

To Download BSP322P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  BSP322P sipmos ? small-signal-transistor features ? p-channel ? enhancement mode ? logic level ? avalanche rated ? pb-free lead plating; rohs compliant maximum ratings, at t j =25 c, unless otherwise specified parameter symbol conditions unit continuous drain current i d t c =25 c a t c =70 c pulsed drain current i d,pulse t c =25 c avalanche energy, single pulse e as i d =-1 a, r gs =25 ? mj gate source voltage v gs v power dissipation p tot t c =25 c w operating and storage temperature t j , t stg c esd class jesd22-c101-hbm soldering temperature iec climatic category; din iec 68-1 1 0.8 1.8 value 57 4 55/150/56 -55 ... 150 20 260 c 1a (250v to 500v) v ds -100 v r ds(on),max 800 m ? i d -1 a product summary pg-sot-223 type package tape and reel information marking lead free packing BSP322P pg-sot-223 l6327: 1000 pcs/reel BSP322P yes non dry rev 1.02 page 1 2007-04-10
BSP322P parameter symbol conditions unit min. typ. max. thermal characteristics thermal resistance, junction - ambient r thja minimal footprint, steady state - - 115 k/w 6 cm 2 cooling area 1) , steady state --70 electrical characteristics, at t j =25 c, unless otherwise specified static characteristics drain-source breakdown voltage v (br)dss v gs =0 v, i d =-250 a -100 - - v gate threshold voltage v gs(th) v ds = v gs , i d =-380 a -2.0 -1.5 -1.0 zero gate voltage drain current i dss v ds =-100 v, v gs =0 v, t j =25 c - -0.1 -1 a v ds =-100 v, v gs =0 v, t j =150 c - -10 -100 gate-source leakage current i gss v gs =-20 v, v ds =0 v - -10 -100 na drain-source on-state resistance r ds(on) v gs =-10 v, i d =-1 a - 600 800 m ? v gs =-4.5 v, i d =-0.93 a - 808 1000 transconductance g fs | v ds |>2| i d | r ds(on)max , i d =-0.8 a 0.7 1.4 - s 1) device on 40 mm x 40 mm x 1.5 mm epoxy pcb fr4 with 6 cm 2 (one layer, 70 m thick) copper area for drain connection. pcb is vertical in still air. values rev 1.02 page 2 2007-04-10
BSP322P parameter symbol conditions unit min. typ. max. dynamic characteristics input capacitance c iss - 280 372 pf output capacitance c oss -7094 reverse transfer capacitance c rss -3451 turn-on delay time t d(on) - 4.6 6.9 ns rise time t r - 4.3 6.5 turn-off delay time t d(off) - 21.2 31.8 fall time t f - 8.3 12.5 gate charge characteristics 2) gate to source charge q gs - 0.8 1.0 nc gate to drain charge q gd - 4.3 6.4 gate charge total q g - 12.4 16.5 gate plateau voltage v plateau - 2.9 - v reverse diode diode continuous forward current i s - - -1.0 a diode pulse current i s,pulse - - -4.0 diode forward voltage v sd v gs =0 v, i f =-1 a, t j =25 c - 0.84 1.2 v reverse recovery time t rr -47-ns reverse recovery charge q rr -84-nc 2) see figure 16 for gate charge parameter definition t c =25 c values v gs =0 v, v ds =-25 v, f =1 mhz v dd =-50 v, v gs =- 10 v, i d =-1 a, r g =6 ? v dd =-80 v, i d =-1 a, v gs =0 to -10 v v r =50 v, i f =| i s |, d i f /d t =100 a/s rev 1.02 page 3 2007-04-10
BSP322P 1 power dissipation 2 drain current p tot =f( t c ) i d =f( t c ); | v gs | 10 v 3 safe operating area 4 max. transient thermal impedance i d =f( v ds ); t c =25 c; d =0 z thjc =f( t p ) parameter: t p parameter: d = t p / t 100 s 1 ms 10 ms 100 ms dc 10 3 10 2 10 1 10 0 10 1 10 0 10 -1 10 -2 -v ds [v] -i d [a] limited by on-state resistance single pulse 0.01 0.02 0.05 0.1 0.2 0.5 10 2 10 1 10 0 10 -1 10 -2 10 -3 10 -4 10 -5 10 2 10 1 10 0 10 -1 t p [s] z thjs [k/w] 0 0.5 1 1.5 2 0 40 80 120 160 t a [c] p tot [w] 0 0.2 0.4 0.6 0.8 1 1.2 0 40 80 120 160 t a [c] -i d [a] rev 1.02 page 4 2007-04-10
BSP322P 5 typ. output characteristics 6 typ. drain-source on resistance i d =f( v ds ); t j =25 c r ds(on) =f( i d ); t j =25 c parameter: v gs parameter: v gs 7 typ. transfer characteristics 8 typ. forward transconductance i d =f( v gs ); | v ds |>2| i d | r ds(on)max g fs =f( i d ); t j =25 c parameter: t j -3 v -3.5 v -4 v -5 v -7 v -10 v 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 01234 -i d [a] r ds(on) [ ? ] 25 c 125 c 0 1 2 3 4 012345 -v gs [v] -i d [a] 0 1 2 3 01234 -i d [a] g fs [s] -3 v -3.5 v -4 v -5 v -7 v -10 v 0 1 2 3 4 0246810 -v ds [v] -i d [a] rev 1.02 page 5 2007-04-10
BSP322P 9 drain-source on-state resistance 10 typ. gate threshold voltage r ds(on) =f( t j ); i d =-1 a; v gs =-10 v v gs(th) =f( t j ); v gs = v ds ; i d =-380 a 11 typ. capacitances 12 forward characteristics of reverse diode c =f( v ds ); v gs =0 v; f =1 mhz i f =f( v sd ) parameter: t j typ. 98 % 0 0.5 1 1.5 2 -60 -20 20 60 100 140 t j [c] r ds(on) [ ? ] ciss coss crss 10 3 10 2 10 1 0 20406080100 -v ds [v] c [pf] typ. min. max. 0 1 2 3 -60 -20 20 60 100 140 180 t j [c] -v gs(th) [v] 25 c, typ 150 c, typ 25 c, 98% 150 c, 98% 0.01 0.1 1 10 0 0.5 1 1.5 -v sd [v] i f [a] rev 1.02 page 6 2007-04-10
BSP322P 13 avalanche characteristics 14 typ. gate charge i as =f( t av ); r gs =25 ? v gs =f( q gate ); i d =-1 a pulsed parameter: t j(start) parameter: v dd 15 drain-source breakdown voltage 16 gate charge waveforms v br(dss) =f( t j ); i d =-250 a 70 75 80 85 90 95 100 105 110 115 120 -60 -20 20 60 100 140 180 t j [c] -v br(dss) [v] v gs q gate v gs(th) q g(th) q gs q gd q sw q g 25 c 100 c 125 c 0.1 1 10 1 10 100 1000 t av [s] -i av [a] 20 v 50 v 80 v 0 2 4 6 8 10 12 0 5 10 15 - q gate [nc] - v gs [v] rev 1.02 page 7 2007-04-10
BSP322P package outline: pg-sot-223 footprint: packaging: dimensions in mm rev 1.02 page 8 2007-04-10
BSP322P published by infineon technologies ag 81726 mnchen, germany ? infineon technologies ag 2006. all rights reserved. attention please! the information given in this data sheet shall in no event be r egarded as a guarantee of conditions or characteristics (beschaffenheitsgarantie). with respect to an y examples or hints given herein, any typical values stated herein and/or any information regarding the appli cation of the device, infineon technologies hereby disclaims any and all warranties and liabilities of any kind, including without limitation warranties of non-infringement of intellectual property rights of any third p arty. information for further information on technology, delivery terms and condi tions and prices please contact your nearest infineon technologies office ( www.infineon.com ). warnings due to technical requirements components may contain dangerous substances. for information on the types in question please contact your nearest infineon technologies o ffice. infineon technologies components may only be used in life-suppo rt devices or systems with the express written approval of infineon technologies, if a failure of suc h components can reasonably be expected to cause the failure of that life-support device or system, or to affect the safety or effectiveness of that device or system. life support devices or systems are intended to be impl anted in the human body, or to support and/or maintain and sustain and/or protect human life. if they fail, i t is reasonable to assume that the health of the user or other persons may be endangered. rev 1.02 page 9 2007-04-10


▲Up To Search▲   

 
Price & Availability of BSP322P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X