Part Number Hot Search : 
SP233 2R470C 03624TC 20N60 LTZ455JL 2SD2142 4148SE H8S2639
Product Description
Full Text Search
 

To Download ATS160SM1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cts reeves frequency products crystals clocks vcxos tcxos ocxos 19 400 reimann ave. sandwich, il 60548 phone: 815-786-8411 fax: 815-786-3600 e-mail: www.ctsreeves.com standard crystals ats/ats-sm series features: ? frequency range 3.5 to 60 mhz ? thru hole or surface mount ? rugged resistance weld seal ? standard frequencies stocked by cts distributors ? small package size these low profile at-cut crystals are ideal for dense board layouts or tight headroom limits. these rugged (metal can) resistance weld seal parts have the same favorable temperature stability as the full size mp-series crystals and are available bulk packed or tape-and-reel loaded. electrical specifications: frequency range 3.5 - 60.0 mhz calibration tolerance 0.005% ( 50 ppm) temperature stability 0.005% ( 50 ppm) at +25 c reading operating temperature range -0 c to +70 c operating mode fundamental (overtone available) drive level 100 microwatts shunt capacitance 7 pf, max aging <5 ppm/yr parameter part frequency load/ number (mhz) series ats08asm 8.000000 20pf ats098 9.830400 20pf ats098sm 9.830400 20pf ats10asm 10.000000 20pf ats100 10.000000 series ats100sm 10.000000 series ats111 11.059200 20pf ats111sm 11.059200 20pf ats120 12.000000 series ats120sm 12.000000 series ats122 12.288000 20pf ats122sm 12.288000 20pf ats143 14.318180 series part frequency load/ number (mhz) series ats036 3.579545 18pf ats036sm 3.579545 18pf ats037 3.686400 20pf ats037sm 3.686400 20pf ats040 4.000000 20pf ats040sm 4.000000 20pf ats042 4.915200 20pf ats042sm 4.915200 20pf ats050 5.068800 20pf ats050sm 5.068800 20pf ats060 6.000000 20pf ats060sm 6.000000 20pf ats08a 8.000000 20pf part frequency load/ number (mhz) series ats08asm 8.000000 20pf ats143sm 14.318180 series ats15a 15.360000 20pf ats15asm 15.360000 20pf ats160 16.000000 series ats160sm 16.000000 series ats200 20.000000 series ats200sm 20.000000 series ats204 20.480000 20pf ats204sm 20.480000 20pf ats245 24.576000 series ats245sm 24.576000 series standard part numbers:
20 cts reeves frequency products 400 reimann ave. sandwich, il 60548 phone: 815-786-8411 fax: 815-786-3600 e-mail: www.ctsreeves.com crystals clocks vcxos tcxos ocxos outline drawing - solder pad dimensions: ordering information: a complete part number looks like: ats ___ ___ ___ ___ for the thru hole part, or ats ___ ___ ___ sm___ for the surface mount part select from the ?tandard frequencies?table optional suffix codes are: ? = insulating spacer (ats-only) ? = surface mount tape and reel packaging (see ?ape and reel?page for tape dimensions) ? = axial tape and reel packaging (for through hole) ? = trimmed leads ? = trimmed leads and insulating spacer mechanical/environmental specifications package type: metal cover; hermetic seal base, resistance weld seal storage temperature: -40 to +85 c solderability 63sn/37pb solder, 5 sec. @ 245 c using rma flux; 95% coverage, minimum leak test <2x10-8cc-atm/sec insulation resistance: 500 mohm min standard crystals ats/ats-sm series markings 10.8 .425 .43 .017 4.65 .183 max 3.5 .130 max 12.7 .500 min .7 0.2 .024 .004 12.3 .5 .484 .02 11.45 .5 .437 .02 crystal lead insulation base 3.7 .2 .146 .006 metal can .28 .07 .011 .003 4.3 .17 max 5.0 .197 max 3.8 .15 max 4.9 .19 ref custom frequencies specified upon request. contact cts reeves for more information. * * ats ats-sm .019 483 max


▲Up To Search▲   

 
Price & Availability of ATS160SM1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X