Part Number Hot Search : 
15SMC68A 40150 KA22136 H5N5015 14W07 BZV85130 MSZ5237 PE44437
Product Description
Full Text Search
 

To Download 0590060000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  product catalogue | terminals | screwing technology | sak-series modular terminals | ts 32 | polyamide pa 6.6 | modular 2-tier terminals - 1 - general ordering data order no. 0590060000 part designation dk 4q/32 version feed-through terminal, 4 mm2, screw connection, pa 66, beige, ts 32 ean 4008190147228 qty. 100 pc(s). product notes note, technical data with twin ferrules zh 0.5 to zh 2.5, rated voltage is 690 v. pt okiecex/atex rating data eu-type examination certificate sira02atex3316u download english sira02atex3316u_e.pdf iecex certificate of conformity iecexsir05.0041u download iecexsir05.0041u_e.pdf atex voltage 275 v atex current 28 a atex conductor cross-section 4 mm2 iecex voltage 275 v iecex current 28 a iecex conductor cross-section 4 mm2 voltage when using cross-connections crossconnectionguide.pdf operating temperature range einsatztemperaturbereich siehe eg- baumusterprfbescheinigung/iecex-certificate of conformity marking en 60079-7 ex e ii marking atex directive 94/9/ec ex ii 2 g d additional technical data colour of insulating material beige connection direction on side end plate required yes explosion-tested version "ex e" yes installation advice ts 32 insulating material pa 66 levels cross-connected internally no no. of identical terminals 1 no. of levels 2 no. of terminal strips per level 2
product catalogue | terminals | screwing technology | sak-series modular terminals | ts 32 | polyamide pa 6.6 | modular 2-tier terminals - 2 - additional technical data open sides right operating temperature range - 50 c, + 100 c type of connection screwed type of mounting clamped ul 94 flammability rating of insulation material v2 version feed-through terminal csa rating data voltage (csa) 300 v csa current 10 a min. cross-section (csa) awg 26 max. cross-section (csa) awg 10 conductors for clamping (additional connection) flexible with ferrule, min. (din 46228 pt 1) 0.5 mm2 flexible with ferrule, max. (din 46228 pt 1) 2.5 mm2 conductors for clamping (rated connection) clamping range, min. 0.13 mm2 clamping range, max. 6 mm2 type of connection screw connection 2nd type of connection screwed connection direction on side no. of connections 4 stripping length 9 mm clamping screw m 3 blade size 0.6 x 3.5 mm tightening torque range 0.5...0.8 nm torque level with dms electric screwdriver 2 gauge to iec 60947-1 a3 solid, min. 0.5 mm2 solid, max. 6 mm2 stranded, min. 0.5 mm2 stranded, max. 4 mm2 flexible, min. 0.5 mm2 flexible, max. 4 mm2 flexible with ferrule, min. (din 46228/1) 0.5 mm2 flexible with ferrule, max. (din 46228/1) 2.5 mm2 flexible, min., ferrule with plastic collar (din 46228 pt 4) 0.5 mm2 flexible, max., ferrule with plastic collar (din 46228 pt 4) 2.5 mm2 twin wire-end ferrule, min. 0.5 mm2 twin wire end ferrule, max. 1.5 mm2 awg conductor size, min. awg 26 awg conductor size, max. awg 12 awg conductor size, min. 0.13 mm2 awg conductor size, max. 3.31 mm2
product catalogue | terminals | screwing technology | sak-series modular terminals | ts 32 | polyamide pa 6.6 | modular 2-tier terminals - 3 - dimensions width 6 mm height of lowest version 59.5 mm length 50 mm weight 4.88 g ts 32 offset 25 mm disconnect terminals torque level with dms electric screwdriver 2 rating data rated cross-section 4 mm2 rated voltage 500 v rated impulse voltage 6 kv rated current 32 a standards iec 60947-7-1 current with max. conductor 41 a pollution severity 3 ul rating data voltage (ul) 300 v current (ul) 27 a min. cross-section (ul) awg 22 max. cross-section (ul) awg 12 approvals approvals institutes classifications etim 2.0 ec000897 etim 3.0 ec000897 eclass 4.1 27-14-11-20 eclass 5.0 27-14-11-20 eclass 5.1 27-14-11-20 similar products order no. part designation version 0355460000 dk 4 feed-through terminal, 4 mm2, screw connection, pa 66, beige, ts 32 0355480000 dk 4 bl feed-through terminal, 4 mm2, screw connection, pa 66, blue, ts 32
product catalogue | terminals | screwing technology | sak-series modular terminals | ts 32 | polyamide pa 6.6 | modular 2-tier terminals - 4 - 0590080000 dk 4q/32 bl feed-through terminal, 4 mm2, screw connection, pa 66, blue, ts 32 0590260000 dk 4qv/32 feed-through terminal, 4 mm2, screw connection, pa 66, beige, ts 32 0590280000 dk 4qv/32 bl feed-through terminal, 4 mm2, screw connection, pa 66, blue, ts 32


▲Up To Search▲   

 
Price & Availability of 0590060000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X