Part Number Hot Search : 
DTA144 XE1414C 28F008S P4KE2 FM1208 DTA144 TMP86FS STA016
Product Description
Full Text Search
 

To Download TN1205T-600B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  october 2009 doc id 16339 rev 1 1/8 8 tn1205t-600 12 a scr features high current density per square mm applications overvoltage crowbar protection motor control circuits in power tools and kitchen aids inrush current limiting circuits description this device is mounted in dpak and intended for use in applications such as voltage regulators circuits for motorbikes, overvoltage crowbar protection, motor control circuits in power tools and capacitive discharge ignition. table 1. device summary i t(rms) 12 a v drm /v rrm 600 v i gt 2 to 5 ma a g k a dpak TN1205T-600B www.st.com
characteristics tn1205t-600 2/8 doc id 16339 rev 1 1 characteristics table 2. absolute ratings (1) symbol parameter value unit i t(rms) on-state rms current (180 c conduction angle) t c = 103 c 12 a i t(av) average on-state current(180 c conduction angle) t c = 103 c 8 a i tsm non repetitive surge peak on-state current t p = 8.3 ms t p = 10 ms 120 115 a i 2 ti 2 t value for fusing t p = 10 ms 66 a 2 s di/dt critical rate of rise of on-state current i g = 2 x i gt , tr 100 ns f = 60 hz t j = 125 c 50 a/s i gm peak gate current t p = 20 s t c = 125 c 4 a p g(av) average gate power dissipation t j = 125 c 1 w t stg storage junction temperature range -40 to + 150 c t j operating junction temperature range -40 to + 125 1. t j = 25 c, unless otherwise specified table 3. electrical characteristics (1) symbol test conditions min. typ. max. unit i gt v d = 12 v, r l = 33 25ma v gt v d = 12 v, r l = 33 1.3 v v gd v d = v drm, r l = 3.3 k t j = 125 c 0.2 v i h i t = 500 ma gate open 15 ma i l i g = 1.2 i gt 30 ma dv/dt v d = 67% v drm gate open t j = 125 c 100 v/s t gt gate controlled turn on time i tm = 40 a, v d = v drm(max) , i gt = 100 ma di g /dt = 5 a/s, r g = 68 1.2 s t q circuit commutated turn off time v d = 67% v drm(max) , t j = 125 c, i tm = 20 a, v r = 25 v di t /dt = 30 a/s, dv d /dt = 50 v/s, r gk = 100 55 s v tm i tm = 24 a, t p = 380 s 1.6 v v t0 threshold voltage t j = 125 c 0.85 v r d dynamyc restistance t j = 125 c 30 m i drm i rrm v drm = v rrm t j = 25 c 5 a t j = 125 c 2 ma 1. t j = 25 c, unless otherwise specified
tn1205t-600 characteristics doc id 16339 rev 1 3/8 table 4. thermal resistance symbol parameter value unit r th(j-c) junction to case (dc) 1.8 c/w r th(j-a) junction to ambient (dc) s (1) = 0.5 cm 2 70 c/w 1. s = copper surface under tab. figure 1. maximum average power dissipation versus average on-state current figure 2. average and dc on-state current versus case temperature figure 3. average dc on-state current versus ambient temperature figure 4. relative variation of thermal impedance junction to case versus pulse duration
characteristics tn1205t-600 4/8 doc id 16339 rev 1 figure 5. relative variation of thermal impedance junction to ambient versus pulse duration figure 6. relative variation of gate trigger current and voltage, holding and latching current versus t j figure 7. surge peak on-state current versus number of cycles figure 8. non-repetitive surge peak on-state current for a sinusoidal pulse, and corresponding values of i 2 t 10.0 100.0 1000.0 0.01 0.10 1.00 10.00 t (ms) p i (a), i t (a s) tms 22 t initial = 25 j i tsm i t 2 di/dt limitation: 50 a/s figure 9. on-state characteristics (maximum values) figure 10. thermal resistance junction to ambient versus copper surface under tab
tn1205t-600 ordering information scheme doc id 16339 rev 1 5/8 2 ordering information scheme figure 11. ordering information scheme standard scr series current sensitivity application specific voltage package packing mode 12 = 12 a 05 = 5 ma 600 = 600 v b = dpak blank = tube -tr = tape and reel tn 12 05 t - 600 b (-tr)
package information tn1205t-600 6/8 doc id 16339 rev 1 3 package information epoxy meets ul94, v0 lead-free package in order to meet environmental requirements, st offers these devices in different grades of ecopack ? packages, depending on their level of environmental compliance. ecopack ? specifications, grade definitions and product status are available at: www.st.com . ecopack ? is an st trademark. figure 12. footprint (dimensions in mm) table 5. dpak dimensions ref. dimensions millimeters inches min. max. min. max. a 2.20 2.40 0.086 0.094 a1 0.90 1.10 0.035 0.043 a2 0.03 0.23 0.001 0.009 b 0.64 0.90 0.025 0.035 b2 5.20 5.40 0.204 0.212 c 0.45 0.60 0.017 0.023 c2 0.48 0.60 0.018 0.023 d 6.00 6.20 0.236 0.244 e 6.40 6.60 0.251 0.259 g 4.40 4.60 0.173 0.181 h 9.35 10.10 0.368 0.397 l2 0.80 typ. 0.031 typ. l4 0.60 1.00 0.023 0.039 v2 0 8 0 8 h l4 g b l2 e b2 d a1 r r c a c2 0.60 min. v2 a2 6.7 6.7 3 3 1.6 1.6 2.3 2.3
tn1205t-600 ordering information doc id 16339 rev 1 7/8 4 ordering information 5 revision history table 6. ordering information order code marking package weight base qty delivery mode TN1205T-600B tn12 05t6 dpak 0.3g 75 tube TN1205T-600B-tr tn12 05t6 2500 tape and reel table 7. document revision history date revision changes 01-oct-2009 1 initial release.
tn1205t-600 8/8 doc id 16339 rev 1 please read carefully: information in this document is provided solely in connection with st products. stmicroelectronics nv and its subsidiaries (?st ?) reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described he rein at any time, without notice. all st products are sold pursuant to st?s terms and conditions of sale. purchasers are solely responsible for the choice, selection and use of the st products and services described herein, and st as sumes no liability whatsoever relating to the choice, selection or use of the st products and services described herein. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. i f any part of this document refers to any third party products or services it shall not be deemed a license grant by st for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoev er of such third party products or services or any intellectual property contained therein. unless otherwise set forth in st?s terms and conditions of sale st disclaims any express or implied warranty with respect to the use and/or sale of st products including without limitation implied warranties of merchantability, fitness for a parti cular purpose (and their equivalents under the laws of any jurisdiction), or infringement of any patent, copyright or other intellectual property right. unless expressly approved in writing by an authorized st representative, st products are not recommended, authorized or warranted for use in milita ry, air craft, space, life saving, or life sustaining applications, nor in products or systems where failure or malfunction may result in personal injury, death, or severe property or environmental damage. st products which are not specified as "automotive grade" may only be used in automotive applications at user?s own risk. resale of st products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by st for the st product or service described herein and shall not create or extend in any manner whatsoev er, any liability of st. st and the st logo are trademarks or registered trademarks of st in various countries. information in this document supersedes and replaces all information previously supplied. the st logo is a registered trademark of stmicroelectronics. all other names are the property of their respective owners. ? 2009 stmicroelectronics - all rights reserved stmicroelectronics group of companies australia - belgium - brazil - canada - china - czech republic - finland - france - germany - hong kong - india - israel - ital y - japan - malaysia - malta - morocco - philippines - singapore - spain - sweden - switzerland - united kingdom - united states of america www.st.com


▲Up To Search▲   

 
Price & Availability of TN1205T-600B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X