Part Number Hot Search : 
SDC1740 00502 X104J KBU6A 8D15WF 2SJ378 MCP3001 7S66FU
Product Description
Full Text Search
 

To Download TC068-20C0AE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  tc www.vishay.com vishay sprague revision: 24-apr-12 1 document number: 43005 for technical ques tions, contact: tantalum@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 subminiature, leaded solid tantalum capacitors polar or non-polar electrical characteristics operating temperature range: - 55 c to + 125 c capacitance: measured at 120 hz and 25 c with a maximum of 2.2 v dc bias and 1.0 v rms signal. capacitance tolerance: standard tolerance is 20 % for ratings 0.1 f and above, and + 40 % - 20 % for ratings below 0.1 f. special tolerances are also available. dissipation factor: when measured simultaneously with capacitance, df shall not exceed the value shown in the standard ratings tables. dc leakage current (dcl max): when measured with dc voltage applied through a 1000 ? resistor for 5 min, dc leakage (a) shall not exceed: at 25 c: leakage current shall not exceed the values listed in the standard ratings tables. at 85 c: leakage current shall not exceed 10 times the values listed in the standard ratings tables. at 125 c and 66 % of rated voltage: leakage current shall not exceed 15 times the values listed in the standard ratings tables. operating voltage: full working voltage up to 85 c. from 85 c to 125 c working voltage derates linearly to 66 % of the 85 c working voltage. features ? subminiature package size and light weight ? rectangular case with axial or radial leads ?2 v dc to 50 v dc ? 0.1 f to 470 f ? operating temperature range: - 55 c to + 125 c ? high stability and reliability ? tested in accordance with mil-prf-49137 ? unique and comprehensive custom design capability applications ? hearing aids ? portable communications ? space/avionics ? laptop computers mechanical specifications solder coated nickel leads (type n32 per mil-std-1276) are standard on all case sizes. leads are weldable and/or solderable. special leads are available on request (e.g. bare nickel, gold plated nickel or ribbon leads). lead length is 1 1/2" [38.1 mm] minimum on non-polar parts. on polar parts the negative lead is 1 1/4" [31.8 mm] minimum and the positive lead is 1 1/2" [38.1 mm] minimum. note (1) to complete part number in rating tables, add a or r. change suffix if special capacitance tolerance is required. ordering information tc 1.0 35 c3 a (1) m model capacitance (f) dc voltage rating at + 85 c case code lead configuration capacitance tolerance c = polar n = non-polar a = axial r = radial e = + 40 %, - 20 % m = 20 % k = 10 % j = 5 % example of part number code: tc1.0-35c3am
tc www.vishay.com vishay sprague revision: 24-apr-12 2 document number: 43005 for technical ques tions, contact: tantalum@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 dimensions in inches [millimeters] polar style case code l max. w max. t max. e e tol. d cx 0.075 [1.91] 0.050 [1.27] 0.040 [1.02] 0.030 [0.76] 0.015 [0.38] 0.007 [0.18] c0 0.100 [2.54] 0.050 [1.27] 0.040 [1.02] 0.030 [0.76] 0.015 [0.38] 0.007 [0.18] c1 0.125 [3.18] 0.070 [1.78] 0.040 [1.02] 0.050 [1.27] 0.015 [0.38] 0.010 [0.25] c2 0.165 [4.19] 0.120 [3.05] 0.070 [1.78] 0.100 [2.54] 0.020 [0.51] 0.010 [0.25] c3 0.225 [5.72] 0.185 [4.70] 0.075 [1.91] 0.150 [3.81] 0.020 [0.51] 0.010 [0.25] c4 0.290 [7.37] 0.220 [5.59] 0.110 [2.79] 0.180 [4.57] 0.025 [0.64] 0.016 [0.41] c5 0.310 [7.87] 0.230 [5.84] 0.130 [3.30] 0.200 [5.08] 0.025 [0.64] 0.016 [0.41] c6 0.475 [12.07] 0.375 [9.53] 0.150 [3.81] 0.300 [7.62] 0.025 [0.64] 0.016 [0.41] non polar style case code la max. lr max. w max. t max. e max. e tol. d n1 0.220 [5.59] 0.180 [4.57] 0.125 [3.18] 0.125 [3.18] 0.100 [2.54] 0.020 [0.51] 0.010 [0.25] n2 0.280 [7.11] 0.240 [6.10] 0.140 [3.56] 0.180 [4.57] 0.100 [2.54] 0.025 [0.64] 0.010 [0.25] n3 0.370 [9.40] 0.315 [8.00] 0.180 [4.57] 0.220 [5.59] 0.150 [3.81] 0.025 [0.64] 0.016 [0.41] n4 0.390 [9.91] 0.335 [8.51] 0.230 [5.84] 0.230 [5.84] 0.180 [4.57] 0.025 [0.64] 0.016 [0.41] (+) (+) (-) tt ww ll d d e polar style axial red epoxy polarity dot tolerance dot tolerance dot 3rd dot 2nd dot 1st dot the 3rd dot is on the end of the cx size 3rd dot 2nd dot 1st dot radial d d non polar style axial radial tolerance dot lr la t w t w e 2nd dot 1st dot 3rd dot tolerance dot 2nd dot 1st dot 3rd dot
tc www.vishay.com vishay sprague revision: 24-apr-12 3 document number: 43005 for technical ques tions, contact: tantalum@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 standard ratings - polar capacitors capacitance (f) max. df (%) max. dcl at + 25 c (a) case code part number 2 v dc at + 85 c 0.47 10 0.5 c0 tc.47-2c0(1)m 0.68 10 0.5 c0 tc.68-2c0(1)m 1.0 10 0.5 c0 tc1.0-2c0(1)m 2.2 10 0.5 c1 tc2.2-2c1(1)m 10 10 0.5 c2 tc10-2c2(1)m 33 10 1.0 c3 tc33-2c3(1)m 100 15 2.0 c4 tc100-2c4(1)m 150 15 3.0 c5 tc150-2c5(1)m 470 20 9.0 c6 tc470-2c6(1)m 3 v dc at + 85 c 1.5 10 0.5 c1 tc1.5-3c1(1)m 6.8 10 0.5 c2 tc6.8-3c2(1)m 22 10 1.0 c3 tc22-3c3(1)m 68 10 2.0 c4 tc68-3c4(1)m 100 10 3.0 c5 tc100-3c5(1)m 330 20 9.0 c6 tc330-3c6(1)m 4 v dc at + 85 c 0.33 10 0.5 c0 tc.33-4c0(1)m 1.0 8 0.5 c1 tc1.0-4c1(1)m 4.7 8 0.5 c2 tc4.7-4c2(1)m 15 8 1.0 c3 tc15-4c3(1)m 47 8 2.0 c4 tc47-4c4(1)m 68 8 3.0 c5 tc68-4c5(1)m 220 15 9.0 c6 tc220-4c6(1)m 6 v dc at + 85 c 0.22 10 0.5 c0 tc.22-6c0(1)m 0.68 6 0.5 c1 tc.68-6c1(1)m 3.3 6 0.5 c2 tc3.3-6c2(1)m 10 6 1.0 c3 tc10-6c3(1)m 33 6 2.0 c4 tc33-6c4(1)m 47 6 3.0 c5 tc47-6c5(1)m 150 10 9.0 c6 tc150-6c6(1)m 10 v dc at + 85 c 0.0010 10 0.5 c0 tc.0010-10c0(1)e 0.0010 10 0.5 c1 tc.0010-10c1(1)e 0.0015 10 0.5 c0 tc.0015-10c0(1)e 0.0015 10 0.5 c1 tc.0015-10c1(1)e 0.0022 10 0.5 c0 tc.0022-10c0(1)e 0.0022 10 0.5 c1 tc.0022-10c1(1)e 0.0033 10 0.5 c0 tc.0033-10c0(1)e 0.0033 10 0.5 c1 tc.0033-10c1(1)e 0.0047 10 0.5 c0 tc.0047-10c0(1)e 0.0047 10 0.5 c1 tc.0047-10c1(1)e 0.15 10 0.5 c0 tc.15-10c0(1)m 0.47 6 0.5 c1 tc.47-10c1(1)m 2.2 6 0.5 c2 tc2.2-10c2(1)m 6.8 6 1.0 c3 tc6.8-10c3(1)m 22 6 2.0 c4 tc22-10c4(1)m 33 6 3.0 c5 tc33-10c5(1)m 100 8 9.0 c6 tc100-10c6(1)m note ? part number definition: (1) add a for axial, r for radial
tc www.vishay.com vishay sprague revision: 24-apr-12 4 document number: 43005 for technical ques tions, contact: tantalum@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 15 v dc at + 85 c 0.10 10 0.5 c0 tc.10-15c0(1)m 0.33 6 0.5 c1 tc.33-15c1(1)m 1.5 6 0.5 c2 tc1.5-15c2(1)m 15 6 2.0 c4 tc15-15c4(1)m 22 6 3.0 c5 tc22-15c5(1)m 68 8 9.0 c6 tc68-15c6(1)m 20 v dc at + 85 c 0.033 10 0.5 c0 tc.033-20c0(1)e 0.033 6 0.5 c1 tc.033-20c1(1)e 0.047 10 0.5 c0 tc.047-20c0(1)e 0.047 6 0.5 c1 tc.047-20c1(1)e 0.068 10 0.5 c0 tc.068-20c0(1)e 0.068 6 0.5 c1 tc.068-20c1(1)e 0.10 6 0.5 c1 tc.10-20c1(1)m 0.15 6 0.5 c1 tc.15-20c1(1)m 0.22 6 0.5 c1 tc.22-20c1(1)m 1.0 6 0.5 c2 tc1.0-20c2(1)m 3.3 6 1.0 c3 tc3.3-20c3(1)m 4.7 6 1.0 c3 tc4.7-20c3(1)m 10 6 2.0 c4 tc10-20c4(1)m 15 6 3.0 c5 tc15-20c5(1)m 47 8 9.0 c6 tc47-20c6(1)m 25 v dc at + 85 c 0.68 6 0.5 c2 tc.68-25c2(1)m 2.2 6 1.0 c3 tc2.2-25c3(1)m 6.8 6 2.0 c4 tc6.8-25c4(1)m 10 6 3.0 c5 tc10-25c5(1)m 33 6 9.0 c6 tc33-25c6(1)m 35 v dc at + 85 c 0.22 6 0.5 c2 tc.22-35c2(1)m 0.33 6 0.5 c2 tc.33-35c2(1)m 0.47 6 0.5 c2 tc.47-35c2(1)m 0.68 6 1.0 c3 tc.68-35c3(1)m 1.0 6 1.0 c3 tc1.0-35c3(1)m 1.5 6 1.0 c3 tc1.5-35c3(1)m 2.2 6 2.0 c4 tc2.2-35c4(1)m 3.3 6 2.0 c4 tc3.3-35c4(1)m 4.7 6 2.0 c4 tc4.7-35c4(1)m 6.8 6 3.0 c5 tc6.8-35c5(1)m 10 6 9.0 c6 tc10-35c6(1)m 15 6 9.0 c6 tc15-35c6(1)m 22 6 9.0 c6 tc22.35c6(1)m 50 v dc at + 85 c 0.15 6 0.5 c2 tc.15-50c2(1)m 4.7 6 3.0 c5 tc4.7-50c5(1)m 6.8 6 9.0 c6 tc6.8-50c6(1)m standard ratings - polar capacitors capacitance (f) max. df (%) max. dcl at + 25 c (a) case code part number note ? part number definition: (1) add a for axial, r for radial
tc www.vishay.com vishay sprague revision: 24-apr-12 5 document number: 43005 for technical ques tions, contact: tantalum@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 standard ratings - non-polar capacitors capacitance (f) max. df (%) max. dcl at + 25 c (a) case code part number 2 v dc at + 85 c 4.7 10 0.5 n1 tc4.7-2n1(1)m 15 10 1.0 n2 tc15-2n2(1)m 47 15 2.0 n3 tc47-2n3(1)m 68 15 3.0 n4 tc68-2n4(1)m 3 v dc at + 85 c 3.3 10 0.5 n1 tc3.3-3n1(1)m 10 10 1.0 n2 tc10-3n2(1)m 33 10 2.0 n3 tc33-3n3(1)m 47 10 3.0 n4 tc47-3n4(1)m 4 v dc at + 85 c 2.2 8 0.5 n1 tc2.2-4n1(1)m 6.8 8 1.0 n2 tc6.8-4n2(1)m 22 8 2.0 n3 tc22-4n3(1)m 33 8 3.0 n4 tc33-4n4(1)m 6 v dc at + 85 c 1.5 6 0.5 n1 tc1.5-6n1(1)m 4.7 6 1.0 n2 tc4.7-6n2(1)m 15 6 2.0 n3 tc15-6n3(1)m 22 6 3.0 n4 tc22-6n4(1)m 10 v dc at + 85 c 1.0 6 0.5 n1 tc1.0-10n1(1)m 3.3 6 1.0 n2 tc3.3-10n2(1)m 10 6 2.0 n3 tc10-10n3(1)m 15 6 3.0 n4 tc15-10n4(1)m 15 v dc at + 85 c 0.68 6 0.5 n1 tc.68-15n1(1)m 6.8 6 2.0 n3 tc6.8-15n3(1)m 10 6 3.0 n4 tc10-15n4(1)m 20 v dc at + 85 c 0.47 6 0.5 n1 tc.47-20n1(1)m 1.5 6 1.0 n2 tc1.5-20n2(1)m 2.2 6 1.0 n2 tc2.2-20n2(1)m 4.7 6 2.0 n3 tc4.7-20n3(1)m 6.8 6 3.0 n4 tc6.8-20n4(1)m 25 v dc at + 85 c 0.33 6 0.5 n1 tc.33-25n1(1)m 1.0 6 1.0 n2 tc1.0-25n2(1)m 3.3 6 2.0 n3 tc3.3-25n3(1)m 4.7 6 3.0 n4 tc4.7-25n4(1)m 35 v dc at + 85 c 0.10 6 0.5 n1 tc.10-35n1(1)m 0.15 6 0.5 n1 tc.15-35n1(1)m 0.22 6 0.5 n1 tc.22-35n1(1)m 0.33 6 1.0 n2 tc.33-35n2(1)m 0.47 6 1.0 n2 tc.47-35n2(1)m 0.68 6 1.0 n2 tc.68-35n2(1)m 1.0 6 2.0 n3 tc1.0-35n3(1)m 50 v dc at + 85 c 2.2 6 3.0 n4 tc2.2-50n4(1)m note ? part number definition: (1) add a for axial, r for radial
tc www.vishay.com vishay sprague revision: 24-apr-12 6 document number: 43005 for technical ques tions, contact: tantalum@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 marking tc capacitors case sizes c3 - c6 and n2 - n4 are print marked: - capacitance is in picofarads - 1st and 2nd digits are significant figures - 3rd digit indicates the number of zeros. all other case sizes have color dot marking: capacitance color digit in picofarads, indi cated by 3 dots. 1st and 2nd dot give the significant digits. 3rd dot indicates th e number of zeros. color dot location is shown on the dimensional sketches. black dot is omitte d on black sleeve. black 0 brown 1 red 2 orange 3 yellow 4 green 5 capacitance tolerance color tolerance blue 6 is indicated by a dot on the side of the case. black dot is omitted. gold 5 % violet 7 silver 10 % grey 8 none 20 % white 9 none + 40 %/- 20 % the positive lead is indica ted by a colo r dot of red epoxy on the unit. e.g. yellow-violet-green = 4 700 000 pf = 4.7 f
tc www.vishay.com vishay sprague revision: 24-apr-12 7 document number: 43005 for technical ques tions, contact: tantalum@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 performance and reliability the capacitors are tested in accordance with mil-prf-49137, with specific requirements as follows: temperature stability: when tested per mil-prf-49137/6, capacitance shall be within 15 % at - 55 c and 85 c, and 10 % at 25 c after exposure to temperature extremes. df shall be within 200 % of initial limit at - 55 c, 150 % of initial limit at 85 c, and meet the initial at 25 c. dcl shall be within 10 x initial limit at 85 c, and meet the initial limit at 25 c. moisture resistance: (per method 106 of mil-std-202) after 10 cycles of 24 h at 25 c to 65 c and 80 % to 98 % rh; capacitance shall be within 15 % of initial value, df within 1.5 x initial limit and leakage within 3 x initial limit. life: (per method 108 of mil-std-202) after 1000 h at 85 c and rated voltage; capacitance shall be within 10 % of initial limit, df within initial limits, and leakage within 200 % of initial limit. surge voltage: (per mil-prf-49317) after 1000 cycles at 85 c and 1.3 x v dc ; capacitance shall be within 10 % of initial limit, df and leakage within initial limits. resistance to soldering heat: (per method 210 of mil-std-202, condition b) after immersion in 260 c molten solder to within a 1/4" of the body of the unit, there shall be no evidence of mechanical or electrical degradation. solderability: (per method 208 of mil-std-202) after dipping leads in 235 c molten solder to within 0.125" of the body of the unit, the solder shall cover 95 % of the lead surface. terminal strength: (per method 211 of mil-std-202) after the following test there shall be no loosening of the terminals or permanent damage to the terminals. test condition a: (pull test) 0.010" leads withstand 1 pound, 0.016" leads 2 pounds and 0.007" leads 1/2 pound. test condition c: (bend test) all leads shall with stand 3 to 90 bends with a 1/2 pound applied force. capacitance vs. temperature + 10 + 5 0 - 5 - 10 - 40 - 10 + 25 + 100 + 85 (mfd - v dc ) specification specifica tion typical change in capacitance % 100 f - 10 v 100 f - 10 v 1 h - 20 v temperature c impedance vs. frequency leakage current vs. temperature 100 500 1 2 5 10 20 50 100 500 1 2 5 10 hz khz frequency khz mhz impedance ? (mfd - v dc ) 0.1 0.2 0.5 1.0 2.0 5.0 10 20 50 100 200 500 1k 2k 5k 10k 0.047 f-20 v 0.047 f-20 v 0.047 f-35 v 0.047 f-35 v 4.7 f-10 v 4.7 f-20 v 0.047 f-50 v 4.7 f-20 v 1.0 0.1 0.01 - 40 - 10 0 + 85 + 20 (mfd - v dc ) d.c. leakage current (a) temperature c 1 f - 20 v 100 f - 10 v
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.


▲Up To Search▲   

 
Price & Availability of TC068-20C0AE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X