Part Number Hot Search : 
103M20 N60C3 KIA7810 IRF1407L HVC362 AL3065 TM266DCA D5N50
Product Description
Full Text Search
 

To Download SW2-012020RN3NF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  single-pole two-throw switches features multioctave bands 0.2 to 18 ghz current or ttl control low insertion loss high isolation drop-in models available frequency insertion rise/fall on/off on/off dc power range model loss isolation vswr time time time positive negative (ghz) number (db, max.) (db, min.) (max.) type (ns, typ.) (ns, typ.) (ns, max.) (ma, max.) (ma, min.) standard, multioctave band models sw2-002020rn1nf 1.5 70 1.6:1 reflective 10/10 20 35 60 60 0.2? sw2-002020an1nf 2 75 1.6:1 absorptive 10/10 20 35 60 60 0.5? sw2-005020rn1nf 1.3 80 1.6:1 reflective 10/10 20 35 60 60 sw2-005020an1nf 1.8 75 1.6:1 absorptive 10/10 20 35 60 60 2? sw2-020080rn1nf 1.8 80 1.7:1 reflective 10/10 20 35 60 60 sw2-020080an1nf 2 70 1.7:1 absorptive 10/10 20 35 60 60 4?2 sw2-040120rn1nf 2.2 80 1.7:1 reflective 10/10 20 35 60 60 sw2-040120an1nf 2.2 65 1.7:1 absorptive 10/10 20 35 60 60 2?8 sw2-020180rn1nf 2.8 80 2:1 reflective 10/10 20 35 60 60 sw2-020180an1nf 3 60 2:1 absorptive 10/10 20 35 60 60 1?8 sw2-010180rn1nf 3 70 2:1 reflective 10/10 20 35 60 60 sw2-010180an1nf 3.2 60 2:1 absorptive 10/10 20 35 60 60 0.1?0 sw2-001100an1nf 3.5 60 2:1 absorptive 20/20 35 40 60 60 0.3? sw2-003050an1nf 2.5 60 2.2:1 absorptive 20/20 30 35 60 60 0.8? sw2-008040rn1nf 1.5 70 1.7:1 reflective 100/100 200 300 60 60 1.2? SW2-012020RN3NF 0.8 90 1.2:1 reflective 20/50 70 100 250 150 3.1?.3 sw2-031043ai3nf 1.5 90 1.8:1 absorptive 20/50 70 100 150 150 electrical performance of multioctave models can be optimized over narrower bandwidths, or for a particular parameter. electric al options include: lower insertion loss, lower vswr, higher isolation, high power and flat amplitude response. mechanical/control options include: custo m packaging, single supply operation, fast on/off time and bcd decoder. consult miteq for options. optimized performance models 100 davids drive, hauppauge, ny 11788 ? tel: (631) 436-7400 ? fax: (631) 436-7430 ? www.miteq.com
single-pole two-throw switches (cont.) 0.40 [10.16] "sma" female connector, typ. (3) places 0.10 [2.54] typ. 0.18 [4.57] typ. 0.80 [20.32] 0.60 [15.24] 0.36 [9.14] max. 0.38 [9.65] typ. 0.40 [10.16] 0.104 [2.64] dia. thru, 4 holes typ. 0.11 [2.79] typ. j1 j0 j2 e1 -12v +5v e2 0.11 [2.79] typ. 0.18 [4.57] 0.18 [4.57] 0.50 [12.70] 0.10 [2.54] 0.80 [20.32] 1.00 [25.40] gnd. pin 0.40 [10.16] sp2t outline drawing general notes: 1. dimensions shown in brackets [ ] are in millimeters. 2. unless specified, all connectors are type sma female field replaceable. sma male also available, see ordering options. 3. tolerance as follows: .xx = ?.01 [.xx = ?.25] .xxx = ?.005 [.xxx = ?.13] ttl control logic non-inverting logic 0 (low) (0 to 0.8 v) insertion loss logic 1 (high) (2.4 to 4.7 v) isolation inverting logic 0 (low) (0 to 0.8 v) isolation logic 1 (high) (2.4 to 4.7 v) insertion loss non-inverting sp2t control input e1 e2 signal path low high j0 ?j1 high low j0 ?j2 inverting control input e1 e2 signal path high low j0 ?j1 low high j0 ?j2 100 davids drive, hauppauge, ny 11788 ? tel: (631) 436-7400 ? fax: (631) 436-7430 ? www.miteq.com
sp2t switch ordering information to order a switch, please include the model number derived from the following table. if requesting a quotation for a switch not listed in this catalog, please consult miteq. include any additional specifications that are not listed. sw 2 - 020 180 a n 1 n f switch number of throw(s) frequency (100s of mhz) lower frequency upper frequency type absorptive ............................................................................ a reflective ............................................................................. r logic non-inverting........................................................................ n inverting ............................................................................... i no driver .............................................................................. x (see note 1) power supply +5 v, -12 v ........................................................................... 1 +5 v, -5 v ............................................................................. 2 (see note 2) +5 v, -15 v ........................................................................... 3 +12 v, -12 v ......................................................................... 4 +15 v, -15 v ......................................................................... 5 no driver .............................................................................. x hermeticity non-hermetic ....................................................................... n hermetic............................................................................... h connectors sma-female ........................................................................ f sma-male ............................................................................ m note 1: for ?o driver?option, unit is current controlled through logic control pin, -20 ma for low loss condition and +20 ma for isolation state. switching speeds are not measured on driverless units. note 2: this option has 0.2 db higher insertion loss, on/off time is 50 ns maximum and rise/fall time is 30 ns typical. available options ?add suffix am ............ amplitude matching port-to-port ?add suffix pm ............ phase matching port-to-port ?add suffix vl1 ............ common port video filter ?add suffix vl2 ............ output port(s) video filter ?add suffix vl3 ............ both common port and output port(s) video filter ?add suffix hp.............. higher power (alternate package configurations) example: the above illustrated part number sw2-020180an1nf is for the following: switch sp2t 2 to 18 ghz absorptive non-inverting +5 v, -12 v non-hermetic sma-f connectors consult miteq for additional options. when additional options are ordered, miteq will add a 4 digit number (-sxxxx) suffix to the part number. 100 davids drive, hauppauge, ny 11788 ? tel: (631) 436-7400 ? fax: (631) 436-7430 ? www.miteq.com


▲Up To Search▲   

 
Price & Availability of SW2-012020RN3NF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X