Part Number Hot Search : 
20500 C157C1 X8566L TP5100G BY203 L4148 P6KE6 R2001
Product Description
Full Text Search
 

To Download RCMM027501GKA20 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  rcmm www.vishay.com vishay sfernice revision: 27-may-13 1 document number: 52006 for technical questions, contact: sfer@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 molded metal film resistors features ? 0.25 w to 1 w at 70 c ? nf c 83-230 (rc21u-31u-41u-32) ?cecc 40 100 ? high insulation > 10 7 m ? ? great mechanical strength ? termination = pure matte tin ? material categorization: for definitions of compliance please see www.vishay.com/doc?99912 note ? undergoes european quality insurance system (cecc) note ? undergoes european quality insurance system (cecc) dimensions in millimeters series a max. ? b max. ? c weight in g rcmm02 6.5 0.2 2.5 - 0 - 0.2 0.6 0.26 rcmm05 10.2 0.2 3.65 0.1 0.6 0.46 rcmm1 16 0.5 6.2 0.2 0.8 1.30 standard electrical specifications model resistance range ? rated power p 70 c w limiting element voltage v tolerance % temperature coefficient ppm/c rcmm02 1 to 332k 0.25 300 2, 5 50, 100 1 to 332k 0.50 350 2, 5 50, 100 rcmm05 1 to 1m 0.50 350 2, 5 50, 100 rcmm1 1 to 2.26m 1.0 500 2, 5 50, 100 technical specifications vishay sfernice series rcmm02 rcmm05 rcmm1 cecc 83-230 rc21u rc32 rc31u rc41u cecc 40 100-802 bv - cv - power rating at 70 c 0.25 w 0.50 w 0.50 w 1 w resistance value range in relation to tolerance 5 % 1 ? to 330 k ? e24 1 ? to 330 k ? e24 1 ? to 1 m ? e24 1 ? to 2.2 m ? e24 2 % 1 ? to 332 k ? e48 1 ? to 332 k ? e48 1 ? to 1 m ? e48 1 ? to 2.26 m ? e48 maximum voltage 300 v 350 v 350 v 500 v critical resistance - 245 k ? 245 k ? 250 k ? temperature coefficient rated in the range - 55 c + 155 c k2 ? 100 ppm/c typical in the range - 10 c + 70 c ? 50 ppm/c insulation resistance (typical) ? 10 7 m ? (500 v dc ) voltage coefficient ? 10 ppm/v environmental spec ifications - 65 c/+ 155 c/56 days a 25 min. 25 min. ? b ? c
rcmm www.vishay.com vishay sfernice revision: 27-may-13 2 document number: 52006 for technical questions, contact: sfer@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 note ? rc41: 15 s power rating temperature rise marking printed: vishay sfernice trademark, series, style, ohmic value (in ? ), tolerance (in %), temperature coefficient, manufacturing date. due to lack of space rcmm02 is printed mm02. performance cecc 40 100??????????en 140100 typical values and drifts tests conditions requirements load life at max. category temp erature 1000 h at 125 c 35 % of p n ? (2 % + 0.1 ? ) insulation resist. > 1 g ? 0.75 % or 0.05 ? insulation resist. 10 6 m ? short time overload 2.5 u m /5 s ? (0.5 % + 0.05 ? ) 0.2 % or 0.05 ? damp heat humidity ? (steady state) 56 days with low load ? (2 % + 0.1 ? ) insulation resist. > 100 m ? 0.5 % or 0.05 ? insulation resist. 10 6 m ? rapid temperature change - 55 c??????????+ 125 c ? (0.5 % + 0.05 ? ) 0.1 % or 0.05 ? climatic sequence - 55 c??????????+ 125 c ? (2 % + 0.1 ? ) insulation resist. > 100 m ? 0.1 % or 0.05 ? insulation resist. 10 6 m ? terminal strength pull - twist - 2 bends ? (0.5 % + 0.05 ? ) 0.05 % or 0.05 ? vibration 10 hz to 500 hz ? (0.5 % + 0.05 ? ) 0.05 % or 0.05 ? soldering (thermal shock) + 260 c, 10 s ? (0.5 % + 0.05 ? ) 0.1 % or 0.05 ? load life cycle 90/30 1000 h at p n at 70 c ? (2 % + 0.1 ? ) insulation resist. > 1 g ? 0.5 % or 0.05 ? insulation resist. 10 6 m ? shelf life 1 year ambient temperature - 0.1 % or 0.05 ? ambient temperature in c rated power in % 100 50 35 0 0 30 50 70 100 125 150 rated power in w hot spot temperature in c 60 40 20 0 rcmm1 0 0.25 0.5 0.75 1 rcmm05 rcmm02
rcmm www.vishay.com vishay sfernice revision: 27-may-13 3 document number: 52006 for technical questions, contact: sfer@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 global part number information global model size special ohmic value tolerance temperature coefficient packaging rcmm 02 05 10 as applicacable. contact us. the first thre e digits are significant figures and the last digit specifies the number of zeros to follow. r designates decimal point. 1301 = 1.3 k ? 3301 = 3.3 k ? 22r0 = 22.0 ? 1r22 = 1.22 ? g = 2 % j = 5 % k = k2, 100 ppm/k am500 = a20 am1000 = a22 bag100 = s14 bag50 = s09 m02 1301 k 1 c m r js 4
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.


▲Up To Search▲   

 
Price & Availability of RCMM027501GKA20

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X