Part Number Hot Search : 
TD62380P A2011 SC220 0160B C3510 ALVC16 CY7C643 A2011
Product Description
Full Text Search
 

To Download QT90L10-60000MHZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  qt 90 series 5.0vdc and 3.3vdc , smd gull - wing leads high - reliability clock oscillators _______________________________________________________________________________________ q - tech corporation 10150 west jefferson blvd. culver city, ca 90232 tel (310) 836 - 7900 fax (310) 836 ? 2157 doc#0 90 - 001 rev. ? may 2006 www.q - tech.com page 1 of 3 f eatures broad frequency ran ge from 500 khz to 160 mhz. rugged design for high shock and vibration. acmos, hcmos, ttl , lvhcmos logic. 5. 0 v or 3.3v tri - state o utput option (d). high - temperature reliability for down - hole applications. gull - wing leads. electrical characteristics parameters (5.0v 10%) qt 90 ac qt 90 hc qt 90 t output frequency range (fo) 500.00 k h z ? 125.00 mhz (low frequency down to 1khz available i n no - tristate) 500.00 k h z ? 85.000 mhz supply voltage (vdd) 5.0vdc 10% frequency stability vs. temperature see option codes operating temperature (topr) see option codes storage temperature (tsto) - 62 c to +125c symmetry ( 15pf at 50% output level a c or hc) ( 6ttl load at 1.4vdc ttl) 45/55% max. ( 500 khz ~ <1 6 mhz) 40/60% max. (1 6 mhz ~ 125mhz) (tighter symmetry available) operating supply current (idd) (no load) (lower current available) 20 ma max. ( 500 khz ~ < 16mhz) 25 ma max. (16mhz ~ < 32mhz) 35 ma max. (32mhz ~ < 60mhz) 45 ma max. (60mhz ~ = 125mhz) rise and fall times (tr/tf) (at 5.0vdc suppl y, 15pf//10kohms load) 6 ns max. (fo < 30m) 3ns max. (30m = fo = 12 5m) (between 10% to 90%) 7 ns max. (fo < 30m) 5 ns max. (30m = fo = 12 5m) (between 10% to 90%) 5ns max. (fo < 30 m) 3ns max. (30m = fo = 85m) (between 0.8v to 2v) output load (cl) 15pf // 10kohms (50pf max. or 10ttl for f = 60m) ( 30pf max. or 6 ttl for f = 85 m) 15pf // 10kohms (2lsttl) 10ttl (f < 60mhz) 6ttl (60mhz to 85mhz) start - up time (tstup) 15pf load 5ms m ax. output voltage (voh/vol) 0.9xvdd min. ; 0.1x vdd max. 2.4v min.; 0.4v max. enable /disable tristate function (* d) pin 1 vih = 2.2v oscillation; vi l = 0.8v high impedance jitter rms 1s (at 25c) 8ps typ. (<40mhz); 3ps typ. ( = 40mhz) aging (at 70c) 5ppm/year max. freq. vs. supply voltage tolerance (10%) 4ppm max. parameters (3.3v 10%) qt90l output frequency range (fo) 500.000 k h z ? 160.000 mhz (low frequency down to 1khz available in no - tristate) supply voltage (vdd) 3.3 vdc 10% freque ncy stability vs. temperature see option codes operating temperature (topr) see option codes storage temperature (tsto) - 62 c to +125c operating supply current (idd) (no load) ( lower current available for high - temperature applications) 6 ma max. (50 0khz ~ < 16mhz) 10 ma max. (16mhz ~ < 32mhz) 20 ma max. (32mhz ~ < 60mhz) 30 ma max. (60mhz ~ < 100mhz)
qt 90 series 5.0vdc and 3.3vdc , smd gull - wing leads high - reliability clock oscillators _______________________________________________________________________________________ q - tech corporation 10150 west jefferson blvd. culver city, ca 90232 tel (310) 836 - 7900 fax (310) 836 ? 2157 doc#0 90 - 001 rev. ? may 2006 www.q - tech.com page 2 of 3 40 ma max. (100mhz ~ < 130mhz) 45 ma max. (130mhz ~ 160mhz) symmetry ( 15pf, at 50% output level) 45/55% max. (500khz ~ <16mhz); 40/60% max. (16mhz ~ 160mhz) (tighter symmetry available) rise and fall times (tr/tf) (at 3.3vdc supply, 15pf // 10kohms ) (between 10% and 90% of output level) 6ns max. (500khz to < 40mhz) 3ns max. (40mhz ~ 160mhz) output load (cl) 15pf // 10kohms (30pf max. for f = 50mhz) start - up time (tstup) 5ms max. output voltage (voh/vol) 0.9x vdd min. ; 0.1 x vdd max. enable /disable tristate function (* d) pin 1 vih = 2.2v oscillation; vi l = 0.8v high impedance jitter rms 1s (at 25c, 3.3vdc supply) 15ps typ. (< 40mhz); 8ps typ. ( = 40mhz) aging (at 70c) 5ppm/year max. freq. vs. supply voltage tolerance (10%) 4ppm max. ordering information qt 90 ac d 10 m - 85.000mhz logic tristate option freq. stability vs. tempe rature screening option ac = acmos hc = hcmos t = ttl l = lvhcmos d (*) (left blank if no tristate) 1 = 100ppm at 0c to +70c 4 = 50ppm at 0c to +70c 5 = 25ppm at - 20c to +70c 6 = 50ppm at - 55c to +105c 9 = 50ppm at - 55c to +125c 10 = 100ppm at - 55c to +125 c 11 = 50ppm at - 40c to +85c 12 = 100ppm at - 40c to +85c 1 4 = 20ppm at - 20c to +70c 1 5 = 25ppm at - 40c to +85c 40ppm to 350ppm for high - temperature applications at ? 55c to +200c. contact q - tech for details. m (desig nate m for product level b mil - prf - 55310 environmental sc reening). ( left blank if unscreened) for frequency stability vs. temperature options not listed herein, please request a custom part number. part n umbering examples: qt 90 acd9m - 100.000mhz; qt 90 l 10 - 16.000mhz. q - tech will assign a custom part number for high - temperature applications with frequency - temperature stability tailored to specific requirements. standard screening per mil - prf - 55310, level b internal visual: mil - std - 883, method 2017 and 2032. stabilization bake: mil - std - 883, method 1008, cond. c. temperature cycling: mil - std - 883, method 1010, cond. b. constant acceleration: mil - std - 883, method 2001, cond. a, y1 axis. seal fine leak: mil - st d - 883, method 1014, cond. a. seal gross leak: mil - std - 883, method 1014, cond. c. burn - in: 160 hours, 125c with load. final electrical tests.
qt 90 series 5.0vdc and 3.3vdc , smd gull - wing leads high - reliability clock oscillators _______________________________________________________________________________________ q - tech corporation 10150 west jefferson blvd. culver city, ca 90232 tel (310) 836 - 7900 fax (310) 836 ? 2157 doc#0 90 - 001 rev. ? may 2006 www.q - tech.com page 3 of 3 standard qci environ mental specification s : (custom requirements available upon request) vibration sinusoidal: mil - std - 202, method 204, cond. d. shock, non operating: mil - std - 202, method 213, cond. i. thermal shock, non operating: mil - std - 202, method 107, cond. b. ambient pressure, non operating: mil - std - 202, 105, cond. c, 5 min. dwell time. resistance to solder he at: mil - std - 202, method 210, cond. e. moisture resistance: mil - std - 202, method 106. terminal strength: mil - std - 202, method 211, cond. c. resistance to solvents: mil - std - 202, method 215. solderability: mil - std - 202, method 208. out line drawing pin no. function 1 tristate or nc 2 gnd/case 3 output 4 vdd dimensions: inch standard packaging in anti - static plastic tube, unless otherwise specified. tape and reel packaging available. packaging quantity: 60 pcs/tube. 800 pcs/reel. remark: specifications subject to change without prior notice. please contact our factory or visit our website, www.q - tech.com , for technical notes and updates. please c o ntact us for variations on these specifications.


▲Up To Search▲   

 
Price & Availability of QT90L10-60000MHZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X