Part Number Hot Search : 
D222M TDA7493 G4PH40 BZX84C3 TC713504 02MDD N5194 1206L
Product Description
Full Text Search
 

To Download PRV6SAAABXB25471KA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  prv6 www.vishay.com vishay sfernice revision: 04-may-12 1 document number: 51035 for technical questions, contact: sfer@vishay.com - see also application notes: www.vishay.com/doc?51001 and www.vishay.com/doc?52029 this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 fully sealed potentiometer cermet or conductive plastic features ? prv6s high power rating 1.5 w at 70 c (cermet) ? prv6a 0.75 w at 70 c (conductive plastic) ? tests according to cecc 41000 or iec 60393-1 ? military performances ?low cost ? fully sealed and panel sealed ? compatible rv6 (mil r 94) ? mechanical endurance 50 000 cycles ? material categorization: for definitions of compliance please see www.vishay.com/doc?99912 dimensions in millimeters (inches) 0.5 mm ( 0.02") prv6 style a and s prv6 style b and c shaft diameter 3 mm (0.118") bushing a-b-c shaft diameter 3.17 mm (0.125") bushing a-b-c shaft diameter 4 mm (0.157") bushing h-i (not panel sealed) leads x = pcb pins leads y = solder lugs 9.5 (0.374) 5 (0.200) 0.8 (0.031) 12.1 (0.476) 2.5 (0.098) 0.8 (0.031) aa ab aj ? 3 (0.118) ba bb bj ? 3.17 (0.125) b = s ee bu s hing table 0.8 (0.031) ea eb ej ? 4 (0.157) 5.08 (0.200) 5.08 (0.200) 2.15 (0.085) ? 12.7 (0.50) 0.8 x 0.3 (0.031 x 0.012) 2.4 (0.094) 0.8 (0.031) 0.5 (0.020) 5.08 (0.200) 5.08 (0.200) 2.15 (0.085) ? 12.7 (0.50) 1.6 x 0.3 (0.063 x 0.012)
prv6 www.vishay.com vishay sfernice revision: 04-may-12 2 document number: 51035 for technical questions, contact: sfer@vishay.com - see also application notes: www.vishay.com/doc?51001 and www.vishay.com/doc?52029 this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 electrical specifications prv6s, prv6b prv6a, prv6c resistive element cermet conductive plastic electrical travel 270 15 resistance range linear taper (a) 20 ? to 10 m ? 1 k ? to 1 m ? non-linear taper (f-l) 470 ? to 1 m ? 470 ? to 500 k ? ( 20 %) taper tolerance standard 20 % 20 % on request 10 %, 5 % 10 % (1 k ? to 100 k ? ) circuit diagram power rating at 70 c linear 1.5 w at 70 c 0.75 w at 70 c other tapers 0.75 w 0.4 w power rating chart temperature coefficient (typical) 150 ppm/c 500 ppm/c limiting element voltage 350 v contact resistance variation (crv) 2 % or 3 ? end resistance (typical) 1 ? dielectric strength (rms) 1750 v rms insulation resistance (500 v dc ) 10 6 m ? f a l 90 % v s v e % 25 15 electrical travel 270 mechanical travel 300 50 % 20 % 10 % 15 50 75 a c b cw (2) (3) (1) 0 40 125 0.75 0 ambient tempera ture in degrees celsius p o wer in watt 70 60 20 100 80 prv6s, prv6b linear taper 0.4 1.50 prv6s, prv6b non-linear taper prv6a, prv6c linear taper prv6a, prv6c non-linear taper
prv6 www.vishay.com vishay sfernice revision: 04-may-12 3 document number: 51035 for technical questions, contact: sfer@vishay.com - see also application notes: www.vishay.com/doc?51001 and www.vishay.com/doc?52029 this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 mechanical specifications mechanical travel 300 5 operating torque (ncm (oz.in.)) 0.5 to 2 (0.7 to 3) end stop torque (max. ncm (lb.in.)) 35 (3) tightening torque (max. ncm (lb.in.)) 150 (13) environmental specifications prv6s, prv6b prv6a, prv6c temperature range - 55 c to + 125 c - 40 c to + 125 c climatic category 55/125/56 40/125/56 sealing fully sealed contailer; ip67 and panel sealed performances tests conditions typical values and drifts ? r t / r t (%) ? r 1-2 / r 1-2 (%) other electrical endurance 1000 h at rated power 90'/30' - temperature 70 c 1 % crv < 3 % rn climatic sequence phase a dry heat 100 c phase b damp heat phase c cold - 55 c phase d damp heat 5 cycles 0.5 % 1 % damp heat, steady state 56 days 0.5 % 1 % insulation resistance: > 10 4 m ? change of temperature 5 cycles, - 55 c to + 125 c 0.5 % mechanical endurance 50 000 cycles 3 % crv < 2 % rn shock 50 g at 11 ms 3 successive shocks in 3 directions 0.1 % 0.2 % vibration 10 hz to 55 hz 0.75 mm or 10 g during 6 h 0.1 % 0.2 % standard resistance element data standard resistance values prv6s and prv6b with linear taper prv 6s and prv6b with non-linear taper max. power at 70 c max. working voltage max. wiper current max. power at 70 c max. working voltage max. wiper current ? wv ma wv ma 20 1.5 5.48 274 50 1.5 8.66 173 100 1.5 12.2 122 200 1.5 17.3 87 500 1.5 27.4 55 0.75 19.4 39 1k 1.5 38.7 38.7 0.75 27.3 27.4 2k 1.5 54.8 27.4 0.75 38.2 19.3 5k 1.5 86.6 17.3 0.75 61.2 12.2 10k 1.5 122.5 12.2 0.75 87 8.7 20k 1.5 173 8.26 0.75 122 6.1 50k 1.5 274 5.65 0.75 194 3.9 100k 1.22 350 3.5 0.75 273 2.74 220k 0.61 350 1.75 0.61 350 1.75 500k 0.25 350 0.70 0.25 350 0.7 1m 0.12 350 0.35 0.12 350 0.35 2m 0.06 350 0.17 5m 0.025 350 0.070 10m 0.012 350 0.035
prv6 www.vishay.com vishay sfernice revision: 04-may-12 4 document number: 51035 for technical questions, contact: sfer@vishay.com - see also application notes: www.vishay.com/doc?51001 and www.vishay.com/doc?52029 this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 marking ? vishay trademark ? part number ? manufacturing date code ?terminal: 1 packaging ? box of 15, 20, 25, or 50 pieces, code b12, b15, b 17, or b25, depending of body and shaft construction options special features panel sealing except for dia. 4 mm shaft, an o. ring is supplied with th e potentiometer. this o. ring should be placed into the groove of the body and ensures the panel sealing. for dia. 4 mm shaft please see note p in ordering information. shaft locking shafts shaft lengths are measured from the mounting face to the free end of the shaft. special shafts are available if the customer supplies a drawing. the shaft slot is aligned to the wiper within 10. hardware nuts, washer and o.ring are separately supplied (not mounted on the potentiometer), in a small bag placed in the packaging. locating peg except for dia. 4 mm shaft, the potentiometers are delivered with 2 opposite locating pegs orientated at 45. these 2 pegs can be easily broken-off by the customer. on request, the orientation of the pegs can be at 30 instead of 45.
prv6 www.vishay.com vishay sfernice revision: 04-may-12 5 document number: 51035 for technical questions, contact: sfer@vishay.com - see also application notes: www.vishay.com/doc?51001 and www.vishay.com/doc?52029 this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 note (1) not standard, special manufacturing locating peg code bushing old code a l r 0 a6xx x (1) b61x x x (1) c62 x x x (1) d 61h x x x (1) e 62h x x x (1) h6q x i61q x j6qp x k 61qp x s 61qh x s 61qph x ordering information (part number) model style bushing locating peg shaft leads packaging resistance code/ tolerance/ taper or special prv6 s = standard a = audio b = body length c = audio and body length ?l old codes 0 = without a = 45 l = 30 r = 180 round (see locating peg table above) ?l old codes x = pcb pins (old code w) y = solder lugs depending of body and shaft construction: b12 = box 15 pcs b15 = box 20 pcs b17 = box 25 pcs b25 = box 50 pcs resistance: from 200 = 20 ? to 106 = 10 m ? for linear cermet tolerance: standard m = 20 % on request k = 10 % or j = 5 % taper: a, l, f or special code given by vishay a1/4 1/4 6 aa 3 9.5 k b 1/4 3/8 61 ab 3 12.5 m c1/4 1/2 62 aj 3 22 r d 1/4 3/8 61h ba 1/8 9.5 ck e 1/4 1/2 62h bb 1/8 12.5 cm h7 6.5 6q bg1/816 cd i 7 9.5 61q bj 1/8 22 cr j7 6.5 6qp ea4 9.5 e k 7 9.5 61qp eb 4 12.5 f s 7 9.5 61qh ej 4 22 g s 7 9.5 61qph ap custom shaft all are slotted part number description (for information on ly using old codes) prv s 61 w cd 5k 20 % a bo e3 model bushing leads special shaft value tolerance taper special packaging special ap n o special lead finish 6bba g 1 7 b rv 02 5 p ma x b
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.


▲Up To Search▲   

 
Price & Availability of PRV6SAAABXB25471KA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X