Part Number Hot Search : 
10MHZ 624S0 2D00K DFL1506S AOD474BL FX101 RD33FM ARF460BG
Product Description
Full Text Search
 

To Download MCU08050C8202FP500 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mcs 0402 at, mct 0603 at, mcu 08 05 at, mca 1206 at - precision www.vishay.com vishay beyschlag revision: 21-jan-13 1 document number: 28785 for technical questions, contact: thinfilmchip@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 precision thin film chip resistors automotive-grade mc at precisi on thin film chip resistors are the perfect choice for most fields of modern precision electronics where reliability and stability is of major concern. typical applications include automotive, industrial, telecommunication, medical equipment, pr ecision test and measuring equipment. features ? rated dissipation p 70 up to 0.4 w for size 1206 ? aec-q200 qualified ? approved to en 140401-801 ? superior temperature cycling robustness ? waste gas resistance verified by astm b 809 ? superior temperature cycling robustness ? lead (pb)-free solder contacts ? material categorization: for definitions of compliance please see www.vishay.com/doc?99912 applications ? automotive ? telecommunication ? medical equipment ? industrial equipment notes (1) the aec-q200 qualification of th e extended ranges ( > 100 k ? ; > 47 k ? for 0402) is pending. (2) please refer to application information next page. technical specifications mcs 0402 at mct 0603 at mcu 0805 at mca 1206 at imperial size 0402 0603 0805 1206 metric size code rr1005m rr1608m rr2012m rr3216m resistance range (1) 47 ? to 221 k ? 47 ? to 511 k ? 47 ? to 1 m ? 47 ? to 1 m ? resistance tolerance 0.1 % temperature coefficient 25 ppm/k; 15 ppm/k; 10 ppm/k rated dissipation p 70 (2) 0.100 w 0.125 w 0.200 w 0.400 w operating voltage, u max. ac/dc 50 v 75 v 150 v 200 v permissible film temperature, ? f max. (2) 155 c operating temperature range - 55 c to 155 c insulation voltage 1 min; u ins 75 v 100 v 200 v 300 v continuous 75 v 75 v 75 v 75 v failure rate: fit observed ? 0.1 x 10 -9 /h
mcs 0402 at, mct 0603 at, mcu 08 05 at, mca 1206 at - precision www.vishay.com vishay beyschlag revision: 21-jan-13 2 document number: 28785 for technical questions, contact: thinfilmchip@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 application information the power dissipation on the resistor ge nerates a temperature rise against the local ambient, depending on the heat flow support of the printed-circuit board (therma l resistance). the rated diss ipation applies only if th e permitted film temperature is not exceeded. furthermore, a high level of ambient temperature or of power dissipation may ra ise the temperature of the solder joint, hence special solder alloys or board materials may be required to ma intain the reliabilit y of the assembly. these resistors do not feature a limited lifetime when operated within the permissible limits. however, resistance value drift increasing over operating time may result in exceeding a limit ac ceptable to the specific application, thereby establishing a functional lifetime. the designer may estimate the performance of the particular resistor application or set certain load and temperature limits in order to maintain a desired stability. maximum resistance change at rated dissipation operation mode standard power rated dissipation p 70 p 70 mcs 0402 at 0.063 w 0.100 w mct 0603 at 0.100 w 0.125 w mcu 0805 at 0.125 w 0.200 w mca 1206 at 0.250 w 0.400 w applied maximum film temperature, ? f max. 125 c 155 c max. resistance change at rated dissipation for resistance range: mcs 0402 at 47 ? to 221 k ? 47 ? to 221 k ? mct 0603 at 47 ? to 511 k ? 47 ? to 511 k ? mcu 0805 at 47 ? to 1 m ? 47 ? to 1 m ? mca 1206 at 47 ? to 1 m ? 47 ? to 1 m ? | ? r / r | max., after: 1000 h ? 0.1 % ? 0.2 % 8000 h ? 0.2 % ? 0.4 % 225 000 h ? 0.6 % -
mcs 0402 at, mct 0603 at, mcu 08 05 at, mca 1206 at - precision www.vishay.com vishay beyschlag revision: 21-jan-13 3 document number: 28785 for technical questions, contact: thinfilmchip@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 note ? products can be ordered using either the part number or product description. note ? resistance values ar e available from the e24 and e192 series. part number and product description part number: mct0603md4641bpw00 type/size version tcr resistance tolerance packaging mcs0402 mct0603 mcu0805 mca1206 m = at (automotive) f = 10 ppm/k e = 15 ppm/k d = 25 ppm/k 3 digit value 1 digit multiplier multiplier 9 = *10 -1 0 = *10 0 1 = *10 1 2 = *10 2 3 = *10 3 4 = *10 4 b = 0.1 % e1 e0 p1 p5 pw product description: mct 0603-25 0.1 % at pw 4k64 mct 0603 -25 0.1 % at pw 4k64 type size tcr tolerance version packaging resistance mcs mct mcu mca 0402 0603 0805 1206 10 ppm/k 15 ppm/k 25 ppm/k 0.1 % at = automotive e1 e0 p1 p5 pw 4k64 = 4.64 k ? temperature coefficient and resistance range description resistance range tcr tolerance mcs 0402 at mct 0603 at mcu 0805 at mca 1206 at 25 ppm/k 0.1 % 47 ? to 221 k ? 47 ? to 511 k ? 47 ? to 1 m ? 47 ? to 1 m ? 15 ppm/k 47 ? to 100 k ? 47 ? to 221 k ? 47 ? to 332 k ? 47 ? to 511 k ? 10 ppm/k 47 ? to 10 k ? 47 ? to 22.1 k ? 47 ? to 33.2 k ? 47 ? to 43.2 k ? packaging type code quantity packaging style width pitch reel diameter mcs 0402 at e1 1000 tape and reel cardboard tape acc. iec 60286-3 type i 8 mm 2 mm 180 mm/7" e0 10 000 330 mm/13" mct 0603 at p1 1000 8 mm 4 mm 180 mm/7" p5 5000 pw 20 000 330 mm/13" mcu 0805 at p1 1000 8 mm 4 mm 180 mm/7" p5 5000 pw 20 000 330 mm/13" mca 1206 at p1 1000 8 mm 4 mm 180 mm/7" p5 5000 ct0603md4 m 41bpw 00 6
mcs 0402 at, mct 0603 at, mcu 08 05 at, mca 1206 at - precision www.vishay.com vishay beyschlag revision: 21-jan-13 4 document number: 28785 for technical questions, contact: thinfilmchip@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 dimensions solder pad dimensions note ? the rated dissipation applies only if the permitted film temperature is not exceeded. furthermore, a high level of ambient tem perature or of power dissipation may ra ise the temperature of the solder joint, hence special solder alloys or boardmaterials may be required to maintain the reliability of the a ssembly. specified power ra ting above 125 c requires dedicated heat-sink pads , which to a great extend depends on board material s and design. the given solder pad dimensions reflect the considerations for board design and assembly as outlined e.g. in standards iec 6118 8-5-x, or in publication ipc-7351. they do not guaran tee any supposed therma l properties, particularly as th ese are also st rongly influen ced by many other parameters. still, the given solder pad dimensions will be found adequate for most general applications, e.g. those referring to standard operation mode. please note however that applications for power operation mode require special considerations for the design of solder pads and adjacent conductor areas. the terminations design withstands extended temperature cycling on the pcb. the robustness has been verified with appropriate s older paste material throug h extensive testing. dimensions and mass type h (mm) l (mm) w (mm) w t (mm) t t (mm) t b (mm) mass (mg) mcs 0402 at 0.32 0.05 1.0 0.05 0.5 0.05 > 75 % of w 0.2 + 0.1/- 0.15 0.2 0.1 0.6 mct 0603 at 0.45 + 0.1/- 0.05 1.55 0.05 0.85 0.1 > 75 % of w 0.3 + 0.15/- 0.2 0.3 + 0.15/- 0.2 1.9 mcu 0805 at 0.52 0.1 2.0 0.1 1.25 0.15 > 75 % of w 0.4 + 0.1/- 0.2 0.4 + 0.1/- 0.2 4.6 mca 1206 at 0.55 0.1 3.2 + 0.1/- 0.2 1.6 0.15 > 75 % of w 0.5 0.25 0.5 0.25 9.2 recommended solder pad dimensions type wave soldering reflow soldering g (mm) y (mm) x (mm) z (mm) g (mm) y (mm) x (mm) z (mm) mcs 0402 at - - - - 0.35 0.55 0.55 1.45 mct 0603 at 0.55 1.10 1.10 2.75 0.65 0.70 0.95 2.05 mcu 0805 at 0.80 1.25 1.50 3.30 0.90 0.90 1.40 2.70 mca 1206 at 1.40 1.50 1.90 4.40 1.50 1.15 1.75 3.80 t b t t l h w w t g x y z
mcs 0402 at, mct 0603 at, mcu 08 05 at, mca 1206 at - precision www.vishay.com vishay beyschlag revision: 21-jan-13 5 document number: 28785 for technical questions, contact: thinfilmchip@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 description production is strictly controlled and follows an extensive set of instructions established for reproducibility. a homogeneous film of special metal alloy is deposited on a high grade (al 2 o 3 ) ceramic substrate and conditioned to achieve the desired temperature coefficient. specially designed inner contacts are deposited on both sides. a special laser is used to achieve the target value by smoothly cutting a meander groove in the resistive layer without damaging the ceramics. the resistor elements are covered by a unique protective coating designed for electrical, mechanical and climatic protection. the terminations receive a final pure tin on nickel plating. the result of the determined pr oduction is verified by an extensive testing procedure and optical inspection performed on 100 % of the indi vidual chip resistors. this includes full screening for the elimination of products with potential risk of early field failures (feasible for r ? 10 ? ). only accepted products are laid directly into the paper tape in accordance with iec 60286-3 (3) . assembly the resistors are suitable fo r processing on automatic smd assembly systems. they are suitable for automatic soldering using wave, reflow or vapour phase as shown in iec 61760-1 (3) . the encapsulation is resistant to all cleaning solvents commonly used in the electronics industry, including alcohols, esters and aqueous solutions. the suitability of conformal coatings, if applied, shall be qualified by appropriate mean s to ensure the long-term stability of the whole system. the resistors are rohs compliant; the pure tin plating provides compatibility with lead (pb)-free and lead-containing soldering processes. solderability is specified for 2 years after produ ction or requalification. the permitted storage time is 20 years. the immunity of the plating against tin whisker growth has been proven under extensive testing. all products comply with the gadsl (1) and the cefic-eeca-eicta (2) list of legal restrictions on hazardous substances. this includes full compliance with the following directives: ? 2000/53/ec end of vehicle life directive (elv) and annex ii (elv ii) ? 2011/65/eu restriction of the use of hazardous substances directive (rohs) ? 2002/96/ec waste electrical and electronic equipment directive (weee) approvals the resistors are approved wi thin the iecq-cecc quality assessment system for electron ic components to the detail specification en 140401-801 which refers to en 60115-1 , en 140400 and the variety of environmental test procedures of the iec 60068 (3) series. the detail sp ecification refers to the climatic categories 55/125 /56, which relates to the standard operation mode of this datasheet. conformity is attested by the use of the cecc logo ( ) as the mark of conformity on the package label. the resistors are qualified according to aec-q200. qualification of the extended ranges is pending. vishay beyschlag has achieved approval of manufacturer in accordance with iecq 03-1 . the release certificate for technology approval schedule in accordance with cecc 240001 based on iecq 03-3 is granted for the vishay beyschlag manufacturing process. related products for more information about pro ducts with higher operation temperature please refer to the professional datasheet ( www.vishay.com/doc?28760 ). chip resistor arrays may be used in sensing applications or precision amplifiers where cl ose matching between multiple resistors is necessary. plea se refer to the acas at - precision datasheet ( www.vishay.com/doc?28770 ). mc at precision is also avai lable with gold termination for conductive gluing. please refer to the datasheet ( www.vishay.com/doc?28877 ). notes (1) global automotive declarable substance list, see www.gadsl.org . (2) cefic (european chemical industry council), eeca (european electronic component manufacturers associatio n), eicta (european tra de organisation representing the information and communi cations technology and co nsumer electr onics), see www.eicta.org/index.php?id=995 ? issues ? environment policy ? chemicals ? chemicals for electronics. (3) the quoted iec standards are also released as en st andards with the same number and identical contents.
mcs 0402 at, mct 0603 at, mcu 08 05 at, mca 1206 at - precision www.vishay.com vishay beyschlag revision: 21-jan-13 6 document number: 28785 for technical questions, contact: thinfilmchip@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 functional performance tests and requirements all tests are carried out in accordance with the following specifications: en 60115-1, generic specification en 140400, sectional specification en 140401-801, detail specification the components are approved in accordance with the iecq-cecc-system, where applicable. the following table contains only the most important tests. for the full test schedule refer to the document s listed above. the testing also covers most of the requirements specified by eia/is-703 and jis-c-5202. the tests are carried out in accordance with iec 60068 and under standard atmospheric conditions in accordance with iec 60068-1, 5.3. climatic category lct/uct/56 (rated temperature range: lower category temperature, upper category temperature ; damp heat, long term, 56 days) is valid (lct = - 55 c/uct = 125 c). unless otherwise specified th e following values apply: temperature: 15 c to 35 c relative humidity: 45 % to 75 % air pressure: 86 kpa to 106 kpa (860 mbar to 1060 mbar). the components are mounted for testing on boards in accordance with en 140400, 2.3.3 unless otherwise specified. the requirements stated in the test procedures and requirements table are based on the required tests and permitted limits of en 140401-801. however, some additional tests and a number of improvements against those minimum requirements have been included. derating for permissi b le resistance change please refer to ta b le maximum resistance change at rated po w er, a b ove 100 100 - 55 ambient temperature in c 180 standard mode power mode 155 0 20 40 60 80 125 050 70 rated power in % resistance value current noise a 1 0.01 1 m 0.1 1 v/v r 10 100 k 10 k 1 k 10 mcs 0402 at mct 0603 at mcu 0805 at mca 1206 at 100 current noise a 1 in accordance w ith iec 60195 current noise
mcs 0402 at, mct 0603 at, mcu 08 05 at, mca 1206 at - precision www.vishay.com vishay beyschlag revision: 21-jan-13 7 document number: 28785 for technical questions, contact: thinfilmchip@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 test procedures and requirements en 60115-1 clause iec 60068-2 test method test procedure requirements permissible change ( ? r ) stability class 0.25 or better (1) stability for product types: mcs 0402 at 47 ? to 221 k ? mct 0603 at 47 ? to 511 k ? mcu 0805 at 47 ? to 1 m ? mca 1206 at 47 ? to 1 m ? 4.5 - resistance 0.1 % r 4.8.4.2 - temperature coefficient at (20/- 55/20) c and (20/155/20) c 25 ppm/k; 15 ppm/k; 10 ppm/k 4.25.1 - endurance at 70 c: standard operation mode u = or u = u max. ; whichever is the less severe; 1.5 h on; 0.5 h off; 70 c; 1000 h 70 c; 8000 h (0.1 % r +0.02 ? ) (0.2 % r +0.02 ? ) endurance at 70 c: power operation mode u = or u = u max. ; whichever is the less severe; 1.5 h on; 0.5 h off; 70 c; 1000 h 70 c; 8000 h (0.2 % r +0.02 ? ) (0.4 % r +0.05 ? ) 4.25.3 - endurance at upper category temperature 125 c; 1000 h 155 c; 1000 h (0.15 % r + 0.02 ? ) (0.3 % r + 0.02 ? ) 4.24 78 (cab) damp heat, steady state (40 2) c; 56 days; (93 3) % rh (0.1 % r +0.02 ? ) 4.39 67 (cy) damp heat, steady state, accelerated: standard operation mode (85 2) c (85 5) % rh u = ; u ? 0.3 x u max. ; 1000 h (0.5 % r +0.05 ? ) 4.23 climatic sequence: standard operation mode: (0.25 % r +0.02 ? ) 4.23.2 2 (ba) dry heat 125 c; 16 h 4.23.3 30 (db) damp heat, cyclic 55 c; 24 h; > 90 % rh; 1 cycle 4.23.4 1 (aa) cold - 55 c; 2 h 4.23.5 13 (m) low air pressure 8.5 kpa; 2 h; (25 10) c 4.23.6 30 (db) damp heat, cyclic 55 c; 24 h; > 90 % rh; 5 cycles 4.23.7 - dc load u = ? u max. ; 1 min -1 (aa) storage at low temperature - 55 c; 2 h (0.05 % r +0.01 ? ) 4.19 14 (na) rapid change of temperature 30 min at - 55 c and 30 min at 125 c; 1000 cycles (0.25 % r +0.02 ? ) 4.13 - short time overload: standard operation mode u = 2.5 x or u = 2 u max. ; whichever is the less severe; 5 s (0.05 % r +0.01 ? ) 4.27 - single pulse high voltage overload: standard operation mode severity no. 4: u = 10 x or u = 2 x u max. ; whichever is the less severe; 10 pulses 10 s/700 s (0.25 % r +0.05 ? ) p 70 x r p 70 x r 0.1 x p 70 x r p 70 x r p 70 x r p 70 x r
mcs 0402 at, mct 0603 at, mcu 08 05 at, mca 1206 at - precision www.vishay.com vishay beyschlag revision: 21-jan-13 8 document number: 28785 for technical questions, contact: thinfilmchip@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 note (1) according to the detail specifi cation en 140401-801 the stability class applies to the category temperat ures 85 c and 125 c a nd their respective test conditions. 4.37 - periodic electric overload: standard operation mode u = or u = 2 x u max. whichever is the less severe; 0.1 s on; 2.5 s off; 1000 cycles (0.5 % r +0.05 ? ) 4.40 - electro static discharge (human body model) iec 61340-3-1; 3 pos. + 3 neg. (equivalent to mil-std-883, method 3015) mcs 0402 at: 500 v mct 0603 at: 1000 v mcu 0805 at: 1500 v mca 1206 at: 2000 v (0.5 % r +0.05 ? ) 4.22 6 (fc) vibration endurance by sweeping; 10 hz to 2000 hz; no resonance; amplitude ? 1.5 mm or ?? 200 m/s 2 ; 7.5 h (0.05 % r +0.01 ? ) no visible damage 4.17.2 58 (td) solderability solder bath method; snpb40; non-activated flux (215 3) c; (3 0.3) s good tinning ( ? 95 % covered); no visible damage solder bath method; snag3cu0.5 or snag3.5; non-activated flux; (235 3) c; (2 0.2) s good tinning ( ?? 95 % covered); no visible damage 4.18.2 58 (td) resistance to soldering heat solder bath method; (260 5) c; (10 1) s (0.05 % r +0.01 ? ) no visible damage 4.29 45 (xa) component solvent resistance isopropyl alcohol + 50 c; method 2 no visible damage 4.32 21 (ue 3 ) shear (adhesion) rr1005m and rr1608m; 9 n no visible damage rr2012m and rr3216m; 45 n 4.33 21 (ue 1 ) substrate bending depth 2 mm, 3 times (0.05 % r +0.01 ? ) no visible damage; no open circuit in bent position 4.7 - voltage proof u rms = u ins ; (60 5) s no flas hover or breakdown 4.35 - flammability needle flame test; 10 s no burning after 30 s test procedures and requirements en 60115-1 clause iec 60068-2 test method test procedure requirements permissible change ( ? r ) stability class 0.25 or better (1) stability for product types: mcs 0402 at 47 ? to 221 k ? mct 0603 at 47 ? to 511 k ? mcu 0805 at 47 ? to 1 m ? mca 1206 at 47 ? to 1 m ? 15 x p 70 x r
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.


▲Up To Search▲   

 
Price & Availability of MCU08050C8202FP500

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X